Part Number Hot Search : 
53R6FKR 30H150 ADM2486 4FCT54 MBL8243 2SK3155 170M5191 MT8941AP
Product Description
Full Text Search
 

To Download BUZ71 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BUZ71
N - CHANNEL 50V - 0.085 - 17A TO-220 STripFETTM POWER MOSFET
T YPE BUZ71
s s s s s
V DSS 50 V
R DS(on) < 0.1
ID 17 A
TYPICAL RDS(on) = 0.085 AVALANCHE RUGGED TECHNOLOGY 100% AVALANCHE TESTED HIGH CURRENT CAPABILITY 175oC OPERATING TEMPERATURE
3 1 2
APPLICATIONS HIGH CURRENT, HIGH SPEED SWITCHING s SOLENOID AND RELAY DRIVERS s REGULATORS s DC-DC & DC-AC CONVERTERS s MOTOR CONTROL, AUDIO AMPLIFIERS s AUTOMOTIVE ENVIRONMENT (INJECTION, ABS, AIR-BAG, LAMPDRIVERS, Etc.)
s
TO-220
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V DS V DGR V GS ID IDM P tot Ts tg Tj Parameter Drain-source Voltage (VGS = 0) Drain- gate Voltage (R GS = 20 k) G ate-source Voltage Drain Current (continuous) at Tc = 25 C Drain Current (pulsed) T otal Dissipation at Tc = 25 C Storage Temperature Max. Operating Junction Temperature DIN HUMIDITY CAT EGORY (DIN 40040) IEC CLIMAT IC CAT EG ORY (DIN IEC 68-1)
First digit of the datecode being Z or K identifies silicon characterized in this datasheet.
o o
Value 50 50 20 17 68 60 -65 to 175 175 E 55/150/56
Un it V V V A A W
o o
C C
July 1999
1/8
BUZ71
THERMAL DATA
R thj -case R thj -amb Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max Max 2.5 62.5
o o
C/W C/W
AVALANCHE CHARACTERISTICS
Symbo l IAR E AS Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by Tj max) Single Pulse Avalanche Energy (starting Tj = 25 o C, ID = IAR , V DD = 25 V) Valu e 17 50 Unit A mJ
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbo l V (BR)DSS I DSS IGSS Parameter Drain-source Breakdown Voltage Test Con ditions I D = 250 A V GS = 0 Min. 50 1 10 100 Typ. Max. Unit V A A nA
V DS = Max Rating Zero Gate Voltage Drain Current (V GS = 0) V DS = Max Rating Gate-body Leakage Current (VDS = 0) V GS = 20 V
Tj = 125 oC
ON ()
Symbo l V GS(th) R DS(on) Parameter Gate Threshold Voltage V DS = V GS Static Drain-source On Resistance V GS = 10 V Test Con ditions ID = 1 mA ID = 9 A Min. 2.1 Typ. 3 0.085 Max. 4 0.1 Unit V
DYNAMIC
Symbo l g f s () C iss C os s C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Con ditions V DS = 25 V V DS = 25 V ID = 9 A f = 1 MHz V GS = 0 Min. 4 Typ. 7.7 760 100 30 Max. Unit S pF pF pF
SWITCHING
Symbo l t d(on) tr t d(of f) tf Parameter Turn-on Time Rise Time Turn-off Delay T ime Fall T ime Test Con ditions V DD = 30 V R GS = 50 ID = 8 A V GS = 10 V Min. Typ. 20 65 70 35 Max. Unit ns ns ns ns
2/8
BUZ71
ELECTRICAL CHARACTERISTICS (continued) SOURCE DRAIN DIODE
Symbo l ISD I SDM V SD () t rr Q rr Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge I SD = 28 A V GS = 0 65 0.17 I SD = 14 A di/dt = 100 A/s V DD = 30 V T j = 150 o C Test Con ditions Min. Typ. Max. 17 68 1.8 Unit A A V ns C
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 %
Safe Operating Area
Thermal Impedance
3/8
BUZ71
Output Characteristics Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
4/8
BUZ71
Normalized Gate Threshold Voltage vs Temperature Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
5/8
BUZ71
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/8
BUZ71
TO-220 MECHANICAL DATA
DIM. MIN. A C D D1 E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 DIA. 13.0 2.65 15.25 6.2 3.5 3.75 0.49 0.61 1.14 1.14 4.95 2.4 10.0 16.4 14.0 2.95 15.75 6.6 3.93 3.85 0.511 0.104 0.600 0.244 0.137 0.147
E
mm TYP. MAX. 4.60 1.32 2.72 1.27 0.70 0.88 1.70 1.70 5.15 2.7 10.40 0.019 0.024 0.044 0.044 0.194 0.094 0.393 MIN. 0.173 0.048 0.094 4.40 1.23 2.40
inch TYP. MAX. 0.181 0.051 0.107 0.050 0.027 0.034 0.067 0.067 0.203 0.106 0.409 0.645 0.551 0.116 0.620 0.260 0.154 0.151
A
C
D1
L2 F1
D
G1
Dia. F2 F
L5 L7 L6
L9
L4
G
H2
P011C
7/8
BUZ71
Information furnished is believed to be accurate and reliable. However, STMicroelect onics assumes no responsibil ity for the consequences r of use of such information nor for any infringement of patents or other rights of third partes which may result from its use. No license is i granted by implication or otherwise under any patent or patent rights of STMicroelectro nics. Specific ation mentioned in this publication are subjec t to change without notice. This publication supersedes and replaces all informaton previously supplied. STMicroelectronics products i are not authorized for use as critical components in life support devices or systems with express written approval of STMicroelectronics. out The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japa - Malaysia - Malta - Morocco n Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
8/8
http://www.st.com .


▲Up To Search▲   

 
Price & Availability of BUZ71

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X