Part Number Hot Search : 
TR14B1AN SI7409DN SI5356 EPR1055G ATMEG IN74180 ISL6336A SIL3811
Product Description
Full Text Search
 

To Download BUZ10S2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 10 S2
Not for new design
SIPMOS (R) Power Transistor
* N channel * Enhancement mode * Avalanche-rated
Pin 1 G
Pin 2 D
Pin 3 S
Type BUZ 10 S2
VDS
60 V
ID
23 A
RDS(on)
0.07
Package TO-220 AB
Ordering Code C67078-S1300-A7
Maximum Ratings Parameter Continuous drain current Symbol Values 23 Unit A
ID IDpuls
92
TC = 26 C
Pulsed drain current
TC = 25 C
Avalanche current,limited by Tjmax Avalanche energy,periodic limited by Tjmax Avalanche energy, single pulse
IAR EAR EAS
23 1.3 mJ
ID = 23 A, VDD = 25 V, RGS = 25 L = 15.1 H, Tj = 25 C
Gate source voltage Power dissipation 8
VGS Ptot
20 75
V W
TC = 25 C
Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1 1
Tj Tstg RthJC RthJA
-55 ... + 150 -55 ... + 150 1.67 75 E 55 / 150 / 56
C K/W
Semiconductor Group
07/96
BUZ 10 S2
Not for new design
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
60 3 0.1 10 10 0.05 4
V
VGS = 0 V, ID = 0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
2.1
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
1 100
A
VDS = 60 V, VGS = 0 V, Tj = 25 C VDS = 60 V, VGS = 0 V, Tj = 125 C
Gate-source leakage current
IGSS
100
nA 0.07
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
VGS = 10 V, ID = 14 A
Semiconductor Group
2
07/96
BUZ 10 S2
Not for new design
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
7 13 650 300 110 -
S pF 820 450 170 ns 20 35
VDS 2 * ID * RDS(on)max, ID = 14 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Rise time
tr
40 65
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Turn-off delay time
td(off)
80 110
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Fall time
tf
60 75
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Semiconductor Group
3
07/96
BUZ 10 S2
Not for new design
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS A 1.5 60 0.1 23 92 V 1.9 ns C Values typ. max. Unit
TC = 25 C
Inverse diode direct current,pulsed
ISM
-
TC = 25 C
Inverse diode forward voltage
VSD trr Qrr
VGS = 0 V, IF = 46 A
Reverse recovery time
VR = 30 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 30 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
07/96
BUZ 10 S2
Not for new design
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 10 V
24 A
80
W
20
Ptot
ID
60
18 16
50
14 12 10
40
30
8 6 4
20
10 0 0 20 40 60 80 100 120 C 160
2 0 0 20 40 60 80 100 120 C 160
TC
TC
Safe operating area ID = (VDS) parameter: D = 0, TC = 25C
10 3
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1
K/W A
ID
10 2
t = 15.0s p
ZthJC
10 0
DS (o n)
=
V
DS
/
I
D
100 s
10 -1 D = 0.50 0.20
R
10
1
1 ms
0.10 10 -2
10 ms
0.05 0.02 single pulse 0.01
10 0 0 10
10
1
DC V 10
2
10 -3 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
07/96
BUZ 10 S2
Not for new design
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
55 A
Typ. drain-source on-resistance RDS (on) = (ID) parameter: VGS
0.22
Ptot = 75W
l kj i ha
b
VGS [V]
4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 9.0 10.0 20.0
a
b
c
d
e
f
g
ID
45 40
g
0.18 RDS (on) 0.16 0.14 0.12 0.10 0.08 0.06 0.04
VGS [V] =
j k h i
c d e
35 30 25 20
d e f
f g h i j k l
15 10 5 0 0.0 1.0 2.0 3.0 4.0
a c
b
0.02 0.00 V 6.5 0
a 4.0 4.5
b 5.0
c 5.5
d 6.0
e f 6.5 7.0
g 7.5
h i j k 8.0 9.0 10.0 20.0
5.0
5
10
15
20
25
30
35
40
A
50
VDS
ID
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
55 A
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
20 S
ID
45 40 35
gfs
16 14 12
30 10 25 8 20 15 10 5 0 0 1 2 3 4 5 6 7 8 V 10 6 4 2 0 0 5 10 15 20 25 30 35 40 A 50
VGS
ID
Semiconductor Group
6
07/96
BUZ 10 S2
Not for new design
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 14 A, VGS = 10 V
0.22
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6 V 4.0
0.18 RDS (on) 0.16 0.14 0.12 0.10 0.08
98%
VGS(th)
3.6 3.2 2.8 2.4
typ
2%
98%
2.0 1.6 1.2 0.8 0.4 0.0 -60 -20 20 60 100 C 160
typ
0.06 0.04 0.02 0.00 -60 -20 20 60 100 C 160
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 1
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 2
nF C 10 0
A
IF
10 1
Ciss Coss
10 -1
Crss
10 0
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 -2 0
5
10
15
20
25
30
V VDS
40
10 -1 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
07/96
BUZ 10 S2
Not for new design
Avalanche energy EAS = (Tj ) parameter: ID = 23 A, VDD = 25 V RGS = 25 , L = 15.1 H
9 mJ
Typ. gate charge VGS = (QGate) parameter: ID puls = 38 A
16
V
EAS
7 6
VGS
12 0,2 VDS max 0,8 VDS max
10 5 8 4 6 3 2 1 0 20 40 60 80 100 120 C 160 4
2 0 0 4 8 12 16 20 24 28 34
Tj
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj )
71 V 68 66 64
V(BR)DSS
62 60
58 56 54 -60
-20
20
60
100
C
160
Tj
Semiconductor Group
8
07/96
BUZ 10 S2
Not for new design
Package Outlines TO-220 AB Dimension in mm
Semiconductor Group
9
07/96


▲Up To Search▲   

 
Price & Availability of BUZ10S2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X