Part Number Hot Search : 
02100 X80132 F15JC10 SLF6025 NU80579 DF005 71000 2SK16
Product Description
Full Text Search
 

To Download BUZ104S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 104 S
SPP14N05
SIPMOS (R) Power Transistor
* N channel * Enhancement mode * Avalanche-rated * dv/dt rated * 175C operating temperature * also in SMD available
Pin 1 Pin 2 Pin 3
G
D
S
Type
VDS 55 V
ID 13.5 A
RDS(on) 0.1
Package
Ordering Code
BUZ 104 S
TO-220 AB
Q67040-S4007-A2
Maximum Ratings Parameter Symbol Values Unit
Continuous drain current
TC = 25 C TC = 100 C
ID
A 13.5 9.6
Pulsed drain current
TC = 25 C
IDpuls
54
E AS
Avalanche energy, single pulse
ID = 13.5 A, VDD = 25 V, RGS = 25 L = 571 H, Tj = 25 C
mJ
52
IAR E AR
Avalanche current,limited by Tjmax Avalanche energy,periodic limited by Tjmax Reverse diode dv/dt
IS = 13.5 A, V DS = 40 V, diF/dt = 200 A/s Tjmax = 175 C
13.5 3.5
A mJ kV/s
dv/dt
6
V GS P tot
Gate source voltage Power dissipation
TC = 25 C
20
35
V W
Semiconductor Group
1
29/Jan/1998
BUZ 104 S
SPP14N05
Maximum Ratings Parameter Symbol Values Unit
Operating temperature Storage temperature Thermal resistance, junction - case Thermal resistance, junction - ambient IEC climatic category, DIN IEC 68-1
Tj Tstg RthJC RthJA
-55 ... + 175 -55 ... + 175
C
4.3 62
55 / 175 / 56
K/W
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Values typ. max. Unit
Drain- source breakdown voltage
V GS = 0 V, ID = 0.25 mA, Tj = 25 C
V (BR)DSS
V 55 -
Gate threshold voltage
V GS=V DS, ID = 20 A
V GS(th)
2.1
IDSS
3
4 A
Zero gate voltage drain current
V DS = 50 V, V GS = 0 V, Tj = -40 C V DS = 50 V, V GS = 0 V, Tj = 25 C V DS = 50 V, V GS = 0 V, Tj = 150 C
IGSS
0.1 -
0.1 1 100 nA
Gate-source leakage current
V GS = 20 V, VDS = 0 V
RDS(on)
10
100
Drain-Source on-resistance
V GS = 10 V, ID = 9.6 A
0.076 0.1
Semiconductor Group
2
29/Jan/1998
BUZ 104 S
SPP14N05
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Values typ. max. Unit
Dynamic Characteristics
Transconductance
V DS 2 * ID * RDS(on)max, ID = 9.6 A
gfs
S 4 pF 270 340
Input capacitance
V GS = 0 V, V DS = 25 V, f = 1 MHz
Ciss
Output capacitance
V GS = 0 V, V DS = 25 V, f = 1 MHz
Coss
Crss
95
120
Reverse transfer capacitance
V GS = 0 V, V DS = 25 V, f = 1 MHz
td(on)
50
65 ns
Turn-on delay time
V DD = 30 V, VGS = 10 V, ID = 13.5 A RG = 33
tr
9
15
Rise time
V DD = 30 V, VGS = 10 V, ID = 13.5 A RG = 33
td(off)
22
35
Turn-off delay time
V DD = 30 V, VGS = 10 V, ID = 13.5 A RG = 33
tf
18
30
Fall time
V DD = 30 V, VGS = 10 V, ID = 13.5 A RG = 33
Qg(th)
16.5
25 nC
Gate charge at threshold
V DD = 40 V, ID = 0.1 A, V GS =0 to 1 V
Qg(7)
0.33
0.5
Gate charge at 7.0 V
V DD = 40 V, ID = 13.5 A, V GS =0 to 7 V
Qg(total)
7.11
11
Gate charge total
V DD = 40 V, ID = 13.5 A, V GS =0 to 10 V
V (plateau)
9.5
14 V
Gate plateau voltage
V DD = 40 V, ID = 13.5 A
Semiconductor Group
3
5.9
29/Jan/1998
BUZ 104 S
SPP14N05
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Values typ. max. Unit
Inverse diode continuous forward current
TC = 25 C
IS
A 13.5
Inverse diode direct current,pulsed
TC = 25 C
ISM
V SD
-
54 V
Inverse diode forward voltage
V GS = 0 V, IF = 27 A
trr
1.17
1.8 ns
Reverse recovery time
V R = 30 V, IF=lS, diF/dt = 100 A/s
Qrr
50
75 C
Reverse recovery charge
V R = 30 V, IF=lS, diF/dt = 100 A/s
-
0.1
0.15
Semiconductor Group
4
29/Jan/1998
BUZ 104 S
SPP14N05
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 10 V
14 A
36 W Ptot 28 24 20 16 12 8 4 0 0 20 40 60 80 100 120 140 C 180 ID
12 11 10 9 8 7 6 5 4 3 2 1 0 0 20 40 60 80 100 120 140 C 180
TC
TC
Safe operating area ID = (VDS) parameter: D = 0, TC = 25C
10 2
t = 3.3s p
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1
10 1
R
DS (o n)
ID
V
DS
A
=
/I
K/W ZthJC
D
10 s
10 0
100 s
10 -1 D = 0.50 0.20
10
0
1 ms 10 ms
0.10 10 -2 single pulse 0.05 0.02 0.01
DC
10 -1 0 10
10
1
V 10
2
10 -3 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
29/Jan/1998
BUZ 104 S
SPP14N05
Typ. output characteristics ID = (VDS) parameter: tp = 80 s , Tj = 25 C
30 A 26 ID 24 22 20 18 16 14 12 10 8 6 4 2 0
c b a e g i
Typ. drain-source on-resistance RDS (on) = (ID) parameter: tp = 80 s, Tj = 25 C
0.32
Ptot = 35W
l
k
j
VGS [V] a b c 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 9.0
a
b
c
d
e
f
g
h
RDS (on) 0.24
hd
e f g
0.20
0.16
fh
i j
0.12
i j
k 10.0
d l 20.0
0.08
k
0.04 VGS [V] =
a 4.0 4.5 b 5.0 c 5.5 d 6.0 e f 6.5 7.0 g 7.5 i h j k 8.0 9.0 10.0 20.0
0.00 V 5.0 0 4 8 12 16 20 A 26
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
VDS
ID
Typ. transfer characteristics ID = f (V GS)
parameter: tp = 80 s
VDS2 x ID x RDS(on)max
35
A
I
D
25
20
15
10
5
0 0
1
2
3
4
5
6
7
8
V
VGS
10
Semiconductor Group
6
29/Jan/1998
BUZ 104 S
SPP14N05
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 9.6 A, VGS = 10 V
0.32
Gate threshold voltage
V GS(th)= f (Tj)
parameter:VGS=VDS, ID =20A
5.0 V 4.4
VGS(th)
RDS (on) 0.24
4.0 3.6
0.20
3.2 2.8
0.16 98% 0.12 typ
2.4 2.0 1.6
max
0.08
typ
1.2 0.8
0.04 0.4 0.00 -60 -20 20 60 100 C 180 0.0 -60 -20 20 60 100 140 V
Tj
min
200
Tj
Typ. capacitances
C = f (VDS)
parameter:VGS = 0V, f = 1MHz
10 3
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 2
A
C
pF
Ciss
IF 10 1
10 2
Coss
Crss
10 0 Tj = 25 C typ Tj = 175 C typ Tj = 25 C (98%) Tj = 175 C (98%)
10 1 0
5
10
15
20
25
30
V
VDS
40
10 -1 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
29/Jan/1998
BUZ 104 S
SPP14N05
Avalanche energy EAS = f (Tj) parameter:ID=13.5 A,VDD =25 V RGS =25 , L = 571 H
60
Typ. gate charge VGS = (QGate) parameter: ID puls = 14 A
16
V mJ
EAS
VGS 40
12
10 0,2 VDS max 30 8 0,8 VDS max
6 20 4 10 2 0 20 40 60 80 100 120 140 C
Tj
0 180 0 1 2 3 4 5 6 7 nC 9
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj)
65
V V(BR)DSS
61
59
57
55
53
51 49 -60
-20
20
60
100
C
180
Tj
Semiconductor Group
8
29/Jan/1998


▲Up To Search▲   

 
Price & Availability of BUZ104S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X