Part Number Hot Search : 
100EP11 LT196 016AMPN 11SRW TX1N36 HCPL0453 PIC16C5 BUX98A08
Product Description
Full Text Search
 

To Download BSP171 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSP 171
SIPMOS (R) Small-Signal Transistor * P channel * Enhancement mode * Logic Level * Avalanche rated
* VGS(th) = -0.8...-2.0 V
Pin 1 G Pin 2 D Pin 3 S Pin 4 D
Type BSP 171 Type BSP 171
VDS
-60 V
ID
-1.7 A
RDS(on)
0.35
Package SOT-223
Marking BSP 171
Ordering Code Q67000-S224
Tape and Reel Information E6327
Maximum Ratings Parameter Continuous drain current Symbol Values -1.7 Unit A
ID IDpuls
-6.8
TA = 24 C
DC drain current, pulsed
TA = 25 C
Avalanche energy, single pulse
EAS
8
mJ
ID = -1.7 A, VDD = -25 V, RGS = 25 L = 3.23 mH, Tj = 25 C
Gate source voltage Power dissipation
VGS Ptot
20 1.8
V W
TA = 25 C
Semiconductor Group
1
18/02/1997
BSP 171
Maximum Ratings Parameter Chip or operating temperature Storage temperature Thermal resistance, chip to ambient air 1) Thermal resistance, junction-soldering point 1) DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1 Symbol Values -55 ... + 150 -55 ... + 150 70 10 E 55 / 150 / 56 K/W Unit C
Tj Tstg RthJA RthJS
1) Transistor on epoxy pcb 40 mm x 40 mm x 1,5 mm with 6 cm2 copper area for drain connection
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
-60 -1.4 -0.1 -10 -10 0.22 -2
V
VGS = 0 V, ID = -0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
-0.8
VGS=VDS, ID = -1 mA
Zero gate voltage drain current
IDSS
-1 -100
A
VDS = -60 V, VGS = 0 V, Tj = 25 C VDS = -60 V, VGS = 0 V, Tj = 125 C
Gate-source leakage current
IGSS
-100
nA 0.35
VGS = -20 V, VDS = 0 V
Drain-Source on-state resistance
RDS(on)
VGS = -10 V, ID = -1.7 A
Semiconductor Group
2
18/02/1997
BSP 171
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
1 1.55 720 290 120 -
S pF 960 435 180 ns 16 25
VDS 2 * ID * RDS(on)max, ID = -1.7 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = -25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = -25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = -25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = -30 V, VGS = -10 V, ID = -0.3 A RGS = 50
Rise time
tr
70 105
VDD = -30 V, VGS = -10 V, ID = -0.3 A RGS = 50
Turn-off delay time
td(off)
230 310
VDD = -30 V, VGS = -10 V, ID = 0.3 A RGS = 50
Fall time
tf
280 375
VDD = -30 V, VGS = -10 V, ID = -0.3 A RGS = 50
Semiconductor Group
3
18/02/1997
BSP 171
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS TA = 25 C Inverse diode direct current,pulsed A -0.9 300 0.82 -1.7 -6.8 V -1.2 ns C Values typ. max. Unit
ISM VSD trr Qrr
TA = 25 C
Inverse diode forward voltage
VGS = 0 V, IF = -3.4 A, Tj = 25 C
Reverse recovery time
VR = 30 V, IF=lS = 0 , diF/dt = 100 A/s
Reverse recovery charge
VR = 30 V, IF=lS = 0 , diF/dt = 100 A/s
Semiconductor Group
4
18/02/1997
BSP 171
Power dissipation Ptot = (TA)
Drain current ID = (TA) parameter: VGS -10 V
-1.8 A
2.0 W
Ptot
1.6 1.4
ID
-1.4 -1.2
1.2 -1.0 1.0 -0.8 0.8 0.6 0.4 0.2 0.0 0 20 40 60 80 100 120 C 160 -0.6 -0.4 -0.2 0.0 0 20 40 60 80 100 120 C 160
TA
TA
Safe operating area ID=f(VDS) parameter : D = 0, TC=25C
Transient thermal impedance Zth JA = (tp) parameter: D = tp / T
10 2 K/W 10 1
ZthJC
10 0
10 -1 D = 0.50 0.20 0.10 10 -3 single pulse 10 -4 0.05 0.02 0.01
10 -2
10 -5 -8 -7 -6 -5 -4 -3 -2 -1 0 10 10 10 10 10 10 10 10 s 10
tp
Semiconductor Group
5
18/02/1997
BSP 171
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
-3.8 A -3.2
Typ. drain-source on-resistance RDS (on) = (ID) parameter: tp = 80 s, Tj = 25 C
1.1
Ptot = k 2W
li jh g f
VGS [V] a -2.0
b c -2.5 -3.0 -3.5 -4.0 -4.5 -5.0 -6.0 -7.0 -8.0 -9.0 -10.0
RDS (on)
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2
b a
a
b
c
d
ID
-2.8 -2.4 -2.0 -1.6 -1.2
c e
d e f g h
di
j k l
e f gh ij
-0.8 -0.4 0.0
VGS [V] =
0.1 0.0 V -5.0
a b c d e f -2.5 -2.0 -3.5 -4.0 -4.5 -5.0 -6.0 -3.0
g h i j -7.0 -8.0 -9.0 -10.0
0.0 -0.5 -1.0 -1.5 -2.0 -2.5 -3.0 -3.5 -4.0
0.0 -0.4 -0.8 -1.2 -1.6 -2.0 -2.4 -2.8 -3.2 A -3.8
VDS
ID
Typ. transfer characteristics ID = f(VGS) parameter: tp = 80 s VDS 2 x ID x RDS(on)max
-3.6 A
Typ. forward transconductance gfs = f (ID) parameter: tp = 80 s, VDS2 x ID x RDS(on)max
2.2 S
ID
-2.8 -2.4 -2.0 -1.6 -1.2
gfs
1.8 1.6 1.4 1.2 1.0 0.8 0.6
-0.8 0.4 -0.4 0.0 0 -1 -2 -3 -4 -5 -6 -7 -8 V -10 0.2 0.0 0.0 -0.4 -0.8 -1.2 -1.6 -2.0 -2.4 -2.8 A -3.4 ID
VGS
Semiconductor Group
6
18/02/1997
BSP 171
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = -1.7 A, VGS = -10 V
0.9
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = -1 mA
-4.6 V -4.0
RDS (on) 0.7
0.6 0.5
VGS(th)
-3.6 -3.2 -2.8
98%
0.4 0.3 0.2
-2.4
98%
-2.0
typ
-1.6 -1.2
typ
2%
-0.8
0.1 0.0 -60 -20 20 60 100 C 160
-0.4 0.0 -60 -20 20 60 100 C 160
Tj
Tj
Typ. capacitances C = f (VDS) parameter:VGS=0V, f = 1 MHz
10 1
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
-10 1
nF C 10 0
A
IF
-10 0
Ciss
Coss
10 -1 -10 -1
Crss
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 -2 0
-5
-10
-15
-20
-25
-30
V VDS
-40
-10 -2 0.0
-0.4
-0.8
-1.2
-1.6
-2.0
-2.4
V
-3.0
VSD
Semiconductor Group
7
18/02/1997
BSP 171
Avalanche energy EAS = (Tj ) parameter: ID = -1.7 A, VDD = -25 V RGS = 25 , L = 3.23 mH
9 mJ
Drain-source breakdown voltage V(BR)DSS = (Tj)
-71 V -68 V(BR)DSS -66
EAS
7 6 5 4 3 2 1 0 20 40 60 80 100 120 C 160
-64
-62 -60 -58
-56 -54 -60 -20 20 60 100 C 160
Tj
Tj
Safe operating area ID=f(VDS) parameter : D = 0.01, TC=25C
Semiconductor Group
8
18/02/1997


▲Up To Search▲   

 
Price & Availability of BSP171

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X