Part Number Hot Search : 
LVA351A 2SC1507 74HC59 M52790FP M52790FP MBR20200 TA7715P 2SK152
Product Description
Full Text Search
 

To Download BGY204 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
BGY204 UHF amplifier module
Product specification File under Discrete Semiconductors, SC09 1996 May 21
Philips Semiconductors
Product specification
UHF amplifier module
FEATURES * 4.8 V nominal supply voltage * 3.2 W output power * Easy control of output power by DC voltage. APPLICATIONS * Digital cellular radio systems with Time Division Multiple Access (TDMA) operation (GSM systems) in the 880 to 915 MHz frequency range. DESCRIPTION The BGY204 is a four-stage UHF amplifier module in a SOT321B package. The module consists of four NPN silicon planar transistor dies mounted together with matching and bias circuit components on a metallized ceramic substrate.
1 Top view 2 3
BGY204
PINNING - SOT321B PIN 1 2 3 4 Flange RF input VC VS RF output ground DESCRIPTION
4
MSA489
Fig.1 Simplified outline.
QUICK REFERENCE DATA RF performance at Tmb = 25 C. MODE OF OPERATION Pulsed; = 1 : 8 f (MHz) 880 to 915 VS (V) 4.8 VC (V) 3.5 PL (W) 3.2 Gp (dB) 35 (%) typ. 45 ZS; ZL () 50
1996 May 21
2
Philips Semiconductors
Product specification
UHF amplifier module
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VS VC PD PL Tstg Tmb PARAMETER DC supply voltage DC control voltage input drive power load power storage temperature operating mounting base temperature VS 6.5 V; ZL = 50 PL = 0 CONDITIONS - - - - -40 -30 MIN. 8 4.5 2 4
BGY204
MAX.
UNIT V V mW W C C
+100 +100
CHARACTERISTICS ZS = ZL = 50 ; PD = 1 mW; VS = 4.8 V; VC 3.5 V; f = 880 to 915 MHz; Tmb = 25 C; = 1 : 8; tp = 575 s; unless otherwise specified. SYMBOL IQ IC PL Gp H2 H3 VSWRin PARAMETER leakage current control current load power power gain efficiency second harmonic third harmonic input VSWR stability adjust VC for PL = 3.2 W adjust VC for PL = 3.2 W adjust VC for PL = 3.2 W adjust VC for PL = 3.2 W adjust VC for PL = 3.2 W PD = 0.5 to 2 mW; VS = 4 to 6.5 V; VC = 0 to 3.5 V; PL 3.2 W; VSWR 6 : 1 through all phases; VC = 0.5 V PL = 3.2 W; bandwidth = 30 kHz; 20 MHz above transmitter band VS = 6.5 V; adjust VC for PL = 3.2 W; VSWR 10 : 1 through all phases VC = 0.5 V adjust VC for PL = 3.2 W CONDITIONS - - 3.2 35 40 - - - - MIN. - - - - 45 - - - - TYP. MAX. 0.2 0.5 - - - -40 -40 2.5 : 1 -60 dBc UNIT mA mA W dB % dBc dBc
isolation control bandwidth Pn noise power ruggedness
- 1 -
- - -
-36 - -85
dBm MHz dBm
no degradation
1996 May 21
3
Philips Semiconductors
Product specification
UHF amplifier module
BGY204
MGD363
handbook, halfpage
40
PL (dBm) 20
40 PL (dBm)
MGD364
20 880 MHz 0 915 MHz 880 MHz 0 -20 915 MHz
-40 1.0
1.5
2.0
2.5
3.0
3.5 VC (V)
-20 -45
-35
-25
-15
-5 5 PD (dBm)
ZS = ZL = 50 ; PD = 0 dBm; VS = 4.8 V; Tmb = 25 C.
ZS = ZL = 50 ; VS = 4.8 V; adjust VC for PL = 3.2 W; Tmb = 25 C.
Fig.2
Load power as a function of control voltage; typical values.
Fig.3
Load power as a function of drive power; typical values.
handbook, halfpage
output amplitude modulation (%)
20
MGD365
MGD366
handbook, halfpage
50
% 16 915 MHz 12 880 MHz 8 30 40
915 MHz 880 MHz
20
4
10
0 5 15 25 PL (dBm) 35
0 0 1 2 3 P L (W) 4
ZS = ZL = 50 ; VS = 4.8 V; Tmb = 25 C; input amplitude modulation = 3%.
ZS = ZL = 50 ; VS = 4.8 V; Tmb = 25 C.
Fig.4
Output amplitude modulation as a function of load power; typical values.
Fig.5
Efficiency as a function of load power; typical values.
1996 May 21
4
Philips Semiconductors
Product specification
UHF amplifier module
BGY204
MGD367
MGD368
handbook, halfpage
5
handbook, halfpage
4
-30 H2, H3 (dBc) -40
PL (W) 4
VC (V) 3
VC
3 2 2 H2 H3 -50
1 1
-60
0 880
890
900
910
f (MHz)
920
0 880
890
900
910
f (MHz)
-70 920
ZS = ZL = 50 ; PD = 0 dBm; VS = 4.8 V; VC = 3.5 V; Tmb = 25 C.
ZS = ZL = 50 ; PD = 0 dBm; VS = 4.8 V; PL = 3.2 W; Tmb = 25 C.
Fig.6
Load power as a function of frequency; typical values.
Fig.7
Control voltage and harmonics as functions of frequency; typical values.
MGD369
MGD370
handbook, halfpage
8
handbook, halfpage
3.5
PL (W) 6 VS = 6.5 V
VC (V) 3.0
PL = 35 dBm
30 dBm
4
4.8 V 4V
2.5
20 dBm
2
2.0
10 dBm 0 dBm
0 -40
0
40
80 Tmb (oC)
1.5 -40
0
40
Tmb (oC)
80
ZS = ZL = 50 ; PD = 0 dBm; VC = 3.5 V; f = 900 MHz.
ZS = ZL = 50 ; PD = 0 dBm; VS = 4.8 V; f = 900 MHz.
Fig.8
Load power as a function of the mounting base temperature; typical values.
Fig.9
Control voltage as a function of mounting base temperature; typical values.
1996 May 21
5
Philips Semiconductors
Product specification
UHF amplifier module
BGY204
handbook, halfpage
25
MGD371
handbook, halfpage
25
MGD372
Gv 20
Gv 20
15
15 915 MHz
10
880 MHz 915 MHz
10
880 MHz
5
5
0 0 1 2 f (MHz) 3
0 0 1 2 f (MHz) 3
PL = 30 dBm. ZS = ZL = 50 ; PD = 0 dBm; VS = 4.8 V; Tmb = 25 C.
PL = 25 dBm. ZS = ZL = 50 ; PD = 0 dBm; VS = 4.8 V; Tmb = 25 C.
Fig.10 Control loop voltage gain as a function of the frequency on the control pin; typical values.
Fig.11 Control loop voltage gain as a function of the frequency on the control pin; typical values.
handbook, halfpage
25
MGD373
handbook, halfpage
25
MGD374
Gv 20
Gv 20 915 MHz
15
915 MHz
15 880 MHz 10
10
880 MHz
5
5
0 0 1 2 f (MHz) 3
0 0 1 2 f (MHz) 3
PL = 20 dBm. ZS = ZL = 50 ; PD = 0 dBm; VS = 4.8 V; Tmb = 25 C.
PL = 15 dBm. ZS = ZL = 50 ; PD = 0 dBm; VS = 4.8 V; Tmb = 25 C.
Fig.12 Control loop voltage gain as a function of frequency on the control pin; typical values.
Fig.13 Control loop voltage gain as a function of frequency on the control pin; typical values.
1996 May 21
6
Philips Semiconductors
Product specification
UHF amplifier module
BGY204
handbook, full pagewidth
C1
C2
Z1
R1
R2
L1
Z2
C3 C4 typ. 1.5 A RF input VC
MGD375
VS
RF output
Fig.14 Test circuit.
handbook, full pagewidth
90 1 2 3 4
50 input
50 output
60
VC Dimensions in mm.
VS
MSA915
Fig.15 Printed-circuit board layout.
1996 May 21
7
Philips Semiconductors
Product specification
UHF amplifier module
List of components (See Fig.14) COMPONENT C1, C2 C3 C4 L1 Z1, Z2 R1 R2 Note DESCRIPTION multilayer ceramic chip capacitor tantalum capacitor electrolytic capacitor Grade 3B Ferroxcube bead stripline; note 1 metal film resistor metal film resistor 50 100 ; 0.4 W 5 ; 0.4 W VALUE 680 pF 2.2 F; 35 V 47 F; 40 V - - -
BGY204
CATALOGUE NO.
4330 030 36300 - - -
1. The striplines are on a double copper-clad printed-circuit board with PTFE fibreglass dielectric (r = 2.2); thickness 116 inch.
1996 May 21
8
Philips Semiconductors
Product specification
UHF amplifier module
SOLDERING The indicated temperatures are those at the solder interfaces. Advised solder types are types with a liquidus less than or equal to 210 C. Solder dots or solder prints must be large enough to wet the contact areas. Footprints for soldering should cover the module contact area +0.1 mm on all sides. Soldering can be carried out using a conveyor oven, a hot air oven, an infrared oven or a combination of these ovens. Hand soldering must be avoided because the soldering iron tip can exceed the maximum permitted temperature of 250 C and damage the module. The maximum temperature profile and soldering time is indicated as follows (see Fig.16): t = 350 s at 100 C t = 300 s at 125 C t = 200 s at 150 C t = 100 s at 175 C t = 50 s at 200 C t = 5 s at 250 C (maximum temperature). Cleaning The following fluids may be used for cleaning: * Alcohol * Bio-Act (Terpene Hydrocarbon) * Triclean B/S * Acetone. Ultrasonic cleaning should not be used since this can cause serious damage to the product.
100
BGY204
handbook, halfpage
300
MLB740
T mb ( oC) 200
0 0 100 200 300 t (s) 400
Fig.16 Maximum allowable temperature profile.
1996 May 21
9
Philips Semiconductors
Product specification
UHF amplifier module
PACKAGE OUTLINE
BGY204
handbook, full pagewidth
25.0 24.6 22.1 21.7 3.0 2.6
1.65 1.25
4.3 3.9 3.1 (4x) 2.9 5.1 4.9 13.4 13.0
2.4 2.2
1
2
3 0.55 (4x) 0.45
4
1.2 min 0.25 M (4x) 0.1
MSA397
3.7 3.3
0.30 0.20
5.08
7.62
5.08
Dimensions in mm.
Fig.17 SOT321B.
1996 May 21
10
Philips Semiconductors
Product specification
UHF amplifier module
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values
BGY204
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1996 May 21
11


▲Up To Search▲   

 
Price & Availability of BGY204

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X