Part Number Hot Search : 
BMT333 SG117R PS20047 MJE13003 C101K AM79C875 68HC908G P0102AB
Product Description
Full Text Search
 

To Download BGX50A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Switching Diode Array
q q
BGX 50 A
Bridge configuration High-speed switch diode chip
Type BGX 50 A
Marking U1s
Ordering Code (tape and reel) Q62702-G38
Pin Configuration
Package1) SOT-143
Maximum Ratings per Diode Parameter Reverse voltage Peak reverse voltage Forward current Total power dissipation, TS = 74 C Junction temperature Storage temperature range Thermal Resistance Junction - ambient2) Junction - soldering point Rth JA Rth JS

Symbol VR VRM IF Ptot Tj Tstg
Values 50 70 140 210 150 - 65 ... + 150
Unit V mA mW C
640 360
K/W
1) 2)
For detailed information see chapter Package Outlines. Package mounted on epoxy pcb 40 mm x 40 mm x 1.5 mm/6 cm2 Cu.
Semiconductor Group
1
5.91
BGX 50 A
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Forward voltage per diode IF = 100 mA Reverse current per diode VR = 50 V VR = 50 V, TA = 150 C AC characteristics Diode capacitance VR = 0, f = 1 MHz Reverse recovery time IF = 10 mA, IR = 10 mA, RL = 100 measured at IR = 1 mA Test circuit for reverse recovery time CD trr - - - - 1.5 6 pF ns VF IR - - - - 0.2 100 - - 1.3 V
A
Values typ. max.
Unit
Pulse generator: tp = 100 ns, D = 0.05 tr = 0.6 ns, Rj = 50
Oscillograph:
R = 50 tr = 0.35 ns C 1 pF
Semiconductor Group
2
BGX 50 A
Forward current IF = f (TA*; TS) * Package mounted on epoxy
Reverse current IR = f (TA)
Forward current IF = f (VF) TA = 25 C
Peak forward current IFM = f (t) TA = 25 C
Semiconductor Group
3
BGX 50 A
Forward voltage VF = f (TA)
Semiconductor Group
4


▲Up To Search▲   

 
Price & Availability of BGX50A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X