Part Number Hot Search : 
M54HC MAC12M GRM21B 2415S WT50F5 FN2216 N4007 AP2302GN
Product Description
Full Text Search
 

To Download AQY210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TESTING
GU (General Use) Type SOP Series 1- Channel (Form A) 4-Pin Type
(W)4.3 x (L)4.4 x (H)2.1 mm (W).169 x (L).173 x (H).083 inch --approx. 70% of the volume and 70% of the footprint size of SO package 6-pin type PhotoMOS Relays.
(6-pin) mm inch
1 4
PhotoMOS RELAYS
3. Controls low-level analog signals PhotoMOS relays feature extremely low closed-circuit offset voltage to enable control of low-level analog signals without distortion. 4. Low-level off state leakage current In contrast to the SSR with an off state leakage current of several milliamps, the PhotoMOS relay features a very small off state leakage current of only 100 pA (AQY214S) even with the rated load voltage of 400 V.
4.30.2 .169.008
4.40.2 .173.008 2.10.2 .083.008
(4-pin) Approx. 70%
Volume
2
3
Approx. 70% Footprint
TYPICAL APPLICATIONS
* Telecommunications (PC, Electoronic Notepad) * Measuring and Testing equipment * Factory Automation Equipment * Security equipment * High speed inspection machines
FEATURES
1. SO package 4-Pin type in super miniature design The device comes in a super-miniature SO package 4-Pin type measuring 2. Tape and reel The device comes standard in a tape and reel (1,000 pcs./reel) to facilitate automatic insertion machines.
TYPES
AC/DC type
Output rating* Load voltage 350 V 400 V Load current 120 mA 100 mA Part No. Picked from the 1/2-pin side Picked from the 3/4-pin side AQY210SX AQY210SZ AQY214SX AQY214SZ Packing quantity in tape and reel 1,000 pcs.
* Indicate the peak AC and DC values. Notes: (1) Tape package is the standard packing style. Also available in tube. (Part No. suffix "X" or "Z" is not needed when ordering; Tube: 100 pcs.; Case: 2,000 pcs.) (2) For space reasons, the top two letters of the product number "AQY" and "S" are omitted on the product seal. The package type indicator "X" and "Z" are omitted from the seal. (Ex. the label for product number AQY210S is 210).
RATING
AC/DC type 1. Absolute maximum ratings (Ambient temperature: 25C 77F)
Item LED forward current LED reverse voltage Input Peak forward current Power dissipation Load voltage (peak AC) Continuous load current (peak AC) Output Peak load current Power dissipation Total power dissipation I/O isolation voltage Operating Temperture limits Storage Symbol IF VR IFP Pin VL IL Ipeak Pout PT Viso Topr Tstg AQY210S 50 mA 3V 1A 75 mW 350 V 0.12 A 0.3 A 400 V 0.1 A 0.24 A AQY214S Remarks
f = 100 Hz, Duty factor = 0.1%
100ms (1 shot), VL = DC
300 mW 350 mW 1,500 V AC -40C to +85C -40F to +185F -40C to +100C -40F to +212F
Non-condensing at low temperatures
44
AQY21rS
2. Electrical characteristics (Ambient temperature: 25C 77F)
Item LED operate current Input LED turn off current LED dropout voltage On resistance Output Off state leakage current Turn on time* Transfer characteristics Turn off time* I/O capacitance Initial I/O isolation resistance Typical Maximum Minimum Typical Typical Maximum Typical Maximum Maximum Typical Maximum Typical Maximum Maximum Minimum Symbol IFon IFoff VF Ron ILeak Ton Toff Ciso Riso 0.23 ms 0.5 ms 0.04 ms 0.2 ms 1.5 pF 1,000 M AQY210S AQY214S 0.9 mA 3 mA 0.4 mA 0.85 mA 1.14 V (1.25 V at IF = 50 mA) 1.5 V 17 25 35 1 A 0.21 ms Remarks IL = Max. IL = Max. IF = 5 mA IF = 5 mA IL = Max. Within 1 s on time IF = 0 IL = Max. IF = 5 mA IL = Max. IF = 5 mA IL = Max. f = 1 MHz VB = 0 500 V DC For type of connection, see page 31.
25
Note: Recommendable LED forward current IF = 5mA.
*Turn on/Turn off time
Input
90% Output Ton Toff 10%
s For Dimensions, see Page 28. s For Schematic and Wiring Diagrams, see Page 31. s For Cautions for Use, see Page 36.
REFERENCE DATA
1. Load current vs. ambient temperature characteristics
Allowable ambient temperature: -40C to +85C -40F to +185F
2. On resistance vs. ambient temperature characteristics
Measured portion: between terminals 3 and 4; LED current: 5 mA; Load voltage: Max. (DC); Continuous load current: Max. (DC)
50
3. Turn on time vs. ambient temperature characteristics
LED current: 5 mA; Load voltage: Max. (DC); Continuous load current: Max. (DC)
3.0
120 Load current, mA 100 80 60 40
AQY210S On resistance, AQY214S 40
AQY214S Turn on time, ms
2.5 2.0 1.5 1.0
30
AQY210S
20
10 20 0 -40 -20 0 20 40 60 80 85 100 0
0.5 0
AQY214S AQY210S
-40
-20
0
20
40
60
8085
-40
-20
0
20
40
60
80 85
Ambient temperature, C
Ambient temperature, C
Ambient temperature, C
45
AQY21rS
4. Turn off time vs. ambient temperature characteristics
LED current: 5 mA; Load voltage: Max. (DC); Continuous load current: Max. (DC)
0.5 LED operate current, mA
5. LED operate current vs. ambient temperature characteristics
Sample: All types; Load voltage: Max. (DC); Continuous load current: Max. (DC)
5
6. LED turn off current vs. ambient temperature characteristics
Sample: All types; Load voltage: Max. (DC); Continuous load current: Max. (DC)
5 LED turn off current, mA
Turn off time, ms
0.4
4
4
0.3
3
3
0.2
2
2
0.1 AQY214S,AQY210S -20 0 20 40
1
1
0
-40
60
8085
0
-40
-20
0
20
40
60
8085
0
-40
-20
0
20
40
60
80 85
Ambient temperature, C
Ambient temperature, C
Ambient temperature, C
7. LED dropout voltage vs. ambient temperature characteristics
Sample: All types; LED current: 5 to 50 mA
1.5 LED dropout voltage, V 1.4 1.3 1.2 1.1 1.0 0 50mA 30mA 20mA 10mA 5mA
8. Voltage vs. current characteristics of output at MOS portion
Measured portion: between terminals 3 and 4; Ambient temperature: 25C 77F
Current, mA 100 80 60 40 20 -5 -4 -3 -2 -1 12345 -20 Voltage, V -40 -60 -80 -100 AQY210S AQY214S
9. Off state leakage current
Measured portion: between terminals 3 and 4; Ambient temperature: 25C 77F
Off state leakage current, A
10-3
10-6
10-9 AQY214S 10
-12
-40
-20
0 20 40 60 8085 Ambient temperature, C
0
20
40
60
80
100
Load voltage, V
10. LED forward current vs. turn on time characteristics
Measured portion: between terminals 3 and 4; Load voltage: Max. (DC); Continuous load current: Max. (DC); Ambient temperature: 25C 77F
1.2 1.0 Turn on time, ms
11. LED forward current vs. turn off time characteristics
Measured portion: between terminals 3 and 4; Load voltage: Max. (DC); Continuous load current: Max. (DC); Ambient temperature: 25C 77F
0.12 0.10 Turn off time, ms 0.08 0.06 AQY214S AQY210S 0.04 0.02
12. Applied voltage vs. output capacitance characteristics
Measured portion: between terminals 3 and 4; Frequency: 1 MHz; Ambient temperature: 25C 77F
200 Output capacitance, pF
150
0.8 0.6 0.4 0.2 AQY214S,AQY210S 0
100
AQY214S,AQY210S 50
0 0 10 20 30 40 50 60 LED forward current, mA
0
10
20
30
40
50
60
0
0
10
20
30
40
50
LED forward current, mA
Applied voltage, V
5/7/2001 46
All Rights Reserved, (c) Copyright Matsushita Electric Works, Ltd. Go To Online Catalog


▲Up To Search▲   

 
Price & Availability of AQY210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X