Part Number Hot Search : 
APM3007N 100GP MCF5307 C5000 29F400BT RS804 FN4724 24008
Product Description
Full Text Search
 

To Download AD538 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES V OUT = VY Transfer Function VX Wide Dynamic Range (Denominator) -1000:1 Simultaneous Multiplication and Division Resistor-Programmable Powers and Roots No External Trims Required Low Input Offsets <100 V Low Error 0.25% of Reading (100:1 Range) +2 V and +10 V On-Chip References Monolithic Construction APPLICATIONS One- or Two-Quadrant Mult/Div Log Ratio Computation Squaring/Square Rooting Trigonometric Function Approximations Linearization Via Curve Fitting Precision AGC Power Functions PRODUCT DESCRIPTION
VZ
m
Real-Time Analog Computational Unit (ACU) AD538
FUNCTIONAL BLOCK DIAGRAM
IZ 1 VZ 2 B3 +10V 4 100 +2V 5 +VS 6 -VS 7 VO 8 I9 INTERNAL VOLTAGE REFERENCE OUTPUT 25k
11 18
A D IX VX SIGNAL GND PWR GND C IY VY
25k
LOG RATIO
17
16
15
100
25k
14
AD538
13
12
ANTILOG LOG
10
25k
The AD538 is a monolithic real-time computational circuit that provides precision analog multiplication, division and exponentiation. The combination of low input and output offset voltages and excellent linearity results in accurate computation over an unusually wide input dynamic range. Laser wafer trimming makes multiplication and division with errors as low as 0.25% of reading possible, while typical output offsets of 100 V or less add to the overall off-the-shelf performance level. Real-time analog signal processing is further enhanced by the device's 400 kHz bandwidth. The AD538's overall transfer function is VO = VY (VZ / VX)m. Programming a particular function is via pin strapping. No external components are required for one-quadrant (positive input) multiplication and division. Two-quadrant (bipolar numerator) division is possible with the use of external level shifting and scaling resistors. The desired scale factor for both multiplication and division can be set using the on-chip +2 V or +10 V references, or controlled externally to provide simultaneous multiplication and division. Exponentiation with an m value from 0.2 to 5 can be implemented with the addition of one or two external resistors.
Direct log ratio computation is possible by using only the log ratio and output sections of the chip. Access to the multiple summing junctions adds further to the AD538's flexibility. Finally, a wide power supply range of 4.5 V to 18 V allows operation from standard 5 V, 12 V and 15 V supplies. The AD538 is available in two accuracy grades (A and B) over the industrial (-25C to +85C) temperature range and one grade (S) over the military (-55C to +125C) temperature range. The device is packaged in an 18-lead TO-118 hermetic side-brazed ceramic DIP. A-grade chips are also available.
PRODUCT HIGHLIGHTS
1. Real-time analog multiplication, division and exponentiation. 2. High accuracy analog division with a wide input dynamic range. 3. On-chip +2 V or +10 V scaling reference voltages. 4. Both voltage and current (summing) input modes. 5. Monolithic construction with lower cost and higher reliability than hybrid and modular circuits.
REV. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 1999
AD538-SPECIFICATIONS (V =
S
15 V, TA = +25 C unless otherwise noted)
Max Min AD538BD Typ Max Min AD538SD Typ Max Units
Parameters MULTIPLIER DIVIDER PERFORMANCE Nominal Transfer Function
Conditions
Min
AD538AD Typ
10 V VX , VY, VZ 0
VO = VY VX VO = 25 k x I Y I
VZ
m
VO = Vy VX
VZ
m
VO = VY VX
VZ
m
400 A IX , IY, I Z 0 Total Error Terms 100:1 Input Range 1 100 mV VX 10 V 100 mV VY 10 V 100 mV VZ 10 V VZ 10 VX, m = 1.0 TA = T MIN to T MAX 10 mV VX 10 V 1 mV VY 10 V 0 mV VZ 10 V VZ 10 VX , m = 1.0 TA = T MIN to T MAX
IZ
X
m
1 500
0.5 200 1 450 1 200 100 1 450 450 0.2 5
VO = 25 k x I Y Z IX 0.25 0.5 100 250 0.5 350 0.5 100 750 1 350 350 0.2 5
I
m
VO = 25 k x I Y I
IZ
X
m
% of Reading + V
0.5 200 1.25 750 1 200 200 2 750 750 0.2 5
1 500
2 750 2 500 250 3 750 750
1 500 1 250 150 2 500 500
2.5 1000 2 500 250 4 1000 1000
% of Reading + V % of Reading + V + V x (V Y + VZ )/VX % of Reading + V + V x (V Y + VZ )/VX
Wide Dynamic Range 2
Exponent (m) Range OUTPUT CHARACTERISTICS Offset Voltage Output Voltage Swing Output Current
TA = T MIN to T MAX
VY = 0, VC = -600 mV TA = T MIN to T MAX RL = 2 k -11 5
200 450 10 1.4 400
500 750 +11
100 350 -11 5 10 1.4 400
250 500 +11
200 750 -11 5 10 1.4 400
500 1000 +11
V V V mA V/s kHz
FREQUENCY RESPONSE Slew Rate Small Signal Bandwidth 100 mV 10 VY, VZ, VX 10 V VOLTAGE REFERENCE Accuracy Additional Error Output Current Power Supply Rejection +2 V = VREF +10 V = VREF POWER SUPPLY Rated Operating Range 3 PSRR VREF = 10 V or 2 V TA = T MIN or TMAX VREF = 10 V to 2 V 4.5 V VS 18 V 13 V VS 18 V RL = 2 k 4.5 4.5 V < V S < 18 V VX = V Y = V Z = 1 V VOUT = 1 V
1
25 20 2.5 300 200 15 0.5
50 30 1 600 500
15 20 2.5 300 200 15
25 30 1 600 500
25 30 2.5 300 200 15
50 50
mV mV mA V/V V/V V V %/V
600 500
18 0.1
4.5 0.05
18 0.1
4.5 0.5
18 0.1
Quiescent Current TEMPERATURE RANGE Rated Storage PACKAGE OPTIONS Ceramic (D-18) Chips -25 -65
4.5
7 +85 +150 -25 -65
4.5
7 +85 +150 -55 -65
4.5
7 +125 +150
mA C C
AD538AD AD538ACHIPS
AD538BD
AD538SD AD538SD/883B
NOTES
1
Over the 100 mV to 10 V operating range total error is the sum of a percent of reading term and an output offset. With this input dynamic range the input offset contribution to total error is negligible compared to the percent of reading error. Thus, it is specified indirectly as a part of the percent of reading error. 2 The most accurate representation of total error with low level inputs is the summation of a percent of reading term, an output offset and an input offset multiplied by the incremental gain (V Y + VZ) V X. 3 When using supplies below 13 V, the 10 V reference pin must be connected to the 2 V pin in order for the AD538 to operate correctly. Specifications subject to change without notice. Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
-2-
REV. C
AD538
RE-EXAMINATION OF MULTIPLIER/DIVIDER ACCURACY
Traditionally, the "accuracy" (actually the errors) of analog multipliers and dividers have been specified in terms of percent of full scale. Thus specified, a 1% multiplier error with a 10 V full-scale output would mean a worst case error of +100 mV at "any" level within its designated output range. While this type of error specification is easy to test evaluate, and interpret, it can leave the user guessing as to how useful the multiplier actually is at low output levels, those approaching the specified error limit (in this case) 100 mV. The AD538's error sources do not follow the percent of fullscale approach to specification, thus it more optimally fits the needs of the very wide dynamic range applications for which it is best suited. Rather than as a percent of full scale, the AD538's error as a multiplier or divider for a 100:1 (100 mV to 10 V) input range is specified as the sum of two error components: a percent of reading (ideal output) term plus a fixed output offset. Following this format the AD538AD, operating as a multiplier
or divider with inputs down to 100 mV, has a maximum error of 1% of reading 500 V. Some sample total error calculations for both grades over the 100:1 input range are illustrated in the chart below. This error specification format is a familiar one to designers and users of digital voltmeters where error is specified as a percent of reading a certain number of digits on the meter readout. For operation as a multiplier or divider over a wider dynamic range (>100:1), the AD538 has a more detailed error specification that is the sum of three components: a percent of reading term, an output offset term and an input offset term for the VY/VX log ratio section. A sample application of this specification, taken from Table I, for the AD538AD with VY = 1 V, VZ = 100 mV and VX = 10 mV would yield a maximum error of 2.0% of reading 500 V (1 V + 100 mV)/10 mV x 250 V or 2.0% of reading 500 V 27.5 mV. This example illustrates that with very low level inputs the AD538's incremental gain (VY + VZ)/VX has increased to make the input offset contribution to error substantial.
Table I. Sample Error Calculation Chart (Worst Case)
VY Input (in V) 100:1 INPUT RANGE Total Error = % rdg Output VOS 10
VZ Input (in V) 10
VX Input (in V) 10
Ideal Output (in V) 10
Total Offset Error Term (in mV) 0.5 0.25 0.5 0.25 0.5 0.25 0.5 0.25 (AD) (BD) (AD) (BD) (AD) (BD) (AD) (BD)
% of Reading Error Term (in mV) 100 (AD) 50 (BD) 100 (AD) 50 (BD) 10 (AD) 5 (BD) 1 (AD) 0.5 (BD) 200 (AD) 100 (BD) 5 (AD) 2.5 (BD) 100 (AD) 50 (BD) 20 (AD) 10 (BD)
Total Error Summation (in mV) 100.5 (AD) 50.25 (BD) 100.5 (AD) 50.25 (BD) 10.5 5.25 1.5 0.75 (AD) (BD) (AD) (BD)
Total Error Summation as a % of the Ideal Output 1.0 (AD) 0.5 (BD) 1.0 (AD) 0.5 (BD) 1.05 (AD) 0.5 (BD) 1.5 (AD) 0.75 (BD) 2.28 (AD) 1.17 (BD) 2.7 (AD) 1.4 (BD) 4.52 (AD) 2.51 (BD) 4.55 (AD) 2.53 (BD)
10
0.1
0.1
10
1
1
1
1
0.1 WIDE DYNAMIC RANGE Total Error = % rdg Output VOS Input VOS x (VY + VZ)/VX 1
0.1 0.10
0.1 0.01
0.1 10
28 (AD) 16.75 (BD) 1.76 1 (AD) (BD)
228 (AD) 116.75 (BD) 6.76 3.5 (AD) (BD)
10
0.05
2
0.25
5
0.01
0.01
5
125.75 (AD) 75.4 (BD) 25.53 (AD) 15.27 (BD)
225.75 (AD) 125.4 (BD) 45.53 (AD) 25.27 (BD)
10
0.01
0.1
1
REV. C
-3-
AD538
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . 250 mW Output Short Circuit-to-Ground . . . . . . . . . . . . . . . Indefinite Input Voltages VX , VY, V Z . . . . . . . . . . . . . (+VS - 1 V), -1 V Input Currents IX, IY, IZ, IO . . . . . . . . . . . . . . . . . . . . . . 1 mA Operating Temperature Range . . . . . . . . . . . -25C to +85C Storage Temperature Range . . . . . . . . . . . . -65C to +150C Lead Temperature, Storage . . . . . . . . . . . . . . 60 sec, +300C Thermal Resistance JC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35C/W JA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120C/W
ABSOLUTE MAXIMUM RATINGS PIN CONFIGURATION
1 2 3 4 5 6 7 8 9 IZ VZ B +10V +2V +VS -VS VO I 18 A 17 D 16 IX
AD538
15 VX
TOP VIEW 14 SIGNAL GND (Not to Scale) 13 PWR GND 12 C 11 IY 10 VY
ORDERING GUIDE
Model AD538AD AD538BD AD538ACHIPS AD538SD AD538SD/883B
Temperature Range -25C to +85C -25C to +85C -25C to +85C -55C to +125C -55C to +125C
Package Description Side-Brazed Ceramic DIP Side-Brazed Ceramic DIP Chips Side-Brazed Ceramic DIP Side-Brazed Ceramic DIP
Package Option D-18 D-18 D-18 D-18
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD538 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
-4-
REV. C
Typical Performance Characteristics- AD538
5.0 1000 SMALL SIGNAL BANDWITH - Hz 1M TOTAL % OF READING ERROR OUTPUT STAGE OFFSET - V 4.0 800 400k
3.0
600
VY = 10V dc VZ = VX +0.05 VX SIN 100k
t
2.0 OFFSET 1.0 % OF READING 0 -55 -40 -20 0 20 40 60 TEMPERATURE - C 80 100
400
40k
200
0 125
10k 0.01
0.1 1 DENOMINATOR VOLTAGE, VX - V dc
10
Figure 1. Multiplier Error vs. Temperature (100 mV < VX, VY, V Z 10 V)
Figure 4. Small Signal Bandwidth vs. Denominator Voltage (One-Quadrant Mult/Div)
5.0
1000
6.0
1200
TOTAL % OF READING ERROR
TOTAL % OF READING ERROR
OUTPUT STAGE OFFSET - V
4.0
800
4.0
800
3.0
600
3.0
600 % OF READING
2.0
400
2.0
400 200 OFFSET
1.0
OFFSET
200 % OF READING
1.0
0 -55 -40
-20
0
20 40 60 TEMPERATURE - C
80
100
0 125
0 -55 -40
-20
0
20 40 60 TEMPERATURE - C
80
100
0 125
Figure 2. Divider Error vs. Temperature (100 mV < VX, VY, V Z 10 V)
Figure 5. Multiplier Error vs. Temperature (10 mV < VX, VY, V Z 100 mV)
1000 VX = 10V VY = 0V VZ = 5V +5V SIN 100
5.0
1000
TOTAL % OF READING ERROR
t VOLTS
VO IN mV PEAK-TO-PEAK
4.0
800
3.0
600
2.0 % OF READING 1.0 OFFSET
400
10
200
1 100
1k
10k 100k INPUT FREQUENCY - Hz
1M
0 -55 -40
-20
0
20 40 60 TEMPERATURE - C
80
100
0 125
Figure 3. V Z Feedthrough vs. Frequency
Figure 6. Divider Error vs. Temperature (10 mV < VX, VY, V Z 100 mV)
REV. C
-5-
OUTPUT STAGE OFFSET - V
OUTPUT STAGE OFFSET - V
5.0
1000
AD538
150 100 VOLTAGE NOISE, en - V Hz
100
VO IN mV PEAK-TO-PEAK
10
FOR THE FREQUENCY RANGE OF 10Hz TO 100kHz THE TOTAL RMS OUTPUT NOISE, eo, FOR A GIVEN BANDWIDTH Bw, IS CALCULATED eo = en Bw VX = 0.01V
10
VX = 10V VY = 5V +5V SIN VZ = 0V
t VOLTS
1
1.0
0.10
VX = 10V
0.1 100
1k
100k 10k INPUT FREQUENCY - Hz
1M
0.01 0.01
0.1 1 DC OUTPUT VOLTAGE - Volts
10
Figure 7. VY Feedthrough vs. Frequency
Figure 8. 1 kHz Output Noise Spectral Density vs. DC Output Voltage
IZ 1 VZ 2 B3 +10V 4 100 +2V 5 +VS 6 -VS 7 VO 8 I9 INTERNAL VOLTAGE REFERENCE OUTPUT 25k 100 25k 25k LOG RATIO
18
A D IX VX SIGNAL GND PWR GND C IY VY
17
Under normal operation, the log-ratio output will be directly connected to a second functional block at input C, the antilog subsection. This section performs the antilog according to the transfer function: VO = VY e
q VC kT
16
15
14
AD538
13
As with the log-ratio circuit included in the AD538, the user may use the antilog subsection by itself. When both subsections are combined, the output at B is tied to C, the transfer function of the AD538 computational unit is:
VO = VY e kT q VZ ln q kT VX ;V
12
11
ANTILOG LOG
10
B
= VC
which reduces to: V VO = VY Z VX Finally, by increasing the gain, or attenuating the output of the log ratio subsection via resistor programming, it is possible to raise the quantity VZ /VX to the mth power. Without external programming, m is unity. Thus the overall AD538 transfer function equals: VO = VY where 0.2 < m < 5. When the AD538 is used as an analog divider, the VY input can be used to multiply the ratio VZ / VX by a convenient scale factor. The actual multiplication by the VY input signal is accomplished by adding the log of the VY input signal to the signal at C, which is already in the log domain. VZ V X
m
25k
Figure 9. Functional Block Diagram
FUNCTIONAL DESCRIPTION
As shown in Figures 9 and 10, the VZ and VX inputs connect directly to the AD538's input log ratio amplifiers. This subsection provides an output voltage proportional to the natural log of input voltage VZ , minus the natural log of input voltage VX. The output of the log ratio subsection at B can be expressed by the transfer function: VB V kT = ln Z q VX
where k = 1.3806 x 10-23 J/K, q = 1.60219 x 10-19 C, T is in Kelvins. The log ratio configuration may be used alone, if correctly temperature compensated and scaled to the desired output level (see Applications section).
-6-
REV. C
AD538
STABILITY PRECAUTIONS ONE-QUADRANT MULTIPLICATION/DIVISION
At higher frequencies, the multistaged signal path of the AD538, as illustrated in Figure 10, can result in large phase shifts. If a condition of high incremental gain exists along that path (e.g., VO = VY x VZ / VX = 10 V x 10 mV/10 mV = 10 V so that VO /VX = 1000), then small amounts of capacitive feedback from VO to the current inputs IZ or IX can result in instability. Appropriate care should be exercised in board layout to prevent capacitive feedback mechanisms under these conditions.
IX LOGe VX - 0.2 M 5 + IZ LOGe VZ Ln Z IY LOGe VY Ln Y + ANTILOGe + VZ M VO = VY VX BUFFER Ln Z - Ln X Ln X M(Ln Z - Ln X) M(Ln Z - Ln X) +Ln Y
Figure 12 shows how the AD538 may be easily configured as a precision one-quadrant multiplier/divider. The transfer function VOUT = VY (VZ /VX) allows "three" independent input variables, a calculation not available with a conventional multiplier. In addition, the 1000:1 (i.e., 10 mV to 10 V) input dynamic range of the AD538 greatly exceeds that of analog multipliers computing one-quadrant multiplication and division.
VOUT = VY
( VZ ) VX
18 A
IZ 1 VZ INPUT VZ 25k
2
LOG RATIO
17 D
B
3
16 IX
+10V 4 100 +2V 5
6
15
VX SIGNAL GND PWR GND C IY VY IN4148
100
25k
14
VX INPUT
Figure 10. Model Circuit
USING THE VOLTAGE REFERENCES
+15V
INTERNAL VOLTAGE REFERENCE OUTPUT 25k
AD538
13
A stable bandgap voltage reference for scaling is included in the AD538. It is laser-trimmed to provide a selectable voltage output of +10 V buffered (Pin 4), +2 V unbuffered (Pin 5) or any voltages between +2 V and +10.2 V buffered as shown in Figure 11. The output impedance at Pin 5 is approximately 5 k. Note that any loading of this pin will produce an error in the +10 V reference voltage. External loads on the +2 V output should be greater than 500 k to maintain errors less than 1%.
-15V VO OUTPUT I
7
12
8
11
ANTILOG
9
LOG
10
25k
VY INPUT
Figure 12. One-Quadrant Combination Multiplier/Divider
IZ 1 +2V TO +10.2V BUFFERED VZ 2 B3 REF OUT +2V 25k LOG RATIO
18
A D IX VX SIGNAL GND PWR GND C IY VY
17
By simply connecting the input VX (Pin 15) to the +10 V reference (Pin 4), and tying the log-ratio output at B to the antilog input at C, the AD538 can be configured as a one-quadrant analog multiplier with 10-volt scaling. If 2-volt scaling is desired, VX can be tied to the +2 V reference. When the input VX is tied to the +10 V reference terminal, the multiplier transfer function becomes: V VO = VY Z 10 V As a multiplier, this circuit provides a typical bandwidth of 400 kHz with values of VX , VY or VZ varying over a 100:1 range (i.e., 100 mV to 10 V). The maximum error with a 100 mV to 10 V range for the two input variables will typically be +0.5% of reading. Using the optional Z offset trim scheme, as shown in Figure 13, this error can be reduced to +0.25% of reading. By using the +10 V reference as the VY input, the circuit of Figure 12 is configured as a one-quadrant divider with a fixed scale factor. As with the one-quadrant multiplier, the inputs accept only single (positive) polarity signals. The output of the one-quadrant divider with a +10 V scale factor is: V VO = 10V Z VX The typical bandwidth of this circuit is 370 kHz with 1 V to 10 V denominator input levels. At lower amplitudes, the bandwidth gradually decreases to approximately 200 kHz at the 2 mV input level.
16
4
15
100 50k 11.5k
5
100
25k
14
+VS 6 -VS 7 VO 8 I9
INTERNAL VOLTAGE REFERENCE OUTPUT 25k
AD538
13
12
11
ANTILOG LOG
10
25k
Figure 11. +2 V to +10.2 V Adjustable Reference
In situations not requiring both reference levels, the +2 V output can be converted to a buffered output by tying Pins 4 and 5 together. If both references are required simultaneously, the +10 V output should be used directly and the +2 V output should be externally buffered.
REV. C
-7-
AD538
TWO-QUADRANT DIVISION LOG RATIO OPERATION
The two-quadrant linear divider circuit illustrated in Figure 13 uses the same basic connections as the one-quadrant version. However, in this circuit the numerator has been offset in the positive direction by adding the denominator input voltage to it. The offsetting scheme changes the divider's transfer function from: V VO = 10V Z VX to:
Figure 14 shows the AD538 configured for computing the log of the ratio of two input voltages (or currents). The output signal from B is connected to the summing junction of the output amplifier via two series resistors. The 90.9 metal film resistor effectively degrades the temperature coefficient of the 3500 ppm/C resistor to produce a 1.09 k +3300 ppm/C equivalent value. In this configuration, the VY input must be tied to some voltage less than zero (-1.2 V in this case) removing this input from the transfer function. The 5 k potentiometer controls the circuit's scale factor adjustment providing a +1 V per decade adjustment. The output offset potentiometer should be set to provide a zero output with VX = VZ = 1 V. The input VZ adjustment should be set for an output of 3 V with VZ = l mV and VX = 1 V.
-VS 68k 5% -1.2V 10M 1M OPTIONAL INPUT VOS ADJUSTMENT 90.9 1% 1k +3500 ppm/ C
OUTPUT IZ VZ B +10V +2V
VO = 1V LOG10
VO = 10V
(V
Z
+ AVX VX
)
VZ = 10 V 1 A + VX
VZ = 10 A + 10 V VX
AD589
( VZ ) V
X
35 k where A = 25 k As long as the magnitude of the denominator input is equal to or greater than the magnitude of the numerator input, the circuit will accept bipolar numerator voltages. However, under the conditions of a 0 V numerator input, the output would incorrectly equal +14 V. The offset can be removed by connecting the +10 V reference through resistors R1 and R2 to the output section's summing node I at Pin 9 thus providing a gain of 1.4 at the center of the trimming potentiometer. The pot R2 adjusts out or corrects this offset, leaving the desired transfer function of 10 V (VZ / VX).
OPTIONAL Z OFFSET TRIM -VS
VOUT = 10
1
18
A D
25k
2 3 4
LOG RATIO
48.7
17
16 IX 15 14
VX
VX INPUT
100
5
100
25k
SIGNAL GND PWR GND C IY VY IN4148
+15V 6
INTERNAL VOLTAGE REFERENCE OUTPUT 25k
AD538
13 12 11 10
5k SCALE FACTOR ADJUST
2k 1%
-15V 7 VO I
8 9
ANTILOG LOG 25k
NUMERATOR VZ
DENOMINATOR VX
+VS 10M 10k -VS OPTIONAL OUTPUT VOS ADJUSTMENT
AD589 1M VOS ADJ
68k 5% -1.2V 10M
35k
( VZ ) VX VX
FOR VZ
Figure 14. Log Ratio Circuit
1 18 A
IZ VZ B +10V
3.9M
25k
2 3 4
LOG RATIO
35k
17 D 16
IX
100
+2V 5 +15V -15V OUTPUT VO
6 7 8 9
100
25k
INTERNAL VOLTAGE REFERENCE OUTPUT 25k
AD538
15 VX SIGNAL GND 14 PWR GND 13 IN4148 C 12 11 10
The log ratio circuit shown achieves 0.5% accuracy in the log domain for input voltages within three decades of input range: 10 mV to 10 V. This error is not defined as a percent of fullscale output, but as a percent of input. For example, using a 1 V/decade scale factor, a 1% error in the positive direction at the INPUT of the log ratio amplifier translates into a 4.3 mV deviation from the ideal OUTPUT (i.e., 1 V x log10 (1.01) = 4.3214 mV). An input error 1% in the negative direction is slightly different, giving an output deviation of 4.3648 mV.
IY VY
R2 10k
R1 12.4k
ANTILOG LOG 25k
I
ZERO ADJUST
Figure 13. Two-Quadrant Division with 10 V Scaling
-8-
REV. C
AD538
ANALOG COMPUTATION OF POWERS AND ROOTS SQUARE ROOT OPERATION
It is often necessary to raise the quotient of two input signals to a power or take a root. This could be squaring, cubing, squarerooting or exponentiation to some noninteger power. Examples include power series generation. With the AD538, only one or two external resistors are required to set ANY desired power, over the range of 0.2 to 5. Raising the basic quantity VZ /VX to a power greater than one requires that the gain of the AD538's log ratio subtractor be increased, via an external resistor between pins A and D. Similarly, a voltage divider that attenuates the log ratio output between points B and C will program the power to a value less than one.
RA B VZ VY 3 2 VY ( 10 VREF VZ m ) VREF 15 VX 8 VO C 12 A 18 D 17
The explicit square root circuit of Figure 16 illustrates a precise method for performing a real-time square root computation. For added flexibility and accuracy, this circuit has a scale factor adjustment. The actual square rooting operation is performed in this circuit by raising the quantity VZ / VX to the one-half power via the resistor divider network consisting of resistors RB and RC. For maximum linearity, the two resistors should be 1% (or better) ratio-matched metal film types. One volt scaling is achieved by dividing-down the 2 V reference and applying approximately 1 V to both the VY and VX inputs. In this circuit, the VX input is intentionally set low, to about 0.95 V, so that the VY input can be adjusted high, permitting a 5% scale factor trim. Using this trim scheme, the output voltage will be within 3 mV 0.2% of the ideal value over a 10 V to 1 mV input range (80 dB). For a decreased input dynamic range of 10 mV to 10 V (60 dB) the error is even less; here the output will be within 2 mV 0.2% of the ideal value. The bandwidth of the AD538 square root circuit is approximately 280 kHz with a 1 V p-p sine wave with a +2 V dc offset. This basic circuit may also be used to compute the cube, fourth or fifth roots of an input waveform. All that is required for a given root is that the correct ratio of resistors, RC and RB, be selected such that their sum is between 150 and 200 . The optional absolute value circuit shown preceding the AD538 allows the use of bipolar input voltages. Only one op amp is required for the absolute value function because the IZ input of the AD538 functions as a summing junction. If it is necessary to preserve the sign of the input voltage, the polarity of the op amp output may be sensed and used after the computation to switch the sign bit of a D.V.M. chip.
VOUT = 1V
VIN 1V
POWERS m 2 3 4 5 RA 196 97.6 64.9 48.7
RA = 196 M -1 RB = RC 200 RB B VZ VY 3 2 VY ( 10 VREF VZ m ) VREF 15 VX 8 VO C 12 RC
ROOTS m 1/2 1/3 1/4 1/5 RB 100 100 150 162 RC 100 49.9 49.9 40.2
RB = 1 -1 RC M
Figure 15. Basic Configurations and Transfer Functions for the AD538
OPTIONAL ABSOLUTE VALUE SECTION 5k 10k 20k IN4148 +VS IN4148
IZ VZ B
1
18
A D IX VX SIGNAL GND PWR GND
25k
2
LOG RATIO
RB * 100
17
7 VIN 20k 2 3
20k 1 8 6
VOS +10V +2V +2V
3
16
4
15
100
5
100
25k
14
AD OP-07 4 OR AD611 (VOS TAP -VS TO -VS)
+15V 6
INTERNAL VOLTAGE REFERENCE OUTPUT 25k
AD538
13
-15V 7 VOUT VO
8
12
C IY
D1 VY IN4148
11
ANTILOG LOG
10
I9 1k 100 SCALE FACTOR TRIM 1k
25k
* RATIO MATCH 1% METAL FILM
RESISTORS FOR BEST ACCURACY
RC * 100
Figure 16. Square Root Circuit
REV. C
-9-
AD538
TRANSDUCER LINEARIZATION
Many electronic transducers used in scientific, commercial or industrial equipment monitor the physical properties of a device and/or its environment. Sensing (and perhaps compensating for) changes in pressure, temperature, moisture or other physical phenomenon can be an expensive undertaking, particularly where high accuracy and very low nonlinearity are important. In conventional analog systems accuracy may be easily increased by offset and scale factor trims, however, nonlinearity is usually the absolute limitation of the sensing device. With the ability to easily program a complex analog function, the AD538 can effectively compensate for the nonlinearities of an inexpensive transducer. The AD538 can be connected between the transducer preamplifier output and the next stage of monitoring or transmitting circuitry. The recommended procedure for linearizing a particular transducer is first to find the closest function which best approximates the nonlinearity of the device and then, to select the appropriate exponent resistor value(s).
ARC-TANGENT APPROXIMATION
+15V -15V V
V = [V REF -V ]
(VZ ) VX
1.21
= TAN-1
(Z ) X
18
IZ 1
A D RA 931 , 1%
VZ
VZ B +10V
25k
2 3 4
LOG RATIO
17
16 IX 15 14
VX SIGNAL GND PWR GND C IY VY
100
+2V 5 +VS
6 7 8
100
25k
VX
1F
-VS
INTERNAL VOLTAGE REFERENCE OUTPUT 25k
AD538
13 12 11 10
1F
VO
IN4148
ANTILOG LOG 25k
I9
0.1 F
+15V R1* 100k 10k FULL-SCALE ADJUST AD547JH 118k
R2* 100k
The circuit of Figure 17 is typical of those AD538 applications where the quantity VZ /VX is raised to powers greater than one. In an approximate arc-tangent function, the AD538 will accurately compute the angle that is defined by X and Y displacements represented by input voltages VX and VZ. With accuracy to within one degree (for input voltages between 100 V and 10 volts), the AD538 arc-tangent circuit is more precise than conventional analog circuits and is faster than most digital techniques. For a direct arc-tangent computation that requires fewer external components, refer to the AD639 data sheet. The circuit shown is set up for the transfer function: VZ V = V REF - V VX
* RATIO MATCH 1% METAL
1F 100k -15V FILM RESISTORS FOR BEST ACCURACY
Figure 17. The Arc-Tangent Function
The VB /VA quantity is calculated in the same manner as in the one-quadrant divider circuit, except that the resulting quotient is raised to the 1.21 power. Resistor RA (nominally 931 ) sets the power or m factor. For the highest arc-tangent accuracy the external resistors R1 and R2 should be ratio matched; however, the offset trim scheme shown in other circuits is not required since nonlinearity effects are the predominant source of error. Also note that instability will occur as the output approaches 90 because, by definition, the arc-tangent function is infinite and therefore, the AD538's gain will be extremely high.
(
) (( ))
1.21
where:
= Tan -1
Z X
The (VREF - V) function is implemented in this circuit by adding together the output, V, and an externally applied reference voltage, VREF, via an external AD547 op amp. The 1 F capacitor connected around the AD547's 100 k feedback resistor frequency compensates the loop (formed by the amplifier between V and VY).
-10-
REV. C
AD538
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Side-Brazed Ceramic DIP (D-18)
18 10
0.30 (7.62) 0.28 (7.12)
1 9
PIN 1 0.91 (23.12) 0.89 (22.61) 0.17 (4.32) MAX 0.175 (4.45) 0.125 (3.18)
0.306 (7.78) 0.294 (7.47) 0.12 (3.05) 0.06 (1.53)
0.02 (0.508) 0.105 (2.67) 0.06 (1.53) 0.015 (0.381) 0.095 (2.42) 0.04 (1.02)
SEATING PLANE
0.012 (0.305) 0.008 (0.203)
REV. C
-11-
PRINTED IN U.S.A.
C959d-0-12/99 (rev. C)


▲Up To Search▲   

 
Price & Availability of AD538

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X