Part Number Hot Search : 
A3260 MQ2219Q MICROS ENN8179 S21MT1 MIC21 A3260 A3260
Product Description
Full Text Search
 

To Download 8XC152JA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8XC152JA JB JC JD UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
X 8K Factory Mask Programmable ROM Available
Y Y
Superset of 80C51 Architecture Multi-Protocol Serial Communication I O Port (2 048 Mbps 2 4 Mbps Max) SDLC HDLC Only CSMA CD and SDLC HDLC User Definable Protocols Full Duplex Half Duplex MCS -51 Compatible UART 16 5 MHz Maximum Clock Frequency Multiple Power Conservation Modes 64KB Program Memory Addressing
Y Y Y Y Y Y Y Y Y
64KB Data Memory Addressing 256 Bytes On-Chip RAM Dual On-Chip DMA Channels Hold Hold Acknowledge Two General Purpose Timer Counters 5 or 7 I O Ports 56 Special Function Registers 11 Interrupt Sources Available in 48 Pin Dual-in-Line Package and 68 Pin Surface Mount PLCC Package
(See Packaging Spec Order 231369)
Y Y Y Y Y
The 80C152 which is based on the MCS -51 CPU is a highly integrated single-chip 8-bit microcontroller designed for cost-sensitive high-speed serial communications It is well suited for implementing Integrated Services Digital Networks (ISDN) emerging Local Area Networks and user defined serial backplane applications In addition to the multi-protocol communication capability the 80C152 offers traditional microcontroller features for peripheral I O interface and control Silicon implementations are much more cost effective than multi-wire cables found in board level parallel-toserial and serial-to-parallel converters The 83C152 contains in silicon all the features needed for the serialto-parallel conversion Other 83C152 benefits include 1) better noise immunity through differential signaling or fiber optic connections 2) data integrity utilizing the standard designed in CRC checks and 3) better modularity of hardware and software designs All of these cost network parameter and real estate improvements apply to 83C152 serial links between boards or systems and 83C152 serial links on a single board
Other brands and names are the property of their respective owners Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or copyright for sale and use of Intel products except as provided in Intel's Terms and Conditions of Sale for such products Intel retains the right to make changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
COPYRIGHT
INTEL CORPORATION 1995
October 1989
Order Number 270431-003
8XC152JA JB JC JD
270431 - 2 270431 - 1
270431 - 3
Figure 1 Connection Diagrams
2
8XC152JA JB JC JD
On 80C152JB JD Only
270431 - 18
Figure 2 Block Diagram
3
8XC152JA JB JC JD
EPSEN is used in conjunction with Port 5 and Port 6 program memory operations EPSEN functions like PSEN during program memory operation but supports Port 5 and Port 6 EPSEN is the read strobe to external program memory for Port 5 and Port 6 EPSEN is activated twice during each machine cycle unless an external data memory operation occurs on Port(s) 0 and Port 2 When external data memory is accessed the second activation of EPSEN is skipped which is the same as when using PSEN Note that data memory fetches cannot be made through Ports 5 and 6 When EBEN is high and EA is low all program memory operations take place via Ports 5 and 6 The high byte of the address goes out on Port 6 and the low byte is output on Port 5 ALE is still used to latch the address on Port 5 Next the op code is read on Port 5 The timing is the same as when using Ports 0 and 2 for external program memory operations
80C152JB JD General Description
The 80C152JB JD is a ROMless extension of the 80C152 Universal Communication controller The 80C152JB has the same five 8-bit I O ports of the 80C152 plus an additional two 8-bit I O ports Port 5 and Port 6 The 80C152JB JD also has two additional control pins EBEN (EPROM Bus ENable) and EPSEN (EPROM bus Program Store ENable) EBEN selects the functionality of Port 5 and Port 6 When EBEN is low these ports are strictly I O similar to Port 4 The SFR location for Port 5 is 91H and Port 6 is 0A1H This means Port 5 and Port 6 are not bit addressable With EBEN low all program memory fetches take place via Port 0 and Port 2 (The 80C152 is a ROMless only product) When EBEN is high Port 5 and Port 6 form an address data bus called the E-Bus (EPROM-Bus) for program memory operations
Table 1 Program Memory Fetches EBEN 0 0 1 1 EA 0 1 0 1 Program Fetch via P0 P2 NA P5 P6 P5 P6 P0 P2 PSEN Active NA Inactive Inactive Active EPSEN Inactive NA Active Active Inactive Comments Addresses 0 - 0FFFFH Invalid Combination Addresses 0 - 0FFFFH Addresses 0 - 1FFFH Addresses t 2000H
Table 2 8XC152 Product Differences ROMless Version 80C152JA 80C152JB 80C152JC 80C152JD
NOTES e options available 0 standard frequency range 3 5 MHz to 12 MHz 0 ``b1'' frequency range 3 5 MHz to 16 5 MHz
CSMA CD and HDLC SDLC
HDLC SDLC Only
ROM Version Available (83C152JA)
PLCC and DIP
PLCC Only
5I O Ports
7I 0 Ports
(83C152JC)
4
8XC152JA JB JC JD
Pin DIP 48 24 18-21 25-28 PLCC(1) 2 3 33(2) 27-30 34-37 VCC Supply voltage
Pin Description
VSS Circuit ground Port 0 Port 0 is an 8-bit open drain bidirectional I O port As an output port each pin can sink 8 LS TTL inputs Port 0 pins that have 1s written to them float and in that state can be used as high-impedance inputs Port 0 is also the multiplexed low-order address and data bus during accesses to external program memory if EBEN is pulled low During accesses to external Data Memory Port 0 always emits the low-order address byte and serves as the multiplexed data bus In these applications it uses strong internal pullups when emitting 1s Port 0 also outputs the code bytes during program verification External pullups are required during program verification Port 1 Port 1 is an 8-bit bidirectional I O port with internal pullups Port 1 pins that have 1s written to them are pulled high by the internal pullups and in that state can be used as inputs As inputs Port 1 pins that are externally being pulled low will source current (IIL on the data sheet) because of the internal pullups Port 1 also serves the functions of various special features of the 8XC152 as listed below Pin P1 0 P1 1 P1 2 P1 3 P1 4 P1 5 P1 6 Name GRXD GTXD DEN TXC RXC HLD HLDA Alternate Function GSC data input pin GSC data output pin GSC enable signal for an external driver GSC input pin for external transmit clock GSC input pin for external receive clock DMA hold input output DMA hold acknowledge input output
1-8
4-11
29-36
41-48
10- 17
14-16 18 19 23-25
Port 2 Port 2 is an 8-bit bidirectional I O port with internal pullups Port 2 pins that have 1s written to them are pulled high by the internal pullups and in that state can be used as inputs As inputs Port 2 pins that are externally being pulled low will source current (IIL on the data sheet) because of the internal pullups Port 2 emits the high-order address byte during fetches from external Program Memory if EBEN is pulled low During accesses to external Data Memory that use 16bit addresses (MOVX DPTR and DMA operations) Port 2 emits the high-order address byte In these applications it uses strong internal pullups when emitting 1s During accesses to external Data Memory that use 8-bit addresses (MOVX Ri) Port 2 emits the contents of the P2 Special Function Register Port 2 also receives the high-order address bits during program verification Port 3 Port 3 is an 8-bit bidirectional I O port with internal pullups Port 3 pins that have 1s written to them are pulled high by the internal pullups and in that state can be used as inputs As inputs Port 3 pins that are externally being pulled low will source current (IIL on the data sheet) because of the pullups Port 3 also serves the functions of various special features of the MCS-51 Family as listed below Pin P3 0 P3 1 P3 2 P3 3 P3 4 P3 5 P3 6 P3 7 Name RXD TXD INT0 INT1 T0 T1 WR RD Alternate Function Serial input line Serial output line External Interrupt 0 External Interrupt 1 Timer 0 external input Timer 1 external input External Data Memory Write strobe External Data Memory Read strobe
5
8XC152JA JB JC JD
Pin Description (Continued) Pin 47-40 65-58 Pin Description Port 4 Port 4 is an 8-bit bidirectional I O port with internal pullups Port 4 pins that have 1s written to them are pulled high by the internal pullups and in that state can be used as inputs As inputs Port 4 pins that are externally being pulled low will source current (IIL on the data sheet) because of the internal pullups In addition Port 4 also receives the low-order address bytes during program verification RST Reset input A logic low on this pin for three machine cycles while the oscillator is running resets the device An internal pullup resistor permits a power-on reset to be generated using only an external capacitor to VSS Although the GSC recognizes the reset after three machine cycles data may continue to be transmitted for up to 4 machine cycles after Reset is first applied ALE Address Latch Enable output signal for latching the low byte of the address during accesses to external memory In normal operation ALE is emitted at a constant rate of the oscillator frequency and may be used for external timing or clocking purposes Note however that one ALE pulse is skipped during each access to external Data Memory While in Reset ALE remains at a constant high level PSEN Program Store Enable is the Read strobe to External Program Memory When the 8XC152 is executing from external program memory PSEN is active (low) When the device is executing code from External Program Memory PSEN is activated twice each machine cycle except that two PSEN activations are skipped during each access to External Data Memory While in Reset PSEN remains at a constant high level EA External Access enable EA must be externally pulled low in order to enable the 8XC152 to fetch code from External Program Memory locations 0000H to 0FFFH EA must be connected to VCC for internal program execution XTAL1 Input to the inverting oscillator amplifier and input to the internal clock generating circuits 20 22 39 49 XTAL2 Output from the inverting oscillator amplifier Port 5 Port 5 is an 8-bit bidirectional I O port with internal pullups Port 5 pins that have 1s written to them are pulled high by the internal pullups and in that state can be used as inputs As inputs Port 5 pins that are externally being pulled low will source current (IIL on the data sheet) because of the internal pullups Port 5 is also the multiplexed low-order address and data bus during accesses to external program memory if EBEN is pulled high In this application it uses strong pullups when emitting 1s Port 6 Port 6 is an 8-bit bidirectional I O port with internal pullups Port 6 pins that have 1s written to them are pulled high by the internal pullups and in that state can be used as inputs As inputs Port 6 pins that are externally pulled low will source current (IIL on the data sheet) because of the internal pullups Port 6 emits the high-order address byte during fetches from external Program Memory if EBEN is pulled high In this application it uses strong pullups when emitting 1s EBEN E-Bus Enable input that designates whether program memory fetches take place via Ports 0 and 2 or Ports 5 and 6 Table 1 shows how the ports are used in conjunction with EBEN EPSEN E-bus Program Store Enable is the Read strobe to external program memory when EBEN is high Table 2 shows when EPSEN is used relative to PSEN depending on the status of EBEN and EA
9
13
38
55
37
54
39
56
23 22 NA
32 31 17 21 38 40
NA
67 66 52 57 50 68 1 51
NA
12
NA
53
6
8XC152JA JB JC JD
OSCILLATOR CHARACTERISTICS
XTAL1 and XTAL2 are the input and output respectively of an inverting amplifier which can be configured for use as an on-chip oscillator as shown in Figure 3 To drive the device from an external clock source XTAL1 should be driven while XTAL2 is left unconnected as shown in Figure 4 There are no requirements on the duty cycle of the external clock signal since the input to the internal clocking circuitry is through a divide-by-two flip-flop but minimum and maximum high and low times specified on the Data Sheet must be observed An external oscillator may encounter as much as a 100 pF load at XTAL1 when it starts-up This is due to interaction between the amplifier and its feedback capacitance Once the external signal meets the VIL and VIH specifications the capacitance will not exceed 20 pF
270431 - 6
Figure 4 External Clock Drive
IDLE MODE
In Idle Mode the CPU puts itself to sleep while most of the on-chip peripherals remain active The major peripherals that do not remain active during Idle are the DMA channels The Idle Mode is invoked by software The content of the on-chip RAM and all the Special Function Registers remain unchanged during this mode The Idle Mode can be terminated by any enabled interrupt or by a hardware reset
POWER DOWN MODE
In Power Down Mode the oscillator is stopped and all on-chip functions cease except that the on-chip RAM contents are maintained The mode Power Down is invoked by software The Power Down Mode can be terminated only by a hardware reset
270431 - 5
Figure 3 Using the On-Chip Oscillator Table 3 Status of the External Pins During Idle and Power Down Modes 80C152JA 83C152JA 80C152JC 83C152JC Mode Idle Idle Power Down Power Down Program Memory Internal External Internal External ALE 1 1 0 0 PSEN 1 1 0 0 Port 0 Data Float Data Float Port 1 Data Data Data Data Port 2 Data Address Data Data Port 3 Data Data Data Data Port 4 Data Data Data Data
80C152JB 80C152JD Mode Idle Idle Power Down Power Down Instruction ALE PSEN EPSEN Port 0 Port 1 Bus P0 P2 P5 P6 P0 P2 P5 P6 1 1 0 0 1 1 0 1 1 1 1 0 Float Data Float Data Data Data Data Data Port 2 Address Data Data Data Port 3 Port 4 Port 5 Data Data Data Data Data Data Data Data 0FFH 0FFH 0FFH Port 6 0FFH 0FFH 0FFH
0FFH Address
NOTE For more detailed information on the reduced power modes refer to the Embedded Controller Handbook and Application Note AP-252 ``Designing with the 80C51BH '' Note difference of logic level of PSEN during Power Down for ROM JA JC and ROM emulation mode for JC JD
7
8XC152JA JB JC JD
ABSOLUTE MAXIMUM RATINGS
Ambient Temperature Under Bias Storage Temperature Voltage on Any pin to VSS Voltage on VCC to VSS Power Dissipation 0 C to a 70 C
b 65 C to a 150 C b 0 5V to (VCC a 0 5V) b 0 5V to a 6 5V
NOTICE This data sheet contains preliminary information on new products in production The specifications are subject to change without notice Verify with your local Intel Sales office that you have the latest data sheet before finalizing a design
1 0W(9)
WARNING Stressing the device beyond the ``Absolute Maximum Ratings'' may cause permanent damage These are stress ratings only Operation beyond the ``Operating Conditions'' is not recommended and extended exposure beyond the ``Operating Conditions'' may affect device reliability
D C CHARACTERISTICS
Symbol VIL VIL1 VIH VIH1 VOL VOL1 VOH Parameter Input Low Voltage (All Except EA EBEN) Input Low Voltage (EA EBEN) Input High Voltage (Except XTAL1 RST) Input High Voltage (XTAL1 RST) Output Low Voltage (Ports 1 2 3 4 5 6)
(TA e 0 C to a 70 C VCC e 5V g10% VSS e 0V) Min
b0 5 b0 5
Typ (Note 3)
Max 0 2VCC b 0 1 0 2VCC b 0 3 VCC a 0 5 VCC a 0 5 0 45 0 45
Unit V V V V V V V V V V
Test Conditions
0 2VCC a 0 9 0 7VCC
IOL e 1 6 mA (Note 4) IOL e 3 2 mA (Note 4) IOH e b 60 mA VCC e 5V g10% IOH e b 10 mA IOH e b 400 mA VCC e 5V g10% IOH e b 40 mA (Note 5) VIN e 0 45V VIN e 2V
Output Low Voltage (Port 0 ALE PSEN EPSEN) Output High Voltage (Ports 1 2 3 4 5 6 COMM9 ALE PSEN EPSEN) Output High Voltage (Port 0 in External Bus Mode) Logical 0 Input Current (Ports 1 2 3 4 5 6) Logical 1 to 0 Transition Current (Ports 1 2 3 4 5 6) Input Leakage (Port 0 EA) Reset Pullup Resistor Logical 1 Input Current (EBEN) Power Supply Current Active (16 5 MHz) Idle (16 5 MHz) Power Down Mode 31 8 10 40 24 0 9VCC 24 0 9VCC
VOH1
IIL ITL
b 50 b 650
mA mA
ILI RRST IIH ICC
g10
mA kX
0 45 k VIN k VCC
a 60
mA mA (Note 6) mA (Note 6) mA VCC e 2 0V to 5 5V
41 1 15 4
8
8XC152JA JB JC JD
MAX Icc (ACTIVE) e (2 24 c FREQ) a 4 16 (Note 6) MAX Icc (IDLE) e (0 8 c FREQ) a 2 2 (Note 6)
270431 - 7
Figure 5 ICC vs Frequency
EXPLANATION OF THE AC SYMBOLS
Each timing symbol has 5 characters The first character is always a `T' (stands for time) The other characters depending on their positions stand for the name of a signal or the logical status of that signal The following is a list of all the characters and what they stand for A Address C Clock D Input data H Logic level HIGH I Instruction (program memory contents) L Logic level LOW or ALE
P Q R T V W X Z
PSEN Output data READ signal Time Valid WRITE signal No longer a valid logic level Float
For example TAVLL e Time for Address Valid to ALE Low TLLPL e Time for ALE Low to PSEN Low
9
8XC152JA JB JC JD
A C CHARACTERISTICS
(TA e 0 C to a 70 C VCC e 5V g10% VSS e 0V Load Capacitance for Port 0 ALE and PSEN e 100 pF Load Capacitance for All Other Outputs e 80 pF) (Note 7 10) Unit MHz
EXTERNAL PROGRAM AND DATA MEMORY CHARACTERISTICS
Symbol 1 TCLCL Parameter Oscillator Frequency 80C152JA JC 83C152JA JC 80C152JB JD 80C152JA JC-1 83C152JA JC-1 80C152JB JD-1 ALE Pulse Width Address Valid to ALE Low Address Hold After ALE Low ALE Low to Valid Instruction In ALE Low to PSEN Low PSEN Pulse Width PSEN Low to Valid Instruction In Input Instruction Hold After PSEN Input Instruction Float After PSEN Address to Valid Instruction In PSEN Low to Address Float RD Pulse Width WR Pulse Width RD Low to Valid Data In Data Hold After RD Data Float After RD ALE Low to Valid Data In Address to Valid Data In ALE Low to RD or WR Low Address to RD or WR Low Data Valid to WR Transition Data Hold After WR RD Low to Address Float RD or WR High to ALE High 16 5 MHz Min Max
Variable Oscillator Min Max 35 12
35
16 5
MHz
TLHLL TAVLL TLLAX TLLIV TLLPL TPLPH TPLIV TPXIX TPXIZ TAVIV TPLAZ TRLRH TWLWH TRLDV TRHDX TRHDZ TLLDV TAVDV TLLWL TAVWL TQVWX(8) TWHQX TRLAZ TWHLH
81 5 25 142 20 137 77 0 35 198 10 263 263 138 0 51 335 380 132 112 196 10 0 20 100 232
2TCLCL-40 TCLCL-55 TCLCL-35 4TCLCL-100 TCLCL-40 3TCLCL-45 3TCLCL-105 0 TCLCL-25 5TCLCL-105 10 6TCLCL-100 6TCLCL-100 5TCLCL-165 0 2TCLCL-70 8TCLCL-150 9TCLCL-165 3TCLCL-50 4TCLCL-130 6TCLCL-167 TCLCL-50 0 TCLCL-40 TCLCL a 40 3TCLCL a 50
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
10
8XC152JA JB JC JD
EXTERNAL PROGRAM MEMORY READ CYCLE
270431 - 8
EXTERNAL DATA MEMORY READ CYCLE
270431 - 9
11
8XC152JA JB JC JD
EXTERNAL DATA MEMORY WRITE CYCLE
270431 - 10
EXTERNAL CLOCK DRIVE
Symbol 1 TCLCL TCHCX TCLCX TCLCH TCHCL Parameter Oscillator Frequency High Time Low Time Rise Time Fall Time Min 35 20 20 20 20 Max 16 5 Units MHz ns ns ns ns
EXTERNAL CLOCK DRIVE WAVEFORM
270431 - 11
12
8XC152JA JB JC JD
LOCAL SERIAL CHANNEL TIMING
Symbol TXLXL TQVXH TXHQX TXHDX TXHDV Parameter Serial Port Clock Cycle Time Output Data Setup to Clock Rising Edge Output Data Hold After Clock Rising Edge Input Data Hold After Clock Rising Edge Clock Rising Edge to Input Data Valid Min 727 473 4 0
SHIFT REGISTER MODE
Variable Oscillator Min 12TCLCL 10TCLCL-133 2TCLCL-117 0 473 10TCLCL-133 Max ns ns ns ns ns Units Max
16 5 MHz
SHIFT REGISTER MODE TIMING WAVEFORMS
270431 - 12
A C TESTING
INPUT OUTPUT WAVEFORMS FLOAT WAVEFORM
270431 - 13 AC Inputs During Testing are Driven at VCC b 0 5 for a Logic ``1'' and 0 45V for a Logic ``0'' Timing Measurements are made at VIH Min for a Logic ``1'' and VIL Max for a Logic ``0''
270431 - 14 For Timing Purposes a Port Pin is no Longer Floating when a 100 mV change from Load Voltage Occurs and Begins to Float when a 100 mV change from the Loaded VOH VOL Level occurs IOL IOH t g20 mA
13
8XC152JA JB JC JD
GLOBAL SERIAL PORT TIMINGS
Symbol HBTJR Parameter Allowable jitter on the Receiver for bit time (Manchester encoding only) Allowable jitter on the Receiver for one full bit time (NRZI and Manchester) Jitter of data from Transmitter for bit time (Manchester encoding only) Jitter of data from Transmitter for one full bit time (NRZI and Manchester) Data rise time for Receiver(11) Data fall time for Receiver(12)
Internal Baud Rate Generator
Variable Oscillator Min Max (0 125 c (BAUD a 1) c 8TCLCL) b 25 ns (0 25 c (BAUD a 1) c 8TCLCL) b 25 ns
g10
16 5 MHz (BAUD e 0) Min Max 0 0375
Unit ms
FBTJR
0 10
ms
HBTJT
g10
ns
FBTJT
g10
g10
ns
DRTR DFTR
20 20
20 20
ns ns
GSC RECEIVER TIMINGS (INTERNAL BAUD RATE GENERATOR)
270431 - 15
14
8XC152JA JB JC JD
GSC TRANSMIT TIMINGS (INTERNAL BAUD RATE GENERATOR)
270431 - 16
GLOBAL SERIAL PORT TIMINGS
Symbol 1 ECBT ECH ECL(13) ECRT ECFT ECDVT Parameter GSC Frequency with an External Clock External Clock High External Clock Low External Clock Rise Time(11) External Clock Fall Time(12) External Clock to Data Valid Out - Transmit (to External Clock Negative Edge) External Clock Data Hold - Transmit (to External Clock Negative Edge) External Clock Data Set-up - Receiver (to External Clock Positive Edge) External Clock to Data Hold - Receiver (to External Clock Positive Edge)
External Clock
16 5 MHz Min Max 24 170 170 20 20 Variable Oscillator Min 0 009 2TCLCL a 45 ns 2TCLCL a 45 ns 20 20 Max FOSC c 0 145 MHz ns ns ns ns ns 150 150 Unit
ECDHT
ns 0 0
ECDSR
45
45
ns
ECDHR
50
50
ns
15
8XC152JA JB JC JD
GSC TIMINGS (EXTERNAL CLOCK)
270431 - 17
NOTES 1 N C pins on PLCC package may be connected to internal die and should not be used in customer applications 2 It is recommended that both Pin 3 and Pin 33 be grounded for PLCC devices 3 ``Typicals'' are based on samples taken from early manufacturing lots and are not guaranteed The measurements were made with VCC e 5V at room temperature 4 Capacitive loading on Ports 0 and 2 may cause spurious noise pulses to be superimposed on the VOLs of ALE and Ports 1 and 3 The noise is due to external bus capacitance discharging into the Port 0 and Port 2 pins when these pins make 1to-0 transitions during bus operations In the worst cases (capacitive loading l 100 pF) the noise pulse on the ALE pin may exceed 0 8V In such cases it may be desirable to qualify ALE with a Schmitt Trigger or use an address latch with a Schmitt Trigger STROBE input 5 Capacitive loading on Ports 0 and 2 may cause the VOH on ALE and PSEN to momentarily fall below the 0 9VCC specification when the address bits are stabilizing 6 ICC is measured with all output pins disconnected XTAL1 driven with TCLCH TCHCL e 5 ns VIL e VSS a 0 5V VIH e VCC b 0 5V XTAL2 N C Port 0 pins connected to VCC ``Operating'' current is measured with EA connected to VCC and RST connected to VSS ``Idle'' current is measured with EA connected to VSS RST connected to VCC and GSC inactive 7 The specifications relating to external data memory characteristics are also applicable to DMA operations 8 TQVWX should not be confused with TQVWX as specified for 80C51BH On 80C152 TQVWX is measured from data valid to rising edge of WR On 80C51BH TQVWX is measured from data valid to falling edge of WR See timing diagrams 9 This value is based on the maximum allowable die temperature and the thermal resistance of the package 10 All specifications relating to external program memory characteristics are applicable to EPSEN for PSEN Port 5 for Port 0 Port 6 for Port 2 when EBEN is at a Logical 1 on the 80C152JB JD 11 Same as TCLCH use External Clock Drive Waveform 12 Same as TCHCL use External Clock Drive Waveform 13 When using the same external clock to drive both the receiver and transmitter the minimum ECL spec effectively becomes 195 ns at all frequencies (assuming 0 ns propagation delay) because ECDVT (150 ns) plus ECDSR (45 ns) requirements must also be met (150 a 45 e 195 ns) The 195 ns requirement would also increase to include the maximum propagation delay between receivers and transmitters
16
8XC152JA JB JC JD
DESIGN NOTES
Within the 8XC152 there exists a race condition that may set both the RDN and AE bits at the end of a valid reception This will not cause a problem in the application as long as the following steps are followed Never give the receive error interrupt a higher priority than the valid reception interrupt Do not leave the valid reception interrupt service routine when AE is set by using a RETI instruction until AE is cleared To clear AE set the GREN bit this enables the receiver If the user desires that the receiver remain disabled clear GREN after setting it before leaving the interrupt service routine If the AE bit is checked by user software in response to a valid reception interrupt the status of AE should be considered invalid The race condition is dependent upon both the temperature that the device is currently operating at and the processing the device received during the wafer fabrication When the idle mode is terminated by a hardware reset the device normally resumes program execution from where it left off up to two machine cycles before the internal reset algorithm takes control On-chip hardware inhibits access to internal RAM in this event but access to the port pins is not inhibited To eliminate the possibility of an unexpected write when Idle is terminated by reset the instruction following the one that invokes Idle should not be one that writes to a port pin or to external memory
DATA SHEET REVISION SUMMARY
The following represent the key differences between the ``-003'' and the ``-002'' version of the 80C152 83C152 data sheet Please review this summary carefully 1 Removed minimum GSC frequency spec when used with an external clock 2 Change figure ``External Program Memory Read Cycle'' to show Port 0 Port 5 address floating after PSEN goes low 3 Added design note on terminating idle with reset 4 Added status of PSEN during Power Down mode to Table 3 5 Moved all notes to back of data sheet 6 Changed microcomputer to microcontroller 7 Added External Oscillator start-up capacitance note The following represent the key differences between the ``-002'' and the ``-001'' version of the 80C152 83C152 data sheet Please review this summary carefully 1 Status of data sheet changed from ``ADVANCED'' to ``PRELIMINARY'' 2 80C152JC 83C152JC and 80C152JD were added 3 Added AE RDN design note 4 This revision summary was added 5 Note 13 was added (Effective ECL spec at higher clock rates) 6 Table 2 changed to Table 3 (Status of pins during Idle Power Down) 7 Current Table 2 was added (JA vs JB vs JC vs JD matrix) 8 Transmit jitter spec changed from g35 ns and g70 ns to g10 ns
17


▲Up To Search▲   

 
Price & Availability of 8XC152JA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X