Part Number Hot Search : 
NTE5246A SOD1F2 HZ4C3 LN251RPP C1200 70030 MBR1090 02100
Product Description
Full Text Search
 

To Download 632P103X5050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 632P
Vishay Sprague
Film Capacitors Metalized Polycarbonate, Wrap-and-Fill
FEATURES
* Superior performance * High efficiency * High stability * High reliability * Rugged construction * Small size
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55C to + 125C. Capacitance Range: 0.001F to 10.0F. Capacitance Tolerance: 10%, 5%, 2%. DC Voltage Rating: 50 WVDC to 400 WVDC. AC Voltage Rating: See AC Voltage Rating table. Dissipation Factor: 0.25% maximum. Voltage Test: 200% of rated voltage for 1 minute. Insulation Resistance: At + 25C: 50,000 Megohm - Microfarads, or 100,000 Megohm minimum. At + 85C: 2,000 Megohm - Microfarads, or 4000 Megohm minimum. At + 125C: 250 Megohm - Microfarads or 500 Megohm minimum Vibration Test (Condition D): No mechanical damage. No short, open or intermittent circuits.
DC Life Test: 140% of rated voltage for 250 hours @ + 125C. No open or short circuits. No visible damage. Maximum CAP 5%. Minimum IR = 30% of initial limit. Maximum DF = 0.5%. Humidity Test: 95% relative humidity @ + 40C for 240 hours. No visible damage. Maximum CAP 5%. Minimum IR = 50% of initial limit. Maximum DF = 0.5%.
PHYSICAL CHARACTERISTICS
Lead Pull: 5 pounds (2.3 kilograms) for one minute. No physical damage. Lead Bend: After three complete consecutive bends, no damage. Marking: Sprague(R) trademark, type or part number, capacitance and voltage.
DIMENSIONS in inches [millimeters]
1.625 [41.27] Min.
L
0.040 [1.02]
1.625 [41.27] Min.
D Max.
Solid Tinned Wire*
* Leads to be within 0.062" [1.57mm] of center line at egress but not less than 0.031" [0.79mm] from edge.
AC VOLTAGE RATING (- 55C to + 105C Ambient)
EQUIVALENT VAC rms RATINGS @ DC VOLTAGE RATING 50 100 200 400 (0.33F through 5.6F) (6.8F through 10.0F) (0.15F through 5.0F) (6.8F through 12.0F) (0.056F through 2.0F) (2.2F through 5.0F) (0.022F through 1.2F) (1.5F through 2.0F) 400Hz 25.0 20.0 65.0 40.0 120.0 95.0 200.0 165.0 800Hz 20.0 18.0 45.0 30.0 85.0 65.0 140.0 110.0 1200Hz 15.0 12.0 35.0 25.0 65.0 55.0 115.0 90.0 1600Hz 12.0 10.0 30.0 20.0 55.0 45.0 100.0 80.0 2000Hz 10.0 8.0 25.0 18.0 50.0 40.0 90.0 70.0
Document Number: 42028 Revision 04-Dec-03
For technical questions, contact spresale@vishay.com
www.vishay.com 83
Type 632P
Vishay Sprague
STANDARD RATINGS in inches [millimeters]
CAPACITANCE (F) 0.01* 0.012 0.015 0.018 0.02 0.022* 0.027 0.033* 0.039 0.047* 0.056 0.068 0.082 0.10* 0.12 0.15* 0.18 0.2 0.22* 0.27 0.33* 0.39 0.47* 0.50 0.56 0.68* 0.82 1.0* 1.2 1.5* 1.8 2.0* 2.2* 2.7 3.0 3.3 3.9 4.7* 5.0 5.6 6.0 6.8 8.0 10.0* CASE SIZE PART NUMBER** 632P103X9050 632P123X9050 632P153X9050 632P183X9050 632P203X9050 632P223X9050 632P273X9050 632P333X9050 632P393X9050 632P473X9050 632P563X9050 632P683X9050 632P823X9050 632P104X9050 632P124X9050 632P154X9050 632P184X9050 632P204X9050 632P224X9050 632P274X9050 632P334X9050 632P394X9050 632P474X9050 632P504X9050 632P564X9050 632P684X9050 632P824X9050 632P105X9050 632P125X9050 632P155X9050 632P185X9050 632P205X9050 632P225X9050 632P275X9050 632P305X9050 632P335X9050 632P395X9050 632P475X9050 632P505X9050 632P565X9050 632P605X9050 632P685X9050 632P825X9050 632P106X9050 D 50 WVDC 0.170 [4.32] 0.170 [4.32] 0.170 [4.32] 0.170 [4.32] 0.170 [4.32] 0.170 [4.32] 0.170 [4.32] 0.170 [4.32] 0.170 [4.32] 0.170 [4.32] 0.170 [4.32] 0.170 [4.32] 0.170 [4.32] 0.190 [4.83] 0.190 [4.83] 0.230 [5.84] 0.230 [5.84] 0.230 [5.84] 0.230 [5.84] 0.230 [5.84] 0.250 [6.35] 0.250 [6.35] 0.310 [7.87] 0.310 [7.87] 0.310 [7.87] 0.310 [7.87] 0.270 [6.86] 0.310 [7.87] 0.350 [8.89] 0.350 [8.89] 0.370 [9.40] 0.400 [10.16] 0.400 [10.16] 0.400 [10.16] 0.400 [10.16] 0.400 [10.16] 0.400 [10.16] 0.450 [11.43] 0.500 [12.70] 0.550 [13.97] 0.550 [13.97] 0.600 [15.24] 0.550 [12.70] 0.600 [15.24] L 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.560 [14.22] 0.560 [14.22] 0.560 [14.22] 0.560 [14.22] 0.440 [11.18] 0.560 [14.22] 0.560 [14.22] 0.560 [14.22] 0.560 [14.22] 0.560 [14.22] 0.560 [14.22] 0.560 [14.22] 0.560 [14.22] 0.560 [14.22] 0.560 [14.22] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 1.000 [25.40] 1.000 [25.40] 1.000 [25.40] 1.250 [31.75] 1.250 [31.75] 1.250 [31.75] 1.000 [25.40] 1.000 [25.40] 1.000 [25.40] 1.310 [33.27] 1.310 [33.27] LEAD AWG NO. 24 24 24 24 24 24 24 24 24 24 24 24 24 24 24 22 22 22 22 22 22 22 22 22 22 22 22 22 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20
* These ratings are stocked. ** Part Numbers listed are for a capacitance tolerance of 10%. To specify 5% tolerance, change the "X9" in the Part Number to "X5"; for 2%, from "X9" to "X2". www.vishay.com 84 For technical questions, contact spresale@vishay.com Document Number: 42028 Revision 04-Dec-03
Type 632P
Vishay Sprague
STANDARD RATINGS in inches [millimeters]
CAPACITANCE (F) 0.01 0.012 0.015 0.018 0.02 0.022 0.027 0.033 0.039 0.047 0.050 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.20 0.22 0.27 0.33 0.39 0.47 0.50 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.0 2.2 2.7 3.0 3.3 3.9 4.7 5.0 0.001 0.0012 0.0015 0.0018 0.002 0.0022 0.0027 0.0033 0.0039 0.0047 0.005 0.0056 0.0068 0.0082 CASE SIZE PART NUMBER* 632P103X9100 632P123X9100 632P153X9100 632P183X9100 632P203X9100 632P223X9100 632P273X9100 632P333X9100 632P393X9100 632P473X9100 632P503X9100 632P563X9100 632P683X9100 632P823X9100 632P104X9100 632P124X9100 632P154X9100 632P184X9100 632P204X9100 632P224X9100 632P274X9100 632P334X9100 632P394X9100 632P474X9100 632P504X9100 632P564X9100 632P684X9100 632P824X9100 632P105X9100 632P125X9100 632P155X9100 632P185X9100 632P205X9100 632P225X9100 632P275X9100 632P305X9100 632P335X9100 632P395X9100 632P475X9100 632P505X9100 632P102X9200 632P122X9200 632P152X9200 632P182X9200 632P202X9200 632P222X9200 632P272X9200 632P332X9200 632P392X9200 632P472X9200 632P502X9200 632P562X9200 632P682X9200 632P822X9200 D 100 WVDC 0.170 [4.32] 0.170 [4.32] 0.170 [4.32] 0.190 [4.83] 0.190 [4.83] 0.190 [4.83] 0.190 [4.83] 0.190 [4.83] 0.170 [4.32] 0.190 [4.83] 0.190 [4.83] 0.190 [4.83] 0.230 [5.84] 0.230 [5.84] 0.230 [5.84] 0.230 [5.84] 0.310 [7.87] 0.230 [5.84] 0.230 [5.84] 0.250 [6.35] 0.310 [7.87] 0.310 [7.87] 0.310 [7.87] 0.370 [9.40] 0.370 [9.40] 0.370 [9.40] 0.400 [10.16] 0.370 [9.40] 0.400 [10.16] 0.400 [10.16] 0.450 [11.43] 0.450 [11.43] 0.450 [11.43] 0.500 [12.70] 0.500 [12.70] 0.500 [12.70] 0.450 [11.43] 0.500 [12.70] 0.600 [15.24] 0.600 [15.24] 200 WVDC 0.170 [4.32] 0.170 [4.32] 0.170 [4.32] 0.170 [4.32] 0.170 [4.32] 0.170 [4.32] 0.170 [4.32] 0.170 [4.32] 0.170 [4.32] 0.170 [4.32] 0.170 [4.32] 0.170 [4.32] 0.170 [4.32] 0.170 [4.32] L 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.560 [14.22] 0.560 [14.22] 0.560 [14.22] 0.560 [14.22] 0.560 [14.22] 0.560 [14.22] 0.560 [14.22] 0.560 [14.22] 0.560 [14.22] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 1.000 [25.40] 1.000 [25.40] 1.000 [25.40] 1.000 [25.40] 1.000 [25.40] 1.000 [25.40] 1.000 [25.40] 1.250 [31.79] 1.250 [31.79] 1.500 [38.10] 1.500 [38.10] 1.310 [33.27] 1.310 [33.27] 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] 0.440 [11.18] LEAD AWG NO. 24 24 24 24 24 24 24 24 24 24 24 24 22 22 22 22 22 22 22 22 22 22 22 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 24 24 24 24 24 24 24 24 24 24 24 24 24 24
* Part Numbers listed are for a capacitance tolerance of 10%. To specify 5% tolerance, change the "X9" in the Part Number to "X5"; for 2%, from "X9" to "X2". Document Number: 42028 Revision 04-Dec-03 For technical questions, contact spresale@vishay.com www.vishay.com 85
Type 632P
Vishay Sprague
STANDARD RATINGS in inches [millimeters]
CASE SIZE LEAD L AWG NO. D 200 WVDC 0.01 632P103X9200 0.190 [4.83] 0.560 [14.22] 24 0.012 632P123X9200 0.190 [4.83] 0.560 [14.22] 24 0.015 632P153X9200 0.190 [4.83] 0.560 [14.22] 24 0.018 632P183X9200 0.190 [4.83] 0.560 [14.22] 24 0.02 632P203X9200 0.190 [4.83] 0.560 [14.22] 24 0.022 632P223X9200 0.190 [4.83] 0.560 [14.22] 24 0.027 632P273X9200 0.230 [5.84] 0.560 [14.22] 22 0.033 632P333X9200 0.230 [5.84] 0.560 [14.22] 22 0.039 632P393X9200 0.230 [5.84] 0.560 [14.22] 22 0.047 632P473X9200 0.230 [5.84] 0.560 [14.22] 22 0.05 632P503X9200 0.250 [6.35] 0.560 [14.22] 22 0.056 632P563X9200 0.270 [6.86] 0.560 [14.22] 22 0.068 632P683X9200 0.270 [6.86] 0.560 [14.22] 22 0.082 632P823X9200 0.310 [7.87] 0.560 [14.22] 22 0.10 632P104X9200 0.310 [7.87] 0.560 [14.22] 22 0.12 632P124X9200 0.270 [6.86] 0.750 [19.05] 22 0.15 632P154X9200 0.310 [7.87] 0.750 [19.05] 22 0.18 632P184X9200 0.310 [7.87] 0.750 [19.05] 22 0.20 632P204X9200 0.350 [8.89] 0.750 [19.05] 20 0.22 632P224X9200 0.350 [8.89] 0.750 [19.05] 20 0.27 632P274X9200 0.350 [8.89] 1.000 [25.40] 20 0.33 632P334X9200 0.370 [9.40] 1.000 [25.40] 20 0.39 632P394X9200 0.400 [10.16] 1.000 [25.40] 20 0.47 632P474X9200 0.400 [10.16] 1.000 [25.40] 20 0.50 632P504X9200 0.400 [10.16] 1.000 [25.40] 20 0.56 632P564X9200 0.450 [11.43] 1.000 [25.40] 20 0.68 632P684X9200 0.450 [11.43] 1.000 [25.40] 20 0.82 632P824X9200 0.500 [12.70] 1.000 [25.40] 20 1.0 632P105X9200 0.550 [13.97] 1.000 [25.40] 20 1.2 632P125X9200 0.500 [12.70] 1.250 [31.75] 20 1.5 632P155X9200 0.500 [12.70] 1.250 [31.75] 20 1.8 632P185X9200 0.500 [12.70] 1.810 [45.97] 20 2.0 632P205X9200 0.550 [13.97] 1.810 [45.97] 20 2.2 632P225X9200 0.550 [13.97] 1.810 [45.97] 20 2.7 632P275X9200 0.650 [16.51] 1.560 [39.62] 20 3.0 632P305X9200 0.700 [17.78] 1.560 [39.62] 20 3.3 632P335X9200 0.700 [17.78] 1.810 [45.97] 20 4.0 632P405X9200 0.750 [19.05] 1.810 [45.97] 20 4.7 632P475X9200 0.750 [19.05] 2.060 [52.32] 20 5.0 632P505X9200 0.750 [19.05] 20 2.060 [52.32] 400 WVDC 0.001 632P102X9400 24 0.190 [4.83] 0.440 [11.18] 0.0012 632P122X9400 0.440 [11.18] 24 0.190 [4.83] 0.0015 632P152X9400 0.190 [4.83] 0.440 [11.18] 24 0.0018 632P182X9400 0.190 [4.83] 0.440 [11.18] 24 0.002 632P202X9400 0.190 [4.83] 0.440 [11.18] 24 0.0022 632P222X9400 24 0.190 [4.83] 0.440 [11.18] 0.0033 632P332X9400 0.440 [11.18] 22 0.230 [5.84] 0.0039 632P392X9400 0.230 [5.84] 0.440 [11.18] 22 0.0047 632P472X9400 0.230 [5.84] 0.440 [11.18] 22 0.005 632P502X9400 22 0.230 [5.84] 0.440 [11.18] 0.0056 632P562X9400 22 0.230 [5.84] 0.440 [11.18] 0.0068 632P682X9400 0.560 [14.22] 22 0.230 [5.84] 0.0082 632P822X9400 0.230 [5.84] 0.560 [14.22] 22 0.01 632P103X9400 0.230 [5.84] 0.560 [14.22] 22 * Part Numbers listed are for a capacitance tolerance of 10%. To specify 5% tolerance, change the "X9" in the Part Number to "X5"; for 2%, from "X9" to "X2". CAPACITANCE (F) PART NUMBER* www.vishay.com 86 For technical questions, contact spresale@vishay.com Document Number: 42028 Revision 04-Dec-03
Type 632P
Vishay Sprague
STANDARD RATINGS in inches [millimeters]
CAPACITANCE (F) CASE SIZE PART NUMBER* D 400 WVDC 0.012 0.015 0.018 0.02 0.022 0.027 0.033 0.039 0.047 0.050 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.20 0.22 0.27 0.33 0.39 0.47 0.50 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.0 632P123X9400 632P153X9400 632P183X9400 632P203X9400 632P223X9400 632P273X9400 632P333X9400 632P393X9400 632P473X9400 632P503X9400 632P563X9400 632P683X9400 632P823X9400 632P104X9400 632P124X9400 632P154X9400 632P184X9400 632P204X9400 632P224X9400 632P274X9400 632P334X9400 632P394X9400 632P474X9400 632P504X9400 632P564X9400 632P684X9400 632P824X9400 632P105X9400 632P125X9400 632P155X9400 632P185X9400 632P205X9400 0.250 [6.35] 0.230 [5.84] 0.270 [6.86] 0.310 [7.87] 0.310 [7.87] 0.310 [7.87] 0.310 [7.87] 0.310 [7.87] 0.400 [10.16] 0.400 [10.16] 0.400 [10.16] 0.400 [10.16] 0.370 [9.40] 0.400 [10.16] 0.400 [10.16] 0.400 [10.16] 0.450 [11.43] 0.500 [12.70] 0.500 [12.70] 0.550 [13.97] 0.550 [13.97] 0.500 [12.70] 0.550 [13.97] 0.550 [13.97] 0.600 [15.24] 0.650 [16.51] 0.700 [17.78] 0.750 [19.05] 0.900 [22.86] 0.900 [22.86] 0.950 [24.13] 1.000 [25.40] 0.560 [14.22] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 0.750 [19.05] 1.000 [25.40] 1.000 [25.40] 1.000 [25.40] 1.250 [31.75] 1.250 [31.75] 1.250 [31.75] 1.250 [31.75] 1.310 [33.27] 1.310 [33.27] 1.810 [45.97] 1.810 [45.97] 1.810 [45.97] 1.810 [45.97] 1.810 [45.97] 1.810 [45.97] 1.810 [45.97] 1.810 [45.97] 2.310 [58.70] 2.310 [58.70] 2.310 [58.70] 22 22 22 22 22 22 22 22 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 L LEAD AWG NO.
* Part numbers listed are for a capacitance tolerance of 10%. To specify 5% tolerance, change the "X9" in the Part Number to "X5"; for 2%, from "X9" to "X2."
ORDERING INFORMATION
632P TYPE 103 CAPACITANCE This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow. Values must conform to the decade rating for the tolerance specified. X9 CAPACITANCE TOLERANCE X9 = 10% X5 = 5% X2 = 2% 050 DC VOLTAGE RATING This is expressed in volts.
BECAUSE OF A WORLDWIDE SHORTAGE OF METALIZED POLYCARBONATE FILM, CERTAIN PART NUMBERS IN THE 632P SERIES MAY NOT BE AVAILABLE. PLEASE CHECK THE FACTORY FOR AVAILABILITY. Document Number: 42028 Revision 04-Dec-03 For technical questions, contact spresale@vishay.com www.vishay.com 87


▲Up To Search▲   

 
Price & Availability of 632P103X5050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X