Part Number Hot Search : 
2N4240 2000A 2N3767 SMCG24 2MUV0 1206B 2CL82 2000A
Product Description
Full Text Search
 

To Download 2SC3890 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC3890
Silicon NPN Triple Diffused Planar Transistor (High Voltage and High Speed Switchihg Transistor) sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SC3890 500 400 10 7(Pulse14) 2 30(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
Application : Switching Regulator and General Purpose External Dimensions FM20(TO220F)
4.00.2 10.10.2 4.20.2 2.8 c0.5
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) VBE(sat) fT COB Conditions VCB=500V VEB=10V IC=25mA VCE=4V, IC=3A IC=3A, IB=0.6A IC=3A, IB=0.6A VCE=12V, IE=-0.5A VCB=10V, f=1MHz 100max 100max 400min 10 to 30 0.5max 1.3max 10typ 50typ
(Ta=25C) 2SC3890 Unit
A
V V V MHz pF
13.0min 16.90.3 8.40.2
A
1.350.15 1.350.15 0.85 +0.2 -0.1 0.45 +0.2 -0.1 2.54 2.20.2 2.40.2
sTypical Switching Characteristics (Common Emitter)
VCC (V) 200 RL () 66 IC (A) 3 VBB1 (V) 10 VBB2 (V) -5 IB1 (A) 0.3 IB2 (A) -0.6 ton (s) 1max tstg (s) 3max tf (s) 0.5max
2.54
3.9 BCE
IC - VCE Characteristics (Typical)
7
VCE(sat),VBE(sat) - IC Temperature Characteristics (Typical)
Collector-Emitter Saturation Voltage V CE(s a t)( V ) Base-Emitter Saturation Voltage V B E (s a t)( V ) (IC/IB=5)
I C - V BE Temperature Characteristics (Typical)
7 (VCE=4V)
6
800
mA
A 600m
6 Collector Current I C (A) V B E( sat) 1
-55C (Cas e Temp)
mp)
)
as e 2 5 Tem p) C
I B=
40 0m A
Collector Current I C (A)
300 mA
4
200 mA
Tem
p)
e Te 25C (Cas
125C (Case
4
) emp se T 25C (Ca
0.2
0.80.2
a b
o3.30.2
Weight : Approx 2.0g a. Type No. b. Lot No.
Temp
125
C
2
2
12
5
C
VCE(sat) 0 0.02 0.05 0.1 0.5 1
-5
5
C
0
0
1
2
3
4
57
0
0
0.2
0.4
0.6
0.8
-55C
(C
(Cas
100mA
(Ca
e Te
se
mp)
1.0
1.2
Collector-Emitter Voltage V C E( V)
Collector Current I C (A)
Base-Emittor Voltage V B E( V)
(V C E= 4V) 70 DC Cur rent Gain h FE 50
j - a( C/W)
hFE - IC Characteristics (Typical)
t o n*t s t g *t f( s)
7 5
t on *t stg * t f - I C Characteristics (Typical)
j-a - t Characteristics
5
Typ
V C C 200V IC:IB1:I B 2= 10:1:-2 1 0.5
t s tg
Transient Thermal Resistance
Switching T im e
1
t on
10 7 0.02 0.05 0.1 0.5 1 5 7
0.5 0.3
tf 0.1 0.2 0.5 1 5 7
1
10 Time t(ms)
100
1000
Collector Current I C( A)
Collector Current I C( A)
Safe Operating Area (Single Pulse)
20 10 5 Co lle ctor Cu rre nt I C( A) Collector Curre nt I C( A)
10
Reverse Bias Safe Operating Area
20 10 30
P c - T a Derating
0
s
5
M aximu m Power D issi pation P C( W)
W ith
20
In fin ite he at si
1 Without Heatsink Natural Cooling
1 Without Heatsink Natural Cooling L=3mH -IB2=1A Duty:less than 1%
nk
0.5
0.5
10
Without Heatsink 2 0.1 5 10 50 100 500 Collector-Emitter Voltage V C E( V) 0.1 5 10 50 100 500 0 0 25 50 75 100 125 150
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
81


▲Up To Search▲   

 
Price & Availability of 2SC3890

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X