Part Number Hot Search : 
BZX97C11 SR400CD A1314BS2 TS7909 F9033 00268 BZX97C11 CT1506R
Product Description
Full Text Search
 

To Download 2SC3872 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SC3872
Silicon NPN triple diffusion planar type
For high breakdown voltage high-speed switching
Unit: mm
q q q q
16.20.5 12.5 3.5 Solder Dip
High-speed switching High collector to base voltage VCBO Wide area of safe operation (ASO) Full-pack package which can be installed to the heat sink with one screw (TC=25C)
Ratings 500 500 400 7 20 10 5 70 3 150 -55 to +150 Unit V V V V A A A W C C
0.7
s Features
15.00.3 11.00.2
5.00.2 3.2
21.00.5 15.00.2
3.20.1
2.00.2 2.00.1 1.10.1 5.450.3 10.90.5 1 2 3 0.60.2
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Base current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature Symbol VCBO VCES VCEO VEBO ICP IC IB PC Tj Tstg
1:Base 2:Collector 3:Emitter TOP-3 Full Pack Package(a)
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time
(TC=25C)
Symbol ICBO IEBO VCEO hFE1 hFE2 VCE(sat) VBE(sat) fT ton tstg tf Conditions VCB = 500V, IE = 0 VEB = 5V, IC = 0 IC = 10mA, IB = 0 VCE = 5V, IC = 0.1A VCE = 5V, IC = 5A IC = 5A, IB = 1A IC = 5A, IB = 1A VCE = 10V, IC = 0.5A, f = 10MHz IC = 5A, IB1 = 1A, IB2 = -2A, VCC = 150V 25 0.7 2 0.3 400 15 8 1 1.5 V V MHz s s s min typ max 100 100 Unit A A V
1
Power Transistors
PC -- Ta
80 10 (1) (1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) Without heat sink (PC=3.0W) IB=1000mA 8 TC=25C
2SC3872
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
100 IC/IB=5 30 10 3 1 25C 0.3 0.1 0.03 0.01 0.01 0.03 -25C TC=100C
VCE(sat) -- IC
Collector power dissipation PC (W)
70 60 50 40 30 20 10
Collector current IC (A)
600mA 500mA 450mA 400mA 350mA 300mA 250mA 200mA 150mA
6
4
(2)
2
100mA 50mA
(3) 0 0 20 40 60 80 100 120 140 160 0 0 2 4 6 8 10 12
0.1
0.3
1
3
10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
100 10000 IC/IB=5
hFE -- IC
1000 VCE=5V 300 100 30 10 3 1 0.3 0.1 0.01 0.03
fT -- IC
VCE=10V f=10MHz TC=25C
Base to emitter saturation voltage VBE(sat) (V)
Forward current transfer ratio hFE
10 3 1 0.3 0.1 0.03 0.01 0.01 0.03 25C 100C TC=-25C
1000 300 100 TC=100C 30 10 3 1 0.01 0.03 -25C 25C
0.1
0.3
1
3
10
0.1
0.3
1
3
10
Transition frequency fT (MHz)
30
3000
0.1
0.3
1
3
10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Cob -- VCB
10000 100 IE=0 f=1MHz TC=25C 30
ton, tstg, tf -- IC
Pulsed tw=1ms Duty cycle=1% IC/IB=5 (2IB1=-IB2) VCC=200V TC=25C tstg
Area of safe operation (ASO)
100 30 I CP Non repetitive pulse TC=25C
t=0.5ms 1ms 10ms DC
Collector output capacitance Cob (pF)
3000 1000 300 100 30 10 3 1 0.1
Switching time ton,tstg,tf (s)
Collector current IC (A)
8
10 3 1 0.3 0.1 0.03 0.01 ton
10 3 1 0.3 0.1 0.03 0.01
IC
tf
0.3
1
3
10
30
100
0
1
2
3
4
5
6
7
1
3
10
30
100
300
1000
Collector to base voltage VCB (V)
Collector current IC (A)
Collector to emitter voltage VCE (V)
2
Power Transistors
Area of safe operation, reverse bias ASO
40 35 Lcoil=200H IC/IB=5 (2IB1=-IB2) TC=25C
2SC3872
Reverse bias ASO measuring circuit
L coil IB1 Vin T.U.T IC
Collector current IC (A)
30 25 20 15 10 5 0 0 100 200 300 400 500 600 700 800 ICP
-IB2
VCC
tW
Vclamp
Collector to emitter voltage VCE (V)
Rth(t) -- t
103 (1) PT=10V x 0.3A (3W) and without heat sink (2) PT=10V x 1.0A (10W) and with a 100 x 100 x 2mm Al heat sink
Thermal resistance Rth(t) (C/W)
102 (1)
10
(2)
1
10-1 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SC3872

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X