Part Number Hot Search : 
CM509K 2405DH S1828 HCS164K SUT061G CP5028 SH550 97CFDC
Product Description
Full Text Search
 

To Download 2SC3851 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC3851/3851A
Silicon NPN Epitaxial Planar Transistor (Complement to type 2SA1488/A) sAbsolute maximum ratings (Ta=25C)
Symbol 2SC3851 2SC3851A VCBO VCEO VEBO IC IB PC Tj Tstg 80 60 6 4 1 25(Tc=25C) 150 -55 to +150 100 80 Unit V V V A A W C C IEBO V(BR)CEO hFE VCE(sat) fT COB VEB=6V IC=25mA VCE=4V, IC=1A IC=2A, IB=0.2A VCE=12V, IE=-0.2A VCB=10V, f=1MHz
Application : Audio and PPC High Voltage Power Supply, and General Purpose
(Ta=25C)
sElectrical Characteristics
Symbol ICBO VCB= 80 100max 60min 80min 40 to320 0.5max 15typ 60typ Conditions
External Dimensions FM20(TO220F)
4.00.2 10.10.2 4.20.2 2.8 c0.5
2SC3851 2SC3851A 100max 100
Unit
A A
V V MHz pF
2.54 2.20.2 16.90.3
V
8.40.2
13.0min
1.350.15 1.350.15 0.85 +0.2 -0.1 0.45 +0.2 -0.1 2.54 2.40.2
sTypical Switching Characteristics (Common Emitter)
VCC (V) 12 RL () 6 IC (A) 2 VBB1 (V) 10 VBB2 (V) -5 IB1 (mA) 200 IB2 (mA) -200 ton (s) 0.2typ tstg (s) 1typ tf (s) 0.3typ
3.9 BCE
IC - VCE Characteristics (Typical)
Collector-Emitter Saturation Voltage V CE(s a t)( V ) 4
V CE ( sat ) - IB Characteristics (Typical)
I C - V BE Temperature Characteristics (Typical)
4 (V C E= 4V)
0m
60 m A
50mA
IB
=7
A
Collector Current I C (A)
3
30mA
Collector Current I C( A)
40mA
1.0
3
Tem
emp
) se T (Ca
2
2
p)
20mA
0.2
0.80.2
a b
o3.30.2
Weight : Approx 2.0g a. Type No. b. Lot No.
(Ca
C
10mA
IC =1 A
0
0
1
2
3
4
5
6
0 0.005 0.01
0.05
0.1
0.5
1
0
0
0.5 Base-Emittor Voltage V B E( V)
-30C
5mA
2A
25C
1
1
125
(Cas
3A
e Te
0.5
mp)
se
1.0
1.2
Collector-Emitter Voltage V C E( V)
Base Current I B( A)
(VCE=4V) 500 DC Curr ent Gain h FE DC Curr ent Gain h FE 500
(V C E= 4V)
j - a( C /W)
Transient Thermal Resistance
hFE - I C Characteristics (Typical)
h FE - I C Temperature Characteristics (Typical)
j-a - t Characteristics
5
125C
25 C
Typ
100
100
- 3 0 C
50
50
1
20 0.01
0.1
0.5
1
4
20 0.01
0.05
0.1
0.5
1
4
0.5
1
10 Time t(ms)
100
1000
Collector Current I C( A)
Collector Current I C( A)
fT - IE Characteristics (Typical)
40 (V C E= 12V) 10
Safe Operating Area (Single Pulse)
30
1m 10
0m
P c - T a Derating
s
10
s
30 Collector Cu rre nt I C( A)
DC
s
Ma xim um Powe r Dissipat io n P C (W)
5 Cu t-off Fr eque ncy f T( MH Z)
m
W
20
ith In fin
1 0.5
ite
20
Typ
he at si nk
10
10
Without Heatsink Natural Cooling 0.1
Without Heatsink 3 5 10 50 80 0
0 -0.005 -0.1 -0.5 -1 -4 Emitter Current I E( A)
0.05 Collector-Emitter Voltage V C E( V)
0
50
100
150
Ambient Temperature Ta(C)
76


▲Up To Search▲   

 
Price & Availability of 2SC3851

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X