Part Number Hot Search : 
2C128 CSPT857 ZS1052 2N1596 ILD213 C144E 00568 BCM5705M
Product Description
Full Text Search
 

To Download 0203XC62G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NCMOS Low Power Consumption NSmall Input-Output Voltage Differential : 0.2V @ 80mA, 0.38V @ 160mA NMaximum Output Current : 150mA (VOUT = 3.0V) NHighly Accurate : 2% (1%) NOutput Voltage Range : 2.1V ~ 5.0V NStand-by Supply Current : 0.1A (VOUT = 3.0V) NSOT-25 / SOT-89-5 Package
GBattery-powered Equipment GVoltage supplies for cellular phones GCameras, Video Recorders GPalmtops
3
The XC62G series are highly precise, low power consumption positive voltage regulators, manufactured using CMOS and laser trimming technologies. The series achieves high output currents, with low inputoutput voltage differentials, and consists of a high precision voltage reference, an error correction circuit, and an output driver with current limitation. With good transient responses, output remains stable even during load changes. Also, having high ripple rejection ratios, the series can be used with low power supply noise. The CE input enables the output to be turned off, resulting in reduced power consumption. SOT-25 (150mW) and SOT-89-5 (500mW) packages are available. With regards to the CE function, as well as the positive logic XC62GR series, a negative logic XC62GP series (custom) is also available.
Maximum Output Current : 150mA (within max. power dissipation,VOUT=3.0V) Output Voltage Range : 2.1V~5.0V in 0.1V increments Highly Accurate : Set-up voltage 2% (1% for semi-custom products) Low Power Consumption : TYP. 13A (VOUT= 3.0V), TYP 23A (VOUT=3.0V semi-custom, high-speed versions), TYP 0.1A (Stand-by mode) Output Voltage Temperature Characteristics : TYP 100ppm/C Input Stability : TYP 0.2%/V Ultra Small Packages : SOT-25 (150mW) mini-mold SOT-89-5 (500mW) mini-power mold
315
PIN NUMBER PIN NAME SOT-25 1 2 3 4 5 SOT-89-5 4 2 3 1 5 VSS VIN CE (NC) VOUT Ground Supply Voltage input Chip Enable No Connection Regulated Output Voltage FUNCTION
3
SERIES XC62GR XC62GP CE H L H L VOLTAGE OUTPUT ON OFF OFF ON
H=High, L=Low
GOrdering Information
DESIGNATOR a
DESCRIPTION True Logic Level at CE Pin: R=Positive P=Negative(Custom) Output Voltage 30=3.0V 50=5.0V Response: 1=Standard 2=High Speed (Semi-Custom) Output Voltage Accuracy: 1=1.0%(Semi-custom) 2=2.0%
DESIGNATOR
DESCRIPTION Package Type M=SOT-25 P=SOT-89-5
e
b
c
f
Device Orientation R=Embossed Tape (Standard Feed) L=Embossed Tape (Reverse Feed)
d
316
GSOT-25
3
GSOT-89-5
317
q
R TYPE POSITIVE VOLTAGE LOGIC SYMBOL A B C D E F H VOLTAGE(V) 0.w 1.w 2.w 3.w 4.w 5.w 6.w P TYPE NEGATIVE VOLTAGE LOGIC SYMBOL - A - B - C - D - E - F - H VOLTAGE(V) 0.w 1.w 2.w 3.w 4.w 5.w 6.w
3
w
SYMBOL A B C D E VOLTAGE(V) q.0 q.1 q.2 q.3 q.4 SYMBOL F H K L M VOLTAGE(V) q.5 q.6 q.7 q.8 q.9
e
SYMBOL + TRANSITION RESPONSE REGULAR HIGH SPEED
r 0-9,A-Z repeated (G, I, J, O, Q, W excepted)
Ta=25C PARAMETER Input Voltage Output Current Output Voltage CE Input Voltage Continuous Total Power Dissipation SOT-25 SOT-89-5 SYMBOL VIN IOUT VOUT VCE Pd Pd Topr Tstg RATINGS 12 500 VSS-0.3~VIN+0.3 VSS-0.3~VIN+0.3 150 500 -30~+80 -40~+125 C C UNITS V mA V V mW
Operating Ambient Temperature Storage Temperature
Note: IOUT must be less than Pd/(VIN-VOUT)
318
XC62GR30 VOUT(T)=3.0V(Note1)
PARAMETER Output Voltage Maximum Output Current Load Stability Input-Output Voltage Differential (Note3) Supply Current1 Supply Current2 Input Stability Input Voltage Output Voltage Temperature Characteristics CE Input Voltage "High" CE Input Voltage "Low" CE Input Current "High" CE Input Current "Low" SYMBOL VOUT(E)
(Note2)
Ta=25C CONDITIONS IOUT=40mA VIN=4.0V VIN=4.0 VOUT(E)2.7V VIN=4.0V 1mAIOUT80mA IOUT=80mA IOUT=160mA VIN=VCE=4.0V
(Note6)
MIN 2.940 150
TYP 3.000
MAX 3.060
UNITS V mA
CIRCUT 1 1 1 1 1 2 2 2 1 -
IOUT max. VOUT VDIF1 VDIF2 Iss1 ISS2 VOUT VIN * VOUT VIN VOUT Topr * VOUT VCEH VCEL ICEH ICEL
45 200 380 11 23
90 395 770 19 31 0.1
mV mV mV A A A %/V V ppm/C V
Standard High Speed
3
VIN=4.0V,VCE=VSS IOUT=40mA 4.0VVIN10.0V 0.2
0.3 10.0
IOUT=10mA -30CTopr80C 1.5
100
1 1 2 2
0.25 VCE=VIN VCE=VSS -0.2 -0.05 5.0 0
V A A
Note: 1. VOUT(T)=Specified Output Voltage . 2. VOUT(E)=Effective Output Voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). 3. Vdif= {VIN1 (Note5)-VOUT1 (Note4)} 4. VOUT1= A voltage equal to 98% of the Output Voltage whenever an amply stabilised IOUT {VOUT(T)+1.0V} is input. 5. VIN1= The Input Voltage when VOUT1 appears as Input Voltage is gradually decreased. 6. High Speed is Semi-custom.
319
XC62GR50 VOUT(T)=5.0V (Note1)
PARAMETER Output Voltage Maximum Output Current Load Stability Input-Output Voltage Differential (Note3) Supply Current1 SYMBOL VOUT(E)
(Note2)
Ta=25C CONDITIONS IOUT=40mA VIN=6.0V VIN=6.0 VOUT(E)4.5V VIN=6.0V 1mAIOUT100mA IOUT=100mA IOUT=200mA VIN=VCE=6.0V
(Note6)
MIN 4.900 180
TYP 5.000
MAX 5.100
UNITS V mA
CIRCUT 1 1 1 1 1 2 2 2 1 -
IOUT max. VOUT VDIF1 VDIF2 Iss1 ISS2 VOUT VIN * VOUT VIN VOUT Topr * VOUT VCEH VCEL ICEH ICEL
40 165 330 13 27
80 330 660 21 35 0.1
mV mV mV A A A %/V V ppm/C V
3
Standard High Speed
Supply Current2 Input Stability Input Voltage Output Voltage Temperature Characteristics CE Input Voltage "High" CE Input Voltage "Low" CE Input Current "High" CE Input Current "Low"
VIN=6.0V,VCE=VSS IOUT=40mA 6.0VVIN10.0V 0.2
0.3 10.0
IOUT=40mA -30CTopr80C 1.5
100
1 1 2 2
0.25 VCE=VIN VCE=VSS -0.2 -0.05 5.0 0
V A A
Note: 1. VOUT(T)=Specified Output Voltage . 2. VOUT(E)=Effective Output Voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). 3. Vdif= {VIN1 (Note5)-VOUT1 (Note4)} 4. VOUT1= A voltage equal to 98% of the Output Voltage whenever an amply stabilised IOUT {VOUT(T)+1.0V} is input. 5. VIN1= The Input Voltage when VOUT1 appears as Input Voltage is gradually decreased. 6. High Speed is Semi-custom.
320
GStandard Circuit
3
Circuit 1

Circuit 2
321
(1) OUTPUT VOLTAGE vs. OUTPUT CURRENT

3
(2) OUTPUT VOLTAGE vs. INPUT VOLTAGE



(3) INPUT/OUTPUT VOLTAGE DIFFERENTIAL vs. OUTPUT CURRENT

322
(4) CE PIN THRESHOLD VOLTAGE vs. INPUT VOLTAGE
3
(5) SUPPLY CURRENT vs. INPUT VOLTAGE

323
(5) SUPPLY CURRENT vs. INPUT VOLTAGE
3
(6) OUTPUT VOLTAGE vs. AMBIENT TEMPERATURE

(7) SUPPLY CURRENT vs. AMBIENT TEMPERATURE
324
(8) INPUT TRANSIENT RESPONSE 1

3
(9) INPUT TRANSIENT RESPONSE 2

325
(9) INPUT TRANSIENT RESPONSE 2

3

(10) LOAD TRANSIENT RESPONSE

326
(11) CE PIN TRANSIENT RESPONSE

3

(12) RIPPLE REJECTION RATE

327


▲Up To Search▲   

 
Price & Availability of 0203XC62G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X