Part Number Hot Search : 
BAT4110 S2202 2N4400 3DA5371 A1204 AC100 SVD8N60T AM1310F
Product Description
Full Text Search
 

To Download ZUMT413 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT323 NPN SILICON PLANAR AVALANCHE TRANSISTOR
ISSUE 1 - DECEMBER 1998 FEATURES * Avalanche mode operation * 50A Peak avalanche current * Low inductance packaging APPLICATIONS * Laser LED drivers * Fast edge generation * High speed pulse generators PARTMARKING DETAIL - T13
ZUMT413
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Peak Collector Current (25ns Pulse Width) Power Dissipation Operating and Storage Temperature Range SYMBOL VCBO VCEO VEBO IC ICM Ptot Tj:Tstg VALUE 150 50 6 100 50 330 -55 to +150 UNIT V V V mA A mW C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Collector-Emitter Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage SYMBOL V(BR)CES VCEO(sus) V(BR)EBO MIN. 150 50 6 0.1 0.1 0.15 0.8 22 31 50 TYP. MAX. UNIT V V V A A V V A A CONDITIONS. IC=100A IC=10mA IE=100A VCB=120V VEB=4V IC=10mA, IB=1mA IC=10mA, IB=1mA VC=110V, CCE=4.7nF* VC=130V, CCE=4.7nF* IC=10mA, VCE=10V
Collector Cut-Off Current ICBO Emitter Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Current in Second Breakdown (Pulsed) Static Forward Current Transfer Ratio IEBO VCE(sat) VBE(sat) IUSB hFE
*Measured within a circuit possessing an approximate loop inductance of 12nH. The I(USB) monitor circuitry reflects 0.15 Ohm into the Collector-Emitter Discharge Loop
ZUMT413
ELECTRICAL CHARACTERISTICS
PARAMETER Emitter Inductance Transition Frequency Collector-Base Capacitance . SYMBOL Le fT Ccb MIN. TYP. 2.5 150 2 MAX. UNIT nH MHz pF CONDITIONS. Standard SOT323 leads IC=10mA, VCE=5V f=20MHz VCB=10V, IE=0 f=1MHz
TYPICAL CHARACTERISTICS
#
- Avalanche Current (A)
++-=2x4.7nF
I*=5mA/ns
Tamb=25C C+-=4.7nF
" !
p.r.f.=10KHz C+-=2.2nF
C+-=1.0nF
I(
0
50
100
150
200
250
VS - Supply Voltage (V)


▲Up To Search▲   

 
Price & Availability of ZUMT413

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X