Part Number Hot Search : 
MMDT5401 C3423 0469KWR B60100 BD4853 VSH55015 100LR 4525GEM
Product Description
Full Text Search
 

To Download ZMY20TA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Magnetic Field Sensors
ZMY20, ZMZ20 ZMY30, ZMZ30
package : E-Line (4-Pin) 1: +VO 2: -VB 3: -VO 4: +VB VO - output voltage VB - supply voltage
package : SOT223S (4-Pin) 1: +VO 2: -VO 3: +VB 4: -VB VO - output voltage VB - supply voltage
FEATURES * ZMZ20/30 (E-Line 4-Pin) and ZMY20/30 (SOT-223-S) are extremely sensitive magnetic sensors employing the magneto-resistive effect of thin film permalloy * Packages : E-Line 4-Pin and SOT-223-S * Output voltage proportional to the magnetic field Hy * Adjustment of sensitivity and suppression of the hysteresis by the auxiliary magnetic field Hx * Magnetic fields vertical to the chip level are not effective ABSOLUTE MAXIMUM RATINGS
Parameter Supply voltage ZMY20/ZMZ20 Supply voltage ZMY30/ZMZ30 Total power dissipation Operating temperature range Storage temperature range Symbol VB VB Ptot Tamb Tstg 12 15 120 -40 to +150 -65 to +150 Unit V V mW C C
Page 2
ZMY20/30, ZMZ 20/30
ELECTRICAL CHARACTERISTICS (at Tamb = 25 C and Hx = 3 kA/m unless otherwise stated) Parameter Bridge resistance ZMY20/ZMZ20 ZMY30/ZMZ30 Output voltage range ZMY20/ZMZ20 ZMY30/ZMZ30 Open circuit sensitivity ZMY20/ZMZ20 ZMY30/ZMZ30 Hysteresis of output voltage Offset voltage Operating frequency Temperature coefficient of offset voltage Temperature coefficient of bridge resistance Temperature coefficient of open circuit sensitivity VB = 5 V Temperature coefficient of open circuit sensitivity I B = 3 mA Symbol Rbr 1.2 2.0 VO/VB 16 12 S 3.7 2.0 VOH/VB Voff/VB fmax TCVoff TCRbr TCSV -1.0 0 -3 4.7 3.0 0.3 -0.4 5.7 4.0 50 +1.0 1 +3 20 16 24 20 (mV/V)/(kA/m) no disturbing field Hd allowed V/V mV/V MHz (V/V)/K %/K %/K Tamb = -25...+125C Tamb = -25...+125C Tamb = -25...+125C Tamb = -25...+125C Hy 2 kA/m 1.7 3.0 2.2 4.0 mV/V Min. Typ. Max. Unit k Test conditions
TCSI
-
-0.1
-
%/K
Devices are identified by a code on the body of the device
ZMY20/ZMZ20 ..... M20 ZMY30/ZMZ30 ..... M30
Ordering information:
ZMY20TA ..... 7" reel 1,000 components per reel ZMY20TC ..... 13" reel 4,000 components per reel ZMY30TA ..... 7" reel 1,000 components per reel ZMY30TC ..... 13" reel 4,000 components per reel ZMZ20 ........... bulk in box (2,000 components per box) ZMZ30 ........... bulk in box (2,000 components per box)
Page 3
ZMY20/30, ZMZ 20/30
Application 1 (digital output)
Application 2 (analogue output)
Page 4
ZMY20/30, ZMZ 20/30
The sensor has to be reset after leaving the safe operating area by an auxiliary field of HX = 3 kA/m.
Page 5
ZMY20/30, ZMZ 20/30
Page 6
ZMY20/30, ZMZ 20/30
In applications with HX < 3 kA/m, the sensor has to be reset by an auxiliary field of HX 3 kA/m before use.
Page 7
ZMY20/30, ZMZ 20/30
Page 8


▲Up To Search▲   

 
Price & Availability of ZMY20TA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X