Part Number Hot Search : 
EMK21 MCZ3397 MPC83 1002P06S 91SAM C164SV EP1500 EDZ33
Product Description
Full Text Search
 

To Download ZL10312 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZL10312 Satellite Demodulator
Data Sheet
Features
* * * * * * * * * * Conforms to EBU specification for DVB-S and DirecTV specification for DSS On-chip digital filtering supports 1 - 45 MSps symbol rates On-chip 60 or 90 MHz dual-ADC High speed scanning mode for blind symbol rate/code rate acquisition Automatic spectral inversion resolution High level software interface for minimum development time Up to 22 MHz LNB frequency tracking DiSEqCTM v2.2: receive/transmit for full control of LNB, dish and other components Compact 64 pin LQFP package (7 x 7 mm) Sleep pin gives ~1,000 fold reduction in power to help products meet ENERGY STAR(R) requirements
ZL10312QCG ZL10312QCF ZL10312QCG1 ZL10312UBH
November 2004
Ordering Information
64 Pin LQFP 64 Pin LQFP 64 Pin LQFP* Die supplied in Trays, Bake & Drypack Tape & Reel Trays, Bake & Drypack wafer form**
*Pb Free Matte Tin
**Please contact Sales for further details
0C to +70C
Description
The ZL10312 is a QPSK/BPSK 1 - 45 MSps demodulator and channel decoder for digital satellite television transmissions to the European Broadcast Union ETS 300 421 specification. It receives analogue I and Q signals from the tuner, digitises and digitally demodulates this signal, and implements the complete DVB/DSS FEC (Forward Error Correction), and descrambling function. The output is in the form of MPEG2 or DSS transport stream data packets. The ZL10312 also provides automatic gain control to the RF front-end device. The ZL10312 has a serial 2-wire bus interface to the control microprocessor. Minimal software is required to control the ZL10312 because of the built in automatic search and decode control functions.
Applications
* * * * DVB 1 - 45 MSps compliant satellite receiver DSS 20 MSps compliant satellite receivers SMATV trans-modulators. (Single Master Antenna TV) Satellite PC applications
I I/P Dual ADC Q I/P De-rotator Decimation Filtering Timing recovery Matched filter Phase recovery DVB DSS FEC
MPEG/ DSS Packets
Analog AGC Control
Clock Generation
Acquisition Control
2-Wire Bus Interface
Bus I/O
Figure 1 - Functional Block Diagram 1
Zarlink Semiconductor Inc. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright 2003-2004, Zarlink Semiconductor Inc. All Rights Reserved.
ZL10312
Data Sheet
Figure 2 - ZL10312 Pin Allocation
Pin Table No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Name Reset DiSEqC[2] DiSEqC[1] DiSEqC[0] Vdd Gnd CVdd Gnd Sleep CLK1 DATA1 CVdd Gnd DATA2 CLK2 OscMode No. 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 Name CVdd Gnd XTI XTO Gnd CVdd Gnd Iin Iin Gnd Vdd Gnd Qin Qin Gnd CVdd No. 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 Name Gnd CVdd Addr[1] Addr[2] Addr[3] Addr[4] Vdd Gnd AGC Test IRQ CVdd Gnd MOSTRT MOVAL MDO[0] No. 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 Name MDO[1] CVdd Gnd MDO[2] MDO[3] Gnd Vdd MDO[4] MDO[5] Gnd CVdd MDO[6] MDO[7] MOCLK BKERR Status
Note: All supply pins must be connected as they are not all commoned internally.
2
Zarlink Semiconductor Inc.
ZL10312 Table of Contents
Data Sheet
1.0 Functional Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 1.1 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 1.2 Analogue-to-Digital Converter and PLL. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 1.3 QPSK Demodulator . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 1.4 Forward Error Correction. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 2.0 Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 2.1 Recommended Operating Condition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 2.2 Absolute Maximum Ratings. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 2.3 Primary 2-Wire Bus Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 2.4 Crystal Specification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 2.5 Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 2.6 ZL10312 Pinout Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 2.7 Alphabetical Listing of Pin-Out . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 3.0 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
3
Zarlink Semiconductor Inc.
ZL10312
Overview
Data Sheet
The ZL10312 is a QPSK/BPSK 1 - 45 MSps demodulator and channel decoder for digital satellite television transmissions compliant to both DVB-S and DSS standards and other systems. A Command Driven Control (CDC) system is provided making the ZL10312 very simple to program. After the tuner has been programmed to the required frequency to acquire a DVB transmission, the ZL10312 requires a minimum of five registers to be written. The ZL10312 provides a monitor of Bit Error Rate after the QPSK module and also after the Viterbi module. For receiver installation, a high speed scan or 'blind search' mode is available. This allows all signals from a given satellite to be evaluated for frequency, symbol rate and convolutional coding scheme. The phase of the IQ signals can be automatically determined. Full DiSEqC v2.x is provided for both writing and reading DiSEqC messages. Storage in registers for up to eight data bytes sent and eight data bytes received is provided.
Additional Features
* * * * * * * * 2-wire bus microprocessor interface with separate interface to tuner All digital clock and carrier recovery On-chip PLL clock generation using low cost 10 to 16 MHz crystal Low power operation, with stand-by and sleep modes 3.3 V operation with 1.8 V for core logic 7 x 7mm 64 pin LQFP package Low external component count Commercial temperature range 0 to 70C
De-Interleaver
* Compliant with DVB and DSS standards
Reed Solomon
* * (204, 188) for DVB and (146,130) for DSS Reed Solomon bit-error-rate monitor to indicate Viterbi performance
De-Scrambler
* EBU specification de-scrambler for DVB mode
Outputs
* * MPEG transport parallel & serial output Integrated MPEG2 TEI bit processing for DVB only
Demodulator
* * BPSK or QPSK programmable Optional fast acquisition mode for low symbol rates
Application Support
* * * * Design Manual Channel decoder system evaluation board Windows based evaluation software ANSI-C generic software
Viterbi
* * * * * Programmable decoder rates 1/2, 2/3, 3/4, 5/6, 6/7, 7/8 Automatic spectral inversion resolution Constraint length k=7 Trace back depth 128 Extensive SNR and BER monitors
4
Zarlink Semiconductor Inc.
ZL10312
Data Sheet
Figure 3 - Typical Application Schematic
5
Zarlink Semiconductor Inc.
ZL10312
1.0
1.1
Data Sheet
Functional Overview
Introduction
ZL10312 is a single-chip variable rate digital QPSK/BPSK satellite demodulator and channel decoder. The ZL10312 accepts base-band in-phase and quadrature analogue signals and delivers an MPEG or DSS packet data stream. Digital filtering in ZL10312 removes the need for programmable external anti-alias filtering for all symbol rates from 1 - 45 MSps. Frequency, timing and carrier phase recovery are all digital and the only feed-back to the analogue front-end is for automatic gain control. The digital phase recovery loop enables very fine bandwidth control that is needed to overcome performance degradation due to phase and thermal noise. All acquisition algorithms are built into the ZL10312 controller. The ZL10312 can be operated in a Command Driven Control (CDC) mode by specifying the symbol rate and Viterbi code rate. There is also a provision for a search for unknown symbol rates and Viterbi code rates.
1.2
Analogue-to-Digital Converter and PLL
The A/D converters sample single-ended or differential analogue inputs and consist of a dual ADC and circuitry to provide improved SiNaD (Signal-Noise and Distortion) and channel matching. The fixed rate sampling clock is provided on-chip using a programmable PLL needing only a low cost 10 to 16 MHz crystal. Different crystal frequencies can be combined with different PLL ratios, depending on the maximum symbol rate, allowing a very flexible approach to clock generation. An external clock signal in the range 4 to 16 MHz can also be used as the master clock.
1.3
QPSK Demodulator
The demodulator in the ZL10312 consists of signal amplitude offset compensation, frequency offset compensation, decimation filtering, carrier recovery, symbol recovery and matched filtering. The decimation filters give continuous operation from 2Mbits/s to 90Mbits/s allowing one receiver to cover the needs of the consumer market as well as the single carrier per channel (SCPC) market with the same components without compromising performance, that is, the channel reception is within 0.5dB of theoretical. For a given symbol rate, control algorithms on the chip detect the number of decimation stages needed and switch them in automatically. The frequency offset compensation circuitry is capable of tracking out up to 22.5 MHz frequency offset. This allows the system to cope with relatively large frequency uncertainties introduced by the Low Noise Block (LNB). Full control of the LNB is provided by the DiSEqC outputs from the ZL10312. Horizontal/vertical polarisation and an instruction modulated 22kHz signal are available under register control. All DiSEqC v2.x functions are implemented on the ZL10312. An internal state machine that handles all the demodulator functions controls the signal acquisition and tracking. Various pre-set modes are available as well as blind acquisition where the receiver has no prior knowledge of the received signal. Fast acquisition algorithms have been provided for low symbol rate applications. Full interactive control of the acquisition function is possible for debug purposes. In the event of a signal fade or a cycle slip, the QPSK demodulator allows sufficient time for the FEC to re-acquire lock, for example, via a phase rotation in the Viterbi decoder. This is to minimise the loss of signal due to the signal fade. Only if the FEC fails to re-acquire lock for a long period (which is programmable) would QPSK try to re-acquire the signal. The matched filter is a root-raised-cosine filter with either 0.20 or 0.35 roll-off, compliant with DSS and DVB standards. Although not a part of the DVB standard, ZL10312 allows a roll-off of 0.20 to be used with other DVB parameters. An AGC signal is provided to control the signal levels in the tuner section of the receiver and ensure the signal level fed to the ZL10312 is set at an optimal value under all reception conditions. The ZL10312 provides comprehensive information on the input signal and the state of the various parts of the device. This information includes signal to noise ratio (SNR), signal level, AGC lock, timing and carrier lock signals. A maskable interrupt output is available to inform the host controller when events occur.
6
Zarlink Semiconductor Inc.
ZL10312
1.4 Forward Error Correction
Data Sheet
The ZL10312 contains FEC blocks to enable error correction for DVB-S and DSS transmissions. The Viterbi decoder block can decode the convolutional code with rates 1/2, 2/3, 3/4, 5/6, 6/7 or 7/8. The block features automatic synchronisation, automatic spectral inversion resolution and automatic code rate detection. The trace back depth of 128 provides better performance at high code rates and the built-in synchronisation algorithm allows the Viterbi decoder to lock onto signals with very poor signal-to-noise ratios. A Viterbi bit error rate monitor provides an indication of the error rate at the QPSK output. The 24-bit error count register in the Viterbi decoder allows the bit error rate at the output of the QPSK demodulator to be monitored. The 24-bit bit error count register in the Reed-Solomon decoder allows the Viterbi output bit error rate to be monitored. The 16-bit uncorrectable packet counter yields information about the output packet error rate. These three monitors and the QPSK SNR register allow the performance of the device and its individual components, such as the QPSK demodulator and the Viterbi decoder, to be monitored extensively by the external microprocessor. The frame/byte align block features a sophisticated synchronisation algorithm to ensure reliable recovery of DVB and DSS framed data streams under worst case signal conditions. The de-interleaver uses on-chip RAM and is compatible with the DVB and DSS algorithms. The Reed-Solomon decoder is a truncated version of the (255, 239) code. The code block size is 204 for DVB and 146 for DSS. The decoder provides a count of the number of uncorrectable blocks as well as the number of bit errors corrected. The latter gives an indication of the bit error rate at the output of the Viterbi decoder. In DVB mode, spectrum de-scrambling is performed compatible with the DVB specification. The final output is a parallel or serial transport data stream; packet sync; data clock; and a block error signal. The data clock may be inverted under software control.
2.0
2.1
Electrical Characteristics
Recommended Operating Condition
Parameter Symbol CVdd Vdd Fxt1 Fxt2 Fclk1 0 Min. 1.71 3.13 3.99 9.99 Typ. 1.8 3.3 Max. 1.89 3.47 16.01 16.01 400 70 Units V V MHz MHz kHz C
Core power supply voltage Periphery power supply voltage Input clock frequency (note 1) Crystal oscillator frequency CLK1 clock frequency 2 (with 10 MHz or above) Ambient operating temperature
1. When not using a crystal, XTI may be driven from an external source over the frequency range shown. 2. The maximum serial clock speed on the primary 2-wire bus is related to the input clock frequency and is limited to 100 kHz with a 4.0 MHz clock.
7
Zarlink Semiconductor Inc.
ZL10312
2.2 Absolute Maximum Ratings
Data Sheet
Maximum Operating Conditions Parameter Power supply Power supply Voltage on input pins (5 V rated) Voltage on input pins (3.3 V rated) Voltage on input pins (1.8 V rated, i.e. XTI) Voltage on output pins (5 V rated) Voltage on output pins (3.3 V rated) Voltage on output pins (1.8 V rated, i.e., XTO) Storage temperature Operating ambient temperature Junction temperature ESD protection (human body model)
Note 1:
Symbol Vdd CVdd Vi Vi Vi Vo Vo Vo Tstg Top Tj
Min. -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -55 0
Max. +4.5 2.3 6.5 Vdd + 0.5 CVdd + 0.5 5.5 Vdd + 0.5 CVdd + 0.5 150 70 125
Unit V V V V V V V V C C C kV
4
Stresses exceeding these listed under 'Absolute Ratings' may induce failure. Exposure to absolute maximum ratings for extended periods may reduce reliability. Functionality at or above these conditions is not implied.
2.3
Primary 2-Wire Bus Timing
Figure 4 - Primary 2-Wire Bus Timing Where: S = Start Sr = Restart, i.e. Start without stopping first. P = Stop.
8
Zarlink Semiconductor Inc.
ZL10312
Value Parameter: Primary 2-wire bus only CLK1 clock frequency (for XTI 10 MHz) Bus free time between a STOP and START condition. Hold time (repeated) START condition. LOW period of CLK1 clock. HIGH period of CLK1 clock. Set-up time for a repeated START condition. Data hold time (when input). Data set-up time Rise time of both CLK1 and DATA1 signals. Fall time of both CLK1 and DATA1 signals, (100pF to ground) Set-up time for a STOP condition. Symbol Min. fCLK to tHD;STA tLOW tHIGH tSU;STA tHD;DAT tSU;DAT tR tF tSU;STO Table 1 - Primary 2-wire Bus Timing
1. Cb = the total capacitance on either clock or data line in pF. 2. The rise time depends on the external bus pull up resistor and bus capacitance.
Data Sheet
Unit Max. 400 kHz ns ns ns ns ns ns ns
1 2
0 1300 600 1300 600 600 0 100 20+0.1Cb
Note 300
ns ns ns
20+0.1Cb1 600
2.4
Crystal Specification
Parallel resonant fundamental frequency (preferred) 9.99 to 16.00 MHz. Tolerance over operating temperature range 25 ppm. Tolerance overall 50 ppm. Nominal load capacitance 30 pF. Equivalent series resistance <75
Figure 5 - Crystal Oscillator Circuit Note: The crystal frequency should be chosen to ensure that the system clock would marginally exceed the maximum symbol rate required, e.g. 10.111 MHz with a multiplier of x9 will give a 91 MHz system clock to guarantee 45 MSps operation.
9
Zarlink Semiconductor Inc.
ZL10312
2.5 Electrical Characteristics
Data Sheet
DC Electrical Characteristics Parameter Core voltage Peripheral voltage Core current Peripheral current Total power (91 MHz system clock) Total power (stand-by) Total power (sleep) Output low level Output high level Output leakage See Note 1 Pin 9 = logic `1'. See Note 1 2, 6 or 12 mA per output (see section 2.6, ZL10312 Pinout Description) 2, 6 or 12 mA per output Tri-state when off or open-drain when high All outputs except XTO, CLK1 & open-drain types. Excludes packaging contribution (~0.35 pF) Open-drain outputs. Excludes packaging contribution (~0.35 pF) Input low level Input high level Input leakage Input capacitance
Note 1:
Conditions/Pin
Symbol
CVdd Vdd
Min. 1.71 3.13
Typ. 1.8 3.3 160 10 320
Max. 1.89 3.47 216 11.25 450
Unit
V V mA mA mW
45 MSps CR 7/8 91 MHz system clock
CIdd Idd Ptot1
Ptot2 Ptot3 Vol Voh
2.2 0.35
3.3 0.525 0.4
mW mW V V
2.4 1 2.7
A pF
Output capacitance
3.3
pF
Vil Vih
0.8 2.0 1 1.5
V V A pF
Vin = 0 or Vdd Excludes packaging contribution (~0.35 pF)
To minimize the power comsumption the MPEG outputs should be tristated and the ADC turned off.
AC Electrical Characteristics
Parameter ADC Full-scale input single range (single-ended or differential) ADC analog input resistance ADC input common mode voltage level ADC input impedance Typically 12 K in parallel with 2 pF Conditions/Pin Differential source is recommended Per input pin Min. Typ. Max. Unit Vpp k
0.5 10 0.7
1.0
1.7
V
10
Zarlink Semiconductor Inc.
ZL10312
2.6 ZL10312 Pinout Description
Data Sheet
Pin Description Table Pin 1 2 3 4 9 Name Reset DiSEqC[2] DiSEqC[1] DiSEqC[0] Sleep Description Active low reset input DiSEqC input for level 2 control. Also usable as GPP2 (general purpose port pin) for other purposes. Horizontal/vertical LNB control (acts as input only in production test modes) 22 kHz output to LNB (acts as input only in production test modes) Stops oscillator and sets minimum power levels to entire device (except ADCs - register controlled power-down) Primary 2-wire serial bus clock Primary 2-wire serial bus data Secondary 2-wire bus data to tuner front end. Also usable as GPP1 (general purpose port pin) for other purposes. Secondary 2-wire bus clock to tuner front end. Also usable as GPP0 (general purpose port pin) for other purposes. Controls oscillator mode to suit crystal or external signal Crystal input or external reference clock input Crystal output, includes internal feedback resistor to XTI I channel input I channel negative input Q channel negative input Q channel input Primary 2-wire bus address defining pins AGC sigma-delta output (acts as input only in production test modes) For normal operation, this pin must be held at 0V. Active low interrupt output. Reading all active interrupt registers resets this pin (acts as input only in production test modes) MPEG output start signal. High during the first byte of a packet. I/O I I/O I/O I/O I Note CMOS1 Open drain1 CMOS CMOS CMOS V 5 5 3.3 3.3 3.3 6 2 2 mA
10 11 14
CLK1 DATA1 DATA2
I I/O I/O
CMOS1 Open drain1 Open drain1 Open drain1 CMOS CMOS CMOS analog analog analog analog CMOS Open drain1 CMOS Open drain1 CMOS Tri-state
5 5 5 6 6
15
CLK2
I/O
5
6
16 19 20 24 25 29 30 35,36,37 38 41
OscMode XTI XTO Iin Iin Qin Qin ADDR[1:4] AGC
I I I/O I I I I I I/O
3.3 1.8 1.8
3.3 5 6
42 43
Test IRQ
I I/O
3.3 5 6
46
MOSTRT
O
3.3
2
11
Zarlink Semiconductor Inc.
ZL10312
Pin Description Table (continued) Pin 47 48,49,52, 53,56, 57,60,61 62 63 Name MOVAL MDO[0:7] Description MPEG data output valid. High during the MOCLK cycles when valid data bytes are being output. MPEG transport packet data output bus. Can be tri-stated under control of a register bit. MPEG clock output at the data byte rate. Active low uncorrectable block indicator or no-signal indicator. Mode selected by ERR_IND bit (#7) of the QPSK_DIAG_CTL register (add. 0x67). Can also be inverted. Status output. Register defined function including audio frequency proportional to BER (acts as input only in production test modes) Peripheral supply pins. All pins must be connected. Peripheral supply pin used for the ADC. Core supply pins. All pins must be connected. PLL/ADC supply pins. All pins must be connected. Ground supply pins. All pins must be connected. I/O O O Note CMOS Tri-state CMOS Tri-state CMOS Tri-state CMOS Tri-state
Data Sheet
V 3.3 3.3
mA 2 2
MOCLK BKERR
O O
3.3 3.3
12 2
64
STATUS
I/O
CMOS
3.3
2
5, 39, 55 27 7, 12, 44, 50, 59 17, 22, 32, 34 6, 8, 13, 40, 45 51, 54, 58 18, 21, 23 26, 28, 31, 33
Note 1:
Vdd Vdd CVdd CVdd Gnd
3.3 3.3 1.8 1.8 0
Gnd
PLL/ADC ground supply pins. All pins must be connected.
0
5 V tolerant pins with thresholds related to 3.3 V.
12
Zarlink Semiconductor Inc.
ZL10312
2.7 Alphabetical Listing of Pin-Out
Name Addr[1] Addr[2] Addr[3] Addr[4] AGC BKERR CLK1 CLK2 CVdd CVdd CVdd CVdd CVdd CVdd CVdd CVdd No. 35 36 37 38 41 63 10 15 7 12 17 22 32 34 44 50 CVdd DATA1 DATA2 DiSEqC[0] DiSEqC[1] DiSEqC[2] Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Gnd Name No. 59 11 14 4 3 2 6 8 13 18 21 23 26 28 31 33 Name Gnd Gnd Gnd Gnd Gnd Iin Iin IRQ MDO[0] MDO[1] MDO[2] MDO[3] MDO[4] MDO[5] MDO[6] MDO[7] No. 40 45 51 54 58 24 25 43 48 49 52 53 56 57 60 61 Name MOCLK MOSTRT MOVAL OscMode Qin Qin Reset Sleep Status Test Vdd Vdd Vdd Vdd XTI XTO
Data Sheet
No. 62 46 47 16 29 30 1 9 64 42 5 27 39 55 19 20
3.0
Trademarks
DiSEqCTM is a trademark of EUTELSAT. ENERGY STAR(R) is a registered trademark of the United States Environmental Protection Agency (EPA).
13
Zarlink Semiconductor Inc.
For more information about all Zarlink products visit our Web Site at
www.zarlink.com
Information relating to products and services furnished herein by Zarlink Semiconductor Inc. or its subsidiaries (collectively "Zarlink") is believed to be reliable. However, Zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Zarlink or licensed from third parties by Zarlink, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Zarlink, or non-Zarlink furnished goods or services may infringe patents or other intellectual property rights owned by Zarlink. This publication is issued to provide information only and (unless agreed by Zarlink in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Zarlink without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Zarlink's conditions of sale which are available on request.
Purchase of Zarlink's I2C components conveys a licence under the Philips I2C Patent rights to use these components in and I2C System, provided that the system conforms to the I2C Standard Specification as defined by Philips. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright Zarlink Semiconductor Inc. All Rights Reserved.
TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of ZL10312

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X