Part Number Hot Search : 
25MBX08 CDBD1530 BTS41 NCS5650 2N3700S E2108 CSC3114R BZX84C15
Product Description
Full Text Search
 

To Download ZC930 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZC930, ZMV930, ZV931 series
SILICON 12V HYPERABRUPT VARACTOR DIODES
Device Description
A range of silicon varactor diodes for use in frequency control and filtering. Featuring closely controlled CV characteristics and high Q. Low reverse current ensures very low phase noise performance. Available in single or dual common cathode format in a wide rage of miniature surface mount packages.
Features
* Close tolerance C-V characteristics * Octave tuning from 0 to 6V * Low IR (typically 200pA) * Excellent phase noise performance * High Q * Range of miniature surface mount packages
Applications
* VCXO and TCXO * Wireless communications * Pagers * Mobile radio
ISSUE 6 - JANUARY 2002 1
ZC930, ZMV930, ZV931 series
TUNING CHARACTERISTICS at Tamb = 25C
PART Capacitance V R =1V MIN pF 930 931 932 933 933A 934 934A 8.70 13.50 17.00 42.00 42.00 95.00 95.00 MIN pF 4.30 6.50 8.50 18.00 20.25 40.00 47.25 Capacitance V R =2.5V MAX pF 5.50 7.80 10.50 27.00 24.75 65.00 57.75 Capacitance V R =4V MAX pF 2.90 4.00 5.50 12.00 12.00 25.00 25.00 200 300 200 150 150 80 80 Minimum Q V R =4V f=50MHz
ABSOLUTE MAXIMUM RATINGS
PARAMETER Reverse voltage Forward current Power dissipation at T amb = 25 C SOT23 Power dissipation at T amb = 25 C SOD323 Power dissipation at T amb = 25 C SOD523 Operating and storage temperature range SYMBOL VR IF P tot P tot P tot MAX 12 100 330 330 250 -55 to +150 UNIT V mA mW mW mW C
ELECTRICAL CHARACTERISTICS at Tamb = 25C
PARAMETER Reverse breakdown voltage Reverse voltage leakage Temperature coefficient of capacitance CONDITIONS I R = 10uA V R = 8V V R = 3V, f = 1MHz MIN. 12 0.2 300 100 400 TYP. MAX. UNIT V nA ppCm/ C
ISSUE 6 - JANUARY 2002 2
ZC930, ZMV930, ZV931 series
TYPICAL CHARACTERISTICS
ISSUE 6 - JANUARY 2002 3
ZC930, ZMV930, ZV931 series
ORDER CODES AND PART MARKING SOT23 SOD323 SOD523
ORDER CODE
PART MARK
ORDER CODE
PART MARK
ORDER CODE
PART MARK
ZC930TA ZC931TA ZC932TA ZC933TA ZC933ATA ZC934TA ZC934ATA
V15 V14 V13 V17 A17 V16 A16
ZMV930TA ZMV931TA ZMV932TA ZMV933TA ZMV933ATA ZMV934TA ZMV934ATA
AH AJ AK AL AM AN AO ZV931V2TA ZV932V2TA ZV933V2TA 91 92 93
TAPE AND REEL INFORMATION
The order codes are shown as TA which is for 7 inch reels. For 13 inch reels substitute TC in place of TA in the order code.
REEL CODE TA TC REEL SIZE 7 inch (180mm) 13 inch (330mm) TAPE WIDTH 8mm 8mm QUANTITY PER REEL 3000 10000
ISSUE 6 - JANUARY 2002 4
ZC930, ZMV930, ZV931 series
SOT23 PACKAGE DIMENSIONS
DIM
Millimetres Min Max 3.05 1.40 1.10 0.53 0.15
Inches Min 0.105 0.047 - 0.0145 0.0033 Max 0.120 0.055 0.043 0.021 0.0059
A B C D F G K L N
2.67 1.20 - 0.37 0.085
NOM 1.9 0.01 2.10 0.10 2.50
NOM 0.075 0.0004 0.0825 0.004 0.0985
NOM 0.95
NOM 0.037
SOD323 PACKAGE DIMENSIONS
DIM
Millimetres MIN MAX 1.16 0.1 0.4 0.2 1.77 1.37 2.71
Inches MIN 0.036 0.0 0.013 0.005 0.060 0.044 0.097 MAX 0.046 0.004 0.016 0.008 0.070 0.054 0.107
A B D E F G H
0.91 0.0 0.33 0.127 1.52 1.11 2.46
ISSUE 6 - JANUARY 2002 5
ZC930, ZMV930, ZV931 series
SOD523 PACKAGE DIMENSIONS
MILLIMETRES MIN. A A1 A2 b1 c D E E1 L L1 1 0.000 0.600 0.160 0.080 0.700 1.500 1.100 0.200 0.170 4 MAX 0.800 0.100 0.800 0.300 0.220 0.900 1.700 1.300 0.400 0.230 10
(c) Zetex plc 2001
Zetex plc Fields New Road Chadderton Oldham, OL9 8NP United Kingdom Telephone (44) 161 622 4422 Fax: (44) 161 622 4420 Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 Zetex Inc 700 Veterans Memorial Hwy Hauppauge, NY11788 USA Telephone: (631) 360 2222 Fax: (631) 360 8222 Zetex (Asia) Ltd 3701-04 Metroplaza, Tower 1 Hing Fong Road Kwai Fong Hong Kong Telephone: (852) 26100 611 Fax: (852) 24250 494
These offices are supported by agents and distributors in major countries world-wide. This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service. For the latest product information, log on to
www.zetex.com
ISSUE 6 - JANUARY 2002 6


▲Up To Search▲   

 
Price & Availability of ZC930

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X