Part Number Hot Search : 
B1240 P342P MAX19999 SCL4081B MAX3971 HAF70009 AN222 SMH250
Product Description
Full Text Search
 

To Download ZB4CS-700-10W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Power
Power Splitter/Combiner
4 Way-0
Maximum Ratings
Operating Temperature Storage Temperature Power Input (as a combiner) Internal Dissipation -55C to 90C -55C to 100C 10W max. 8W max.
ZB4CS-700-10W
400 to 700 MHz
Features
l l l
high isolation, 25 dB typ. good input matching VSWR, 1.14 typ. good output matching VSWR, 1.1 typ.
CASE STYLE: Z689 PRICE: $134.95 ea. QTY.: (1-9)
Applications
l
UHF-TV/DTV
Outline Drawing
FREQ. (MHz) ISOLATION (dB)
CO PY
Electrical Specifications
PHASE UNBALANCE (Deg.)
Typ. 0.6 Max. 4 Typ. Max. 0.8 Typ. 0.1 0.35
INSERTION LOSS (dB) ABOVE 6 dB
VA IL AB IL IT Y
Max. 0.3 Isolation (dB) 2-3 (dB) 1-2 (dB) 3-4 Phase Unbalance (deg.) 0.21 0.10 0.11 0.23 0.30 0.31 0.40 0.52 0.43 0.36 0.50 0.50 0.43 0.36 0.41 28.12 34.17 36.86 32.20 29.04 27.29 26.42 26.18 26.52 27.38 28.66 30.13 30.79 31.26 29.24 36.59 45.74 47.56 39.98 36.31 34.09 32.68 31.64 31.14 30.88 30.96 31.33 31.58 31.99 35.91 27.11 31.85 33.26 30.16 27.51 25.82 24.87 24.46 24.60 25.19 26.30 27.92 28.98 30.22 35.01 1.29 1.19 1.09 1.03 1.03 1.07 1.10 1.12 1.13 1.14 1.14 1.13 1.13 1.13 1.10
AMPLITUDE UNBALANCE (dB)
POWER INPUT, W1
as combiner2 Max. 10 as splitter Max. 20
fl - fu 400 - 700
1. 2.
Typ. Min. 25 20
Over -55C to +55C. Derate linearly to 20% of rating at 90C. As a combiner of noncoherent signals, max. power per port is power rating divided by number of ports.
AD CH V EC A NC K ST OC E K A
Frequency (MHz) Insertion Loss (dB) S-2 (dB) S-3 (dB) S-1 (dB) S-4 6.34 6.35 6.30 6.31 6.29 6.33 6.34 6.33 6.34 6.38 6.40 6.41 6.40 6.40 6.42 400.00 425.00 450.00 470.00 490.00 510.00 530.00 550.00 570.00 590.00 610.00 630.00 640.00 650.00 700.00 6.41 6.40 6.37 6.40 6.37 6.42 6.42 6.42 6.42 6.45 6.46 6.48 6.49 6.48 6.51 6.26 6.27 6.25 6.26 6.24 6.29 6.31 6.29 6.30 6.33 6.36 6.36 6.38 6.37 6.40 6.30 6.31 6.27 6.29 6.26 6.31 6.32 6.32 6.34 6.38 6.38 6.40 6.41 6.40 6.43 0.15 0.14 0.12 0.14 0.14 0.13 0.11 0.13 0.12 0.13 0.10 0.11 0.11 0.11 0.11
Typical Performance Data
Amplitude Unbalance (dB)
VSWR VSWR VSWR VSWR VSWR S 1 2 3 4 1.14 1.13 1.11 1.10 1.09 1.08 1.08 1.09 1.10 1.11 1.11 1.11 1.11 1.11 1.08 1.15 1.14 1.13 1.11 1.10 1.09 1.10 1.11 1.12 1.13 1.14 1.14 1.13 1.13 1.10 1.15 1.14 1.12 1.10 1.08 1.06 1.06 1.06 1.08 1.09 1.10 1.11 1.11 1.11 1.10 1.16 1.15 1.13 1.11 1.09 1.07 1.07 1.07 1.08 1.09 1.10 1.11 1.11 1.11 1.10
Outline Dimensions ( inch ) mm
A B C 7.06 3.13 1.00 179.32 79.50 25.40 J 2.875 73.03 D E F G .250 1.430 5.630 6.810 6.35 36.32 143.00 172.97
H .250 6.35
K L M N P .156 3.53 .44 .73 1.40 3.96 89.66 11.18 18.54 35.56
wt. grams 810
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
REV. OR M72650 ED-8021 ZB4CS-700-10W HY/TD/CP 000627
Distribution Centers NORTH AMERICA 800-654-7949 * 417 335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
ISO 9001 CERTIFIED


▲Up To Search▲   

 
Price & Availability of ZB4CS-700-10W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X