Part Number Hot Search : 
DPH140T BFXXXX IRKL105 472M03 GAAMLA MS6308U MS133 5962F
Product Description
Full Text Search
 

To Download Z90202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Z90209/203/202
Z90209/203/202
TELEVISION CONTROLLERS
FEATURES
s
Part Z90209 Z90203 Z90202
s s s
ROM (KB) 16 16 8
RAM* (Kbyte) 236 236 236
Speed Package (MHz) Type 6 124-Pin PGA 6 42-Pin SDIP 6 42-Pin SDIP
s s
On-Screen Display (OSD) Logic Circuits One 14-Bit and One 108-Bit Pulse Width Modulator (PWM) Circuits 20 Input/Output Lines Program Memory, Video RAM, and Register File Address Spaces Two On-Chip Counter/Timers
*General-Purpose
s
4.5V to 5.5V Operating Range
s
0C to +70C Temperature Range Low-Power Consumption
s
GENERAL DESCRIPTION
The Z9020X Family of Digital Television Controllers are cost-effective members of the Z8 (R) single-chip microcontroller family. The devices provides an ideal performance and reliability solution for consumer and industrial television applications. The Z90209 is the ROMless In-Circuit Emulation (ICE )Chip version of the Z90200 Digital Television Controller Family used in emulators and development boards. The device features an 8-bit internal data path controlled by a Z8 microcontroller, On-Screen Display (OSD) logic circuits, and Pulse Width Modulators (PWM). On-chip peripherals include two register mapped I/O ports (Ports 2 and Port 3), interrupt control logic (one software, two external and three internal interrupts) and a standby mode recovery input port (Port 3, pin P30). The OSD control circuits support ten rows by 24 columns of characters. The character color is specified by character. The OSD inter-row spacing is variable and can be programmed from 0 to 15 horizontal scan lines. The OSD is capable of displaying high resolution (14 x18 dot pattern) characters. A 14-bit PWM port provides enough voltage resolution for a voltage synthesizer tuning system. Ten 8-bit PWM ports are used for controlling audio signal levels to vary picture levels. Three basic address spaces, The Program Memory, Video RAM, and Register File, support a wide range of memory configurations. For applications demanding powerful I/O capabilities, the Z9020X's dedicated input and output lines are grouped into three ports, and are configurable under software control to provide timing, status signals, parallel I/O and an address/data bus for interfacing to external memory. To unburden the program from coping with the real-time problems such as counting/timing and data communication, the Z9020X offers two on-chip counter/timers with a large number of user selectable modes.
Notes: All Signals with a preceding front slash, "/", are active Low, e.g.: B//W (WORD is active Low); /B/W (BYTE is active Low, only). Power connections follow conventional descriptions below: Connection Power Ground Circuit VCC GND Device VDD
VSS
245
Z90209/203/202
GENERAL DESCRIPTION (Continued)
XTAL1 XTAL2 /RESET Oscillator WDT RESET Counter Timer Counter Timer ADC0 ADC1 ADC2 ADC3 IRIN 3-Bit ADC P40 P41 P42 P43 P44 P45 P46 P47 16K Byte Program ROM Port 2 Z8 CPU Core P20 P21 P22 P23 P24 P25 P26 P27
IR Counter IR Counter 256 Byte Register File
Port 4
P30 P31 P34 P35
Port 3
PWM11 PWM1 PWM2 PWM3 PWM4 PWM5 PWM6 PWM7 PWM8 PWM9 PWM10
PWM 11 (14-Bit)
240 x 11-Bit and 10 x 8-Bit Character RAM On-Screen Display
OSDX1 OSDX2 HSYNC VSYNC R G B VBLANK
PWM 1 to PWM 10 (8-Bit) 9K x 7-Bit Character ROM
Functional Block Diagram
246


▲Up To Search▲   

 
Price & Availability of Z90202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X