Part Number Hot Search : 
9162B 4032K130 MV833 TC70EPA SLA7032M MV833 B8224 ICROS
Product Description
Full Text Search
 

To Download YG911S3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 YG911S3R
LOW LOSS SUPER HIGH SPEED DIODE
(300V / 5A TO-22OF15)
Outline Drawings
10.50.5 o3.2 -0.1
+0.2
4.50.2 2.70.2 6.3
2.70.2 3.70.2
1.20.2 13Min 0.70.2
Features
Low VF Super high speed switching. High reliability by planer design.
150.3
0.60.2 2.70.2
5.080.4
Applications
High speed power switching.
JEDEC EIAJ
SC-67
Connection Diagram
1 3
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Item Repetitive peak reverse voltage Repetitive peak surge reverse voltage Isolation voltage Average output current Surge current Operating junction temperature Storage temperature Symbol VRRM VRSM Viso IO IFSM Tj Tstg Conditions
Rating 300 300
Unit V V V A A C C
Terminals to Case, AC. 1min. duty=1/2, Tc=128C Rectangl wave Sine wave 10ms
1500 5 40 -40 to +150 -40 to +150
Electrical Characteristics (Ta=25C Unless otherwise specified )
Item Forward voltage Drop Reverse current Reverse recovery time Thermal resistance Symbol VF IR trr Rth(j-c) Conditions IF=5.0A VR=VRRM IF=0.1A,IR=0.2A,Irec=0.05A Junction to case Max. 1.2 100 35 3.5 Unit V A ns C/W
Mechanical Characteristics
Mounting torque Weight Recommended torque 0.3 to 0.5 2.3 N*m g
(300V / 5A TO-22OF15)
Characteristics
100
YG911S3R
Forward Characteristic
(typ.)
10
4
Reverse Characteristic
(typ.)
Tj=150 C
o
( A)
(A)
10
3
Tj=125 C Tj=100 C
o
o
Forward Current
10
Reverse Current
Tj=150 C Tj=125 C Tj=100 C Tj=25 C
o o o
o
10
2
10
1
1
Tj= 25 C
o
IF
0.1 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8
IR
10
0
10
-1
0
50
100
150
200
250
300
350
VF
Forward Voltage
(V)
VR
Reverse Voltage
(V)
8.0 7.5
Forward Power Dissipation
1.2
Reverse Power Dissipation
DC
360
(W)
Io
(W) Reverse Power Dissipation
360
1.1 1.0
VR
7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
Square wave =60 o Square wave =120 Sine wave Square wave
=180 =180
o o o
Forward Power Dissipation
0.9 0.8 0.7 0.6
=180
o
DC
0.5 0.4 0.3 0.2
PR
5.5
WF
Per 1element
0.1 0.0 0 50 100 150 200 250 300
4.0
4.5
5.0
Io
Average Forward Current
(A)
VR
Reverse Voltage
(V)
160 155
Current Derating (Io-Tc)
(pF) Junction Capacitance Cj
100
Junction Capacitance Characteristic (typ.)
( C)
150 145 140 135 130 125 120 115 110 0
360 Io
VR=300V
o
10
Case Temperature
DC Sine wave =180 o Square wave =180 Square wave =120
o o
1
Tc
Square wave =60
o
0.1
Io
1
Average Output Current
2
3
4
5
6
(A)
7
8
1
10
100
:Conduction angle of forward current for each rectifier element
VR
Reverse Voltage
(V)
Io:Output current of center-tap full wave connection
A-172
(300V / 5A TO-22OF15)
YG911S3R
100
Surge Capability
Peak Half - Wave Current I FSM
(A)
10 1 1 10 100
Number of Cycles at 50Hz
10
2
Transient Thermal Impedance
Transient Thermal Impedance
( C/W)
10
1
o
10
0
10 -2 10
-1
10
-1
10
0
10
1
10
2
10
3
t
Time
(sec.)
A-173


▲Up To Search▲   

 
Price & Availability of YG911S3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X