Part Number Hot Search : 
A5HBA APL2386 U4301 DLN10 AWM2100V RFI9530G 13F628 TA1658A
Product Description
Full Text Search
 

To Download YG902C3R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 YG902C3R
LOW LOSS SUPER HIGH SPEED DIODE
(300V / 10A TO-22OF15)
Outline Drawings
100.5 o3.2
+0.2 -0.1
4.50.2 2.70.2 6.3
2.70.2 3.70.2
1.20.2 13Min
Features
Low VF Super high speed switching. High reliability by planer design.
150.3
0.70.2 2.540.2
0.6
+0.2 -0
2.70.2
Applications
High speed power switching.
JEDEC EIAJ
SC-67
Connection Diagram
2 1 3
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Item Repetitive peak reverse voltage Repetitive peak surge reverse voltage Isolation voltage Average output current Surge current Operating junction temperature Storage temperature Symbol VRRM VRSM Viso IO IFSM Tj Tstg Terminals to Case, AC. 1min. duty=1/2, Tc=101C Square wave Sine wave 10ms Conditions
Rating 300 300 1500 10* 40 -40 to +150 -40 to +150
Unit V V V A A C C
Electrical Characteristics (Ta=25C Unless otherwise specified )
Item Forward voltage drop ** Reverse current ** Reverse recovery time Thermal resistance Symbol VF IR trr Rth(j-c) Conditions IF=5A VR=VRRM IF=0.1A,IR=0.2A,Irec=0.05A Junction to case
* Out put current of centertap full wave connection.
Max. 1.2 100 35 3.5 Unit V A ns C/W
** Rating per element
Mechanical Characteristics
Mounting torque Weight Recommended torque 0.3 to 0.5 2.3 N*m g
(300V / 10A TO-22OF15)
Characteristics
100
YG902C3R
Forward Characteristic
(typ.)
10
4
Reverse Characteristic
(typ.)
Tj=150 C
o
10
3
Tj=125 C Tj=100 C
o
o
10
Tj=150 C Tj=125 C Tj=100 C Tj=25 C
o o o o
Forward Current
(A) Reverse Current
10
2
(A)
10
1
1
Tj= 25 C
o
IF
10
0
0.1 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8
IR
10
-1
0
50
100
150
200
250
300
350
VF
Forward Voltage
(V)
VR
Reverse Voltage
(V)
9.0 8.5 Io 8.0 7.5 7.0 360 6.5 6.0 o 5.5 Square wave =60 o 5.0 Square wave =120 o 4.5 Sine wave =180 o 4.0 Square wave =180 DC 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0.0 0.5 1.0 1.5 2.0
(W)
Forward Power Dissipation
1.2 1.1
Reverse Power Dissipation
DC
360
(W)
Reverse Power Dissipation
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 50 100 150 200 250 300
=180
o
Forward Power Dissipation
VR
WF
Per 1element
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Io
Average Forward Current
(A)
PR
VR
Reverse Voltage
(V)
160 155 150 145 140 135 130 125 120 115 110 105 100 95 90 85 80 75 70
Current Derating (Io-Tc)
(pF) Junction Capacitance Cj
100
Junction Capacitance Characteristic (typ.)
( C)
o
Case Temperature
10
DC
Sine wave =180
o o o
Square wave =180
1
Square wave =120
Tc
Square wave =60
o
0.1
0 2 4 6 8 10 12 14 16
1
10
100
Io
Average Output Current
(A)
:Conduction angle of forward current for each rectifier element Io:Output current of center-tap full wave connection
VR
Reverse Voltage
(V)
(300V / 10A TO-22OF15)
YG902C3R
100
Surge Capability
Peak Half - Wave Current I FSM
(A)
10 1 1 10 100
Number of Cycles at 50Hz
10
2
Transient Thermal Impedance
Transient Thermal Impedance
( C/W)
10
1
o
10
0
10
-1
10
-2
10
-1
10
0
10
1
10
2
10
3
t
Time
(sec.)


▲Up To Search▲   

 
Price & Availability of YG902C3R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X