Part Number Hot Search : 
13N60 HA1221 HN1A02F 1N4254 VW2X30 TP3A684 XXX3B 1N1830
Product Description
Full Text Search
 

To Download YG902C2R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 YG902C2R
LOW LOSS SUPER HIGH SPEED DIODE
(200V / 10A TO-22OF15)
Outline Drawings
100.5 o3.2
+0.2 -0.1
4.50.2 2.70.2 6.3
2.70.2 3.70.2
1.20.2 13Min
Features
Low VF Super high speed switching. High reaibility by planer design.
150.3
0.70.2 2.540.2
0.6 -0
+0.2
2.70.2
Applications
High speed power switching
JEDEC EIAJ
SC-67
Connection Diagram
2 1 3 Rating 200 200 Terminals to Case, AC. 1min. duty=1/2, Tc=115C Square wave Sine wave 10ms 1500 10* 50 -40 to +150 -40 to +150
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Item Repetitive Peak Reverse Voltage Repetitive Peak Surge Reverse Voltage Isolation Voltage Average Output Current Surge Current Operating Junction Temperature Storage Temperature Symbol VRRM VRSM Viso IO IFSM Tj Tstg Conditions
Unit V V V A A C C
Electrical Characteristics (Ta=25C Unless otherwise specified )
Item Forward Voltage Drop ** Reverse Current ** Reverse recovery time Thermal Resistance Symbol VF IR trr Rth(j-c) Conditions IF=5A VR=VRRM IF=0.1A,IR=0.2A,Irec=0.05A Junction to case
* Out put current of centertap full wave connection.
Max. 0.95 100 35 3.5 Unit V A ns C/W
** Rating per element
Mechanical Characteristics
Mounting torque Weight Recommended torque 0.3 to 0.5 2.3 N*m g
(200V / 10A TO-22OF15)
Characteristics
100
YG902C2R
Forward Characteristic (typ.)
10
4
Reverse Characteristic (typ.)
Tj=150 C
o
(A)
(A)
10
3
Tj=125 C Tj=100 C
o
o
Forward Current
Reverse Current
10
Tj=150 C Tj=125 C Tj=100 C Tj=25 C
o o o o
10
2
10
1
1
Tj= 25 C
o
10
0
IF
0.1 0.3
IR
10
-1
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0
50
100
150
200
VF
Forward Voltage
(V)
VR
Reverse Voltage
(V)
Forward Power Dissipation
(W)
6
Io
(W)
1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2
Reverse Power Dissipation
360 VR
Forward Power Dissipation
5
360
4
Square wave =60
o o
3
Square wave =120 o Sine wave =180 o Square wave =180 DC
Reverse Power Dissipation
DC
=180
o
2
1
PR
WF
Per 1element
0.1 0.0 0 50 100 150 200
0 0 1 2 3 4 5
Io
Average Forward Current
(A)
VR
Reverse Voltage
(V)
160 150 140
Current Derating (Io-Tc)
(pF) Junction Capacitance Cj
Square wave =60
o
100
Junction Capacitance Characteristic (typ.)
( C)
o
10
Case Temperature
130 120 110 100 90
DC Square wave =180 o Sine wave =180
o
Square wave =120
o
1
Tc
80 0 2 4 6 8
0.1 1 10 100
10
12
14
Io
Average Output Current
(A)
:Conduction angle of forward current for each rectifier element Io:Output current of center-tap full wave connection
VR
Reverse Voltage
(V)
(200V / 10A TO-22OF15)
YG902C2R
100
Surge Capability
Peak Half - Wave Current I FSM
(A)
10 1 1 10 100
Number of Cycles at 50Hz
10
2
Transient Thermal Impedance
Transient Thermal Impedance
( C/W)
10
1
o
10
0
10
-1
10
-2
10
-1
10
0
10
1
10
2
10
3
t
Time
(sec.)


▲Up To Search▲   

 
Price & Availability of YG902C2R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X