Part Number Hot Search : 
NCP1201 MAX11 5KP60A PT231 AD802 PT231 2301P 444BX
Product Description
Full Text Search
 

To Download X24F128 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APPLICATION NOTE A V A I LABLE
AN84
128K
X24F128
2-Wire SerialFlash with Block LockTM Protection
16K x 8 Bit
FEATURES
*
* *
* * * * * * * * *
Save Critical Data With Programmable Block Lock Protection --Block Lock (0, 1/4, 1/2, or all of E2PROM Array) --Software Program Protection --Programmable Hardware Program Protect In Circuit Programmable ROM Mode Longer Battery Life With Lower Power --Active Read Current Less Than 1mA --Active Program Current Less Than 3mA --Standby Current Less Than 1A 1.8V to 3.6V or 5V "Univolt" Read and Program Power Supply Versions 32 Word Sector Program Mode --Minimizes Total Program Time Per Word 100KHz 2-Wire Serial Interface Internally Organized 16K x 8 Bidirectional Data Transfer Protocol Self-Timed Program Cycle --Typical Program Cycle Time of 5ms High Reliability --Endurance: 100,000 Cycles --Data Retention: 100 Years 8-Lead DIP 16-Lead SOIC
DESCRIPTION The X24F128 is a CMOS SerialFlash Memory, internally organized 16K x 8. The device features a serial interface and software protocol allowing operation on a simple two wire bus. Three device select inputs (S0-S2) allow up to eight devices to share a common two wire bus. A Program Protect Register at the address location FFFFh provides three program protection features: Software Program Protect, Block Lock Protect, and Hardware Program Protect. The Software Program Protect feature prevents any nonvolatile writes to the device until the PEL bit in the Program Protect Register is set. The Block Lock Protection feature allows the user to individually block protect four blocks of the array by programming two bits in the Program Protect Register. The Programmable Hardware Program Protect feature allows the user to install the device with PP tied to VCC, program the entire memory array in circuit, and then enable the hardware program protection by programming a PPEN bit in the Program Protect Register. After this, selected blocks of the array, including the Program Protect Register itself, are permanently protected from being erased.
FUNCTIONAL DIAGRAM
SERIALFLASH DATA AND ADDRESS (SDA) COMMAND DECODE AND CONTROL LOGIC BLOCK LOCK AND PROGRAM PROTECT CONTROL LOGIC S2 S1 S0 DEVICE SELECT LOGIC PROGRAM PROTECT REGISTER DATA REGISTER Y DECODE LOGIC SERIALFLASH ARRAY 16K x 8 4K x 8
SCL
SECTOR DECODE LOGIC
4K x 8
8K x 8
PP
PROGRAM VOLTAGE CONTROL
7012 ILL F01.4
(c)Xicor, 1995, 1996 Patents Pending 7012-0.8 11/25/96 T1/C0/D0 SH
1
Characteristics subject to change without notice
X24F128
Xicor SerialFlash Memories are designed and tested for applications requiring extended endurance. Inherent data retention is greater than 100 years. PIN DESCRIPTIONS Serial Clock (SCL) The SCL input is used to clock all data into and out of the device. Serial Data (SDA) SDA is a bidirectional pin used to transfer data into and out of the device. It is an open drain output and may be wire-ORed with any number of open drain or open collector outputs. An open drain output requires the use of a pull-up resistor. For selecting typical values, refer to the Pullup resistor selection graph at the end of this data sheet. Device Select (S0, S1, S2) The device select inputs (S0, S1, S2) are used to set the first three bits of the 8-bit slave address. This allows up to eight devices to share a common bus. These inputs can be static or actively driven. If used statically they must be tied to VSS or VCC as appropriate. If actively driven, they must be driven with CMOS levels. Program Protect (PP) The Program Protect input controls the Hardware Program Protect feature. When held LOW, hardware program protection is disabled and the device can be programmed normally. When this input is held HIGH, and the PPEN bit in the Program Protect Register is set HIGH, program protection is enabled, and nonvolatile writes are disabled to the selected blocks as well as the Program Protect Register itself. PIN NAMES Symbol
S0, S1, S2 SDA SCL PP VSS VCC NC
Description
Device Select Inputs Serial Data Serial Clock Program Protect Ground Supply Voltage No Connect
7012 FRM T01
PIN CONFIGURATION
8-LEAD DIP S0 S1 S2 VSS 1 2 3 4 X24F128 8 7 6 5 VCC PP SCL SDA
16-LEAD SOIC S0 S1 NC NC NC NC S2 VSS 1 2 3 4 5 6 7 8 X24F128 16 15 14 13 12 11 10 9 VCC PP NC NC NC NC SCL SDA
7012 ILL F02.1
2
X24F128
DEVICE OPERATION The device supports a bidirectional, bus oriented protocol. The protocol defines any device that sends data onto the bus as a transmitter, and the receiving device as the receiver. The device controlling the transfer is a master and the device being controlled is the slave. The master will always initiate data transfers, and provide the clock for both transmit and receive operations. Therefore, the X24F128 will be considered a slave in all applications. Clock and Data Conventions Data states on the SDA line can change only during SCL LOW. SDA state changes during SCL HIGH are reserved for indicating start and stop conditions. Refer to Figures 1 and 2. Start Condition All commands are preceded by the start condition, which is a HIGH to LOW transition of SDA when SCL is HIGH. The device continuously monitors the SDA and SCL lines for the start condition and will not respond to any command until this condition has been met.
Figure 1. Data Validity
SCL
SDA DATA STABLE DATA CHANGE
7012 ILL F03
Figure 2. Definition of Start and Stop
SCL
SDA START BIT STOP BIT
7012 ILL F04
3
X24F128
Stop Condition All communications must be terminated by a stop condition, which is a LOW to HIGH transition of SDA when SCL is HIGH. The stop condition is also used to place the device into the standby power mode after a read sequence. A stop condition can only be issued after the transmitting device has released the bus. Acknowledge Acknowledge is a software convention used to indicate successful data transfer. The transmitting device, either master or slave, will release the bus after transmitting eight bits. During the ninth clock cycle the receiver will pull the SDA line LOW to acknowledge that it received the eight bits of data. Refer to Figure 3. Figure 3. Acknowledge Response From Receiver The device will respond with an acknowledge after recognition of a start condition and its slave address. If both the device and a program operation have been selected, the device will respond with an acknowledge after the receipt of each subsequent byte. In the read mode the device will transmit eight bits of data, release the SDA line and monitor the line for an acknowledge. If an acknowledge is detected and no stop condition is generated by the master, the device will continue to transmit data. If an acknowledge is not detected, the device will terminate further data transmissions. The master must then issue a stop condition to return the device to the standby power mode and place the device into a known state.
SCL FROM MASTER
1
8
9
DATA OUTPUT FROM TRANSMITTER
DATA OUTPUT FROM RECEIVER START ACKNOWLEDGE
7012 ILL F05
4
X24F128
DEVICE ADDRESSING Following a start condition, the master must output the address of the slave it is accessing. The first four bits of the Slave Address Byte are the device type identifier bits. These must equal "1010". The next 3 bits are the device select bits S0, S1, and S2. This allows up to 8 devices to share a single bus. These bits are compared to the S0, S1, and S2 device select input pins. The last bit of the Slave Address Byte defines the operation to be performed. When the R/W bit is a one, then a read operation is selected. When it is zero then a program operation is selected. Refer to figure 4. After loading the Slave Address Byte from the SDA bus, the device compares the device type bits with the value "1010" and the device select bits with the status Figure 4. Device Addressing
DEVICE TYPE IDENTIFIER DEVICE SELECT
of the device select input pins. If the compare is not successful, no acknowledge is output during the ninth clock cycle and the device returns to the standby mode. The byte address is either supplied by the master or obtained from an internal counter, depending on the operation. When required, the master must supply the two Address Bytes as shown in figure 4. The internal organization of the E2 array is 512 sectors by 32 bytes per sector. The sector address is partially contained in the Address Byte 1 and partially in bits 7 through 5 of the Address Byte 0. The specific byte address is contained in bits 4 through 0 of the Address Byte 0. Refer to figure 4.
1
0
1
0
S2
S1
S0
R/W
SLAVE ADDRESS BYTE HIGH ORDER ADDRESS
0
0
A13
A12
A11
A10
A9
A8
ADDRESS BYTE 1
LOW ORDER ADDRESS
A7
A6
A5
A4
A3
A2
A1
A0
ADDRESS BYTE 0
D7
D6
D5
D4
D3
D2
D1
D0
DATA BYTE
7012 ILL F06.1
5
X24F128
PROGRAMMING OPERATIONS Sector Program Operation The device executes a thirty-two byte sector program operation. For a sector program operation, the device requires the Slave Address Byte, Address Byte 1, and Address Byte 0. Address Byte 0 must contain the first byte of the sector to be programmed. Upon receipt of Address Byte 0, the device responds with an acknowledge, and waits for the first eight bits of data. After receiving the 8 bits of the first data byte, the device again responds with an acknowledge. The device will respond with an acknowledge after the receipt of each of 31 more bytes. Each time the byte address is internally incremented by one, while the sector address remains constant. When the counter reaches the end of the sector, the master terminates the data loading by issuing a stop condition, which causes the device to begin the nonvolatile write cycle. All inputs are disabled until completion of the nonvolatile write cycle. The SDA pin is at high impedance. Refer to figure 5 for the address, acknowledge, and data transfer sequence.
Figure 5. Sector Program Sequence
S T A R T
SIGNALS FROM THE MASTER SDA BUS SIGNALS FROM THE SLAVE
SLAVE ADDRESS
ADDRESS BYTE 1
ADDRESS BYTE 0
DATA (1)
DATA (32)
S T O P P
S1010
0 A C K A C K A C K A C K A C K
7012 ILL F08.1
6
X24F128
Acknowledge Polling The maximum program cycle time can be significantly reduced using Acknowledge Polling. To initiate Acknowledge Polling, the master issues a start condition followed by the Slave Address Byte for a program or read operation. If the device is still busy with the nonvolatile write cycle, then no ACK will be returned. If the device has completed the nonvolatile write operation, an ACK will be returned and the host can then proceed with the read or program operation. Refer to figure 6. Figure 6. Acknowledge Polling Sequence
BYTE LOAD COMPLETED BY ISSUING STOP. ENTER ACK POLLING
READ OPERATIONS Read operations are initiated in the same manner as program operations with the exception that the R/W bit of the Slave Address Byte is set to one. There are three basic read operations: Current Address Reads, Random Reads, and Sequential Reads. Current Address Read Internally, the device contains an address counter that maintains the address of the last byte read or programmed, incremented by one. After a read operation from the last address in the array, the counter will "roll over" to the first address in the array. After a program operation to the last address in a given sector, the counter will "roll over" to the first address of the same sector. Upon receipt of the Slave Address Byte with the R/W bit set to one, the device issues an acknowledge and then transmits the byte at the current address. The master terminates the read operation when it does not respond with an acknowledge during the ninth clock and then issues a stop condition. Refer to figure 7 for the address, acknowledge, and data transfer sequence.
ISSUE START
ISSUE SLAVE ADDRESS BYTE (READ OR PROGRAM)
ISSUE STOP
ACK RETURNED? YES
NO
It should be noted that the ninth clock cycle of the read operation is not a "don't care." To terminate a read operation, the master must either issue a stop condition during the ninth cycle or hold SDA HIGH during the ninth clock cycle and then issue a stop condition. Figure 7. Current Address Read Sequence
NONVOLATILE WRITE CYCLE COMPLETE. CONTINUE SEQUENCE? YES CONTINUE NORMAL READ OR PROGRAM COMMAND SEQUENCE
NO
SIGNALS FROM THE MASTER SDA BUS SIGNALS FROM THE SLAVE
S T A R T
SLAVE ADDRESS 1 A C K
S T O P P
S1010
DATA
7012 ILL F10
ISSUE STOP
PROCEED
7012 ILL F09
7
X24F128
Random Read Random read operation allows the master to access any memory location in the array. Prior to issuing the Slave Address Byte with the R/W bit set to one, the master must first perform a "Dummy" program operation. The master issues the start condition and the Slave Address Byte with the R/W bit low, receives an acknowledge, then issues Address Byte 1, receives another acknowledge, then issues Address Byte 0 containing the address of the byte to be read. After the device acknowledges receipt of Address Byte 0, the master issues another start condition and the Slave Address Byte with the R/W bit set to one. This is followed by an acknowledge and then eight bits of data from the device. The master terminates the read operation by not responding with an acknowledge and then issuing a stop condition. Refer to figure 8 for the address, acknowledge, and data transfer sequence. The device will perform a similar operation called "Set Current Address" if a stop is issued instead of the second start shown in figure 9. The device will go into standby mode after the stop and all bus activity will be ignored until a start is detected. The effect of this operation is that the new address is loaded into the address counter, but no data is output by the device. The next Current Address Read operation will read from the newly loaded address. Sequential Read Sequential reads can be initiated as either a current address read or random read. The first byte is transmitted as with the other modes; however, the master now responds with an acknowledge, indicating it requires additional data. The device continues to output data for each acknowledge received. The master terminates the read operation by not responding with an acknowledge and then issuing a stop condition. The data output is sequential, with the data from address n followed by the data from address n + 1. The address counter for read operations increments through all byte addresses, allowing the entire memory contents to be read during one operation. At the end of the address space the counter "rolls over" to address 0000h and the device continues to output data for each acknowledge received. Refer to figure 9 for the acknowledge and data transfer sequence.
Figure 8. Random Read Sequence
SIGNALS FROM THE MASTER SDA BUS SIGNALS FROM THE SLAVE S T A R T S T A R T S A C K A C K A C K
SLAVE ADDRESS 0
ADDRESS BYTE 1
ADDRESS BYTE 0
SLAVE ADDRESS 1 A C K
S T O P P
S1010
DATA
7012 ILL F11.1
Figure 9. Sequential Read Sequence
SIGNALS FROM THE MASTER SDA BUS SIGNALS FROM THE SLAVE A C K 1 A C K A C K A C K S T O P P
SLAVE ADDRESS S
DATA (1)
DATA (2)
DATA (n-1)
DATA (n)
7012 ILL F12.1
8
X24F128
PROGRAM PROTECT REGISTER (PPR) Register Program Operation The Program Protect Register can only be modified by programming one data byte directly to the address FFFFh as described below. The data byte must contain zeroes where indicated in the procedural descriptions below; otherwise the operation will not be performed. Only one data byte is allowed for each Register Program Operation. The part will not acknowledge any data bytes after the first byte is entered. The user then has to issue a stop to initiate the nonvolatile write cycle that programs BL0, BL1, and PPEN to the nonvolatile bits. A stop must also be issued after volatile register program operations to put the device into Standby. The state of the Program Protect Register can be read by performing a random read at FFFFh at any time. The part will reset itself after the first byte is read. The master should supply a stop condition to be consistent with the protocol. After the read, the address counter contains 0000h. Program Protect Register: PPR (ADDR = FFFFh)
7 PPEN 6 0 5 0 4 BL1 3 BL0 2 RPEL 1 PEL 0 0
PPEN: Program Protect Enable Bit (Nonvolatile) The Program Protect (PP) pin and the Program Protect Enable (PPEN) bit in the Program Protect Register control the Programmable Hardware Program Protection feature. Hardware Program Protection is enabled when the PP pin is HIGH and the PPEN bit is HIGH, and disabled when either the PP pin is LOW or the PPEN bit is LOW. When the chip is Hardware Program Protected, nonvolatile writes are disabled to the Program Protect Register, including the Block Lock Protect bits and the PPEN bit itself, as well as to the Block Lock protected sections in the memory array. Only the sections of the memory array that are not Block Lock protected, and the volatile bits PEL and RPEL, can be programmed. In Circuit Programmable ROM Mode Note that since the PPEN bit is program protected, it cannot be changed back to a LOW state; so program protection is enabled as long as the PP pin is held HIGH. Thus an In Circuit Programmable ROM function can be implemented by hardwiring the PP pin to Vcc, programming and Block Locking the desired portion of the array to be ROM, and then programming the PPEN bit HIGH. Figure 11 defines the program protect status for each combination of PPEN and PP. Programming the PEL and RPEL bits PEL and RPEL are volatile latches that power up in the LOW (disabled) state. While the PEL bit is LOW, program operations to any address other than FFFFh will be ignored (no acknowledge will be issued after the data byte). The PEL bit is set by programming 00000010 to address FFFFh. Once set, PEL remains HIGH until either it is reset to 0 (by programming 00000000 to FFFFh) or until power cycles. Programming PEL and RPEL does not cause a nonvolatile write cycle, so the device is ready for the next operation immediately after the stop condition. The RPEL bit controls programming to the Block Lock Protect bits, BL0 and BL1, and the PPEN bit. If RPEL is 0 then no programming operations can be performed on BL0, BL1, or PPEN. RPEL is reset when power cycles or after any nonvolatile write, including those to the Block Lock Protect bits, the PPEN bit, or any sector in the memory array. RPEL must be reset before PEL can be reset. RPEL and PEL cannot be reset in one program operation. RPEL can also be reset by programming u00xy010 to FFFFh ONLY when the PPR is NOT protected. This is the same operation as in step 3 described below, and will result in programming BL0, BL1, and PPEN.
9
PEL: Program Enable Latch (Volatile) 0 = PEL reset, programming disabled. 1 = PEL set, programming enabled. RPEL: Register Program Enable Latch (Volatile) 0 = RPEL reset, programs to the Program Protect Register disabled. 1 = RPEL set, programs to the Program Protect Register enabled. BL0, BL1: Block Lock Protect Bits (Nonvolatile) The Block Lock Protect Bits, BL0 and BL1, determine which blocks of the array are protected. A program to a protected block of memory is ignored, but will receive an acknowledge. The master must issue a stop to put the part into standby, just as it would for a valid program; but the stop will not initiate an internal nonvolatile write cycle. See figure 10.
X24F128
Programming to the BL and PPEN Bits A 3 step sequence is required to change the nonvolatile Block Lock Protect or Program Protect Enable bits: 1) Set PEL=1, Program 00000010 to address FFFFh (Volatile Write Cycle.) 2) Set RPEL=1, Program 00000110 to address FFFFh (Volatile Write Cycle.) 3) Set BL1, BL0, and/or PPEN bits, Program u00xy010 to address FFFFh, where u=PPEN, x=BL1, and y=BL0. (Nonvolatile Write Cycle.) The three step sequence was created to make it difficult to change the contents of the Program Protect Register accidentally. If PEL was set to one by a previous register program operation, the user may start at step 2. RPEL is reset to zero in step 3 so that user is required to perform steps 2 and 3 to make another change. RPEL must be 0 in step 3. If the RPEL bit in the data byte for step 3 is a one, then no changes are made to the Program Protect Register and the device remains at step 2. The PP pin must be LOW or the PPEN bit must be LOW before a nonvolatile register program operation is initiated. Otherwise, the program operation will abort and the device will go into standby mode after the master issues the stop condition in step 3. Step 3 is a nonvolatile write operation, requiring 10mS max to complete (acknowledge polling may be used to reduce this time requirement). It should be noted that step 3 MUST end with a stop condition. If a start condition is issued during or at the end of step 3 (instead of a stop condition) the device will abort the nonvolatile register program and remain at step 2. If the operation is aborted with a start condition, the master must issue a stop to put the device into standby mode.
Figure 10. Block Lock Protect Bits and Protected Addresses Protected Addresses BL1 0 0 1 1 BL0 X24F128 0 1 0 1 None 3000h - 3FFFh 2000h - 3FFFh 0000h - 3FFFh No Protect Upper 1/4 Upper 1/2 Full Array
7012 FRM T02
Array Location
Figure 11. PP Pin and PPEN Bit Functionality PP 0 X 1 PPEN X 0 1 Memory Array Not Lock Block Protected Programmable Programmable Programmable Memory Array Block Lock Protected Protected Protected Protected Block Lock Bits Programmable Programmable Protected PPEN Bit Programmable Programmable Protected
7012 FRM T03
10
X24F128
ABSOLUTE MAXIMUM RATINGS* Temperature under Bias X24F128.....................................-65C to +135C Storage Temperature ........................-65C to +150C Voltage on any Pin with Respect to VSS .................................... -1V to +7V D.C. Output Current ..............................................5mA Lead Temperature (Soldering, 10 seconds) .............................. 300C RECOMMENDED OPERATING CONDITIONS Temperature
Commercial Extended
*COMMENT Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and the functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Min.
0C -20C
Max.
+70C +85C
7012 FRM T04
Supply Voltage
X24F128 X24F128-5
Limits
1.8V to 3.6V 4.5V to 5.5V
7012 FRM T05
D.C. OPERATING CHARACTERISTICS Limits Symbol
ICC1 ICC2 ISB1(1)
Parameter
VCC Supply Current (Read) VCC Supply Current (Program) VCC Standby Current
Min.
Max.
1 3 10
Units
mA mA A
Test Conditions
SCL = VCC X 0.1/VCC X 0.9 Levels @ 100KHz, SDA = Open, All Other Inputs = VSS or VCC - 0.3V SCL = SDA = VCC - 0.3V, All Other Inputs = VSS or VCC - 0.3V, VCC = 5V 10% SCL = SDA = VCC - 0.1V, All Other Inputs = VSS or VCC - 0.1V, VCC = 1.8V VIN = VSS to VCC VOUT = VSS to VCC
ISB2(1)
VCC Standby Current
1
A
ILI ILO VlL(2) VIH(2) VOL Vhys(3)
Input Leakage Current Output Leakage Current Input LOW Voltage Input HIGH Voltage Output LOW Voltage Hysteresis of Schmitt Trigger Inputs VCC x 0.05 -0.5 VCC x 0.7
10 10 VCC x 0.3 VCC + 0.5 0.4
A A V V V V
IOL = 3mA
7012 FRM T06.1
CAPACITANCE TA = +25C, f = 1MHz, VCC = 5V Symbol
CI/O(3) CIN(3)
Parameter
Input/Output Capacitance (SDA) Input Capacitance (S0, S1, S2, SCL, PP)
Max.
8 6
Units
pF pF
Test Conditions
VI/O = 0V VIN = 0V
7012 FRM T07
Notes: (1) Must perform a stop command prior to measurement. (2) VIL min. and VIH max. are for reference only and are not 100% tested. (3) This parameter is periodically sampled and not 100% tested.
11
X24F128
A.C. CONDITIONS OF TEST
Input Pulse Levels Input Rise and Fall Times Input and Output Timing Levels VCC x 0.1 to VCC x 0.9 10ns VCC X 0.5
7012 FRM T08
EQUIVALENT A.C. LOAD CIRCUIT
5V 1.53K OUTPUT 100pF
7012 ILL F14.1
A.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions, unless otherwise specified.) Read & Program Cycle Limits Symbol
fSCL TI tAA tBUF tHD:STA tLOW tHIGH tSU:STA tHD:DAT tSU:DAT tR tF tSU:STO tDH
Parameter
SCL Clock Frequency Noise Suppression Time Constant at SCL, SDA Inputs SCL LOW to SDA Data Out Valid Time the Bus Must Be Free Before a New Transmission Can Start Start Condition Hold Time Clock LOW Period Clock HIGH Period Start Condition Setup Time (for a Repeated Start Condition) Data In Hold Time Data In Setup Time SDA and SCL Rise Time SDA and SCL Fall Time Stop Condition Setup Time Data Out Hold Time
Min.
0 50 0.3 4.7 4 4.7 4 4.7 0 250
Max.
100 100 3.5
Units
KHz ns s s s s s s s ns s ns s ns
7012 FRM T09
1 300 4.7 300
POWER-UP TIMING(4) Symbol
tPUR tPUW
Parameter
Power-up to Read Operation Power-up to Write Operation
Max.
1 5
Units
ms ms
7012 FRM T10
Notes: (4) tPUR and tPUW are the delays required from the time V CC is stable until the specified operation can be initiated. These parameters are periodically sampled and not 100% tested.
12
X24F128
Bus Timing
tF SCL tSU:STA SDA IN tAA SDA OUT
7012 ILL F15
tHIGH
tLOW
tR
tHD:STA
tHD:DAT
tSU:DAT
tSU:STO
tDH
tBUF
Program Cycle Limits Symbol
TWR(6)
Parameter
Program Cycle Time
Min.
Typ.(5)
5
Max.
10
Units
ms
7012 FRM T11
Notes: (5) Typical values are for TA = 25C and nominal supply voltage (5V). (6) tWR is the minimum cycle time to be allowed from the system perspective unless polling techniques are used. It is the maximum time the device requires to automatically complete the nonvolatile write operation.
The program cycle time is the time from a valid stop condition of a program sequence to the end of the internal erase/program cycle. During the program cycle, the X24F128 bus interface circuits are disabled, SDA is allowed to remain HIGH, and the device does not respond to its slave address. Bus Timing
SCL
SDA
8th BIT WORD n
ACK tWR STOP CONDITION START CONDITION
7012 ILL F16
Guidelines for Calculating Typical Values of Bus Pull-Up Resistors
120 RESISTANCE (K) 100 80 60 40 20 0 0 20 40 60 80 100 120
7012 ILL F17
SYMBOL TABLE
WAVEFORM INPUTS Must be steady May change from Low to High May change from High to Low Don't Care: Changes Allowed N/A OUTPUTS Will be steady Will change from Low to High Will change from High to Low Changing: State Not Known Center Line is High Impedance
RMIN =
VCC MAX =1.8K IOL MIN tR CBUS
RMAX =
MAX. RESISTANCE
MIN. RESISTANCE
BUS CAPACITANCE (pF)
13
X24F128
PACKAGING INFORMATION
8-LEAD PLASTIC DUAL IN-LINE PACKAGE TYPE P
0.430 (10.92) 0.360 (9.14)
0.260 (6.60) 0.240 (6.10) PIN 1 INDEX PIN 1 0.300 (7.62) REF. 0.060 (1.52) 0.020 (0.51)
HALF SHOULDER WIDTH ON ALL END PINS OPTIONAL SEATING PLANE 0.150 (3.81) 0.125 (3.18)
0.145 (3.68) 0.128 (3.25)
0.025 (0.64) 0.015 (0.38) 0.065 (1.65) 0.045 (1.14) 0.020 (0.51) 0.016 (0.41)
0.110 (2.79) 0.090 (2.29)
0.015 (0.38) MAX.
0.325 (8.25) 0.300 (7.62)
TYP. 0.010 (0.25)
0 15
NOTE: 1. ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS) 2. PACKAGE DIMENSIONS EXCLUDE MOLDING FLASH
3926 FHD F01
14
X24F128
PACKAGING INFORMATION
16-LEAD PLASTIC SMALL OUTLINE GULL WING PACKAGE TYPE S
0.150 (3.80) 0.158 (4.00) PIN 1 INDEX
0.228 (5.80) 0.244 (6.20)
PIN 1
0.014 (0.35) 0.020 (0.51) 0.386 (9.80) 0.394 (10.01)
(4X) 7
0.053 (1.35) 0.069 (1.75)
0.050 (1.27)
0.004 (0.19) 0.010 (0.25)
0.050" Typical 0.010 (0.25) X 45 0.020 (0.50)
0 - 8 0.0075 (0.19) 0.012 (0.30) 0.016 (0.410) 0.037 (0.937) 0.030" Typical 16 Places 0.250"
0.050" Typical
FOOTPRINT
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
3926 FHD F26
15
X24F128
ORDERING INFORMATION X24F128 Device X X -X V CC Range Blank = 1.8V to 3.6V 5 = 4.5V to 5.5V
Temperature Range Blank = 0C to +70C E = -20C to +85C
Package X24F128 P = 8-Lead Plastic DIP S = 16-Lead SOIC
Part Mark Convention
X24F128 X X Blank = 1.8V to 3.6V, 0C to +70C E = 1.8V to 3.6V, -20C to +85C 5 = 4.5V to 5.5V, 0C to +70C E5 = 4.5V to 5.5V, -20C to +85C P = 8-Lead Plastic DIP S = 16-Lead SOIC
LIMITED WARRANTY Devices sold by Xicor, Inc. are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. Xicor, Inc. makes no warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. Xicor, Inc. makes no warranty of merchantability or fitness for any purpose. Xicor, Inc. reserves the right to discontinue production and change specifications and prices at any time and without notice. Xicor, Inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a Xicor, Inc. product. No other circuits, patents, licenses are implied. U.S. PATENTS Xicor products are covered by one or more of the following U.S. Patents: 4,263,664; 4,274,012; 4,300,212; 4,314,265; 4,326,134; 4,393,481; 4,404,475; 4,450,402; 4,486,769; 4,488,060; 4,520,461; 4,533,846; 4,599,706; 4,617,652; 4,668,932; 4,752,912; 4,829, 482; 4,874, 967; 4,883, 976. Foreign patents and additional patents pending. LIFE RELATED POLICY In situations where semiconductor component failure may endanger life, system designers using this product should design the system with appropriate error detection and correction, redundancy and back-up features to prevent such an occurence. Xicor's products are not authorized for use in critical components in life support devices or systems. 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
16


▲Up To Search▲   

 
Price & Availability of X24F128

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X