Part Number Hot Search : 
243R3 IT122 LW3021A M74HC485 TLE4946H BD3491FS M62464AE 10X12
Product Description
Full Text Search
 

To Download X20C16T-35 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APPLICATION NOTE
AVAILABLE
X20C16 16K
AN56
X20C16
High Speed AUTOSTORETM NOVRAM
2K x 8 Bit
FEATURES
DESCRIPTION
The Xicor X20C16 is a 2K x 8 NOVRAM featuring a highspeed static RAM overlaid bit-for-bit with a nonvolatile electrically erasable PROM (E 2 PROM) and the AUTOSTORE feature which automatically saves the RAM contents to E2PROM at power-down. The X20C16 is fabricated with advanced CMOS floating gate technology to achieve high speed with low power and wide power-supply margin. The X20C16 features a compatible JEDEC approved pinout for byte-wide memories, for industry standard RAMs, ROMs, EPROMs, and E2PROMs. The NOVRAM design allows data to be easily transferred from RAM to E2PROM (store) and E2PROM to RAM (recall). The store operation is completed in 5ms or less and the recall operation is completed in 10s or less. An automatic array recall operation reloads the contents of the E2PROM into RAM upon power-up. Xicor NOVRAMS are designed for unlimited write operations to RAM, either from the host or recalls from E2PROM, and a minimum 1,000,000 store operations to the E2PROM. Data retention is specified to be greater than 100 years.
* *
*
* * * *
Fast Access Time: 35ns, 45ns, 55ns High Reliability --Endurance: 1,000,000 Nonvolatile Store Operations --Retention: 100 Years Minimum AUTOSTORETM NOVRAM --Automatically Stores RAM Data Into the E2PROM Array When VCC Low Threshold is Detected --User Enabled Option --Open Drain AUTOSTORE Status Output Pin Power-on Recall --E2PROM Data Automatically Recalled Into RAM Upon Power-up Software Data Protection --Locks Out Inadvertent Store Operations Low Power CMOS --Standby: 250A Infinite E2PROM Array Recall, and RAM Read and Write Cycles
PIN CONFIGURATION
PLASTIC CERDIP
NE NC A7 A6 A5 A4 A3 A2 A1 A0 I/O0 I/O1 I/O2 VSS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 X20C16 21 20 19 18 17 16 15 VCC WE AS A8 A9 NC OE A10 CE I/O7 I/O6 I/O5 I/O4 I/O3
NC OE A9 A8 AS WE VCC NE NC A7 A6 A5
3826 FHD F15.1
TSOP
A2 A1 A0 N/C I/O0 I/O1 I/O2 VSS VSS I/O3 I/O4 I/O5 I/O6 I/O7 CE A10 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
LCC PLCC
VCC WE A7 NC NE NC
SOIC
1 2 3 4 5 6 7 8 9 10 11 12 13 14 X20C16 28 27 26 25 24 23 22 21 20 19 18 17 16 15 A10 CE I/O7 I/O6 I/O5 I/O4 I/O3 VSS I/O2 I/O1 I/O0 A0 A1 A2
3826 FHD F03
X20C16
4 A6 A5 A4 A3 5 6 7 8 9 10 11 12
3
2
1 32 31 30 29 28 27 26 A8 A9 NC NC OE A10 CE I/O7 I/O6
A2 A1 A0 NC I/O0
X20C16 (TOP VIEW)
3826 FHD F02
3826 ILL F17.2
21 13 14 15 16 17 18 19 20 VSS NC I/O1 I/O2 I/O3 I/O4 I/O5
A4 A3
AUTOSTORETM NOVRAM is a trademark of Xicor, Inc. (c)Xicor, Inc. 1991, 1995, 1996 Patents Pending 3826-2.9 7/31/97 T4/C0/D0 SH
1
Characteristics subject to change without notice
AS 25 24 23 22
16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 A3 A4 A5 A6 A7 NC NE VCC VCC WE AS NC A8 A9 NC OE
X20C16
PIN DESCRIPTIONS Addresses (A0-A10) The Address inputs select an 8-bit memory location during a read or write operation. Chip Enable (CE) The Chip Enable input must be LOW to enable all read/ write operations. When CE is HIGH, power consumption is reduced. Output Enable (OE) The Output Enable input controls the data output buffers and is used to initiate read and recall operations. Output Enable LOW disables a store operation regardless of the state of CE, WE, or NE. Data In/Data Out (I/O0-I/O7) Data is written to or read from the X20C16 through the I/O pins. The I/O pins are placed in the high impedance state when either CE or OE is HIGH or when NE is LOW. Write Enable (WE) The Write Enable input controls the writing of data to the static RAM. FUNCTIONAL DIAGRAM Nonvolatile Enable (NE) The Nonvolatile Enable input controls the recall function to the E2PROM array. AUTOSTORE Output (AS) AS is an open drain output which, when asserted indicates VCC has fallen below the AUTOSTORE threshold (VASTH). AS may be wire-ORed with multiple open drain outputs and used as an interrupt input to a microcontroller. PIN NAMES Symbol A0-A10 I/O0-I/O7 WE CE OE NE AS VCC VSS NC Description Address Inputs Data Input/Output Write Enable Chip Enable Output Enable Nonvolatile Enable AUTOSTORE Output +5V Ground No Connect
3826 PGM T01
AS
VCC SENSE EEPROM ARRAY
A3-A8
ROW SELECT
CE OE WE NE A0-A2 A9-A10 CONTROL LOGIC
COLUMN SELECT & I/OS
I/O0-I/O7
3826 FHD F01
2
ST O
HIGH SPEED 2K x 8 SRAM ARRAY
R R E
EC
AL
L
X20C16
DEVICE OPERATION The CE, OE, WE, and NE inputs control the X20C16 operation. The X20C16 byte-wide NOVRAM uses a 2-line control architecture to eliminate bus contention in a system environment. The I/O bus will be in a high impedance state when either OE or CE is HIGH, or when NE is LOW. RAM Operations RAM read and write operations are performed as they would be with any static RAM. A read operation requires CE and OE to be LOW with WE and NE HIGH. A write operation requires CE and WE to be LOW with NE HIGH. There is no limit to the number of read or write operations performed to the RAM portion of the X20C16. Memory Transfer Operations There are two memory transfer operations: a recall operation whereby the data stored in the E2PROM array is transferred to the RAM array; and a store operation which causes the entire contents of the RAM array to be stored in the E2PROM array. Recall operations are performed automatically upon power-up and under host system control when NE, OE and CE are LOW and WE is HIGH. The recall operation takes a maximum of 5s. SDP (Software Data Protection) There are two methods of initiating a store operation. The first is the software store command. This command takes the place of the hardware store employed on the X20C04. This command is issued by entering into the special command mode: NE, CE, and WE strobe LOW while at the same time a specific address and data combination is sent to the device. This is a three step operation: the first address/data combination is 555[H]/ AA[H]; the second combination is 2AA[H]/55[H]; and the final command combination is 555[H]/33[H]. This sequence of pseudo write operations will immediately initiate a store operation. Refer to the software command timing diagrams for details on set and hold times for the various signals. The second method of storing data is with the AUTOSTORE command. When enabled, data is automatically stored from the RAM into the E2PROM array whenever VCC falls below the preset Autostore threshold. This feature is enabled by performing the first two steps for the software store with the command combination being 555[H]/CC[H]. The AUTOSTORE feature is disabled by issuing the three step command sequence with the command combination being 555[H]/CD[H]. The AUTOSTORE feature will also be reset if VCC falls below the power-up reset threshold (approximately 3.5V) and is then raised back into the operation range. Write Protection The X20C16 supports two methods of protecting the nonvolatile data. --If after power-up the AUTOSTORE feature is not enabled, no AUTOSTORE can occur. --VCC Sense - All functions are inhibited when VCC is 3.0V typical. SYMBOL TABLE The following symbol table provides a key to understanding the conventions used in the device timing diagrams. The diagrams should be used in conjunction with the device timing specifications to determine actual device operation and performance, as well as device suitability for user's application.
WAVEFORM INPUTS Must be steady May change from LOW to HIGH May change from HIGH to LOW Don't Care: Changes Allowed N/A OUTPUTS Will be steady Will change from LOW to HIGH Will change from HIGH to LOW Changing: State Not Known Center Line is High Impedance
3
X20C16
ABSOLUTE MAXIMUM RATINGS* Temperature under Bias .................. -65C to +135C Storage Temperature ....................... -65C to +150C Voltage on any Pin with Respect to VSS ....................................... -1V to +7V D.C. Output Current ........................................... 10mA Lead Temperature (Soldering, 10 seconds)...... 300C RECOMMENDED OPERATING CONDITIONS Temperature Commercial Industrial Military Min. 0C -40C -55C Max. +70C +85C +125C
3826 PGM T02.1
*COMMENT Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and the functional operation of the device at these or any conditions other than those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage X20C16
Limits 5V 10%
3826 PGM T03.1
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.) Limits Symbol lCC1 Parameter VCC Current (Active) Min. Max. 100 Units mA Test Conditions NE = WE = VIH, CE = OE = VIL Address Inputs = 0.4V/2.4V Levels @ f = 20MHz All I/Os = Open All Inputs = VIH All I/Os = Open CE = VIH, All Other Inputs = VIH All I/Os = Open All Inputs = VCC - 0.3V All I/Os = Open VIN = VSS to VCC VOUT = VSS to VCC, CE = VIH
ICC2 ICC3(2) ISB1 ISB2 ILI ILO VIL(1) VIH(1) VOL VOLAS VOH
VCC Current During Store VCC Current During AUTOSTORE VCC Standby Current (TTL Input) VCC Standby Current (CMOS Input) Input Leakage Current Output Leakage Current Input LOW Voltage Input HIGH Voltage Output LOW Voltage AUTOSTORE Output Output HIGH Voltage
5 2.5 10 250 10 10 0.8 VCC + 0.5 0.4 0.4
mA mA mA A A A V V V V V
-1 2
2.4
IOL = 4mA IOLAS = 1mA IOH = -4mA
3826 PGM T04.3
POWER-UP TIMING Symbol tPUR(2) tPUW(2) Parameter Power-Up to RAM Operation Power-Up to Nonvolatile Operation Max. 100 5 Units s ms
3826 PGM T05
CAPACITANCE TA = +25C, f = 1MHz, VCC = 5V. Symbol CI/O(2) CIN(2) Test Input/Output Capacitance Input Capacitance Max. 10 6 Units pF pF Conditions VI/O = 0V VIN = 0V
3826 PGM T06.1
Notes: (1) VIL min. and VIH max. are for reference only and are not tested. (2) This parameter is periodically sampled and not 100% tested.
4
X20C16
ENDURANCE AND DATA RETENTION Parameter Endurance Store Cycles Data Retention MODE SELECTION CE H L L L L L L L L WE X H L L H L H L H NE X H H H L L H L L OE X L H H L H H L H Mode Not Selected Read RAM Write "1" RAM Write "0" RAM Array Recall Software Command Output Disabled Not Allowed No Operation I/O Output High Z Output Data Input Data High Input Data Low Output High Z Input Data Output High Z Output High Z Output High Z Power Standby Active Active Active Active Active Active Active Active
3826 PGM T09
Min. 100,000 1,000,000 100
Units Data Changes Per Bit Store Cycles Years
3826 PGM T07.1
EQUIVALENT A.C. LOAD CIRCUIT
5V 735 OUTPUT 318 30pF
A.C. CONDITIONS OF TEST Input Pulse Levels Input Rise and Fall Times Input and Output Timing Levels 0V to 3V 5ns 1.5V
3826 PGM T08.1
3826 FHD F04
5
X20C16
A.C. CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified) Read Cycle Limits X20C16-35 -40 to +85C Symbol tRC tCE tAA tOE tLZ(3) tOLZ(3) tHZ(3) tOHZ(3) tOH Parameter Read Cycle Time Chip Enable Access Time Address Access Time Output Enable Access Time Chip Enable to Output in Low Z Output Enable to Output in Low Z Chip Disable to Output in High Z Output Disable to Output in High Z Output Hold From Address Change Min. 35 35 35 20 0 0 0 0 0 0 0 0 0 0 Max. X20C16-45 Min. 45 45 45 25 0 0 0 0 0 Max. X20C16-55 Min. 55 55 55 30 Max. Units ns ns ns ns ns ns ns ns ns
3826 PGM T10
15 15
20 20
25 25
Read Cycle
tRC ADDRESS tCE CE tOE OE WE tOLZ tLZ DATA I/O DATA VALID tAA
3826 FHD F05
tOHZ tOH tHZ DATA VALID
Note:
(3) tLZ min., tHZ, tOLZ min., and tOHZ are periodically sampled and not 100% tested. tHZ max. and tOHZ max. are measured, with CL = 5pF, from the point when CE or OE return HIGH (whichever occurs first) to the time when the outptus are no longer driven.
6
X20C16
Write Cycle Limits X20C16-35 Symbol tWC tCW tAS tWP tWR tDW tDH tWZ(4) tOW(4) tOZ(4) Parameter Write Cycle Time Chip Enable to End of Write Input Address Setup Time Write Pulse Width Write Recovery Time Data Setup to End of Write Data Hold Time Write Enable to Output in High Z Output Active from End of Write Output Enable to Output in High Z Min. 35 30 0 30 0 15 3 15 5 15 5 20 Max. X20C16-45 Min. 45 35 0 35 0 20 3 20 5 25 Max. X20C16-55 Min. 55 40 0 40 0 25 3 25 Max. Units ns ns ns ns ns ns ns ns ns ns
3826 PGM T11
WE Controlled Write Cycle
tWC ADDRESS
OE tCW CE tAS WE tOZ DATA OUT tDW DATA IN DATA VALID
3826 FHD F06
tWP
tWR
tOW
tDH
Note:
(4) tWZ, tOW, tOZ are periodically sampled and not 100% tested.
7
X20C16
CE Controlled Write Cycle
tWC ADDRESS
OE
VIH tCW
CE tAS WE tWZ DATA OUT tDW DATA IN DATA VALID tDH tOW tWP tWR
3826 FHD F07.2
8
X20C16
ARRAY RECALL CYCLE LIMITS X20C16-35 Symbol tRCC tRCP(5) tRWE Parameter Array Recall Cycle Time Recall Pulse Width to InitiateRecall WE Setup Time to NE Min. 0.6 0 Max. 10 1000 X20C16-45 Min. 40 0 Max. 10 1000 X20C16-55 Min. 50 0 Max. 10 1000 Units s ns ns
3826 PGM T13
Array Recall Cycle
tRCC ADDRESS tRCP NE
OE tRWE WE
CE
DATA I/O
3826 FHD F10
Note:
(5) The Recall Pulse Width (tRCP) is a minimum time that NE, OE and CE must be LOW simultaneously to insure data integrity, NE and CE.
9
X20C16
Software Command Timing Limits X20C16-35 Symbol tSTO tSP(6) tSPH tWC tAS tAH tDS tDH tSOE(7) tOEST(7) tNHZ(7) tNES tNEH Parameter Store Cycle Time Store Pulse Width Store Pulse Hold Time Write Cycle Time Address Setup Time Address Hold time Data Setup Time Data Hold Time OE Disable to Store Function Output Enable from End of Store Nonvolatile Enable to Output in High Z NE Setup Time NE Hold Time Min. 30 35 35 0 0 15 3 20 10 15 5 5 5 5 Max. 5 40 45 45 0 0 20 3 20 10 20 5 5 X20C16-45 Min. Max. 5 50 55 55 0 0 25 3 20 10 25 X20C16-55 Min. Max. 5 Units ms ns ns ns ns ns ns ns ns ns ns ns ns
3826 PGM T12.2
CE Controlled Software Command Sequence
tWC ADDRESS 555 2AA 555 tSTO
OE tAS CE tAH WE tNES NE tSOE DATA OUT tDS DATA IN AA tDH 55 CMD tNHZ tNEH tSP tSPH tOEST
3826 FHD F08.2
Note:
(6) The Store Pulse Width (tSP) is a minimum time that NE, WE and CE must be LOW simultaneously. (7) tSOE, tOEST and tNHZ are periodically sampled and not 100% tested.
10
X20C16
WE Controlled Software Command Sequence
tWC ADDRESS 555 2AA 555 tSTO
OE tOEST CE tAS WE tNES NE tSOE DATA OUT tDS DATA IN AA tDH 55 CMD tNHZ tNEH tSP tAH tSPH
3826 FHD F09.2
11
X20C16
AUTOSTORE Feature The AUTOSTORE feature automatically saves the contents of the X20C16's static RAM to the on-board bit-forbit shadow E2PROM at power-down. This circuitry insures that no data is lost during accidental power-downs or general system crashes, and is ideal for microprocessor caching systems, embedded software systems, and general system back-up memory. AUTOSTORE CYCLE Timing Diagrams The AUTOSTORE instruction (EAS) to the SDP register sets the AUTOSTORE enable latch, allowing the X20C16 to automatically perform a store operation whenever VCC falls below the AUTOSTORE threshold (VASTH). VCC must remain above the AUTOSTORE Cycle End Voltage (VASEND) for the duration of the store cycle (tASTO). The detailed timing for this feature is illustrated in the AUTOSTORE timing diagram, below. Once the AUTOSTORE cycle is initiated, all other device functions are inhibited.
5
VCC AUTOSTORE CYCLE IN PROGRESS VASTH VASEND
VOLTS (V)
4 3 2 1 tASTO
STORE TIME
TIME (ms)
VCC VASTH 0V tPUR tASTO tPUR
AS
3826 FHD F14
AUTOSTORE CYCLE LIMITS X20C16 Symbol tASTO VASTH VASEND Parameter AUTOSTORE Cycle Time AUTOSTORE Threshold Voltage AUTOSTORE Cycle End Voltage Min. 4.0 3.5 Max. 2.5 4.3 Units ms V V
3826 PGM T15
12
X20C16
SDP (Software Data Protection) Store State Diagram
POWER UP
POWER UP
Power Down
Power On Recall
NO STORE
RAM Write or Recall
S0 ADDR 555, DATA AA
Software Store Enabled SS
ADDR 555, DATA AA S1
RAS
EAS
NO STORE
ADDR 2AA, DATA 55 S2
ADDR 555, DATA AA
Software Store & AUTOSTORE Power Down Enabled (AUTOSTORE)
NO STORE
WRITE: ADDR 555, DATA=COMMAND STORE ON SS OR ENABLE/RESET AUTOSTORE
EAS SS
3826 FHD F13.1
3826 FHD F12.1
SOFTWARE DATA PROTECTION COMMANDS Command EAS RAS SS Enable AUTOSTORE Reset AUTOSTORE Software Store Data CC[H] CD[H] 33[H]
3826 PGM T14.1
13
X20C16
NOTES
14
X20C16
PACKAGING INFORMATION
28-LEAD HERMETIC DUAL IN-LINE PACKAGE TYPE D
1.490 (37.85) 1.435 (36.45)
0.610 (15.49) 0.500 (12.70)
PIN 1 1.30 (33.02) REF. 0.100 (2.54) 0.035 (0.89)
SEATING PLANE 0.200 (5.08) 0.125 (3.18)
0.225 (5.72) 0.140 (3.56)
0.060 (1.52) 0.015 (0.38)
0.110 (2.79) 0.090 (2.29) TYP. 0.100 (2.54)
0.070 (1.78) 0.030 (0.76) TYP. 0.055 (1.40)
0.026 (0.66) 0.014 (0.36) TYP. 0.018 (0.46)
0.620 (15.75) 0.590 (14.99) TYP. 0.614 (15.60)
TYP. 0.010 (0.25)
0 15
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
3926 FHD F08
15
X20C16
PACKAGING INFORMATION
28-LEAD PLASTIC DUAL IN-LINE PACKAGE TYPE P
1.460 (37.08) 1.400 (35.56)
0.550 (13.97) 0.510 (12.95) PIN 1 INDEX PIN 1 1.300 (33.02) REF. 0.085 (2.16) 0.040 (1.02)
SEATING PLANE 0.150 (3.81) 0.125 (3.17)
0.160 (4.06) 0.125 (3.17)
0.030 (0.76) 0.015 (0.38)
0.110 (2.79) 0.090 (2.29)
0.062 (1.57) 0.050 (1.27)
0.020 (0.51) 0.016 (0.41)
0.610 (15.49) 0.590 (14.99)
TYP. 0.010 (0.25)
0 15
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
3926 FHD F04
16
X20C16
PACKAGING INFORMATION
32-PAD CERAMIC LEADLESS CHIP CARRIER PACKAGE TYPE E
0.015 (0.38) 0.003 (0.08)
0.150 (3.81) BSC 0.020 (0.51) x 45 REF.
PIN 1
0.095 (2.41) 0.075 (1.91) 0.022 (0.56) 0.006 (0.15)
0.200 (5.08) BSC
0.055 (1.39) 0.045 (1.14) TYP. (4) PLCS.
0.028 (0.71) 0.022 (0.56) (32) PLCS.
0.050 (1.27) BSC
0.040 (1.02) x 45 REF. TYP. (3) PLCS.
0.458 (11.63) 0.442 (11.22) 0.458 (11.63) -- 0.300 (7.62) BSC 0.120 (3.05) 0.060 (1.52)
0.088 (2.24) 0.050 (1.27)
0.560 (14.22) 0.540 (13.71) 0.400 (10.16) BSC 0.558 (14.17) --
32 1
PIN 1 INDEX CORDER
NOTE: 1. ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS) 2. TOLERANCE: 1% NTL 0.005 (0.127)
3926 FHD F14
17
X20C16
PACKAGING INFORMATION
32-LEAD PLASTIC LEADED CHIP CARRIER PACKAGE TYPE J
0.420 (10.67)
0.050 (1.27) TYP.
0.045 (1.14) x 45
0.021 (0.53) 0.013 (0.33) TYP. 0.017 (0.43)
0.495 (12.57) 0.485 (12.32) TYP. 0.490 (12.45) 0.453 (11.51) 0.447 (11.35) TYP. 0.450 (11.43) 0.300 (7.62) REF. PIN 1
SEATING PLANE 0.004 LEAD CO - PLANARITY -- 0.015 (0.38) 0.095 (2.41) 0.060 (1.52) 0.140 (3.56) 0.100 (2.45) TYP. 0.136 (3.45) 0.048 (1.22) 0.042 (1.07)
0.595 (15.11) 0.585 (14.86) TYP. 0.590 (14.99) 0.553 (14.05) 0.547 (13.89) TYP. 0.550 (13.97) 0.400 (10.16)REF. 3 TYP.
NOTES: 1. ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS) 2. DIMENSIONS WITH NO TOLERANCE FOR REFERENCE ONLY
3926 FHD F13
18
X20C16
PACKAGING INFORMATION
28-LEAD PLASTIC SMALL OUTLINE GULL WING PACKAGE TYPE S
0.2980 (7.5692) 0.2920 (7.4168)
0.4160 (10.5664) 0.3980 (10.1092)
0.0192 (0.4877) 0.0138 (0.3505)
0.7080 (17.9832) 0.7020 (17.8308)
0.1040 (2.6416) 0.0940 (2.3876)
BASE PLANE SEATING PLANE 0.050 (1.270) BSC 0.0110 (0.2794) 0.0040 (0.1016)
0.0160 (0.4064) X 45 0.0100 (0.2540)
0 - 8
0.0125 (0.3175) 0.0090 (0.2311)
0.0350 (0.8890) 0.0160 (0.4064)
NOTES: 1. ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS) 2. FORMED LEAD SHALL BE PLANAR WITH RESPECT TO ONE ANOTHER WITHIN 0.004 INCHES 3. BACK EJECTOR PIN MARKED "KOREA" 4. CONTROLLING DIMENSION: INCHES (MM)
3926 FHD F17
19
X20C16
PACKAGING INFORMATION
32-LEAD THIN SMALL OUTLINE PACKAGE (TSOP) TYPE T
SEE NOTE 2 12.50 (0.492) 12.30 (0.484) PIN #1 IDENT. O 0.76 (0.03)
0.50 (0.0197) BSC SEE NOTE 2 8.02 (0.315) 7.98 (0.314) 0.26 (0.010) 0.14 (0.006)
1.18 (0.046) 1.02 (0.040) 0.17 (0.007) 0.03 (0.001) SEATING PLANE 0.58 (0.023) 0.42 (0.017) 14.15 (0.557) 13.83 (0.544)
14.80 0.05 (0.583 0.002) 0.30 0.05 (0.012 0.002) TYPICAL 32 PLACES 15 EQ. SPC. 0.50 0.04 0.0197 0.016 = 7.50 0.06 (0.295 0.0024) OVERALL TOL. NON-CUMULATIVE
SOLDER PADS
0.17 (0.007) 0.03 (0.001) FOOTPRINT
1.30 0.05 (0.051 0.002)
0.50 0.04 (0.0197 0.0016)
NOTE: 1. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS (INCHES IN PARENTHESES).
3926 ILL F38.1
20
X20C16
ORDERING INFORMATION
X20C16 Device
X
X
-X Access Time -35 = 35ns -45 = 45ns -55 = 55ns Temperature Range Blank = Commercial = 0C to +70C I = Industrial = -40C to +85C M = Military = -55C to +125C MB = Mil. STD 883 Package D = 28-Lead Cerdip P = 28 Lead Plastic Dip E = 32-Pad Ceramic LCC J = 32-Lead PLCC S = 28-Lead SOIC T = 32-Lead TSOP
LIMITED WARRANTY Devices sold by Xicor, Inc. are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. Xicor, Inc. makes no warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. Xicor, Inc. makes no warranty of merchantability or fitness tor any purpose. Xicor, Inc. reserves the right to discontinue production and change specifications and prices at any time and without notice. Xicor, Inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a Xicor, Inc. product. No other circuits, patents, licenses are implied. US. PATENTS Xicor products are covered by one or more of the following U.S. Patents: 4,263,664; 4,274,012; 4,300,212; 4,314,265; 4,326,134; 4,393,481; 4,404,475; 4,450,402; 4,486,769; 4,488,060; 4,520,461; 4,533,846; 4,599,706; 4,617,652; 4,668,932; 4,752,912; 4,829,482; 4,874,967; 4,883,976. Foreign patents and additional patents pending. LIFE RELATED POLICY In situations where semiconductor component failure may endanger life, system designers using this product should design the system with appropriate error detection and correction, redundancy and back-up features to prevent such an occurrence. Xicor's products are not authorized for use as critical components in life support devices or systems. 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its satety or effectiveness.
21


▲Up To Search▲   

 
Price & Availability of X20C16T-35

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X