Part Number Hot Search : 
A480T01 TLZ6V2 SRC1212 Q68000 SBT10100 M5201 84155C 50120
Product Description
Full Text Search
 

To Download UPA803 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY DATA SHEET
SILICON TRANSISTOR
PA803T
NPN SILICON EPITAXIAL TRANSISTOR (WITH BUILT-IN 2 ELEMENTS) MINI MOLD
PA803T has built-in 2 transistors which were developed for UHF.
PACKAGE DRAWINGS
(Unit: mm)
FEATURES
* High fT fT = 5.5 GHz TYP. (@VCE = 5 V, IC = 5 mA, f = 1 GHz)
0.65 0.65 2.10.1 1.250.1
1.3
Cob = 0.7 pF TYP. (@VCB = 5 V, IE = 0, f = 1 MHz) * A Surface Mounting Package Adopted * Built-in 2 Transistors (2 x 2SC4570)
2.00.2
2
3
0.90.1
ORDERING INFORMATION
PART NUMBER QUANTITY Loose products (50 PCS) PACKING STYLE Embossed tape 8 mm wide. Pin 6 (Q1 Base), Pin 5 (Q2 Base), Pin 4 (Q2 Emitter) face to perforation side of the tape.
0.7
4
5
PA803T
PIN CONFIGURATION (Top View)
PA803T-T1
Taping products (3 KPCS/Reel)
6 Q1 5 4
Remark If you require an evaluation sample, please contact an NEC Sales Representative. (Unit sample quantity is 50 pcs.)
0~0.1
Q2
ABSOLUTE MAXIMUM RATINGS (TA = 25 C)
PARAMETER Collector to Base Voltage Collector to Emitter Voltage Emitter to Base Voltage Collector Current Total Power Dissipation SYMBOL VCBO VCEO VEBO IC PT RATING 20 12 3 30 120 in 1 element 160 in 2 elements Note 125 -55 to +125 UNIT V V V mA mW
1
2
3
PIN CONNECTIONS 4. Emitter (Q2) 1. Collector (Q1) 5. Base (Q2) 2. Emitter (Q1) 6. Base (Q1) 3. Collector (Q2)
Junction Temperature Storage Temperature
Tj Tstg
C C
Note 90 mW must not be exceeded in 1 element.
The information in this document is subject to change without notice. Document No. ID-3637 (O.D. No. ID-9144) Date Published April 1995 P Printed in Japan
(c)
0.15 -0
+0.1
0.2 -0
1
6
* Small Collector Capacitance
+0.1
XY
1995
PA803T
ELECTRICAL CHARACTERISTICS (TA = 25 C)
PARAMETER Collector Cutoff Current Emitter Cutoff Current Collector to Emitter Saturation Voltage DC Current Gain Gain Bandwidth Product Feed-back Capacitance Insertion Power Gain hFE Ratio SYMBOL ICBO IEBO VCE (sat) CONDITION VCB = 15 V, IE = 0 VEB = 1 V, IC = 0 hFE = 10, IC = 5 mA VCE = 5 V, IC = 5 mANote 1 VCE = 5 V, IC = 5 mA, f = 1 GHz VCB = 5 V, IE = 0, f = 1 MHzNote 2 5 0.85 MIN. TYP. MAX. 0.1 0.1 0.5 UNIT
A A
V
hFE fT Cre |S21|2 hFE1/hFE2
60 3.0 5.5 0.7
200 GHz 0.9 pF dB
VCE = 5 V, IC = 5 mA, f = 1 GHz VCE = 5 V, IC = 5 mA A smaller value among hFE of hFE1 = Q1, Q2 A larger value among hFE of hFE2 = Q1, Q2
Notes 1. Pulse Measurement: Pw 350 s, Duty cycle 2 % 2. Measured with 3-pin bridge, emitter and case should be connected to guard pin of bridge.
hFE CLASSIFICATION
Rank Marking hFE Value FB T73 60 to 120 GB T74 100 to 200
TYPICAL CHARACTERISTICS (TA = 25 C)
PT - TA Characteristics 24 160 mW 120 mW Free Air IC - VBE Characteristics VCE = 5 V
Total Power Dissipation PT (mW)
150
Collector Current IC (mA)
150
16
2
100
Pe rE
lem
El
en
em en ts in l ta To
50
8
t
0
50
100
0
0.2
0.4
0.6
0.8
1.0
Ambient Temperature TA (C)
Base to Emitter Voltage VBE (V)
2
PA803T
IC - VCE Characteristics 30
Collector Current IC (mA)
hFE - IC Characteristics 200 VCE = 5 V
20
140 A 120 A 100 A 80 A 60 A 40 A 20 A
DC Current Gain hFE
IB = 160 A
100
50
10
20
0
2
4
6
8
10
10 0.5
1
2
5
10
20
50
Collector to Emitter Voltage VCE (V)
Collector Current IC (mA)
fT - IC Characteristics 8
Insertion Power Gain l S21e l 2 (dB) Gain Bandwidth Product fT (GHz)
l S21e l 2 - IC Characteristics 16 f = 1 GHz 12 VCE = 5 V 3V 8
f = 1 GHz 6 VCE = 5 V 4
3V
2
4
0 0.5
1
2
5
10 20
50
100
0 0.5
1
2
5
10
20
50
Collector Current IC (mA)
Collector Current IC (mA)
l S21e l 2 - f Characteristics 25
Insertion Power Gain l S21e l 2 (dB) Collector Copacitance Cob (pF)
Cob - VCB Characteristics 2.0 IC = 5 mA f = 1 MHz 1.0 0.7 0.5
20
15 VCE = 5 V 10 3V 5 0 0.1
0.2
0.1 0.2 0.5 1.0 2.0 5.0 1 2 5 7 10 20 Frequency f (GHz) Collector to Base Voltage VCB (V)
3
PA803T
S-PARAMETERS
VCE = 5 V, IC = 5 mA, ZO = 50
FREQUENCY MHz 100.00 200.00 300.00 400.00 500.00 600.00 700.00 800.00 900.00 1000.00 1100.00 1200.00 1300.00 1400.00 1500.00 1600.00 1700.00 1800.00 1900.00 2000.00 2100.00 2200.00 2300.00 2400.00 2500.00 2600.00 2700.00 2800.00 2900.00 3000.00 S11 MAG .887 .781 .663 .555 .456 .388 .328 .285 .250 .223 .201 .184 .169 .159 .150 .145 .141 .137 .136 .139 .140 .141 .145 .148 .154 .158 .163 .167 .173 .179 ANG -16.9 -34.4 -49.9 -63.2 -74.9 -83.6 -92.0 -99.2 -106.3 -113.2 -120.2 -127.0 -133.9 -140.6 -148.7 -155.8 -162.4 -168.8 -175.8 177.0 170.8 165.7 160.2 155.2 150.9 146.8 142.4 138.3 135.3 131.3 MAG 8.517 8.107 7.483 6.775 6.086 5.369 4.815 4.342 3.955 3.618 3.334 3.101 2.899 2.724 2.561 2.428 2.314 2.206 2.114 2.029 1.946 1.875 1.816 1.757 1.708 1.658 1.614 1.570 1.534 1.498 S21 ANG 156.4 140.8 127.9 117.0 107.9 100.7 94.4 89.2 84.3 80.2 76.5 72.8 69.4 66.0 63.1 60.1 57.1 54.5 51.6 48.8 46.4 43.9 41.3 38.9 36.4 34.1 31.8 29.5 27.3 25.1 MAG .024 .042 .057 .067 .076 .085 .094 .103 .111 .122 .129 .138 .147 .156 .166 .174 .183 .193 .201 .210 .219 .229 .239 .247 .258 .266 .273 .284 .291 .299 S12 ANG 76.9 68.3 62.6 60.4 59.2 58.1 58.3 57.9 58.0 56.7 57.1 56.5 55.9 55.6 55.0 54.2 53.5 53.2 52.4 51.4 50.6 49.5 48.5 47.7 46.3 45.5 44.3 43.3 42.4 41.2 MAG .940 .832 .735 .662 .606 .567 .540 .520 .503 .490 .482 .474 .467 .463 .457 .453 .448 .445 .439 .429 .423 .417 .413 .406 .401 .397 .393 .394 .395 .396 S22 ANG -13.3 -22.8 -28.2 -31.4 -33.4 -35.0 -36.3 -37.6 -38.8 -40.1 -41.5 -42.9 -44.4 -45.7 -47.1 -48.4 -49.8 -51.3 -52.7 -54.9 -56.7 -58.9 -61.1 -63.7 -66.8 -70.0 -73.0 -76.5 -79.8 -82.7
VCE = 5 V, IC = 3 mA, ZO = 50
FREQUENCY MHz 100.00 200.00 300.00 400.00 500.00 600.00 700.00 800.00 900.00 1000.00 1100.00 1200.00 1300.00 1400.00 1500.00 1600.00 1700.00 1800.00 1900.00 2000.00 2100.00 2200.00 2300.00 2400.00 2500.00 2600.00 2700.00 2800.00 2900.00 3000.00 S11 MAG .929 .868 .785 .700 .613 .543 .469 .412 .363 .323 .290 .262 .241 .224 .208 .197 .189 .180 .174 .171 .170 .168 .169 .170 .173 .175 .179 .183 .187 .191 ANG -14.0 -26.8 -39.6 -51.3 -62.7 -71.7 -80.8 -88.7 -96.1 -102.8 -109.7 -116.1 -122.4 -129.3 -136.0 -142.4 -148.9 -155.2 -161.7 -169.2 -175.5 178.7 172.8 167.5 162.3 157.6 152.6 147.9 144.0 139.8 MAG 5.432 5.334 5.158 4.873 4.628 4.216 3.934 3.645 3.383 3.153 2.936 2.752 2.577 2.438 2.310 2.193 2.095 2.000 1.918 1.848 1.779 1.719 1.664 1.609 1.566 1.522 1.483 1.444 1.411 1.380 S21 ANG 162.2 147.4 135.7 125.9 116.9 109.1 101.8 95.5 89.9 84.8 80.4 76.2 72.3 68.6 65.3 61.9 58.7 55.7 52.7 49.9 47.1 44.2 41.7 39.1 36.6 34.1 31.6 29.2 26.9 24.7 MAG .025 .046 .063 .076 .086 .096 .103 .112 .119 .126 .135 .143 .149 .157 .165 .173 .181 .189 .198 .207 .215 .223 .231 .239 .248 .257 .263 .274 .282 .289 S12 ANG 78.4 70.8 64.4 59.3 56.7 55.1 53.8 52.9 52.4 51.5 51.6 51.6 51.3 50.5 50.4 50.1 49.4 49.1 48.7 48.1 47.6 46.8 46.0 45.4 44.4 43.6 42.6 42.0 40.9 40.1 MAG .968 .900 .823 .756 .698 .656 .620 .594 .572 .554 .542 .534 .523 .517 .509 .502 .497 .491 .484 .478 .469 .464 .458 .452 .446 .443 .440 .440 .441 .442 S22 ANG -10.1 -18.5 -24.5 -29.0 -32.2 -34.8 -36.7 -38.6 -40.0 -41.6 -43.0 -44.8 -46.1 -47.4 -48.9 -50.2 -51.6 -53.2 -54.9 -56.8 -58.6 -60.9 -63.1 -65.7 -68.7 -72.0 -74.9 -78.3 -81.4 -84.5
4
PA803T
S-PARAMETERS
VCE = 5 V, IC = 1 mA, ZO = 50
FREQUENCY MHz 100.00 200.00 300.00 400.00 500.00 600.00 700.00 800.00 900.00 1000.00 1100.00 1200.00 1300.00 1400.00 1500.00 1600.00 1700.00 1800.00 1900.00 2000.00 2100.00 2200.00 2300.00 2400.00 2500.00 2600.00 2700.00 2800.00 2900.00 3000.00 S11 MAG .974 .957 .922 .882 .837 .793 .741 .693 .645 .596 .547 .504 .470 .438 .410 .386 .362 .344 .329 .312 .302 .293 .285 .280 .276 .272 .271 .270 .270 .271 ANG -8.7 -18.0 -27.1 -35.5 -44.3 -52.1 -60.0 -67.7 -75.0 -82.7 -90.0 -97.0 -103.2 -109.9 -116.0 -122.2 -128.5 -134.4 -140.3 -147.2 -153.2 -158.9 -165.1 -170.8 -176.5 177.7 172.4 167.1 162.1 157.0 MAG 1.934 1.952 1.975 1.960 1.956 1.846 1.815 1.768 1.726 1.706 1.668 1.625 1.568 1.523 1.461 1.421 1.376 1.331 1.293 1.261 1.225 1.189 1.166 1.129 1.107 1.078 1.055 1.030 1.012 .989 S21 ANG 166.8 156.5 146.8 138.2 130.5 122.9 115.4 108.5 102.2 96.0 90.3 84.9 79.9 75.1 70.9 66.6 62.5 58.9 55.2 51.8 48.5 45.2 42.2 39.2 36.4 33.6 30.9 28.3 26.0 23.6 MAG .026 .051 .073 .092 .108 .123 .133 .142 .148 .155 .160 .166 .170 .174 .178 .180 .184 .189 .193 .198 .201 .206 .211 .217 .222 .228 .233 .241 .247 .253 S12 ANG 83.1 76.3 69.1 63.4 58.5 54.3 50.5 47.2 44.9 42.6 40.8 39.7 38.8 37.9 37.2 36.9 36.6 36.3 36.5 36.3 36.5 36.4 36.6 36.4 36.4 36.7 36.4 36.4 36.4 36.4 MAG .993 .970 .941 .911 .874 .844 .812 .785 .757 .735 .716 .704 .690 .680 .669 .660 .651 .643 .635 .626 .618 .613 .605 .600 .594 .591 .588 .589 .588 .588 S22 ANG -5.8 -11.2 -16.4 -20.8 -24.9 -28.6 -32.0 -34.9 -37.7 -40.1 -42.3 -44.6 -46.6 -48.4 -50.1 -52.0 -53.8 -55.7 -57.7 -59.7 -61.8 -64.3 -66.7 -69.6 -72.6 -75.9 -79.1 -82.4 -85.6 -88.6
VCE = 3 V, IC = 5 mA, ZO = 50
FREQUENCY MHz 100.00 200.00 300.00 400.00 500.00 600.00 700.00 800.00 900.00 1000.00 1100.00 1200.00 1300.00 1400.00 1500.00 1600.00 1700.00 1800.00 1900.00 2000.00 2100.00 2200.00 2300.00 2400.00 2500.00 2600.00 2700.00 2800.00 2900.00 3000.00 S11 MAG .879 .768 .646 .536 .442 .375 .319 .279 .247 .222 .203 .189 .178 .170 .163 .160 .159 .156 .157 .161 .164 .166 .170 .173 .179 .183 .189 .193 .199 .205 ANG -17.8 -36.6 -53.1 -67.3 -80.0 -89.5 -98.7 -106.9 -114.8 -122.5 -130.1 -137.5 -144.8 -152.1 -159.6 -166.3 -173.0 -178.7 175.0 168.3 163.1 158.3 153.3 149.2 145.1 141.2 137.8 133.9 130.8 127.5 MAG 8.523 8.074 7.436 6.691 5.987 5.261 4.707 4.239 3.852 3.526 3.239 3.013 2.814 2.641 2.498 2.366 2.245 2.145 2.051 1.974 1.903 1.828 1.771 1.714 1.664 1.613 1.573 1.530 1.494 1.462 S21 ANG 155.5 139.8 126.6 115.7 106.5 99.5 93.2 87.9 83.3 79.1 75.1 71.5 68.2 64.8 62.0 58.8 55.9 52.9 50.5 47.7 45.1 42.6 40.1 37.6 35.2 32.9 30.5 28.2 26.0 23.9 MAG .027 .047 .061 .073 .082 .092 .101 .110 .120 .129 .139 .148 .157 .167 .177 .187 .196 .205 .215 .224 .234 .244 .253 .262 .272 .282 .291 .300 .309 .316 S12 ANG 75.6 66.8 61.3 58.7 57.5 56.7 56.9 56.5 56.0 55.4 55.6 55.0 54.6 54.2 53.4 52.5 51.8 51.3 50.4 49.5 48.8 47.5 46.4 45.5 44.5 43.3 42.2 40.9 39.8 38.7 MAG .932 .812 .704 .627 .568 .528 .496 .475 .456 .443 .434 .427 .419 .415 .408 .403 .398 .392 .385 .378 .370 .364 .359 .353 .347 .345 .340 .342 .342 .343 S22 ANG -15.0 -25.5 -31.5 -35.1 -37.3 -39.0 -40.3 -41.7 -42.8 -44.2 -45.6 -47.0 -48.3 -49.7 -51.0 -52.4 -54.0 -55.4 -57.0 -59.0 -60.7 -63.4 -65.7 -68.6 -71.8 -75.2 -78.6 -82.2 -85.6 -88.8
5
PA803T
S-PARAMETERS
VCE = 3 V, IC = 3 mA, ZO = 50
FREQUENCY MHz 100.00 200.00 300.00 400.00 500.00 600.00 700.00 800.00 900.00 1000.00 1100.00 1200.00 1300.00 1400.00 1500.00 1600.00 1700.00 1800.00 1900.00 2000.00 2100.00 2200.00 2300.00 2400.00 2500.00 2600.00 2700.00 2800.00 2900.00 3000.00 S11 MAG .920 .860 .774 .689 .600 .530 .456 .402 .354 .317 .286 .261 .241 .228 .214 .205 .198 .192 .188 .187 .187 .187 .189 .191 .195 .197 .202 .205 .209 .214 ANG -14.3 -28.2 -41.7 -54.1 -66.2 -75.7 -85.4 -94.0 -101.9 -109.3 -116.4 -123.8 -130.3 -137.6 -144.5 -151.3 -157.9 -163.9 -170.5 -177.6 176.7 171.2 165.7 160.8 155.9 151.5 147.3 143.1 139.4 135.5 MAG 5.495 5.327 5.129 4.838 4.584 4.162 3.873 3.577 3.323 3.082 2.865 2.687 2.518 2.381 2.255 2.144 2.045 1.956 1.873 1.802 1.738 1.675 1.626 1.574 1.531 1.486 1.449 1.413 1.379 1.350 S21 ANG 160.8 146.5 134.7 124.8 115.6 107.8 100.4 94.1 88.6 83.5 79.2 74.9 71.0 67.2 64.0 60.6 57.3 54.3 51.3 48.4 45.8 43.0 40.3 37.7 35.2 32.7 30.3 27.8 25.6 23.3 MAG .028 .051 .069 .083 .094 .103 .112 .120 .129 .136 .144 .152 .160 .168 .177 .185 .194 .202 .210 .219 .227 .236 .245 .253 .263 .272 .279 .288 .297 .305 S12 ANG 77.6 69.7 63.1 58.5 55.3 53.2 52.1 51.3 50.4 50.3 50.2 49.6 49.6 49.0 48.5 48.2 47.6 47.1 46.6 46.2 45.4 44.4 43.6 42.9 42.1 41.1 40.3 39.2 38.2 37.5 MAG .962 .886 .802 .731 .669 .623 .585 .556 .533 .513 .500 .491 .480 .471 .464 .458 .451 .444 .437 .429 .421 .416 .408 .402 .397 .395 .392 .391 .392 .394 S22 ANG -11.3 -20.5 -27.2 -32.1 -35.5 -38.2 -40.3 -42.2 -43.9 -45.3 -47.0 -48.5 -49.9 -51.3 -52.5 -54.1 -55.6 -57.1 -58.8 -60.9 -62.8 -65.2 -67.4 -70.4 -73.7 -76.8 -80.3 -83.6 -86.8 -90.1
VCE = 3 V, IC = 1 mA, ZO = 50
FREQUENCY MHz 100.00 200.00 300.00 400.00 500.00 600.00 700.00 800.00 900.00 1000.00 1100.00 1200.00 1300.00 1400.00 1500.00 1600.00 1700.00 1800.00 1900.00 2000.00 2100.00 2200.00 2300.00 2400.00 2500.00 2600.00 2700.00 2800.00 2900.00 3000.00 S11 MAG .973 .954 .918 .878 .831 .785 .733 .684 .634 .586 .539 .495 .464 .433 .406 .383 .363 .346 .331 .318 .308 .300 .294 .290 .288 .286 .284 .284 .285 .286 ANG -9.2 -18.7 -28.1 -36.9 -46.1 -54.0 -62.3 -70.4 -77.9 -85.8 -93.2 -100.5 -107.2 -114.0 -120.4 -126.8 -133.3 -139.4 -145.4 -152.2 -158.4 -164.1 -170.1 -175.5 178.7 173.3 168.1 162.9 158.3 153.5 MAG 1.928 1.948 1.975 1.954 1.948 1.838 1.808 1.758 1.717 1.689 1.649 1.607 1.549 1.449 1.440 1.396 1.359 1.310 1.273 1.242 1.206 1.169 1.148 1.112 1.091 1.064 1.042 1.015 .997 .977 S21 ANG 166.5 155.8 145.9 137.0 129.2 121.4 113.9 106.9 100.5 94.2 88.5 83.0 78.1 73.3 69.1 64.9 60.7 57.0 53.4 49.9 46.6 43.3 40.3 37.4 34.6 31.9 29.2 26.5 24.2 21.8 MAG .029 .057 .080 .102 .120 .134 .145 .156 .163 .169 .175 .179 .184 .188 .191 .195 .198 .203 .206 .210 .215 .220 .224 .229 .235 .241 .247 .253 .259 .265 S12 ANG 82.1 74.4 68.1 62.2 56.9 52.4 49.0 45.3 42.9 40.8 38.7 37.4 36.1 35.2 34.8 34.5 33.9 33.8 33.7 33.5 33.7 33.3 33.3 33.3 33.1 33.2 32.9 33.1 32.8 33.2 MAG .990 .967 .935 .901 .860 .827 .794 .764 .734 .711 .693 .677 .661 .649 .639 .627 .619 .609 .601 .591 .582 .576 .568 .563 .558 .554 .551 .551 .552 .552 S22 ANG -6.3 -12.2 -17.6 -22.5 -26.9 -30.9 -34.5 -37.6 -40.5 -43.0 -45.3 -47.5 -49.5 -51.5 -53.3 -55.2 -57.2 -59.1 -61.0 -63.4 -65.5 -68.1 -70.6 -73.7 -76.9 -80.2 -83.5 -86.9 -90.2 -98.4
6
PA803T
[MEMO]
7
PA803T
[MEMO]
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customer must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices in "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact NEC Sales Representative in advance. Anti-radioactive design is not implemented in this product.
M4 94.11
8


▲Up To Search▲   

 
Price & Availability of UPA803

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X