|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TS3021-TS3022 Rail-to-Rail 1.8V High-Speed Micropower Comparators DATA BRIEF Fast response time: 40ns Low current consumption: 67A Rail-to-rail inputs Push-pull outputs Supply operation from 1.8V to 5.5V ESD protection (2kV) Latch-up immunity: 200 mA Pin Connections (top view) TS3021 SOT23-5 / SC70-5 Description The TS302x comparators are featuring high speed response time with Rail to Rail. Specified from 2V to 5V supply voltage, these comparators can operate over a wide temperature range: -40C to +125C. TS302x features micropower consumption as low as a few tens of microamps thus providing a excellent ratio current of power consumption versus response time. The TS302x offer push-pull outputs and small packages availability. TS3022 SO8 / MniSO8 Applications Telecom Instrumentation Signal conditioning High-speed sampling system Portable communication systems Order Codes Part Number TS3021ILT TS3021ICT TS3022IST TS3022ID/IDT -40, +125C Temperature Range Package SOT-23 SC70-5 (tiny package) mini SO SO Packaging Tape & Reel Tape & Reel Tape & Reel Tube or Tape & Reel Marking K520 January 2005 This is preliminary information on a new product forseen to be developed. Details are subject to change without notice. 1/1 |
Price & Availability of TS3021 |