Part Number Hot Search : 
CT244 HMC197E HC00M DTEM1090 15N120 IR150 80C31 TKP25A
Product Description
Full Text Search
 

To Download TPSMB22A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TPSMB6.8 THRU TPSMB43A
SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Breakdown Voltage - 6.8 - 43 Volts
D T E
DO-214AA Modified J-Bend
Peak Pulse Power - 600 Watts
FEATURES
0.086 (2.20) 0.077 (1.95)
0.155 (3.94) 0.130 (3.30)
0.180 (4.57) 0.160 (4.06) 0.012 (0.305) 0.006 (0.152) 0.096 (2.44) 0.084 (2.13)
0.060 (1.52) 0.030 (0.76) 0.220 (5.59) 0.205 (5.21)
0.008 (0.203) MAX.
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Easy pick and place Low profile package Built-in strain relief ideal for automated placement Exclusive patented PARTM oxide passivated chip construction 600W peak pulse power capability with a 10/1000s waveform, repetition rate (duty cycle): 0.01% Excellent clamping capability Low incremental surge resistance Fast response time: typically less than 1.0ps from 0 Volts to V(BR) For devices with V(BR)10V ID is typically less than 2.0A at TA=150C Designed for under the hood surface mount applications High temperature soldering: 250C/10 seconds at terminals
P A T E
N
MECHANICAL DATA
Case: JEDEC DO-214AA molded plastic body over passivated junction Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes positive end (cathode) Mounting Position: Any Weight: 0.003 ounces, 0.093 gram
Dimensions in inches and (millimeters)
Available in uni-directional only
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
VALUE
UNITS
Peak pulse power dissipation with a 10/1000s waveform (NOTES 1,2, FIG. 1) Peak pulse current with a 10/1000s waveform (NOTE 1, FIG. 3) Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) (NOTES 2, 3) Instantaneous forward voltage at 50A (NOTE 3) Operating junction and storage temperature range
PPPM IPPM
Minimum 600
SEE TABLE 1
Watts Amps
IFSM VF TJ, TSTG
70.0 3.5 -65 to +185
Amps Volts C
NOTES: (1) Non-repetitive current pulse, per Fig.3 and derated above TA=25C per Fig. 2 (2) Mounted on 0.2 x 0.2" (5.0 x 5.0mm) land areas per figure (3) Mounted on 8.3ms single half sine-wave duty cycle=4 pulses per minute maximum
1/21/99
ELECTRICAL CHARACTERISTICS at (TA=25C unless otherwise noted) TABLE 1
Maximum Reverse Leakage at VWM ID (A) Maximum Reverse Leakage at VWM,TJ =150C ID (A) Maximum Peak Pulse Surge Current IPPM (NOTE 2) (Amps) Maximum Clamping Voltage at IPP Vc (Volts)
Device
Device Marking Code
Breakdown Voltage V(BR) (Volts) (NOTE 1) Min. Max.
Test Current at IT (mA)
Stand-off Voltage VWM (Volts)
TPSMB6.8 TPSMB6.8A TPSMB7.5 TPSMB7.5A TPSMB8.2 TPSMB8.2A TPSMB9.1 TPSMB9.1A TPSMB10 TPSMB10A TPSMB11 TPSMB11A TPSMB12 TPSMB12A TPSMB13 TPSMB13A TPSMB15 TPSMB15A TPSMB16 TPSMB16A TPSMB18 TPSMB18A TPSMB20 TPSMB20A TPSMB22 TPSMB22A TPSMB24 TPSMB24A TPSMB27 TPSMB27A TPSMB30 TPSMB30A TPSMB33 TPSMB33A TPSMB36 TPSMB36A TPSMB39 TPSMB39A TPSMB43 TPSMB43A
KDP KEP KFP KGP KHP KKP KLP KMP KNP KPP KQP KRP KSP KTP KUP KVP KWP KXP KYP KZP LDP LEP LFP LGP LHP LKP LLP LMP LNP LPP LQP LRP LSP LTP LUP LVP LWP LXP LYP LZP
6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9
7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2
10.0 10.0 10.0 10.0 10.0 10.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8
500 500 250 250 100 100 25 25 5.0 5.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0
1000 1000 500 500 200 200 50.0 50.0 20.0 20.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
55.6 57.1 51.3 53.1 48.0 49.6 43.5 44.8 40.0 41.4 37.0 38.5 34.7 35.9 31.6 33.0 27.3 28.3 25.5 26.7 22.6 23.8 20.6 21.7 18.8 19.6 17.3 18.1 15.3 16.0 13.8 14.5 12.6 13.1 11.5 12.0 10.6 11.1 9.7 10.1
10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3
NOTES: (1) V(BR) measured after IT applied for 300s, IT=square wave pulse or equivalent (2) Surge current waveform per Fig. 3 and derate per Fig. 2 (3) All terms and symbols are consistent with ANSI/IEEE C62.35
MAXIMUM RATINGS AND CHARACTERISTIC CURVES TPSMB6.8 THRU TPSMB43A
FIG. 1 - PEAK PULSE POWER RATING CURVE
100
NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG. 3 TA=25C
PPPM, PEAK POWER, kW
10
1.0
0.2 X 0.2" (5.0 x 5.0mm) COPPER PAD AREAS
0.1 0.1s
1.0s
10s
100s
1.0ms
10ms
td, PULSE WIDTH, sec.
FIG. 2 - PULSE DERATING CURVE PEAK PULSE POWER (PPP) or CURRENT (IPP) DERATING IN PERCENTAGE, %
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE, C
FIG. 3 - PULSE WAVEFORM
150
IPPM, PEAK PULSE CURRENT, %
tr=10sec. PEAK VALUE IPPM PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPP
100
HALF VALUE - IPP 2
50
td
10/1000sec. WAVEFORM as DEFINED by R.E.A.
0
0
1
2
t, TIME, ms
3
4
MAXIMUM RATINGS AND CHARACTERISTIC CURVES TPSMB6.8 THRU TPSMB43A
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
10,000
TJ=25C f=1 MHz Vsig=50mVp-p
CJ, JUNCTION CAPACITANCE, pF
VR MEASURED at ZERO BIAS
1,000
100
VR MEASURED at STAND-OFF VOLTAGE, VWM
10 1 10 100 200
V(BR), BREAKDOWN VOLTAGE, VOLTS
IFSM, PEAK FORWARD SURGE CURRENT, AMPERES
FIG. 5 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
100
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) TJ=TJ max
10
1
10
NUMBER OF CYCLES AT 60 HZ
100


▲Up To Search▲   

 
Price & Availability of TPSMB22A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X