Part Number Hot Search : 
MAX96 S4C1A LW500AM SDA05 78DL06 SOP24 LRU621R TA79008S
Product Description
Full Text Search
 

To Download SN54LS293J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DECADE COUNTER; 4-BIT BINARY COUNTER
The SN54 / 74LS290 and SN54 / 74LS293 are high-speed 4-bit ripple type counters partitioned into two sections. Each counter has a divide-by-two section and either a divide-by-five (LS290) or divide-by-eight (LS293) section which are triggered by a HIGH-to-LOW transition on the clock inputs. Each section can be used separately or tied together (Q to CP)to form BCD, Bi-quinary, or Modulo-16 counters. Both of the counters have a 2-input gated Master Reset (Clear), and the LS290 also has a 2-input gated Master Set (Preset 9).
SN54/74LS290 SN54/74LS293
DECADE COUNTER; 4-BIT BINARY COUNTER
LOW POWER SCHOTTKY
* * * * *
Corner Power Pin Versions of the LS90 and LS93 Low Power Consumption . . . Typically 45 mW High Count Rates . . . Typically 42 MHz Choice of Counting Modes . . . BCD, Bi-Quinary, Binary Input Clamp Diodes Limit High Speed Termination Effects CONNECTION DIAGRAM DIP (TOP VIEW)
VCC 14 MR 13 MR 12 CP1 11 CP0 10 Q0 9 Q3 8
NOTE: The Flatpak version has the same pinouts (Connection Diagram) as the Dual In-Line Package.
J SUFFIX CERAMIC CASE 632-08
14 1
14 1
N SUFFIX PLASTIC CASE 646-06
LS290
14
1 MS VCC 14
2 NC MR 13
3 MS MR 12
4 Q2 CP1 11
5 Q1 CP0 10
6 NC Q0 9
7 GND Q3 8
1
D SUFFIX SOIC CASE 751A-02
ORDERING INFORMATION
SN54LSXXXJ SN74LSXXXN SN74LSXXXD Ceramic Plastic SOIC
LS293
1 NC
2 NC
3 NC
4 Q2
5 Q1
6 NC
7 GND LOADING (Note a) HIGH LOW 1.5 U.L. 2.0 U.L. 1.0 U.L. 0.25 U.L. 0.25 U.L. 5 (2.5) U.L. 5 (2.5) U.L.
PIN NAMES Clock (Active LOW going edge) Input to / 2 Section. Clock (Active LOW going edge) Input to / 5 Section (LS290). Clock (Active LOW going edge) Input to / 8 Section (LS293). Master Reset (Clear) Inputs Master Set (Preset-9, LS290) Inputs Output from / 2 Section (Notes b & c) Outputs from / 5 & / 8 Sections (Note b)
CP0 CP1 CP1 MR1, MR2 MS1, MS2 Q0 Q1, Q2, Q3
0.05 U.L. 0.05 U.L. 0.05 U.L. 0.5 U.L. 0.5 U.L. 10 U.L. 10 U.L.
NOTES: a) 1 TTL Unit Load (U.L.) = 40 A HIGH/1.6 mA LOW. b) The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74) Temperature Ranges. c) The Q0 Outputs are guaranteed to drive the full fan-out plus the CP1 Input of the device.
FAST AND LS TTL DATA 5-1
SN54/74LS290 D SN54/74LS293
LOGIC SYMBOL LS290
13 12 MS CP0 CP1 MR 12 12 13 9 54 8 Q0 Q1 Q2 Q3
LS293
10 11
10 11
CP0 CP1 MR 12 12 13 9 54 8 Q0 Q1 Q2 Q3
VCC = PIN 14 GND = PIN 7 NC = PINS 2, 6
VCC = PIN 14 GND = PIN 7 NC = PINS 1, 2, 3, 6
LOGIC DIAGRAMS
MS1 MS2
1
LS290
3
10
J
SD Q CD Q
J
Q
J
Q
R
SD
Q
CP0
CP
CP KC Q D
CP KC Q D
CP SC Q D
11
CP1 MR1 MR2
12 9 13 5 4 8
VCC = PIN 14 GND = PIN 7 = PIN NUMBERS Q3
Q0
Q1
Q2
LS293
10
J
Q
J
Q
J
Q
J
Q
CP0
CP KQ CD
11
CP KQ CD
CP KQ CD
CP KQ CD VCC = PIN 14 GND = PIN 7 = PIN NUMBERS Q3
CP1 MR1 MR2
12 9 13 5 4 8
Q0
Q1
Q2
FAST AND LS TTL DATA 5-2
SN54/74LS290 D SN54/74LS293
FUNCTIONAL DESCRIPTION The LS290 and LS293 are 4-bit ripple type Decade, and 4-Bit Binary counters respectively. Each device consists of four master / slave flip-flops which are internally connected to provide a divide-by-two section and a divide-by-five (LS290) or divide-by-eight (LS293) section. Each section has a separate clock input which initiates state changes of the counter on the HIGH-to-LOW clock transition. State changes of the Q outputs do not occur simultaneously because of internal ripple delays. Therefore, decoded output signals are subject to decoding spikes and should not be used for clocks or strobes. The Q0 output of each device is designed and specified to drive the rated fan-out plus the CP1 input of the device. A gated AND asynchronous Master Reset (MR1 MR2) is provided on both counters which overrides the clocks and resets (clears) all the flip-flops. A gated AND asynchronous Master Set (MS1 MS2) is provided on the LS290 which overrides the clocks and the MR inputs and sets the outputs to nine (HLLH). Since the output from the divide-by-two section is not internally connected to the succeeding stages, the devices may be operated in various counting modes: LS290 A. BCD Decade (8421) Counter -- the CP1 input must be LS290 MODE SELECTION
RESET/SET INPUTS MR1 H H X L X L X MR2 H H X X L X L MS1 L X H L X X L MS2 X L H X L L X Q0 L L H OUTPUTS Q1 L L L Q2 Q3 L L H MR1 H L H L
externally connected to the Q0 output. The CP0 input receives the incoming count and a BCD count sequence is produced. B. Symmetrical Bi-quinary Divide-By-Ten Counter -- The Q3 output must be externally connected to the CP0 input. The input count is then applied to the CP1 input and a divide-by-ten square wave is obtained at output Q0. C. Divide-By-Two and Divide-By-Five Counter -- No external interconnections are required. The first flip-flop is used as a binary element for the divide-by-two function (CP0 as the input and Q0 as the output). The CP1 input is used to obtain binary divide-by-five operation at the Q3 output. LS293 A. 4-Bit Ripple Counter -- The output Q0 must be externally connected to input CP1. The input count pulses are applied to input CP0. Simultaneous division of 2, 4, 8, and 16 are performed at the Q0, Q1, Q2, and Q3 outputs as shown in the truth table. B. 3-Bit Ripple Counter -- The input count pulses are applied to input CP1. Simultaneous frequency divisions of 2, 4, and 8 are available at the Q1, Q2, and Q3 outputs. Independent use of the first flip-flop is available if the reset function coincides with reset of the 3-bit ripple-through counter.
LS293 MODE SELECTION
RESET INPUTS MR2 H H L L Q0 L OUTPUTS Q1 L Q2 Q3 L
L L L Count Count Count Count
L Count Count Count
TRUTH TABLE
OUTPUT COUNT Q0 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 L H L H L H L H L H L H L H L H Q1 L L H H L L H H L L H H L L H H Q2 L L L L H H H H L L L L H H H H Q3 L L L L L L L L H H H H H H H H
LS290 BCD COUNT SEQUENCE
COUNT 0 1 2 3 4 5 6 7 8 9 OUTPUT Q0 L H L H L H L H L H Q1 L L H H L L H H L L Q2 L L L L H H H H L L Q3 L L L L L L L L H H
NOTE: Output Q0 is connected to Input CP1 for BCD count. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care
Note: Output Q0 connected to input CP1.
FAST AND LS TTL DATA 5-3
SN54/74LS290 * SN54/74LS293
GUARANTEED OPERATING RANGES
Symbol VCC TA IOH IOL Supply Voltage Operating Ambient Temperature Range Output Current -- High Output Current -- Low Parameter 54 74 54 74 54, 74 54 74 Min 4.5 4.75 - 55 0 Typ 5.0 5.0 25 25 Max 5.5 5.25 125 70 - 0.4 4.0 8.0 Unit V C mA mA
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits Symbol S bl VIH VIL VIK VOH Parameter P Input HIGH Voltage 54 Input LOW Voltage 74 Input Clamp Diode Voltage 54 Output HIGH Voltage 74 54, 74 VOL Output LOW Voltage 74 Input HIGH Current 0.1 Input LOW Current MS, MR CP0 CP1 (LS290) CP1 (LS293) Short Circuit Current (Note 1) Power Supply Current -20 -0.4 -2.4 -3.2 -1.6 - 100 15 0.35 0.5 20 IIH V A mA 2.7 3.5 0.25 0.4 V V 2.5 - 0.65 3.5 0.8 - 1.5 V V Min 2.0 0.7 V Typ Max Unit Ui V Test C di i T Conditions Guaranteed Input HIGH Voltage for All Inputs Guaranteed Input LOW Voltage for p g All Inputs VCC = MIN, IIN = - 18 mA VCC = MIN, IOH = MAX, VIN = VIH , , or VIL per Truth Table IOL = 4.0 mA IOL = 8.0 mA VCC = VCC MIN, VIN = VIL or VIH per Truth Table
VCC = MAX, VIN = 2.7 V VCC = MAX, VIN = 7.0 V
IIL
mA
VCC = MAX, VIN = 0.4 V
IOS ICC
mA mA
VCC = MAX VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
FAST AND LS TTL DATA 5-4
SN54/74LS290 D SN54/74LS293
AC CHARACTERISTICS (TA = 25C, VCC = 5.0 V, CL = 15 pF)
Limits LS290 Symbol S bl fMAX fMAX tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPHL tPHL tPHL Parameter P CP0 Input Clock Frequency CP1 Input Clock Frequency Propagation Delay, CP0 Input to Q0 Output CP0 Input to Q3 Output CP1 Input to Q1 Output CP1 Input to Q2 Output CP1 Input to Q3 Output MS Input to Q0 and Q3 Outputs MS Input to Q1 and Q2 Outputs MR Input to Any Output Min 32 16 10 12 32 34 10 14 21 23 21 23 20 26 26 16 18 48 50 16 21 32 35 32 35 30 40 40 26 40 Typ Max Min 32 16 10 12 46 46 10 14 21 23 34 34 16 18 70 70 16 21 32 35 51 51 LS293 Typ Max Unit Ui MHz MHz ns ns ns ns ns ns ns ns
AC SETUP REQUIREMENTS (TA = 25C, VCC = 5.0 V)
Limits LS290 Symbol S bl tW tW tW tW trec CP0 Pulse Width CP1 Pulse Width MS Pulse Width MR Pulse Width Recovery Time MR to CP Parameter P Min 15 30 15 15 25 15 25 Max LS293 Min 15 30 Max Unit Ui ns ns ns ns ns
RECOVERY TIME (trec) is defined as the minimum time required between the end of the reset pulse and the clock transition form HIGH-to-LOW in order to recognize and transfer HIGH data to the Q outputs.
AC WAVEFORMS
*CP 1.3 V tW tPHL Q 1.3 V 1.3 V tPLH 1.3 V
Figure 1
*The number of Clock Pulses required between the tPHL and tPLH measurements can be determined from the appropriate Truth Tables.
MR & MS
1.3 V tW
1.3 V trec 1.3 V
MS
1.3 V tW
1.3 V trec 1.3 V
CP tPHL Q 1.3 V
CP Q0 Q3 (LS290) tPLH 1.3 V
Figure 2
Figure 3
FAST AND LS TTL DATA 5-5


▲Up To Search▲   

 
Price & Availability of SN54LS293J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X