Part Number Hot Search : 
NTE3029B SBL103 NW6006 2SJ220L WSD551H 02052 KF902FU 2SA988F
Product Description
Full Text Search
 

To Download SML40J53 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SML40J53
SOT-227 Package Outline.
Dimensions in mm (inches)
3 1 .5 (1 .2 4 0 ) 3 1 .7 (1 .2 4 8 ) 7 .8 (0 .3 0 7 ) 8 .2 (0 .3 2 2 ) 1 1 .8 (0 .4 6 3 ) 1 2 .2 (0 .4 8 0 ) W = 4 .1 (0 .1 6 1 ) 4 .3 (0 .1 6 9 ) 4 .8 (0 .1 8 7 ) H= 4 .9 (0 .1 9 3 ) (4 places) 1 2 .6 (0 .4 9 6 ) 1 2 .8 (0 .5 0 4 ) 2 5 .2 (0 .9 9 2 ) 2 5 .4 (1 .0 0 0 ) 8 .9 (0 .3 5 0 ) 9 .6 (0 .3 7 8 )
Hex Nut M 4 (4 places)
1
R
2
4 .0 (0 .1 5 7 ) 4 .2 (0 .1 6 5 )
0 .7 5 (0 .0 3 0 ) 0 .8 5 (0 .0 3 3 )
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
4
3.3 (0 .1 2 9) 3.6 (0.14 3 ) 1 4 .9 (0.58 7 ) 1 5 .1 (0.59 4 ) 3 0 .1 (1 .1 8 5 ) 3 0 .3 (1 .1 9 3 ) 3 8 .0 (1.4 9 6 ) 3 8 .2 (1.5 0 4 )
3
5 .1 (0 .2 0 1 ) 5 .9 (0 .2 3 2 ) 1 .9 5 (0 .0 7 7 ) 2 .1 4 (0 .0 8 4 )
R=
4 .0 (0 .1 57 ) (2 P lac e s)
S
D
VDSS 400V 53A ID(cont) RDS(on) 0.070
* * * * Faster Switching Lower Leakage 100% Avalanche Tested Popular SOT-227 Package
S
G
* Source terminals are shorted internally. Current handling capability is equal for either Source terminal.
D
G S
StarMOS is a new generation of high voltage N-Channel enhancement mode power MOSFETs. This new technology minimises the JFET effect, increases packing density and reduces the on-resistance. StarMOS also achieves faster switching speeds through optimised gate layout.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
VDSS ID IDM VGS VGSM PD TJ , TSTG TL IAR EAR EAS Drain - Source Voltage Continuous Drain Current Pulsed Drain Current 1 Gate - Source Voltage Gate - Source Voltage Transient Total Power Dissipation @ Tcase = 25C Derate Linearly Operating and Storage Junction Temperature Range Lead Temperature : 0.063" from Case for 10 Sec. Avalanche Current1 (Repetitive and Non-Repetitive) Repetitive Avalanche Energy 1 Single Pulse Avalanche Energy
2
400 53 212 30 40 450 3.6 -55 to 150 300 53 50 2500
V A A V W W/C C A mJ
1) Repetitive Rating: Pulse Width limited by maximum junction temperature. 2) Starting TJ = 25C, L = 1.78mH, RG = 25, Peak IL = 53A
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. Website: http://www.semelab.co.uk E-mail: sales@semelab.co.uk
5/99
SML40J53
STATIC ELECTRICAL RATINGS (Tcase = 25C unless otherwise stated)
BVDSS IDSS IGSS VGS(TH) ID(ON) RDS(ON) Characteristic Drain - Source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0V) Gate - Source Leakage Current Gate Threshold Voltage On State Drain Current 2 Drain - Source On State Resistance 2 Test Conditions VGS = 0V , ID = 250A VDS = VDSS VDS = 0.8VDSS , TC = 125C VGS = 30V , VDS = 0V VDS = VGS , ID = 2.5mA VDS > ID(ON) x RDS(ON) Max VGS = 10V VGS = 10V , ID = 0.5 ID [Cont.] 2 53 0.070 Min. 400 Typ. Max. Unit V 25 250 100 4 A nA V A
DYNAMIC CHARACTERISTICS
Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge3 Gate - Source Charge Gate - Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Test Conditions VGS = 0V VDS = 25V f = 1MHz VGS = 10V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C VGS = 15V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C RG = 0.6 Min. Typ. 7410 1140 450 330 40 127 16 16 54 5 ns nC Max. Unit pF
SOURCE - DRAIN DIODE RATINGS AND CHARACTERISTICS
IS ISM VSD trr Qrr Characteristic Continuous Source Current Pulsed Source Current1 Diode Forward Voltage2 Reverse Recovery Time Reverse Recovery Charge Test Conditions (Body Diode) (Body Diode) VGS = 0V , IS = - ID [Cont.] IS = - ID [Cont.] , dls / dt = 100A/s IS = - ID [Cont.] , dls / dt = 100A/s 540 11.8 Min. Typ. Max. Unit 53 A 212 1.3 V ns C
THERMAL CHARACTERISTICS
RJC RJA Characteristic Junction to Case Junction to Ambient 1) Repetitive Rating: Pulse Width limited by maximum junction temperature. 2) Pulse Test: Pulse Width < 380S , Duty Cycle < 2% 3) See MIL-STD-750 Method 3471 CAUTION -- Electrostatic Sensitive Devices. Anti-Static Procedures Must Be Followed. Min. Typ. Max. Unit 0.28 C/W 40
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. Website: http://www.semelab.co.uk E-mail: sales@semelab.co.uk
5/99


▲Up To Search▲   

 
Price & Availability of SML40J53

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X