Part Number Hot Search : 
M51944B 045CT NH02L IRFZ48S MX25L LT1039I UN9212 M48T37Y
Product Description
Full Text Search
 

To Download SC1409 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1 A Synchronous Switching Regulator
June 28, 2000
SC1409
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
DESCRIPTION
The SC1409 is a versatile, voltage-mode switching regulator designed for use in battery operated power supply applications. A simple, fixed-voltage buck regulator can be implemented using the SC1409 with a minimum of external components. Internal MOSFETs and control circuitry minimize board space and design time. The small device footprint allows for compact circuit design. SC1409 features include a temperature compensated voltage reference, triangle wave oscillator, hiccup mode current limit, an internally compensated error amplifier, overcurrent temperature protection, soft start, and under voltage lock out. The SC1409 operates at a selectable, fixed frequency of 300kHz or 500kHz, or can be synchronized to an external clock within this range, providing an optimum compromise between efficiency, external component size, and cost.
FEATURES *= Internal MOSFETs *= Excellent efficiency >88% *= 1% Voltage accuracy *= Built-in over current protection *= 1A Output current *= 5A Standby current *= Industrial temperature range *= 300kHz/500kHz selectable frequency APPLICATIONS *= Handheld equipment *= PDA power supplies *= Notebook I/O power supplies *= Peripheral card supplies *= High density DC/DC conversion ORDERING INFORMATION
DEVICE
(1)
PACKAGE SO-8
SC1409ISTR
Note: (1) Only available in tape and reel packaging. A reel contains 2500 devices.
APPLICATION CIRCUIT
Vin=5V
R1 OPEN U1 1 2
Vout 3.45V 3.30V 3.10V 2.90V 2.80V 2.50V 1.50V R3 1.87k 1.74k 1.58k 1.40k 1.33k 1.07k 249 R4 1.00k 1.00k 1.00k 1.00k 1.00k 1.00k 1.00k
C6 0.1uF
SYNC/FSET EN/SS AGND FB SC1409IS
ISET VIN
8 7 6 L1 5 R2 100uH Vout
3 4 + C1 47uF/16V C3 0.033uF
PHASE PGND
+ C2 47uF/16V R4
1 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
1 A Synchronous Switching Regulator
June 28, 2000
SC1409
ABSOLUTE MAXIMUM RATINGS
Parameter Supply Voltage Ground Differential Input Voltage Operating Ambient Temperature Range Operating Junction Temperature Range Storage Temperature Lead Temperature (Soldering) 10 seconds Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Case ESD Rating (Human Body Model) Symbol VCC PGND to GND VIN TA TJ TSTG TL =JA =JC ESD Maximum -0.3 to +7 1 -0.3 to +7 -40 to +85 -40 to +125 -60 to +150 300 165 40 2 Units V V V C C C C C/W C/W kV
ELECTRICAL CHARACTERISTICS
Unless specified; TA = 25C, VIN = 5V, VO = 1.8V. Output current = 1A. Per typical application circuit. Values in bold apply over full operating temperature range.
Parameter Reference
Symbol VREF IFB IQ IQ REGLOAD REGLINE OSC max IO
Conditions
Min 1.191 1.179
Typ 1.203
Max 1.215 1.227
Units V
Feedback Bias Current Quiescent Current
10.0 Current into VCC pin Io=0mA Enable = 0V 2.0
50.0 4.0 15
nA mA
Shutdown Quiescent Current
5.0 10
uA
Regulation Load Regulation Line Oscillator Frequency Max Duty Cycle Output Current Limit Soft start charging current EN/SS Shutdown Threshold UVLO Trip point RDS(ON)
IO = 100mA to 1A FSET=Vin FSET=GND 425 255 90 1.5
0.5
1.0 0.5
% % kHz kHz % A
500 300 95
575 345
32 1.0 Vin Increasing Vin decreasing RDS(ON) Top side PFET 4.5 4.1 250 375 525 Bottom side NFET 175 250 350
uA V V V m
m
2 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
1 A Synchronous Switching Regulator
June 28, 2000
SC1409
BLOCK DIAGRAM
VIN
OC_DET
4.5V
S -
1:800
I
+ R
Q
ISET
EN/SS
+ S Q
2I
UV LOCKOUT
1.5V
R
+ -
PHASE
AGND
R Q S
THERMAL SHUTDOWN
SHOOT THRU CONTROL
OSCILLATOR
SYNC/FSET
VREF SOFT START ERROR AMP
R Q + + S
60nS DELAY
FB
PGND
PIN CONFIGURATION
Top View
PIN DESCRIPTION
Pin # 1 Pin Name SYNC/FSET Pin Function Sets frequency, allows synchronization. FSET = VIN, f = 500kHz FSET = GND, f = 300kHz Enable and Soft Start pin. Analog ground. Output voltage feedback. Device power ground. Power output to the inductor. Input voltage. Current limit programming input.
SYNC/FSET EN/SS AGND FB
1 2 3 4
8 7 6 5
ISET VIN PHASE PGND
2 3 4 5 6 7 8
EN/SS AGND FB PGND PHASE VIN ISET
(8 LEAD SOIC)
3 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
1 A Synchronous Switching Regulator
June 28, 2000
50 Phase 40 30 Gain (dB) 20 Gain 10 0 -10 100E+0 0 -45 -90 100E+6
-0.6% 0.0 0.2 0.4 Io (A) 0.6 0.8
SC1409
180 135 90 45
0.0%
Load Reg (%)
-0.2%
Phase (deg)
-0.4%
10E+3 Frequency (Hz)
1E+6
1.0
Error Amplifier, Gain and Phase
Load Regulation Characteristic
0.4% Vo=3.3V Io=0.2A Ta=25oC
Efficiency (%)
90%
25 mOhm
0.2% Line Regulation (%)
80%
0.0%
-0.2%
70%
-0.4%
3.3V; f=300kHz 3.3V; f=500kHz 2.5V; f=300kHz 2.5V; f=500kHz
-0.6% 4.4 4.6 4.8 5.0 Vin (V) 5.2 5.4 5.6
60% 0.0 0.2 0.4 Io(A) 0.6 0.8 1.0
Typical Line Regulation
Efficiency
1.0 Output Voltage - Normalized (V)
0.8
0.6
0.4
0.2
0.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 EN/SS Voltage (V)
Soft Start control of Vout
Ripple; Vo=3.3V; Io=1A; f=300kHz
4 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
1 A Synchronous Switching Regulator
June 28, 2000
8.0 7.0 Quiescent Current (mA) 6.0 5.0 4.0 3.0 2.0 1.0 0.0 -50 -25 0 25 50 75 100 Temperature (oC) 8.0 7.0 6.0 Shutdown Quiescent (uA)
SC1409
550 500 Frequency (KHz) 450 400
100 98 96 94
Frequency (FSET=VIN)
5.0 4.0 3.0
Max Duty Cycle
350 300 92 90
Quiescent Current
2.0 1.0 0.0 125
Frequency (FSET=GND)
250
-50
-25
0
25
50
o
75
100
88 125
Temperature ( C)
Quiescent current vs temperature
0.45 0.40
Frequency and max. duty cycle vs temperature
4.5
P-Channel (Topside)
0.35 0.30 RDS(ON) ( ) 0.25 0.20 0.15 0.10 VIN (V)
4.4 4.3 4.2 4.1 4.0
VIN Increasing
N-Channel (Bottomside)
0.05 0.00 3.9
VIN Decreasing
-50
-25
0
25
50
o
75
100
125
-50
-25
0
25
50
o
75
100
125
Temperature ( C)
Temperature ( C)
FET RDS(ON) vs temperature
50 45 40 Soft Start Current (uA) 35 30 25 20 15 10 5 0
UVLO trip point vs temperature
1.206
1.204 Reference Voltage (V)
1.202
1.200
1.198
1.196
-50
-25
0
25
50
o
75
100
125
-50
-25
0
25
50
75
100
125
Temperature ( C)
Temperature (oC)
Soft start current vs temperature
Reference voltage vs temperature
Duty Cycle (%)
Shutdown Quiescent Current
5 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
1 A Synchronous Switching Regulator
June 28, 2000
SC1409
THEORY OF OPERATION
General The SC1409 is a synchronous buck controller with on-board FETs. It uses top FET sensing for current limit together with a soft-start circuit and hiccup overcurrent protection. The EN/SS pin can be pulled low to put the SC1409 in a low quiescent shutdown state. It uses a wide bandwidth error amplifier for optimum transient response and minimum external compensation requirements. Overcurrent limit is preset at 1.5A, but can be set at a lower value by use of an external ISET resistor. EN/SS When power is first applied to the device, the EN/SS pin sources approximately 1uA to the external soft-start capacitor, most of the rest of the internal circuitry is disabled and the device is in low-power mode. If the soft-start pin is held low, the SC1409 will remain in lowpower mode, drawing approximately 5uA from the supply. Once the soft start pin is released, the external softstart capacitor will charge up slowly to the EN/SS threshold, where the source current will increase to approximately 30uA, charging the soft-start capacitor more quickly. The voltage at the soft-start pin modifies the internal reference voltage and hence controls the output voltage (see Soft-Start control of Vout). Once the soft start capacitor has charged to approximately 3V, the reference voltage at the input to the error amp will have reached its final value and the output voltage will no longer be under the control of the soft-start. Overcurrent Limit The SC1409 internally mirrors and scales the current through the top FET. This scaled, mirrored current is used to detect an overcurrent condition. In the event an overcurrent is detected, the output is immediately disabled and the soft-start capacitor is discharged at approximately 30uA until SS/EN reaches 1.5V. At this point the output is enabled and a normal soft-start cycle is initiated. If the fault persists, the output will be disabled, the soft-start capacitor will continue charging at 30uA until SS/EN reaches 4.5V before the discharge cycle is initiated. Some combinations of high output voltage, low inductance and high output capacitance will cause this "hiccup" mode of operation to continue even if the fault is cleared. In this case, input power will need to be cycled, or EN/SS cycled through shutdown to restore normal operation.
Operating Frequency The frequency of operation can be set to a nominal 300kHz by grounding the FSET pin, or to a nominal 500kHz by returning the FSET pin to VIN. The SC1409 can also be synchronized to an external clock using the FSET pin.
LAYOUT GUIDELINES
The SC1409 should preferably be laid out over a ground plane. Since the power section and the control section of the IC share a common VIN pin, the VIN pin must be decoupled to ground by a 0.1uF ceramic capacitor as close to the IC as possible. The traces between VIN and the decoupling capacitor and the decoupling capacitor and the PGND pin should be 25 mils wide and no more than 100 mils long. The main input capacitor should be placed within about 1" of the IC using solid copper areas to connect to the IC. Ideally AGND should be returned to the output capacitor and connected to the ground plane at that point. Feedback resistors and all traces associated with them should be kept away from the phase node. The inductor should be placed as close to the PHASE pin as possible to minimize EMI. These principles are illustrated in the Evaluation Board shown below.
Evaluation Board Top Copper and Assembly Diagrams
6 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
1 A Synchronous Switching Regulator
June 28, 2000
5V in
SC1409
R1 OPEN U1 1 2 3 4 + C1 47uF C3 0.033uF SYNC/FSET EN/SS AGND FB SC1409IS ISET VIN PHASE PGND 8 7 L1 6 5
C6 0.1uF
Place C6 across pins 7 and 5 of SC1409, as close as possible to package
3.3V Out
100uH Coilcraft DO3316P-104
R2 1.74k*
C4 OPEN R3 OPEN
+ C2 47uF
R4 1.0k
C5 OPEN R5 OPEN
GND
Typical Application Circuit COMPONENT SELECTION
Input Capacitor The Input capacitor(s) must be capable of 0.5A RMS ripple current. Total capacitance values of 22uF to 47uF are suitable with Esr of less than 350m. Typical capacitors would be AVX TPS Tantalum surface mount type TPSC476M010R350 or Panasonic Specialty Polymer Aluminum Electrolytic surface mount type ECGC0KB470RA. Other types of capacitor are also suitable, such as high value ceramic or Aluminum electrolytics. Inductor Suitable Inductor values are in the range of 47uH to 330uH, higher inductor values give lower output voltage ripple and slower transient response time. Inductor ripple current acts with the output capacitor ESR to produce output voltage ripple. For a given output voltage ripple requirement, L can be calculated from Soft Start Capacitor The soft start capacitor value determines the soft start time according to the following equation:C = 0.015t where C is the soft start capacitor value in uF and t is the soft start time in mS Startup from a shutdown condition will take longer than this since the soft start capacitor must charge from its shutdown value to approximately 1V at a charge current of 1uA before the shutdown is released and true soft start begins. Divider Resistors The current through the divider chain should be at least 1000 times higher than the FB input bias current to eliminate ratio errors. This gives a maximum value for the bottom divider resistor (R4) of 24k The top resistor (R2) can then be determined from R2 = (Vo-1.203)*R4/1.203 Compensation Normally, external compensation is not recommended, however, if required, loop response can be tailored with suitable values for R3, R5, C4 and C5. Consult the factory for details.
(V - VOUT ) ESR VOUT L IN
VRIPPLE f VIN
Output Capacitor The output capacitor requirements are similar to the input capacitor except ripple current is lower. Similar capacitors will be suitable.
7 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
1 A Synchronous Switching Regulator
June 28, 2000
SC1409
OUTLINE DRAWING
JEDEC REF: MS-012AA
LAND PATTERN SO-8
ECN00-1096
8 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320


▲Up To Search▲   

 
Price & Availability of SC1409

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X