Part Number Hot Search : 
UF5400 LT44301 R15M03 E1C47 BD899A D1065 OL5200N BRY56
Product Description
Full Text Search
 

To Download SC1405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
August 31, 2000
SC1405
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
DESCRIPTION
The SC1405 is a Dual-MOSFET Driver with an internal Overlap Protection Circuit to prevent shoot-through from VIN to GND in the main switching and synchronous MOSFET's. Each driver is capable of driving a 3000pF load in 20ns rise/fall time and has ULTRAFAST propagation delay from input transition to the gate of the power FET's. The Overlap Protection circuit ensures that the second FET does not turn on until the top FET source has reached a voltage low enough to prevent shoot-through. The delay between the bottom gate going low to the top gate transitioning to high is externally programmable via a capacitor for optimal reduction of switching losses at the operating frequency. The bottom FET may be disabled at light loads by keeping S_MOD low to trigger asynchronous operation, thus saving the bottom FET's gate drive current and inductor ripple current. An internal voltage reference allows threshold adjustment for an Output OverVoltage protection circuitry, independent of the PWM feedback loop. Under-Voltage-Lock-Out circuit is included to guarantee that both driver outputs are low when the 5V logic level is less than or equal to 4.4V (typ) at supply ramp up (4.35V at supply ramp down). A CMOS output provides status indication of the 5V supply. A low enable input places the IC in stand-by mode thereby reducing supply current to less than 10A. SC1405 is offered in a high pitch (.025" lead spacing) TSSOP package.
FEATURES *= Fast rise and fall times (20ns typical with 3000pf *= *= *= *= *= *= *= *= *=
load) 20ns max. Propagation delay (BG going low) Adaptive/programmable shoot-through protection Wide input voltage range (4.5-25V) Programmable delay between MOSFET's Power saving asynchronous mode control Output overvoltage protection/overtemp shutdown Under-Voltage lock-out and power ready signal Less than 10A stand-by current (EN=low) Power ready output signal
APPLICATIONS *= High Density/Fast transient power supplies *= Motor Drives/Class-D amps *= High frequency (to 1.2 MHz) operation allows use *=
of small inductors and low cost caps in place of electrolytics Portable computers
ORDERING INFORMATION
DEVICE
(1)
PACKAGE TSSOP-14
TEMP. RANGE (TJ) 0 - 125C
SC1405TS.TR
Note: (1) Only available in tape and reel packaging. A reel contains 2500 devices.
PIN CONFIGURATION
BLOCK DIAGRAM
Top View
(14-Pin TSSOP)
1 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
August 31, 2000
SC1405
ABSOLUTE MAXIMUM RATINGS
Parameter VCC Supply Voltage BST to PGND BST to DRN DRN to PGND OVP_S to PGND Input pin Continuous Power Dissipation Thermal Resistance Junction to Case Thermal Resistance Junction to Ambient Operating Temperature Range Storage Temperature Range Lead Temperature (Soldering) 10 sec NOTE: (1) Specification refers to application circuit in Figure 1. Symbol VMAX5V VMAXBST-PGND VMAXBST-DRN VMAXDRN-PGN VMAXOVP_S-PGND CO Pd JC JA TJ TSTG TLEAD Conditions Maximum 7 30 7 25 10 -0.3 to 7.3 0.66 2.56 40 150 0 to +125 -65 to +150 300 Units V V V V V V W C/W C/W C C C
Tamb = 25C, TJ = 125C Tcase = 25C, TJ = 125C
ELECTRICAL CHARACTERISTICS (DC OPERATING SPECIFICATIONS)
Unless specified: -0 < J < 125C; VCC = 5V; 4V < VBST < 26V PARAMETER POWER SUPPLY Supply Voltage Quiescent Current Quiescent Current, operating PRDY High Level Output Voltage Low Level Output Voltage DSPS_DR High Level Output Voltage Low Level Output Voltage UNDER-VOLTAGE LOCKOUT Start Threshold Hysteresis Logic Active Threshold VSTART VhysUVLO VACT EN is low 4.2 4.4 0.05 1.5 4.6 V V V VOH VOL VCC = 4.6V, Cload = 100pF VCC = 4.6V, Cload = 100pF 4.15 0.05 V V VOH VOL VCC = 4.6V, lload = 10mA VCC < UVLO threshold, lload = 10A 4.5 4.55 0.1 0.2 V V VCC Iq_stby Iq_op VCC EN = 0V VCC = 5V,CO=0V 1 4.15 5 6.0 10 V A ma SYMBOL CONDITIONS MIN TYP MAX UNITS
2 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
August 31, 2000
SC1405
ELECTRICAL CHARACTERISTICS (DC OPERATING SPECIFICATIONS) Cont.
PARAMETER OVERVOLTAGE PROTECTION Trip Threshold Hysteresis S_MOD High Level Input Voltage Low Level Input Voltage ENABLE High Level Input Voltage Low Level Input Voltage CO High Level Input Voltage Low Level Input Voltage THERMAL SHUTDOWN Over Temperature Trip Point Hysteresis HIGH-SIDE DRIVER Peak Output Current Output Resistance IPKH RsrcTG RsinkTG LOW-SIDE DRIVER Peak Output Current Output Resistance IPKL RsrcBG RsinkBG duty cycle < 2%, tpw < 100s, TJ = 125C VV_5 = 4.6V, VBG = 4V (src), or VLOWDR = 0.5V (sink) 2 2 2 A duty cycle < 2%, tpw < 100s, TJ = 125C, VBST - VDRN = 4.5V, VTG = 4.0V (src)+VDRN or VTG = 0.5V (sink)+VDRN 1.5 1.4 A TOTP THYST 165 10 C C VIH VIL 2.0 0.8 V V VIH VIL 2.0 0.8 V V VIH VIL 2.0 0.8 V V VTRIP VhysOVP 1.145 1.2 0.8 1.255 V V SYMBOL CONDITIONS MIN TYP MAX UNITS
1.4
3 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
August 31, 2000
SC1405
ELECTRICAL CHARACTERISTICS (DC OPERATING SPECIFICATIONS) Cont.
PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS
AC OPERATING SPECIFICATIONS
HIGH-SIDE DRIVER rise time fall time propagation delay time, TG going high propagation delay time, TG going low LOW-SIDE DRIVER rise time fall time propagation delay time BG going high progagation delay time BG going low UNDER-VOLTAGE LOCKOUT V_5 ramping up V_5 ramping down PRDY EN is transitioning from low to high EN is transitioning from high to low DSPS_DR rise/fall time propagation delay, DSPS_DR going high propagation delay DSPS_DR goes low OVERVOLTAGE PROTECTION propagation delay OVP_S going high tpdhOVP_S V_5 = 4.6V, TJ = 125C, OVP_S > 1.2V to BG > 90% of V_5 1 s trDSPS_DR, tfDSPS_DR tpdhDSPS_DR tpdlDSPS_DR CI = 100pf, V_5 = 4.6V, S_MOD goes high and BG goes high or S_MOD goes low S_MOD goes high and BG goes low 20 10 10 ns ns ns tpdhPRDY V_5 > UVLO threshold, Delay measured from EN > 2.0V to PRDY > 3.5V V_5 > UVLO threshold. Delay measured from EN < 0.8V tp PRDY < 10% of V_5 10 s tpdhUVLO tpdlUVLO EN is High EN is High 10 10 us us trBG trBG tpdhBGHI tpdlBG CI = 3nF, VV_5 = 4.6V, CI = 3nF, VV_5 = 4.6V, CI = 3nF, VV_5 = 4.6V, DRN < 1V CI = 3nF, VV_5 = 4.6V, 20 18 45 12 32 29 72 20 ns ns ns ns trTG, tfTG tpdhTG tpdlTG CI = 3nF, VBST - VDRN = 4.6V, CI = 3nF, VBST - VDRN = 4.6V, CI = 3nF, VBST - VDRN = 4.6V, C-delay=0 CI = 3nF, VBST - VDRN = 4.6V, 16 17 35 25 25 27 56 40 ns ns ns ns
tpdhUVLO
500
s
Note: (1) This device is ESD sensitive. Use of standard ESD handling precautions is required. (c) 2000 SEMTECH CORP.
4
652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
August 31, 2000
SC1405
PIN DESCRIPTION
Pin # 1 2 Pin Name OVP_S EN Pin Function Overvoltage protection sense. External scaling resistors required to set protection threshold. When high, this pin enables the internal circuitry of the device. When low, TG, BG and PRDY are forced low and the supply current (5V) is less than 10A. Logic GND. TTL-level input signal to the MOSFET drivers. When low, this signal forces BG to be low. When high, BG is not a function of this signal. Sets the additional propagation delay for BG going low to TG going high. Total propagation delay= 20ns + 1ns/pF. This pin indicates the status of 5V. When 5V is less than 4.4V(typ) this output is driven low. When 5V is greater than or equals to 4.4V(typ) this output is driven to 5V level. This output has a 10mA drive capability and 10A sink capability. +5V supply. A .22-1F ceramic capacitor should be connected from 5V to PGND very close to this pin. Output drive for the synchronous MOSFET. Power ground. Connect to the synchronous FET power ground. Dynamic Set Point Switch Drive. TTL level output signal. When S_MOD is high, this pin follows the BG driver pin voltage. This pin connects to the junction of the switching and synchronous MOSFET's. This pin can be subjected to a -2V minimum relative to PGND without affecting operation. Output gate drive for the switching (high-side) MOSFET. Bootstrap pin. A capacitor is connected between BST and DRN pins to develop the floating bootstrap voltage for the high-side MOSFET. The capacitor value is typically between 0.1F and 1F (ceramic).
3 4 5 6 7
GND CO S_MOD DELAY_C PRDY
8 9 10 11 12
VCC BG PGND DSPS_DR DRN
13 14
TG BST
NOTE: (1) All logic level inputs and outputs are open collector TTL compatible.
PIN CONFIGURATION
5 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
August 31, 2000
SC1405
APPLICATION CIRCUIT
Typical Distributed Power Supply
INPUT POWER + D1 +5V 10uF,6.3V + .1uF 8 3 << >> P_READY PWM IN (20KHz-1MHz) 47pF 5 7 2 4 6 1 1N5819 .22uF Vcc GND BST 14 13 12 9 11 10 2.2 2.2 MTB75N03 75A,30V + + + + + MTB75N03 75A,30V
TG PRDY EN DRN CO DELAY_C BG OVP_S DSPS_DR S_MOD PGND SC1405
<<
DSPS_DR
Over-Voltage Sense
<<< Output Feedback to PWM Controller
Figure 1.
TIMING DIAGRAM
Figure 2.
6 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
+5V power
Long PCB Trace
+12V
10K R33 D1 SS12 SS12 SS12 SS12 D2 D3 D4 .1u C50
.1u
.1u
.1u
J1 C49
.1u
10 R1 .1u 22u,10V C1 R2 .1u R28 12 Q2 4.7 .1u C18 FDP6035 Q3 22u,10V C17 R3 0 FDB7030 30BQ015 22u,10V C15 9 D5 C9 870nh L1 22u,10V C10 0 FDP6035 Q1 22u,10V C6
SMOD
.1u
C2
C3
C4
August 31, 2000
C7
.1u
330UF,16V
8 3 Vcc GND TG 13 BST
14
1u,16V
1u,16V
0 R32 1 5v Outv 23 5 SC1405 U3 10u,16V C19 24
INPUT 2 Divsel Drv3 22 BST .1u 13 C22 R29 Q4 R12 0 FDB7030 4.7 .1u 11 10 C27 R14 BST .1u 13 R30 12 9 4.7 .1u C35 10u,16V C36 R17 0 BST 13 R31 12 9 4.7 0 FDB7030 30BQ015 14 .1u C40 R23 Q8 D8 870nh L7 FDP6035 Q7 0 FDP6035 30BQ015 C31 R16 Q6 D7 TG 14 0 870nh L5 10u,16V C28 FDP6035 Q5 12 9 D6 30BQ015 14 R10 0 870nh L3
.1u
9 10 11 12 13 14 15 16 Clksel Drv1 21 8 3 Vcc GND 4 Extclk 12V 20 22 R11
8 7 6 5 4 3 2 1
C23
Vout/Clk switch 47pf C26 5 SC1405 U4 17 EN 7 Vid1 GND 18
Vid0 Drv2
22 R13
VOUT
.1u
C32
.1u
C42 .022 300k R24 C43 5 C47 R25 .1u 47pf C44 SC1405
C41
(c) 2000 SEMTECH CORP.
C14
1 2 3 4 5 C11 6
10uf,6.3v
C12
C13
EN
R4 R5 R6 R7 22 R9 22 R8 47pf C16 11 10
7 2 4 6 1 PRDY EN DRN CO DELAY_C BG OVP_S DSPS_DR S_MOD PGND 22u,10V C20 22u,10V C21 22u,10V C24 22u,10V C25 22u,10V C29 22u,10V C30 22u,10V C33 22u,10V C34 22u,10V C38
S1 3
10K 10K 10K 10K
EN
5 Rref Drv0 19
6
7 2 4 6 1
TG PRDY EN DRN CO DELAY_C BG OVP_S DSPS_DR S_MOD PGND
8 Vid2 3k R15 16 Vcc GND Enable
JMP1 9 Vid3 FBG 15 47pf C37 5
APPLICATION EVALUATION BOARD SCHEMATIC SC1405/SC1144 Evaluation Board. 4-Phase synchronous, Freq.=1MHz
8 3
10 Vid4 14 VOUT 11 10 Bgout
7 2 4 6 1 PRDY EN DRN CO DELAY_C BG OVP_S DSPS_DR S_MOD PGND SC1405 U5
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
Figure 3
11 OC+ 13 10 15K R22 SC1144-SOIC U2 .01u R21 7 2 4 6 1 11 10 2.2k R20 8 3 Vcc GND FB 12 OCComp TG PRDY EN DRN CO DELAY_C BG OVP_S DSPS_DR S_MOD PGND 2.2
3.92K R18
0 R19
C5
C8
U1
C39 1000uf,6.3
C51 1000uf,6.3
.01
.001
C45
C46
ENSYN
.01 TBD R27 C48
*
TBD R26
BY JUMPERING JMP1, ALL SC1405'S ARE ENABLED AND DISABLED TOGETHER WITH SC1144. THREE OF THE SC1405'S CAN BE DIRECTLY CONTROLLED BY SEPARATING THE TWO ENABLES.
* R26 AND R27 SET THE OVERVOLTAGE TRIP POINT. C48 SETS THE TIME CONSTANT. R27=0,R26=OPEN to disable OVP_S.
Title PLATFORM SYNCHRONOUS 40A CONVERTER Size Document Number Rev NC
B
Date: Thursday, June 10, 1999 Sheet 1 of 1
SC1405
7
652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
August 31, 2000
BILL OF MATERIAL Item Qty Reference 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 14 19 1 2 1 4 3 2 3 1 1 4 4 2 1 4 5 C1,C6,C10,C15,C17,C20,C21,C24,C25,C29,C30,C33,C34,C38 C2,C3,C4,C5,C7,C9,C14,C18,C22,C23,C27,C31,C32,C35,C40, C41,C47,C49,C50 C8 C11,C12 C13 C16,C26,C37,C44 C19,C28,C36 C39,C51 C42,C45,C46 C43 C46 D1,D2,D3,D4 D5,D6,D7,D8 JMP1,JMP2 J1 L1,L3,L5,L7 Q1,Q3,Q5,Q6,Q7 Value 22u, 10V .1uF 10uF, 6.3V 1uF, 16V 330uf, 16V 44pF 10uF, 16V 1000uF, 6.3V .01uf .022 .001 SS12 30BQ015 Jumper Input .87uh FDP6035 IR7811 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 3 2 10 5 4 1 1 1 1 1 1 2 4 1 4 1 Q2,Q4,Q8 R1,R21 R2,R3,R10,R12,R14,R16,R17,R19,R23,R32 R4,R5,R6,R7,R33 R8,R9,R11,R13 R15 R18 R20 R22 R24 R25 R26,R27 R28,R29,R30,R31 S1 U1,U3,U4,U5 U2 FDB7030 10 0 10k 22 3k 3.92k 2.2k 15K 300K 2.2 TBD 4.7 Vout/Clk switch SC1405 SC1144CSW
SC1405
Manufacturer Murata (GRM235Y5V226Z010) any any any Sanyo any any any any Avx, any Avx, any General Instruments Int. Rectifier (310) 252-7099
Falco, P/N: TO2509 (305) 662-9076 Fairchild Semi. (408) 822-2000 Int. Rectifier Fairchild Semi. any any any any any any any any any any any any Digikey Semtech, (805) 499-2111 Semtech, (805) 499-2111
8 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
August 31, 2000 APPLICATION INFORMATION SC1405 is a high speed, smart dual MOSFET driver. It is designed to drive Low Rds_On power MOSFET's with ultra-low rise/fall times and propagation delays. As the switching frequencies of PWM controllers is increased to reduce power supply and Class-D amplifier volume and cost, fast rise and fall times are necessary to minimize switching losses (TOP MOSFET) and reduce Dead-time (BOTTOM MOSFET). While Low Rds_On MOSFET's present a power saving in I2R losses, the MOSFET's die area is larger and thus the effective input capacitance of the MOSFET is increased. Often a 50% decrease in Rds_On more than doubles the effective input gate charge, which must be supplied by the driver. The Rds_On power savings can be offset by the switching and dead-time losses with a sub-optimum driver. While discrete solution can achieve reasonable drive capability, implementing shoot-through, programmable delay and other housekeeping functions necessary for safe operation can become cumbersome and costly. The SC1405 family of parts presents a total solution for the high-speed, high power density applications. Wide input supply range of 4.5V-25V allows use in battery powered applications, new high voltage, distributed power servers as well as Class-D amplifiers. THEORY OF OPERATION The control input (CO) to the SC1405 is typically supplied by a PWM controller that regulates the power supply output. (See Application Evaluation Schematic, Figure 3). The timing diagram demonstrates the sequence of events by which the top and bottom drive signals are applied. The shoot-through protection is implemented by holding the bottom FET off until the voltage at the phase node (intersection of top FET source, the output inductor and the bottom FET drain) has dropped below 1V. This assures that the top FET has turned off and that a direct current path does not exist between the input supply and ground, a condition which both the top and bottom FET's are on momentarily. The top FET is also prevented from turning on until the bottom FET is off. This time is internally set to 20ns (typical) and may be increased by adding a capacitor to the C-Delay pin. The delay is approximately 1ns/pf in addition to the internal 20ns delay. The external capacitor may be needed if multiple High input capacitance MOSFET's are used in parallel and the fall time is substantially greater than 20ns. It must be noted that increasing the dead-time by high values of C-Delay capacitor will reduce efficiency since
SC1405
the parallel Schottky or the bottom FET body diode will have to conduct during dead-time. LAYOUT GUIDELINES As with any high speed , high current circuit, proper layout is critical in achieving optimum performance of the SC1405. The Evaluation board schematic (Refer to figure 3) shows a four-phase synchronous design with all surface mountable components. While components connecting to C-Delay, OVP_S, EN,S-MOD, DSPS_DR and PRDY are relatively noncritical, tight placement and short,wide traces must be used in layout of The Drives, DRN, and especially PGND pin. The top gate driver supply voltage is provided by bootstrapping the +5V supply and adding it the phase node voltage (DRN). Since the bootstrap capacitor supplies the charge to the TOP gate, it must be less than .5" away from the SC1405. Ceramic X7R capacitors are a good choice for supply bypassing near the chip. The Vcc pin capacitor must also be less than .5" away from the SC1405. The ground node of this capacitor, the SC1405 PGND pin and the Source of the bottom FET must be very close to each other, preferably with common PCB copper land with multiple vias to the ground plane (if used). The parallel Schottky must be physically next to the Bottom FETS Drain and source. Any trace or lead inductance in these connections will drive current way from the Schottky and allow it to flow through the FET's Body diode, thus reducing efficiency. PREVENTING INADVERTENT BOTTOM FET TURN-ON At high input voltages, (12V and greater) a fast turn-on of the top FET creates a positive going spike on the Bottom FET's gate through the Miller capacitance, Crss of the bottom FET. The voltage appearing on the gate due to this spike is: Vspike=Vin*crss/(Crass+ciss) Where Ciss is the input gate capacitance of the bottom FET. This is assuming that the impedance of the drive path is too high compared to the instantaneous impedance of the capacitors. (since dV/dT and thus the effective frequency is very high). If the BG pin of the SC1405 is very close to the bottom FET, Vspike will be reduced depending on trace inductance, rate if rise of current,etc. While not shown in Figure 3, a capacitor may be added from the gate of the Bottom FET to its source, prefer9
(c) 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
August 31, 2000 ably less than .1" away. This capacitor will be added to Ciss in the above equation to reduce the effective spike voltage, Vspike. The selection of the bottom MOSFET must be done with attention paid to the Crss/Ciss ratio. A low ratio reduces the Miller feedback and thus reduces Vspike. Also MOSFETs with higher Turn-on threshold voltages will conduct at a higher voltage and will not turn on during the spike. The MOSFET shown in the schematic (figure 3) has a 2 volt threshold and will require approximately 5 volts Vgs to be conducting, thus reducing the possibility of shoot-through. A zero ohm bottom FET gate resistor will obviously help keeping the gate voltage low. Ultimately, slowing down the top FET by adding gate resistance will reduce di/dt which will in turn make the effective impedance of the capacitors higher, thus allowing the BG driver to hold the bottom gate voltage low. It does this at the expense of increased switching times ( and switching losses) for the top FET. RINGING ON THE PHASE NODE The top MOSFET source must be close to the bottom MOSFET drain to prevent ringing and the possibility of the phase node going negative. This frequency is determined by: Fring =1/(2* Sqrt(Lst*Coss)) Where: Lst = The effective stray inductance of the top FET added to trace inductance of the connection between top FET's source and the bottom FET's drain added to the trace resistance of the bottom FET's ground connection. Coss=Drain to source capacitance of bottom FET. If there is a Schottky used, the capacitance of the Schottky is added to the value. Although this ringing does not pose any power losses due to a fairly high Q, it could cause the phase node to go too far negative, thus causing improper operation, double pulsing or at worst driver damage. This ringing is also an EMI nuisance due to its high resonant frequency. Adding a capacitor, typically 1000-2000pf, in parallel with Coss can often eliminate the EMI issue. If double pulsing is caused due to excessive ringing, placing 4.7-10 ohm resistor between the phase node and the DRN pin of the SC1405 should eliminate the double pulsing. Proper layout will guarantee minimum ringing and eliminate the need for external components. Use of SO-8 or other surface mount MOSFETs will reduce lead inductance as well as radiated EMI. ASYNCHRONOUS OPERATION
SC1405
The SC1405 can be configured to operate in Asynchronous mode by pulling S-MOD to logic LOW, thus disabling the bottom FET drive. This has the effect of saving power at light loads since the bottom FET's gate capacitance does not have to charged at the switching frequency. There can be a significant savings since the bottom driver can supply up to 2A pulses to the FET at the switching frequency. There is an additional efficiency benefit to operating in asynchronous mode. When operating in synchronous mode, the inductor current can go negative and flow in reverse direction when the bottom FET is on and the DC load is less than 1/2 inductor ripple current. At that point, the inductor core and wire losses, depending on the magnitude of the ripple current, can be quite significant. Operating in asynchronous mode at light loads effectively only charges the inductor by as much as needed to supply the load current, since the inductor never completely discharges at light loads. DC regulation can be an issue depending on the type of controller used and minimum load required to maintain regulation. If there are no Schottkys used in parallel with bottom FET, the FET's body diode will need to conduct in asynchronous mode. The high voltage drop of this diode must be considered when determining the criteria for this mode of operation. DSPS DR This pin produces an output which is a logical duplicate of the bottom FET's gate drive, if S-MOD is held LOW. OVP_S/OVER TEMP SHUTDOWN Output over-voltage protection may be implemented on the SC1405 independent of the PWM controller . A voltage divider from the output is compared with the internal bandgap voltage of 1.2V (typical). Upon exceeding this voltage, the overvoltage comparator disables the top FET, while turning on the bottom FET to allow discharge of the output capacitors excessive voltage through the output inductor. There should be sufficient RC time constant as well as voltage headroom on the OVP_S pin to assure it does not enter overvoltage mode inadvertently. The SC1405 will shutdown if its Tj exceeds 165 C.
10 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
August 31, 2000 Performance diagrams, Application Evaluation Board. (Fig.3)
SC1405
Figure 4-Timing diagram: Ch1:CO input Ch2:TG drive Ch3:BG non-overlap drive Ch4:phase node Iout=20A (10A/phase) Refer to Eval. Schematic (fig.3)
Figure 5-Timing diagram: Rise/Fall times
Ch1:TG drive Ch2:BG drive Cursor:TpdhTG Iout=20A (10A/phase) Refer to Eval. Schematic (fig.3)
Vin=10V, Vout=2V TOP FET IR7811, Bottom FET IR7030(L) Qg(tot)=35nc 11 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
August 31, 2000
SC1405
OUTLINE DRAWING TSSOP-14
ECN00-1259
12 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320


▲Up To Search▲   

 
Price & Availability of SC1405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X