Part Number Hot Search : 
PC1394C LA7793V 25LC64 FNTRPBF MC146818 PCA8521 DTA12 MUR1010F
Product Description
Full Text Search
 

To Download SC1401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
November 21, 2000
SC1401
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
DESCRIPTION
The SC1401 is a synchronous buck regulator designed to power the latest generation microprocessors in battery operated systems. The SC1401 may be used to provide both the I/O and core voltages utilizing synchronous rectification for the core supply voltage and an LDO N-Channel MOSFET controller for the I/O supply voltage. A 1.25 volt reference allows lower output voltages required by today's portable microprocessors. The synchronous buck regulator is capable of achieving efficiencies up to 95%. The gate drive circuitry can deliver 2.0A peak currents, allowing the use of N-channel MOSFETs for lower switching and conduction losses. A digital soft start is provided to ensure orderly start up of the power supply without the need for external components. At light load in power save mode, the controller changes mode of operation by missing gate drive cycles, thus reducing gate drive current and improving efficiency. A logic high on PSAVE disables the power saving mode thus reducing noise. The SC1401 is fabricated in a high performance BiCMOS process. This process reduces the power dissipation in low current and shutdown operation modes and improves efficiency. The LDO controller is a high performance positive voltage regulator designed to provide a low noise power source to the microprocessor peripherals by driving a low cost external N-Channel MOSFET.
VIN C1 C2 C3 C4 C5
FEATURES * * * * * * * * *
>90% Efficiency (SMPS) 6.0V to 30V Input range 1.25V to 5.5V Adjustable output (SMPS) PWM and LDO regulator outputs High output gate drive of 2 Amps (SMPS) Power save mode for light load operation 200kHz/300kHz fixed-frequency PWM operation 2mA Typical quiescent current 2A Typical shutdown current
APPLICATIONS * * *
Notebook and palmtop computers LCD monitors Internet appliances
ORDERING INFORMATION
DEVICE SC1401ISS PACKAGE SSOP-20 TEMP. (TA) -40C - +85C
Notes (1) Add suffix "TR" for tape and reel.
TYPICAL APPLICATION CIRCUIT
ENABLE_IO RESET PSAVE U1 SYNC 1 SYNC SC1401ISS PSAVE 20 Q1 SHDN 2 SHDN RESET 19 D1 VO_LINEAR C6 VDD2
3
FB
ENABLEIO
18
R1 C7 C8
4
VDD1
IOS
17 R2 +5V
5 R3 6
GND
GATEIO
16
CSL
VDD2
15 D2
Q2
7
CSH
BST
14 C9 L1 R4 VO_SMPS C12 R5 C13 C14
+5V C10 C11
8
V5V
DH
13
9
DL
PHASE
12 D4
C15
D3
10
PGND
PGND
11
Q3
R6
R7
C16
1 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
November 21, 2000
SC1401
PIN DESCRIPTION Pin # 1 Pin Name SYNC Pin Function Oscillator control/synchronization input. Connect to V5V for 300kHz. Connect to GND for 200kHz. For external clock synchronization in the 240kHz to 350kHz range. A high-to-low transition causes a new cycle start. Logic Low shuts down the switching regulator. Feedback input for the SMPS. FB selects fixed 1.25V output voltage setting when tied to VOUT. Connect FB to a resistor divider for adjustable output mode. R 8 Refer to page 9. V O (SMPS) = 1.25 * 1 + R9 Supply input from battery (6V to 30V). Low noise analog ground and feedback reference point. Inverting input to current sense amplifier. Also serves as the feedback input in fixed output mode. Non-Inverting input to current sense amplifier. Current limit level is 120mV referenced to CSL. 5 volt external supply used to power the gate drives, internal control and reference of the SC1401. Gate drive output for low side synchronous rectifier MOSFET. Device power ground. Device power ground. Inductor switching node connected to the source of high side MOSFET and drain of low side MOSFET. Gate drive output for high side N-Channel MOSFET. DH is a floating driver output driven from the floating voltage across BST to PHASE. Boost capacitor connection for the high side driver. Supply voltage input for the linear FET controller. Gate drive output for the linear FET controller. Sense input voltage for the adjustable voltage linear FET controller. R 5 Refer to page 9. V O (Linear) = 1.25 * 1 + R6 Logic low shuts down the linear FET controller. Active-Low reset output. A logic low enables power saving mode.
2 3
SHDN FB
4 5 6 7 8 9 10 11 12 13 14 15 16 17
VDD1 GND CSL CSH V5V DL PGND PGND PHASE DH BST VDD2 GATEIO IOS
18 19 20
ENABLEIO RESET PSAVE
Note: All logic level inputs and outputs are open collector TTL compatible.
2 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
November 21, 2000
SC1401
ABSOLUTE MAXIMUM RATINGS
PARAMETER VDD1 to GND PGND to GND V5V, FB, CSH, CSL, IOS to GND SYNC, SHDN, PSAVE, ENABLEIO to GND BST to GND BST to PHASE VDD2 to GND GATEIO to GND Junction operating temperature (TJ) Thermal resistance junction to ambient (JA) Storage temperature Lead soldering temperature MAXIMUM -0.3 to +36 - 0.3 to 0.3 -0.3 to +6 -0.3 to +6 -0.3 to +36 -0.3 to 6 -0.3 to +36 9 -40 to +125 50 -65 to +150 +300, 10 seconds UNITS V V V V V V V V C C/W C C
ELECTRICAL CHARACTERISTICS
Unless specified: VDD1 = 12V, VDD2 = 12V V5V = 5V, SHDN = PSAVE = 5V, TA = -40 C to +85 C . Typical values are at TA = +25C.
PARAMETER SMPS CONTROLLER VDD1 Input Voltage Range VOUT SMPS Internal BandGap Voltage, VREF Load Regulation Line Regulation Overcurrent-Limit Threshold PSAVE Mode Threshold Soft-Start Ramp Time Oscillator Frequency Maximum Duty Factor
CONDITIONS
MIN
TYP
MAX
UNITS
6.0 VREF Measured at the Feedback pin 0mV < CSH - CSL < 100mV 6V < VDD1 < 30V CSH - CSL CSH - CSL, PSAVE = 0 V From enable to 95% full current limit with respect to fOSC SYNC = V5V SYNC = 0V SYNC = V5V SYNC = 0V 265 165 85 90 100 1.225 1.250 2 0.03 130 30 512 300 200 87 93
30.0 5.5 1.275
V V V % %/V
160
mV mV clks
335 235
kHz %
Note 1: This device is ESD sensitive. Use of standard ESD handling precautions is required.
3 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
November 21, 2000
SC1401
ELECTRICAL CHARACTERISTICS (continued)
Unless specified: VDD1 = 12V, V5V = 5V, VDD2 = 12V
SHDN = PSAVE = 5V, TA = -40 C to +85 C. Typical values are at TA = +25C.
LINE PARAMETER Gate Driver Sink/Source Gate Driver On-Resistance SYNC Input High Pulse1 SYNC Input Low Pulse Width SYNC Rise/Fall Time1 SYNC Input Frequency Range Current-Sense Input Leakage FB Input Leakage Current LINEAR REGULATOR VDD2 Input Voltage Range VOUT Linear GATEIO Source current IOS Input Leakage Current Line Regulation Load Regulation SUPPLY CURRENTS VDD1 Operating Supply Shutdown Supply Current V5V Operating Supply Current VDD2 Supply Current
1
CONDITIONS DL, DH, forced to 2V High or low
MIN
TYP 2.0 1.0
MAX
UNITS A
200 200 200 240 CSL = CSH = 5.5V FB = 1.25V 350 20 1 kHz A A ns
5.0 VREF VDD2=12V, GATEIO=0V IOS = 1.25V ILOAD=0.5A Vin=12V, ILOAD = 0.1A to 1A 0.03 0.85 2.6
30.0 5.5 1
V V mA A %/V %
5 VDD1 = 6V to 30V, V5V = 5V, SHDN = 0V V5V = 5V, no load on DH/DL, PSAVE = 0V VDD2 = 12V 15 1.5
50 25 4 5
A A mA mA
Note 1: Not tested.
4 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
November 21, 2000
SC1401
ELECTRICAL CHARACTERISTICS (continued)
PARAMETER FAULT DETECTION Thermal Shutdown Threshold VDD1 Undervoltage Reset Threshold V5V Undervoltage Reset Threshold FB Overvoltage Reset Threshold FB Undervoltage Reset Threshold RESET Propagation Delay IOS Undervoltage Reset Threshold RESET Delay Time LOGICAL INPUTS AND OUTPUTS Logic Input High Logic Input Low Input Leakage Current Logic Output Low Voltage
Unless specified: VDD1 = 12V, VDD2 = 12V V5V = 5V, SHDN = PSAVE = 5V, TA = -40 C to +85 C. Typical values are at TA = +25C.
CONDITIONS Typical hysteresis = +10V Falling edge of VDD1, hysteresis = 1% Falling edge of V5V, hysteresis = 1% With respect to unloaded output voltage, typ. Hysteresis = 1% With respect to unloaded output voltage, typ. Hysteresis = 1% FB Over/Under Voltage condition With respect to unloaded linear output voltage With respect to fOSC SHDN,ENABLEIO PSAVE,SYNC SHDN,ENABLEIO, PSAVE, SYNC RESET, ISINK = 4mA
MIN
TYP 150
MAX
UNITS C
4.2 3.75
4.5 4.0 10 -10 1.5 -10
4.8 4.25
V V % % s % clks
27,000 32,000 37,000 1.8 1.6 -1.0 1.0 0.4
V A V
5 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
November 21, 2000
SC1401
LINE REGULATION (SMPS) Io = 7.0A, Vo = 2.2V OUTPUT VOLTAGE (V)
2.27 2.26 2.25 2.24 2.23 2.22 2.21 6.0 9.0 12.0 15.0 18.0 21.0 24.0 27.0 30.0
INPUT VOLTAGE (V)
LOAD REGULATION, Vo = 2.2V (SMPS), Vin = 12V OUTPUT VOLTAGE (V)
2.250 2.245 2.240 2.235 2.230 2.225 2.220 2.215 0.5 1.0 2.0 3.0 4.0 5.0 6.0 7.0
LOAD CURRENT (A)
EFFICIENCY vs LOAD CURRENT
100.00% 95.00% EFFICIENCY (%) 90.00% 85.00% 80.00% 75.00% 70.00% 65.00% 0.1 1.0 2.0 3.0 4.0 5.0 6.0 7.0 LOAD CURRENT (A) VIN = 6V VIN = 10V VIN = 14V VIN = 18V VIN = 22V
6 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
November 21, 2000
SC1401
LOAD TRANSIENT: Vin = 16V, Vo = 2.0V, I = 1A to 7A
RIPPLE VOLTAGE: 200KHZ
RIPPLE VOLTAGE: 300KHZ
7 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
November 21, 2000
SC1401
PIN CONFIGURATION
(Top View)
(20-Pin SSOP)
VO (SMPS)
VO (Linear)
R7 (current sense resistor)
R10 5
R8 VO = 1.25 * 1 + R9
R5 VO = 1.25 * 1 + R6
R7 =
Table 1
120mV I MAX
8 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
November 21, 2000
VDD1 = 6.0V to 30.0V
C3 22uF,35V 22uF,35V 0.22uF C4 C12
C1
C2
5
6
7
6 CSL U2 IRF7805 D1 BAT42W R10 7 4 3 2 5.6 V5V DH 0.1uF 8 13 C11 1 CSH BST 14 VDD2
15
8
5
6
7
8
5
6
7
8
4
3
2
1
4
3
2
1
(c) 2000 SEMTECH CORP.
VDD2
22uF,35V
22uF,35V
+5V
V5V
C5
C6
R1
10uF
0.1uF
4.7K
VDD2
C8 47uF
C7 0.1uF
RESET
U1 SC1401CSS PSAVE Q1 MTD20N03HDL 19 Vo(lin) 20 1 SYNC
ENABLEIO
2 SHDN D4 MTZ9.1B, 9.1V 500mW C9 C10 RESET
To uP I/O 3.3V, 1.0A
PSAVE
3 FB ENABLEIO 10uF 0.1uF 18 R5 41.2K
SYNC
VDD1 R6 24.9K V5V IOS
4
17
5 GND GATEIO
16
SHDN
L1 R7A Vo(smps) 3.9uH 0.02, 1W R7B D2 0.02, 1W U4 IRF7805 R8 19.1K C13 330uF,6.3V C14 330uF,6.3V C15 330uF, 6.3V
To uP core 2.2V, 8.5A
C16 D3 0.1uF MBRS340T3
9 DL PHASE
12
HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
TYPICAL NOTEBOOK CPU APPLICATION CIRCUIT FOR VCORE = 2.2V & VI/O = 3.3V
652 MITCHELL ROAD
10 PGND PGND 11 U3 IRF7805 MBRS340T3
R9 24.9K
9
NEWBURY PARK CA 91320
SC1401
VDD1 = 6.0V to 30.0V
C3 C4 C12
GND
C1
C2
22uF,35V 22uF,35V 22uF,35V 22uF, 35V 0.1uF Vlinear_Ext
B1 3
R15 6.2K
1 1 1 2 V5V_onboard
November 21, 2000
B2 JP4 Q2 MMBT2222
1
B3
Vlinear_ext JP3 V5V_Ext 2 1
V5V
2
1 C7 0.22uF 1 U1 SC1401CSS_RTP1 1 SYNC PSAVE Q1 MTD20N03HDL 2 19 D5 MA8062 3 FB ENABLEIO C9 4 VDD1 IOS R6 10K V5V 5 6 7 6 CSL VDD2 R10 7 3 2 1 CSH BST SEL 0.1uF V5V V5V DH SEL 10uF DL 5 6 7 PHASE 1M R4 10 PGND PGND 11 0.1uF 9 12 8 5 6 7 8 C5 C6 8 13 C11 R14 14 D1 Q3 IRF7805 15 R7B 8 17 10uF 0.1uF C10 47uF 18 R5 2K 1 C8 VO(lin) JP1 Vlinear_onboard 20 Vlinear_Ext JP2
R1
J1
1
J2
EVALUATION BOARD SCHEMATIC
1
2 SHDN RESET
5 GND GATEIO
16
2
V5V
BAT42W 4
4
3
2
1
4
3
2
1
(c) 2000 SEMTECH CORP.
VDD2 = 30V max
V5V_onboard D4 MA8062 B5 0.02, 1W L1 R7A VO(lin) 1 B6
1
B4
4.7K
S1
1 2 3 4
8 7 6 5
VO(smps)
0.02, 1W 3.9uH D2 MBRS340T3 C18 0.1uF C13 C14 C15 C16 330uF,6.3V 330uF,6.3V 330uF, 6.3V 0.1uF R8 6.04K D3 MBRS340T3
1 B7 1
HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
652 MITCHELL ROAD
Q5 IRF7805 Q4 IRF7805 R16 301K R11 SEL R13 SEL
SW DIP-4
1M R12
1M R2
1M R3
C17 R9 10K 100pF
NEWBURY PARK CA 91320
SC1401
10
HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
November 21, 2000 Figure 1: SC1401 Block Diagram
V5V
SC1401
GND
UVLO VDD1 VDD2
VBG
GATEIO
IOS BG REF BST PSAVE OCS SYNC DIGITAL CONTROLLER DH
SHDN
PHASE
COUNTER
DL
PGND ENABLEIO DAC CSH
CSL
RESET
POWER GOOD
BG REF
FB
PGND VGB
Figure 2: Main PWM Modulator Control Block
11 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
November 21, 2000
SC1401
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com reached. Active shoot-through protection delays the turn-on of the low-side power device until the PHASE node drops below 1.25V. The low-side devices remains on until the beginning of the next switching cycle. Again, active shoot-through protection ensures that the gate to the low-side power device is low before the high-side device is turned on. When PSAVE is enabled (low) and the output current drops below 25% of its peak level, the PWM logic will automatically enter PSAVE mode to improve efficiency. When the controller enters power save, it increases the regulation point by 0.8%, typically issuing one more high side pulse as the converter enters PSAVE. The PWM control then disables switching cycles until the FB falls below the reference. At light loads the effective switching frequency will drop dramatically and efficiency will increase because of the reduced gate charge current required to switch the power stage. Boosting the regulation point when entering PSAVE gives the output improved dynamic regulation because the output voltage is not allowed to droop below the nominal regulation point. Load current steps, that cause the converter to come out of PSAVE, will not cause as large a negative dip in the output voltage. The PSAVE threshold is a function of the load and peak-to-peak inductor current. It can be calculated by the following equations:
Detailed Description
The SC1401 is a high performance, high efficiency, PWM synchronous buck controller, designed to power the latest generation microprocessors in battery operated systems. Two high-current gate drive outputs are supplied to control both MOSFETs in the synchronous rectified buck converter. This power supply can be programmed to operate at either fixed (1.25V) or adjustable output voltages. The power save feature enables high efficiency over a wide range of load current. The control and fault monitoring circuitry associated with the PWM controller includes digital softstart, turn-on sequencing, frequency compensation, power save, overcurrent and over and under voltage fault protection. An LDO NMOS linear regulator is also generated by the SC1401. A block diagram of the SC1401 is shown in Figure 1.
PWM Control Block
The SC1401 employs peak-current-mode control with slope compensation to provide fast output response to load and line transients. The PWM control block consists of an analog PWM modulator followed by PWM logic control. The analog modulator combines the current output, slope compensation signal and error voltage to generate a PWM pulse train. The PWM logic uses the pulse train from the modulator and other control signals to generate the output states for the high and low side gate driver outputs. A block diagram of the PWM control block is shown in Figure 2. An error amplifier generates the difference signal between the reference voltage and the feedback voltage to generate the control voltage for the peak current mode comparator. A nominal gain of 8 is used in the error amplifier to further increase the system loop-gain and reduce the load regulation error typically seen with low loop-gain current mode controllers. The increased gain in the voltage loop is compensated by pole-zero-pole response of the voltage error amplifier. The current feedback signal is summed with the slope compensation signal and compared to the control voltage by the PWM comparator. When the power supply is operating in continuous conduction mode with current > 25% of its peak value, the high side MOSFET is turned on at the beginning of each switching cycle. The high-side MOSFET is turned off when the desired duty cycle is
V THPSAVE
=O
I-
I L * RS 2
I L
=
(V IN - V O ) * D
L f
!IL = peak-to-peak inductor current IO = Load Current VIN = Input Voltage VO = Output Voltage D = Duty Cycle f = Frequency L = Inductance
12 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
November 21, 2000
SC1401
Gate Drive and Control
The gate drivers on the SC1401 are designed to switch large MOSFETs at up to 350kHz. The highside gate drivers are required to drive the gates of the high-side MOSFETs above the V5V input. The supply for these gate drivers is generated by charging a bootstrap capacitor from a supply when the low side driver is on. Monitoring circuits ensure that the bootstrap capacitor is charged when coming out of shutdown or fault conditions where the bootstrap capacitor may be depleted. In continuous conduction mode, the low side driver outputs that control the synchronous rectifier in the power stage is on when the high side driver is off. Under light load conditions the ripple current will approach the point where it reverses polarity. This is detected by the low side driver control and the synchronous rectifier is turned off before the current reverses, preventing energy drain from the output.
value, the SMPS is latched off and synchronous NMOS FET is turned on. To prevent the output from ringing below ground a signal level Schottky diode should be placed across the output with its anode at ground. The same results apply if VDD1 or V5V fall below their respective under-voltage thresholds. If the SMPS or LDO outputs fall 10% below its nominal, the RESET output is pulled low.
Shutdown Mode
Holding the SHDN pin low disables the SC1401, reducing the total supply input current to <10uA. A shutdown condition tri-states the SMPS and pulls the RESET output low. Holding the ENABLEIO pin low disables the LDO.
Output Voltage Selection
If FB is connected to CSL, the SMPS will regulate to the internal bandgap voltage, 1.25V. If external resistors are used, the output is regulated based on a resistor divider and 1.25V at the FB pin.
Current Sense (CSH,CSL)
The output current of the power supply is sensed as the voltage drop across an external resistor between the CSH and CSL pins. Over current is detected when V(CSH,CSL) exceeds +/-130mV. An over current will turn off the high side driver on a cycle by cycle basis. CSH and CSL are also used for peak current feed back in the main PWM loop and to determine the current level for entering power save mode and the turn-off time for the synchronous rectifier.
LDO Regulation Operation
The n-channel LDO regulator is capable of supplying 1A over a 1.25V to 5.5V output range. The input voltage to the LDO is the VDD2 supply with a maximum input voltage of 30V. To set the output voltage, an external resistor divider is used based on 1.25V at the IOS pin.
Power-up and Soft-Start
The SMPS contains its own counter and DAC to gradually increase the current limit at startup to prevent input surge currents. The current limit is increased from 0, 25%, 50%, 75%, to 100% linearly over the course of 512 switching cycles. A RESET output is also generated at startup. The RESET pin is held low for 32K switching cycles. Another timer is used to enable the undervoltage protection. The undervoltage protection circuitry is enabled after 5000 switching cycles at which time the SMPS should be in regulation.
Oscillator
The SC1401 oscillator frequency is trimmed to +/10%. When the SYNC pin is high the oscillator runs at 300kHz; when sync is low the frequency is 200kHz. The oscillator can also be synchronized to the falling edge of a clock on the SYNC pin with a frequency between 240kHz and 350kHz. The 200kHz operation state is used for highest efficiency, and 300kHz for minimum output ripple and/or smaller inductor and output capacitor values.
Fault Protection
In addition to cycle-by-cycle current limit, the SC1401 monitors over temperature, power supply output over and under-voltage and input supply under-voltage conditions. The over temperature detect will shut the part down if the die temperature exceeds 150C with 10C of hysteresis. If the SMPS output is greater than 10% of its nominal
Evaluation Board
The evaluation board schematic shown on page 10 is configured to output 2.0V at 7.0A on the main switcher and 1.5V at 1A on the linear regulator. In addition, the main switcher has a compensation circuit consisting of C18, R16 and C17. This circuit aids in the stability of the supply for variability in output filter components
13 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
November 21, 2000 and output voltage and current ranges. This compensation circuit is necessary for proper operation of the SC1401. This will eliminate any uncertainties in stability with respect to various output configurations that may be implemented using the part. Having JP1 in place will enable the linear regulator to derive power from the main switching supply. The switcher must have a higher output voltage than the linear to allow this option to work properly. Further information of the evaluation board and it operation is described in the SC1401 Evaluation Board Manual.
SC1401
efficiency, small size and low cost are required. The Semtech SC1401 EVAL board consists of a 2.0V, 7A switcher and a 1.5V, 1A linear regulator. Design Guidelines The schematic for the EVAL board is shown on page 10. The EVAL board is configured as follows: Switching Regulator 1 Linear Regulator 1 Vout1 = 2.0V, 7A Vout2 = 1.5V, 1A
LDO
The evaluation board schematic shows that the LDO regulator is set up to derive its power from the output of the SMPS. The GATEIO, pin 16 is the gate drive for an N-Channel MOSFET, Q1. This output has a breakdown voltage of 12V so it is imperative the gate does not exceed 12V and Q5, a nine volt zener diode is added to prevent this from happening. In addition, IOS, pin 17 is the input from the resistive divider formed by R5 and R6. The LDO MOSFET should be chosen to carry the load current and dissipate the power required by the conditions of the load current and voltage drop across the MOSFET. Capacitors C9 and C10 were added for filtering purposes. Designing the Output Filter Before calculating the output filter inductance and output capacitor, an acceptable amount of output ripple current is to be determined. The ESR of the output capacitor multiplied by the ripple current sets the maximum allowable ripple voltage. So once the ripple voltage specification is selected, the capacitor ESR is chosen usually based on capacitor cost and size constraints. This then sets the maximum output ripple current through the capacitor and inductor. For the EVAL board 2.0V switcher, we selected a maximum ripple voltage of 50mV. Choosing three 330uF, 6.3V tantalum capacitors C13,C14 and C15 each having an ESR of 100 milliohms, their combined ESR equaling 33 milliohms, sets the maximum ripple current as follows:
Gate Drive Power
JP4 enables the gate drive power to operate off of the onboard zener follower which supplies 5 volts, formed by components Q2, R15 and D4. This takes the input voltage and produces 5V for the bootstrap diode D1 that supplies the gate drive power for the upper MOSFET of the Q3 SMPS. Alternatively, you could also bring in an external voltage for the gate drive voltage by moving the jumper from JP4 to JP3. Consult the SC1401 Evaluation Board Manual for further details of the evaluation board operation.
IO =
VO ESR
IO =
0.05 = 1.5Amp 0.033
APPLICATIONS INFORMATION
Introduction The SC1401 is a versatile switching regulator providing an adjustable output from 1.25V to 5.5V. In addition, there is one on-chip adjustable linear regulator capable of supplying 1 amp of output current. The SC1401 is designed for notebook applications but has applications anywhere high
Be sure that the three output capacitors can handle this ripple current. Ripple current specifications are found in the capacitor data sheet for high quality capacitors intended for use in switching power supplies. The inductance can now be found:
L1 =
(VINMAX - VO ) * D * t IO
The inductance and duty cycle equation excludes
14 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
November 21, 2000 any resistive drops due to winding resistance and MOSFET on resistance. Where: Input Capacitor Selection
SC1401
D=
VO 1 , t = , and f = 300kHz VIN f
Input capacitor is selected based upon the input ripple current demands of the converter. First determine the input ripple current expected and then choose a capacitor to meet that demand. The input RMS ripple current can be calculated as follows:
L1 =
(28 - 2.0) *
2.0 * 3.33 * 10 - 6 28 1.5
IRMS =
IRMS =
IO VIN
VO * (VIN - VO )
L1 = 4H From this calculation we choose L1 to be 3.9uH. For a lower operating frequency, f = 200kHz, L1 calculates to be 6uH. Choosing Inductor & FET Current Rating The current carrying capability of the inductor and MOSFETs should be sized to handle the maximum current of the supply set by the current sense resistor. For the SC1401 EVAL board Rsense equals the parallel combination of R7A & R7B. Here we use the minimum current threshold value:
7 * 2 * (6 - 2) 6
IRMS = 3.3 Amps The worse case input RMS ripple current occurs at 50% duty cycle (D = 0.5 or Vin = 2 Vout) and therefore under this condition the IRMS ripple current can be approximated by:
IRMS =
IO 2
RSENSE =
100mV IPEAK
Where IPEAK equals:
However, this condition will not occur because the duty cycle is set by Vo/Vin, 2/6 = 0.33. If the output voltage is changed where D approaches 50% the input capacitor ripple current may need to be recalculated and capacitors added. Therefore, for a maximum load current of 7 amps, the input capacitors should be able to safely handle 3.3 amps of ripple current. For the EVAL board, we chose four 22uF, 35V Tantantalum capacitors. Each capacitor has a ripple current capability of 0.908 amps at 100kHz, 25C. Four of these capacitors in parallel will meet the requirements. MOSFET Switches After selecting the voltage and current requirements of each MOSFET device for the upper and lower switches, the next step is to determine their power handling capability. For the EVAL board the IRF7805 meet the voltage and current requirements. However, the lower FET is a combination of two IRF7805 devices in parallel for improved efficiency
IPEAK = IO +
IO 2
IPEAK = 7 + 0.75 IPEAK = 7.75 Amps Here we chose a sense resistor of 13.5 milliohms. Now we can determine FET and inductor current carrying capability by using the maximum current limit threshold:
IPEAK
0.14 = = 10 .4 Amps 0.0135
From this value choose an inductor with Isat > 10.4 Amps, and for the FET choose a continuous conduction current rating Ic > 10.4 Amps.
15 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
November 21, 2000 and to handle any possible short circuit condition. These are 30V, 9A FET's. Based on 85C ambient temperature, 150C junction temperature and thermal resistance, their power handling is calculated as follows: Power Limit for Upper & Lower FET: TJ = 150oC TA = 85oC !JA = 50oC/W PSU = 0.065W
SC1401
Crss is the reverse transfer capacitance of the FET; in this case it equals 215pF for the IRF7805. Where Ig is the gate driver current. This is equal to 2A for the SC1401. So the total FET losses equate to: PFETS = 0.09 + 0.225 + 0.065 = 0.38W. Note that as Vin increases, the power dissipation from switching losses will also increase. This is especially important if the input to the supply is from an AC adapter. Therefore, it is necessary to check the calculations with your maximum input voltage specification. In addition, the distribution of power in the upper and lower FET will change as input voltage increases. Other losses to consider are gate charge losses, inductor switching and copper losses, and losses in the input and output capacitors. All these items will decrease efficiency and need to be carefully analyzed to obtain the highest efficiency possible, especially if running off battery power.
PT =
TJ - TA 150 - 85 = = 1.3W JA 50
Each FET must not exceed 1.3W of power dissipation. The conduction losses for the upper & lower FET can be determined. For the calculations below, a nominal input voltage of 12V, for Vout = 2.0V, Iout = 7A and f = 300kHz. The Rdson value for the upper & lower FET is 11milliohms. We will calculate the conduction losses and switching losses for each FET. From the calculations below we are well within the 1.3 watt dissipation limit as calculated above. Conduction Losses Upper FET:
PCU = R DS * D * I2
PCU = 0.011 *
PCU = 0.090W
2 * 72 12
Conduction Losses Lower FET:
PCU = R DS * (1 - D ) * I2
PCL = 0.0055 * (1 -
PCL = 0.225W
2 ) * 72 12
Switching Losses Upper FET: Note: switching losses exist on the upper FET only because the clamp diode across the lower FET will turn on prior to the lower FET turning on.
PSU = C RSS * VIN * F * IO IG
2
=
215 * 10 -12 * 12 2 * 300000 *7 1
16 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
November 21, 2000
SC1401
OUTLINE DRAWING - SSOP-20
Jedec MO-150AE
17 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320


▲Up To Search▲   

 
Price & Availability of SC1401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X