Part Number Hot Search : 
TA8836F 1045CT 22DGQ045 H6850 M948AP THAT120 1045CT MLP7131
Product Description
Full Text Search
 

To Download RS206L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
RS201L THRU RS207L
SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
FEATURES
* * * * Ideal for printed circuit board Surge overload rating: 50 amperes peak Mounting position: Any Weight: 2.74 grams
MECHANICAL DATA
* UL listed the recognized component directory, file #E94233 * Epoxy: Device has UL flammability classification 94V-O
.710 (18.0) .670 (17.0)
RS-2L
.566 (14.4) .528 (13.4)
AC
.528 (13.4) .488 (12.4)
.035 (0.9) DIA. .028 (0.7) TYP.
.787 (20.0)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
.125 (3.2)
.160 (4.1) .140 (3.6) .260 (6.6) .240 (6.1)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Output Current TA = 50oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Operating Temperature Range Storage Temperature Range Typical Junction Capacitance (Note) SYMBOL VRRM VRMS VDC IO IFSM TJ TSTG CJ RS201L 50 35 50 RS202L 100 70 100 RS203L RS204L RS205L 200 140 200 400 280 400 2.0 60 -55 to + 125 -55 to + 150 15 600 420 600 RS206L 800 560 800 RS207L 1000 700 1000 UNITS Volts Volts Volts Amps Amps
0 0
C C
pF
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Forward Voltage Drop per Bridgeat Element at 2.0A DC Maximum Reverse Current at Rated Dc Blocking Voltage per element @TA = 25 C @TA = 100 oC
o
SYMBOL VF IR
RS201L
RS202L
RS203L RS204L RS205L 1.1 10 0.5
RS206L
RS207L
UNITS Volts uAmps mAmps 2001-5
NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts
RATING AND CHARACTERISTIC CURVES ( RS201L THRU RS207L )
FIG. 1 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
PEAK FORWARD SURGE CURRENT, (A)
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE 2.0
AVERAGE FORWARD CURRENT, (A)
60
50
8.3ms Single Half Sine-Wave (JEDED Method)
1.5
40
30
1.0
20
.5
10 0 0 2 4 6 10 20 40 60 NUMBER OF CYCLES AT 60Hz 100
Single Phase Half Wave 60Hz Inductive or Resistive Load
0 20 40 60 80 100 120 140 AMBIENT TEMPERATURE, ( )
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT, (uA) INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS 10 6 4 2 1.0 .6
TJ = 25
10
1.0
.2 .1 .06 .02 .01 0 20 40 60 80 100 120 140
0.1
TJ = 25 Pulse Width = 300us 1% Duty Cycle
.01 .4
.5 .6 .7 .8 .9 1.0 1.1 1.2 INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
RECTRON


▲Up To Search▲   

 
Price & Availability of RS206L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X