Part Number Hot Search : 
SI4435 M50V5 5251B 7805A 3UTZW 4835B 3866S P4456
Product Description
Full Text Search
 

To Download PD8042 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI LASER DIODES
PD8XX2 SERIES
InGaAs AVALANCHE PHOTO DIODES
TYPE NAME
PD8042,PD8932
FEATURES
* Active diameter 50m * Low * High * Very * High
noise speed response small dark current quantum efficiency
DISCRIPTION
PD8XX2 is an InGaAs avalanche photodiode suitable for receiving the light having low noise, a wavelength band of 1000 to 1600nm. This photodiode features low noise, a high quantum efficiency and a very small dark current and is suitable for the light receiving elements for long-distance optical communications.
APPLICATION
Receiver for long-distance fiber - optic communication systems
ABSOLUTE MAXIMUM RATINGS
Symbol IR IF TC Tstg Parameter Reverse current Forward current Case temperature Storage temperature Conditions Ratings 500 2 -40~+85 -40~+100 Unit A mA C C
ELECTRICAL /OPTICAL CHARACTERISTICS
Symbol V(BR)R Ct ID fc Parameter Breakdown voltage Capacitance Dark current Quantum efficiency Cutoff frequency (-3dB)
(TC = 25C) Test conditions Limits Typ. 60 0.7 60 80 2.5 Unit V pF nA % GHz
IR = 100 A VR = 0.9V (BR) R,f = 1MHz VR = 0.9V (BR) R M = 1, = 1300nm M = 10,RL = 50 ,-3dB
Min. 40 1
Max. 90 0.9 100 -
: Ct=0.6F (typ.) for PD8932
SEP.2000
MITSUBISHI LASER DIODES
PD8XX2 SERIES
InGaAs AVALANCHE PHOTO DIODES
OUTLINE DRAWING
Dimention : mm
PD8042
Dimention : mm
PD8932
SEP.2000
MITSUBISHI LASER DIODES
PD8XX2 SERIES
InGaAs AVALANCHE PHOTO DIODES
TYPICAL CHARACTERISTICS
Fig.1 Spectral response
Fig.2 Dark current, photo current and multiplication rate vs. reverse voltage
Fig.3 Total capacitance vs. reverse voltage
Fig.5 Multiplication rate dependence of cutoff frequency
fig.4 Frequency response
SEP.2000


▲Up To Search▲   

 
Price & Availability of PD8042

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X