Part Number Hot Search : 
PHM022 HD14051 MC145 HD74LS12 MPL027 6KE30A LT1720 HD14051
Product Description
Full Text Search
 

To Download PCA-6278 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCA-6278
Features
Dual Pentium(R) III CPU Cards
Dual Socket 370 Pentium III (Tualatin) Card with 64-bit PCI/VGA/Dual LAN/HISA (133 MHz FSB)
* Dual Socket 370 Pentium III up to 1.26 GHz * Up to 4 GB registered SDRAM * On-board high performance VGA with 8 MB SGRAM * Supports dual 10/100 Base-T Ethernet, Intel 82559 controller * 64-bit/66 MHz PCI bus interface * On-board hardware monitoring * CMOS automatic backup and restore to prevent accidental data loss of BIOS setup
Specifications
Processor System CPU Max. Speed L2 Cache Chipset BIOS Front Side Bus PCI ISA Technology Max. Capacity Socket Controller VRAM Interface Controller Connector Mode Channel USB Serial Parallel FDD PS/2 Output Interval Solid State Disk Typical Intel Pentium III x2 1.26 GHz 512/256 KB ServerWorks ServerSet 30LE Award 2 Mb Flash 100/133 MHz 64-bit/66 MHz HISA (ISA high drive) PC-133/100 registered SDRAM with ECC 4 GB 168-pin DIMM x4 ATI RAGE XL 8 MB SGRAM 10/100 Base-T Intel 82559 x2 RJ-45 x2 PIO Mode 4, Ultra DMA/33 2 (Max. four devices) 4 (USB 1.0 compliant) 2 (RS-232) 1 (SPP/EPP/ECP) 2 1 (for mouse and keyboard, Y cable included) Interrupt, system reset Programmable, 1 ~ 63 sec. IDE flash disk Dual Pentium 1 GHz, 2 GB SDRAM +5 V -12 V +12 V 12.31 A 348 mA 6 mA Operating Non-Operating 0 ~ 60 C (32 ~ 140 F) -20 ~ 70 C (-4 ~ 158 F) 338 x 122 mm (13.3" x 4.8")
Bus
* All brand names and registered trademarks are the property of their respective owner * All specifications are subject to change without notice
Date of Publication: 2002-05-15
Full-sized CPU Cards
Memory Graphic Ethernet EIDE
I/O Interface
Watchdog Timer Miscellaneous Power Requirement Environment Physical
Temperature Dimensions
Ordering Information
Model Name PCA-6278VE-00A1 PCA-6278E2-00A1 HISA v v VGA (PCI) v v SCSI --LAN Single Dual
Packing List
FDD cable IDE HDD cable Printer + COM cable Y cable for PS/2 mouse & keyboard Jumper pack Startup manual Utility CD X1 X2 X1 X1 X1 X1 X1 1700340640 1701406007 1701260305 1700060202 9689000068 ---
Accessory Options
USB cable 1700100170
www.advantech.com


▲Up To Search▲   

 
Price & Availability of PCA-6278

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X