Part Number Hot Search : 
SSM2211S MAX5909 TFPT1206 FLZ4V3B 01M10 MR100FF3 EPA3592G NTRLPB
Product Description
Full Text Search
 

To Download P6SMB22A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W NE
P6SMB6.8A THRU P6SMB200A
v
Central
DESCRIPTION
TM
Semiconductor Corp.
UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
The CENTRAL SEMICONDUCTOR P6SMB6.8A Series types are Surface Mount Uni-Directional Glass Passivated Junction Transient Voltage Suppressors designed to protect voltage sensitive components from high voltage transients. THIS DEVICE IS MANUFACTURED WITH A GLASS PASSIVATED CHIP FOR OPTIMUM RELIABILITY. Note: For Bi-directional devices, please refer to the P6SMB6.8CA Series data sheet.
SMB CASE
ey i db pcf Sei
BREAKDOWN VOLTAGE
MAXIMUM RATINGS (TA=25C ) Peak Power Dissipation Peak Forward Surge Current (JEDEC Method) Operating and Storage Junction Temperature ELECTRICAL CHARACTERISTICS (TA=25C )
BREAKDOWN VOLTAGE WORKING PEAK TYPE NO.
VBR @ IT
SYMBOL PPM IFSM TJ,Tstg 600 100 -65 to +150
UNITS W A C
MAXIMUM REVERSE LEAKAGE
@R RWM IV mA
MAXIMUM REVERSE SURGE
ICURRENT RSM
MAXIMUM REVERSE VOLTAGE
VRSM @ IRSM
MAXIMUM TEMP. COEFFICIENT
of VBR
MARKING CODE
REVERSE
VVOLTAGE RWM
VOLTS MIN P6SMB6.8A P6SMB7.5A P6SMB8.2A P6SMB9.1A P6SMB10A P6SMB11A P6SMB12A P6SMB13A P6SMB15A P6SMB16A P6SMB18A P6SMB20A 6.45 7.13 7.79 8.65 9.5 10.5 11.4 12.4 14.3 15.2 17.1 19.0 NOM 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 MAX 7.14 7.88 8.61 9.55 10.5 11.6 12.6 13.7 15.8 16.8 18.9 21.0 mA 10 10 10 1 1 1 1 1 1 1 1 1 VOLTS 5.8 6.4 7.02 7.78 8.55 9.4 10.2 11.1 12.8 13.6 15.3 17.1 A 57 53 50 45 41 38 36 33 28 27 24 22 VOLTS 10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.2 27.7 %/C 0.057 0.061 0.065 0.068 0.073 0.075 0.078 0.081 0.084 0.086 0.088 0.090 C6V8A C7V5A C8V2A C9V1A C10A C11A C12A C13A C15A C16A C18A C20A
1000 500 200 50 10 5 5 5 5 5 5 5
414
BREAKDOWN VOLTAGE WORKING PEAK TYPE NO. MAXIMUM REVERSE LEAKAGE MAXIMUM REVERSE SURGE CURRENT MAXIMUM REVERSE VOLTAGE MAXIMUM TEMP. COEFFICIENT MARKING CODE
VBR
VOLTS MIN NOM 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 170 180 200 MAX 23.1 25.2 28.4 31.5 34.7 37.8 41.0 45.2 49.4 53.6 58.8 65.1 71.4 78.8 86.1 95.5 105 115.5 126 136.5 157.5 168 178.5 189 210
@ IT
REVERSE VOLTAGE
@ VRWM IR mA
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
@ IRSM VRSM
VOLTS 30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77 85 92 103 113 125 137 152 165 179 207 219 234 246 274
of VBR
VRWM
mA 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 VOLTS 18.8 20.5 23.1 25.6 28.2 30.8 33.3 36.8 40.2 43.6 47.8 53.0 58.1 64.1 70.1 77.8 85.5 94.0 102 111 128 136 145 154 171
IRSM
A 20 18 16 14.4 13.2 12.0 11.2 10.1 9.3 8.6 7.8 7.1 6.5 5.8 5.3 4.8 4.4 4.0 3.6 3.3 2.9 2.7 2.6 2.4 2.2
%/C 0.092 0.094 0.096 0.097 0.098 0.099 0.100 0.101 0.101 0.102 0.103 0.104 0.104 0.105 0.105 0.106 0.106 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 C22A C24A C27A C30A C33A C36A C39A C43A C47A C51A C56A C62A C68A C75A C82A C91A C100A C110A C120A C130A C150A C160A C170A C180A C200A
P6SMB22A P6SMB24A P6SMB27A P6SMB30A P6SMB33A P6SMB36A P6SMB39A P6SMB43A P6SMB47A P6SMB51A P6SMB56A P6SMB62A P6SMB68A P6SMB75A P6SMB82A P6SMB91A P6SMB100A P6SMB110A P6SMB120A P6SMB130A P6SMB150A P6SMB160A P6SMB170A P6SMB180A P6SMB200A
20.9 22.8 25.7 28.5 31.4 34.2 37.1 40.9 44.7 48.5 53.2 58.9 64.6 71.3 77.9 86.5 95.0 104.5 114 123.5 142.5 152 161.5 171 190
All dimensions in inches (mm).

TOP VIEW



R2
415


▲Up To Search▲   

 
Price & Availability of P6SMB22A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X