Part Number Hot Search : 
CT100 00050 SF08U60F E1720 Q045PBF UPL21PT MBRF20 XF001
Product Description
Full Text Search
 

To Download NX60TA-09SAA3-SP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 I/O Card Interface Connectors
NX Series
3. ESD Secure
Thermoplastic molded covers assures insulation of the connections and shields from ESD.
4. Secure Latching
A built-in latch assures correct and secure mating of connector.
5. Reliable Conductor Termination
Reliable termination of conductors accomplished by proven IDC termination. is
6. Sequential Mating
The 0.8mm pitch contacts are engaging the corresponding parts in sequence: GroundPower & Signal
7. Rugged Construction
sFeatures
1. Low Profile
Protorusion above the PCB board is only 2.9mm, and the connectors can be mounted to type I and II I/O cards.
Securely attached to the board with optional screws.
8. Card Frame Kits
Available as a separate part number.
2. EMI/RFI protection
Full metal shielding. Shield connects first, ahead of contacts.
9. Secure Attachment to Frame Kit.
Compliant mounting bracket attaches the connectore directly to the frame kit.
sApplications
Used with I/O cards, portable personal computers,and the external connections of various small-sized portable terminals.
sSpecifications
Current rating 0.5 A Ratings Voltage rating 125 V AC Item 1. Insulation resistance 2. Withstanding voltage 3. Contact resistance 4. Vibration Operating temperature Operating humidity -30c to +70c (Note 1) Storage temperature range -10c to +60c (Note 2) 95% R.H. or less (No condensation) Specification 250 M ohms min. No flashover or insulation breakdown. 40 m ohms max. No electrical discontinuity of 10s or more 100 V DC 300 V AC / 1 minute 100 mA Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions. 96 hours at temperature of 60c and humidity of 90% to 95% -55c, 30 min./15 to 30c, within 5 min/85c, 30 min /15 to 35c, within 5 min, for 5 cycles 3000 cycles Storage humidity range Conditions 40 to 70% (Note 2)
5. Humidity (Steady state) Insulation resistance: 100 M ohms min. 6. Temperature cycle 7. Durability (Insertion/withdrawal) 8. Resistance to Soldering heat No damage, cracks, or parts looseness. 60 m ohms max.
No deformation of components affecting Reflow: At the recommended temperature profile performance. Manual soldering: 300c for 3 seconds
Note 1: Includes temperature rise caused by current flow. Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non- conducting condition of installed connectors in storage, shipment or during transportation.
B8
sMaterials
Item Insulator Receptacle Contacts Body Plug unit Plug cover Insulator Contacts Cover Body Frame Material Thermoplastic Compound Copper alloy Stain less Thermoplastic Compound Copper alloy Thermoplastic Compound Stainless Steel Thermoplastic Compound Black Gold Plating With thermal adhesive tape Black Selective gold plating Solder Plating Black Black Finish Remarks UL94V-0 ------------UL94V-0 ----------------
BApplicable Cable
I/O cable Conductor size Jacket outer diameter Cable style AWG # 28(7/0.127) 0.58mm UL20276 and UL2789 0.62mm UL2990
Selective gold plating UL94V-0
Frame ground Phosphor bronze terminal Frame kit Spring pin Coil spring Panel Stainless steel Stainless steel Stainless steel
sOrdering Information
qReceptacle
Serise name : NX Termination style 30 : IDC termination (for fine wire) 60 : SMT type Lock T : Inner lock Applicable Conductor A : AWG #28 Number of contacts : 9, 15, 25, 32 Connector type P : Plug Polarizing AA : AA type Offset 9 : 0.9 mm 3 : 0.3 mm None : On Board Type (Dimension from connector center line to the surface of the PCB) Variations SP : Compliant mounting bracket(for cards use) SH : Through hole Types of accessories CV : Vertical opening cover case CV1 : Vertical opening cover case(Thin 5 mm thinclness type) KT : Frame kit K : Frame P : Panel (For Type2card) PA : Panel (For Type1card) BS : Bushing CSA : Coil spring CSB : Coil spring Serial number by type Panel finish No symbol : Silver matt finish (05) : Dull Processing material S : Receptacle
NX 60 T A - 15 S AA 9 - SP
1 2 3 11 5 6 7 8 9
qPlug
NX 30 T A - 15 P AA
1 2 3 4 5 6 7
qPlug Covers
NX - 15 T A - CV
1 5 3 11 10
qFrame Kits
NX - 15 T - KT 9 (05)
1 5 3 10 8 12
qPanel (For 9, 15, or 25 contacts)
NX T - P (05)
1 3 10 12
(For 32 contacts)
NX - 32 T - P (05)
1 5 3 10 12
B9
BDimensions of Connector Cross Section
q0.9 mm offset type q0.3 mm offset type
BRecommended Board Dimensions
(Board Thickness: 0.5 mm Maximum)
Unit: mm Part Number NX-09T-KT9 NX-15T-KT9 NX-25T-KT9 NX-32T-KT9 NX-09T-KT3 NX-15T-KT3 NX-25T-KT3 NX-32T-KT3 CL No. 234-0010-8 234-0011-0 234-0012-3 234-0026-8 234-0034-6 234-0035-9 234-0036-1 234-0054-3 Number of contacts 09 15 25 32 09 15 25 32 A 26.4 31.2 39.2 44.8 26.4 31.2 39.2 44.8 B 25.0 29.8 37.8 43.4 25.0 29.8 37.8 43.4 C 22.4 27.2 35.2 40.8 22.4 27.2 35.2 40.8 D 06.4 11.2 19.2 24.8 06.4 11.2 19.2 24.8 offset 0.9 0.9 0.9 0.9 0.3 0.3 0.3 0.3
B10
sReceptacle
q0.9 mm offset type
D P=0.8 1.9 0.3
Contact No.1
8 2 * 2
A
NX60TA- SAA9-SP
B C 2.9 0.9
O1
Unit: mm Part Number NX60TA-09SAA9-SP NX60TB-15SAA9-SP NX60TA-25SAA9-SP NX60T0-32SAA9-SP CL No. 234-0106-5 234-0097-6 234-0107-8 234-0023-0 Number of contacts 09 15 25 32 A 25.2 30.0 38.0 43.6 B 19.7 24.5 32.5 38.1 C 17.2 22.0 30.0 35.6 D 06.4 11.2 19.2 24.8
q0.3 mm offset type
Contact No.1
NX60TA- SAA3-SP
Unit: mm Part Number NX60TA-09SAA3-SP NX60TB-15SAA3-SP NX60TA-25SAA3-SP NX60TA-32SAA3-SP CL No. 234-0031-8 234-0098-9 234-0033-3 234-0053-0 Number of contacts 09 15 25 32 A 25.2 30.0 38.0 43.6 B 19.7 24.5 32.5 38.1 C 17.2 22.0 30.0 35.6 D 06.4 11.2 19.2 24.8
B11
sPlug units
NX30TA-15PAA CL234-0005-8
Contact No.1
Unit: mm Part Number NX30TA-09PAA NX30TA-15PAA NX30TA-25PAA NX30TA-32PAA CL No. 234-0002-0 234-0005-8 234-0008-6 234-0024-2 Number of contacts
09 15 25 32
A
14.6 19.4 27.4 33.0
B
14.1 18.9 26.9 32.5
sPlug Covers
NX-15T-CV CL234-0006-0
Unit: mm Part Number NX-09T-CV NX-15T-CV NX-15T-CV1 NX-25T-CV NX-25TA-CV1 CL No. 234-0003-2 234-0006-0 234-0017-7 234-0009-9 234-0039-0 Number of contacts 09 15 15 25 25 A B C D E F G 6.5 7.0 5.0 7.5 5.0 Outer diameter of cable less than O 5.5 less than O 6.0 less than O 4.0 less than O 6.5 less than O 6.5(Note) 18.2 21.2 14.0 26 06.0 5.5 23.0 26.0 18.8 28 07.0 6.0 23.0 26.0 18.8 28 05.0 4.0 31.0 34.0 26.8 30 08.0 6.5 31.0 34.0 26.8 32 13.0 4.0
NX-32TA-CV1 234-0025-5 32 36.6 40.6 32.4 32 16.2 4.2 5.0 less than O 7.5(Note) Note: Designed for flat cable use. when round cable is used, clamp portion shall be made flat, adjusting exclusive use bushing.
B12
sFrame kit s(Frame + 2 X Cover Panels)
NX-15T-KT9 CL234-0011-0
Frame
Cover
Unit: mm Part Number NX-09T-KT9 NX-15T-KT9 NX-25T-KT9 NX-32T-KT9 NX-09T-KT3 NX-15T-KT3 NX-25T-KT3 NX-32T-KT3 CL No. 234-0010-8 234-0011-0 234-0012-3 234-0026-8 234-0034-6 234-0035-9 234-0036-1 234-0054-3 Number of contacts 09 15 25 32 09 15 25 32 IC1F-68RD-1.27SFA 640-0035-3 0.3mm IC1F-68RD-1.27SFA 640-0040-3 0.9mm Connectors for the card Side(Note 1) Part Number CL No. Offset Back Connector NX60TA-09SAA9-SP NX60TB-15SAA9-SP NX60TA-25SAA9-SP NX60TA-32SAA9-SP NX60TA-09SAA3-SP NX60TB-15SAA3-SP NX60TA-25SAA3-SP NX60TA-32SAA3-SP
sFrame only
NX-15T-F9 CL234-0019-2
Unit: mm Part Number NX-09T-F9 NX-15T-F9 NX-25T-F9 NX-32T-F9 NX-09T-F3 NX-15T-F3 NX-25T-F3 NX-32T-F3 CL No. 234-0018-0 234-0019-2 234-0020-1 234-0063-4 234-0060-6 234-0061-9 234-0062-1 234-0067-5 Number of contacts Connectors for the card Side 09 15 25 32 09 15 25 32 IC1F-68RD-1.27SFA IC1F-68RD-1.27SFA Back Connector NX60TA-09SAA9-SP NX60TB-15SAA9-SP NXT-P NX60TA-25SAA9-SP NX60TA-32SAA9-SP NX-32T-P NX60TA-09SAA3-SP NX60TB-15SAA3-SP NXT-P NX60TA-25SAA3-SP NX60TA-32SAA3-SP NX-32T-P NX-CSA & NX-CSB 0.3mm NX-CSA 0.9mm Panel Coil Spring Offset
B13
2 sPanel (for type2PCMCIA cards)
NXT-P CL234-0058-4
Unit: mm Part Number NXT-P NXT-P(05) NX-32T-P NX-32T-P(05) CL No. 234-0058-4 234-0058-4-05 234-0059-7 234-0059-7-05 Number of Frame contacts 9, 15, 25 32 Panel Finish Silver matt finish Dull processing material Silver matt finish Dull processing material
1 sPanel (for type1PCMCIA cards)
NXT-PA CL234-2011-1
Part Number NXT-PA NXT-PA(05) NX-32T-PA
CL No. 234-2011-1 234-2011-1-05 234-0068-8
Number of Frame contacts 9, 15, 25 32
Panel Finish Silver matt finish Dull processing material Silver matt finish
Dull processing material NX-32T-PA(05) 234-0068-8-05 Panels are avilable in two types: a 32-contact special type and a common type with 9, 15, or 25 contacts. Ordering volume for panels is one panel per unit volume.One frame corresponds to 2 panels.
B14
sGround contact spring
sBushing
NX-CSA CL234-0042-4
NX-32T-BS CL234-0055-6
Part Number NX-CSA NX-CSB
CL No. 234-0042-4 234-0043-7
Offset: Ordering Volume 0.3mm: One Pack 0.9mm: Two Packs 0.3mm: One Packs
Part Number NX-25T-BS NX-32T-BS
CL No. 234-0074-0 234-0055-6
Number of contacts 25 32
Sold in package of 1000 pcs. For 1,000 frames of 0.9 offset, please order two packs of NX-CSA. For 1,000 frames of 0.3 offset, please order one pack of NX-CSA and one pack of NX-CSB.
Applications for Connections of I/O Card Connectors
sModular plugs for round cable (AWG #28) connector
No. of contacts 6 8
6 Contacts 8 Contacts
Modular Plug
Manual Wiring Tool
Part Number TM30P-66P TM30P-88P
CL No. 222-2684-2 222-2685-5
Part Number TC1-TM30P-66P TC1-TM30P-88P
CL No. 250-0145-6 250-0146-9
s8-Contact adapter
Lead Number Reference Table TM5RL-88-JJ CL222-3798-7
Connector (a) Contact number TM5RL-88 1 Connector (b) Contact number TM5RL-88 1
2 2
3 3
4 4
5 5
6 6
7 7
8 8
B15
BPlug Termination Tool
qFixtures
Cable wiring cradle NX/3230-CAT CL902-0250-4
Cutting and IDC termination Fixture main unit NX/3230-HP CL902-0252-0
Cutting and IDC termination attachment fixtures NX30TA-9GP CL902-0253-2 NX30TA-15GP CL902-0254-5 NX30TA-25GP CL902-0255-8 NX30TA-32GP CL902-0257-3
qWiring Procedure
1. Set the wires in the wiring fixtures.
2. Align holding plates (A) and (B).
3. Arrange the wires one at a time through holding plates (A) and (B).
4. Set holding plates (A) and (B) onto the guide plate.
5. Insert the guide plate into the pressure welding and cutting fixtures.
6. Pull down the handle. The wiring and cutting of excess cable length are completed.
B16
B Frame Kit Fixture
Ground spring press fitting fixture
Special blocks
A frame kit thermal fixture and a cooling fixture are also available.
B Wiring Fixture and Accessories List
Plug
Process Cable Connector Wiring Pressurs Welding and Cutting Press Guide Plate Shield Case Caulking Cover Case Hand Tool NX-30TA-9HC Hood Fitting
NX30TA-09PAA
I/O Cable Discrete cable
CL902-0260-8 NX-30TA-15HC NX-15T-CV0 NX/3230-CAT CL902-0261-0 NX30TA-15GP NX30TA-15PAA NX-30TA-15HC1 Manual Work (All contacts NX/3230-HP NX-15T-CV1 CL902-0262-3 common) NX-30TA-25HC1 NX30TA-25GP NX-25T-CV NX30TA-25PAA CL902-0263-6 NX30TA-32PAA NX30TA-32GP NX-32T-CV1 Screw Fixing
NX30TA-09GP NX-09T-CV0
Note 1: The caulking height of hand tool is defined by follwing cable specifications. Note 2: Caulking specification change is needed when special cable is used. Cover Case NX-9T-CV NX-15T-CV NX-25T-CV NX-15T-CV1 Cable Diameter O 5.10.2 O 5.70.2 O 6.50.2 O 3.80.2 Strand Termination Fold the shield and bind 1.5 times with copper tape. Do, Do, Crimp with cable sheath directly.
Frame Kit
Process Frame Kit Spring Pin Press Fitting Press NX-9T-KT(9*3) NX-15T-KT(9*3) NX-25T-KT(9*3) NX-32T-KT(9*3) Unit NX-SPT-9 CL902-0275-5 NX-SPT-15 NX-SPT CL902-0274-2 CL902-0276-8 NX-SPT-25 CL902-0277-0 NX-SPT-32 CL902-0278-3 NX-PHT CL902-0282-0 NX-PCT CL902-0283-3 Panel Thermal Caulking Panel Cooling
B17
Back Connectors for Type II I/O Cards
sNX Series 68 sFeatures
1. Low profile
Receptacle connectors have a mounting height of 3.5 mm and can be mounted to type II I/O cards.
2. Shielded construction
A metal shell is used for shielding.
3. ESD protection
The use of an over-mold cover offers excellent ESD protection.
4. More efficient wiring work
Wiring on the plug side uses AWG #30 pressure welding (discrete type) for more efficient wiring work.
sApplications sSpecifications
Item 1. Current rating 2. Voltage rating Specification 0.5A 125 V AC Conditions ------------------Conductor size Insulator outer diameter Cable style No flashover or insulation breakdown. Contact resistance : 60 m ohms max.
I/O card interfaces.
BApplicable
I/O Cable AWG #30 (7/0.1) 0.5mm UL20276
3. Insulation resistance 250 M ohms min. 100 V DC 4. Withstanding voltage 300 V AC 5. Contact resistance
40 m ohms min. 100 mA
6. Durability (Insertion/withdrawal) 3000 cycles
sMaterials
Item Insulator Receptacle Contacts Body Plug unit Plug cover Insulator Contacts Cover Body Frame FG terminal Frame kit Spring pin Coil spring Panel Material Synthetic resin Copper alloy Stainless steel Synthetic resin Copper alloy Synthetic resin Stainless steel Synthetic resin Phosphor bronze Stainless steel Stainless steel Stainless steel 1 2 3 4 5 6 7 8 9 Finish Color : Black Selective gold plating Solder plating Color : Black Selective gold plating Color : Black ---------Color : Black Gold plating ------------------With thermal adhesive tape Remarks UL94V-0 ------------------UL94V-0 ---------UL94V-0 ---------UL94V-0 -------------------------------------
sOrdering Information
qReceptacle
1 2
Series name:NX Wiring style 30: Loose lead pressure welding type (for fine wire) 60: SMT type Serial type for form Number of contacts: 68 Type of opening S: Receptacle P: Plug Coplanarity: 0.9 (Dimension from connector center to board mounting position) Variations SP: Spring pin (for cards) Type of accessories CV: Vertical opening cover KT: Frame kit Panel finish (05): Dull processing
NX 60 H - 68 S 9 - SP
3 4 5 6 7
qPlug unit
NX 30 H - 68 P
1 2 3 4 5
qPlug cover
NX - 68 H - CV
1 4 3 8
qFrame kit
NX - 68 H - KT 9 (05)
1 4 3 8 6 9
B18
sReceptacle
+0.1 Note 1: The signal pin SMT dimension of this product is 0-0.05. Note 2: Caulking specification change is needed when special cable is used.
Part Number NX60H-68S9-SP
CL No. 234-0078-1
sPlug Unit
Part Number NX30H-68P
CL No. 234-0079-4
B19
sPlug Cover
Part Number NX-68H-CV
CL No. 234-0080-3
sFrame Kit
Main unit Panel
Note 1: Suitable connectors for portion A are IC1F-68RD-1.27SFA. Suitable connectors for portion B are NX60H-68S9-SP. Part Number NX-68H-KT9(05) CL No. 234-0081-6-05
B20
BRCB mounting pattern (Applicable Board Thickness: 0.5 mm MAX)
Note 1: Applicable connectors for portion A are IC1F-68RD-1.27SFA. Applicable connectors for portion B are NX60H-68S9-SP.
BConnector Mounting Dimensions
B21
BTemperature Profile
10s max
q Applicable Conditions Reflow system
Temperature(c) 240 230 200 180 150
: IR reflow : Paste type 63 Sn/37 Pb (Flux content 9 wt%)
Solder
Test board Glass epoxy 47mm x 77.3mm x 0.5 mm Metal mask thickness: 0.15 mm q Recommended temperature profile. The temperature may be slightly changed according to the solder paste type and amount.
0
120s max Preheating Time
40s max 40s max Soldering time Time
B22


▲Up To Search▲   

 
Price & Availability of NX60TA-09SAA3-SP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X