Part Number Hot Search : 
KS05V4 09500 NJU8755 EG1125 74F51PC CD4050B MO356C 2512R4
Product Description
Full Text Search
 

To Download MRF1500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
The RF Line
SEMICONDUCTOR TECHNICAL DATA
Order this document by MRF1500/D
Microwave Pulse Power Transistor
Designed for 1025-1150 MHz pulse common base amplifier applications such as DME. * Guaranteed Performance @ 1090 MHz Output Power = 500 Watts Peak Gain = 5.2 dB Min * 100% Tested for Load Mismatch at All Phase Angles with 10:1 VSWR * Hermetically Sealed Industry Package * Silicon Nitride Passivated * Gold Metallized, Emitter Ballasted for Long Life and Resistance to Metal Migration * Internal Input Matching * Characterized with 10 s, 1.0% Duty Cycle Pulses
MRF1500
Motorola Preferred Device
500 W (PEAK), 1025- 1150 MHz MICROWAVE POWER TRANSISTOR NPN SILICON
CASE 355E-01, STYLE 1
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current -- Peak (1) Total Device Dissipation @ TC = 25C (1), (2) Derate above 25C Storage Temperature Range Junction Temperature Symbol VCES VCBO VEBO IC PD Tstg TJ Value 65 65 3.5 35 1750 10 - 65 to +200 200 Unit Vdc Vdc Vdc Adc Watts W/C C C
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction to Case (3) Symbol RJC Max 0.1 Unit C/W
NOTES: 1. Under pulse RF operating conditions. 2. These devices are designed for RF operation. The total device dissipation rating applies only when the devices are operated as pulsed RF amplifiers. 3. Thermal Resistance is determined under specified RF operating conditions by infrared measurement techniques. (Worst case JC value measured @32 s, 2.0%)
Preferred devices are Motorola recommended choices for future use and best overall value. REV 6
(c)MOTOROLA RF DEVICE DATA Motorola, Inc. 1994
MRF1500 1
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted.)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC = 60 mAdc, VBE = 0) Collector-Base Breakdown Voltage (IC = 60 mAdc, IE = 0) Emitter-Base Breakdown Voltage (IE = 10 mAdc, IC = 0) Collector Cutoff Current (VCB = 50 Vdc, IE = 0) V(BR)CES V(BR)CBO V(BR)EBO ICBO 70 70 4.0 -- -- -- -- -- -- -- -- 40 Vdc Vdc Vdc mAdc
ON CHARACTERISTICS
DC Current Gain (IC = 5.0 Adc, VCE = 5.0 Vdc) hFE 20 40 -- --
FUNCTIONAL TESTS
Common-Base Amplifier Power Gain (VCC = 50 Vdc, Pout = 500 W Peak, f = 1090 MHz) Collector Efficiency (VCC = 50 Vdc, Pout = 500 W Peak, f = 1090 MHz) Load Mismatch (VCC = 50 Vdc, Pout = 500 W Peak, f = 1090 MHz, Load VSWR = 10:1 All Phase Angles) GPB 5.2 37 -- -- -- -- dB %
No Degradation in Output Power
+ C2 Z7 RF INPUT Z1 Z2 Z3 Z4 Z5 Z6 D.U.T. Z8 Z9 Z10 Z11 Z12 Z13 C1 Z14 RF OUTPUT C3 C4 + C5 + -
C1 -- 82 pF 100 mil Chip Capacitor C2 -- 82 pF 100 mill Chip Capacitor C3 -- 0.1 F C4 -- 10 F 100 V, Electrolytic C5 -- 1000 F 60 V, Electrolytic
L1 -- 3 Turns, #18 AWG, 1/8 ID, 0.18 Long Z1-Z14 -- Microstrip, See Details Below Board Material -- Teflon-Glass Laminate, Dielectric Thickness = .020, r = 2.55, 2 oz. Copper
1.200 277 528 1.183 418 1.332 50 50 50 698 141 50 182 217 1.598 630 182 1.576 182 331 840 464 205 508 380 50 431 50 50 50 50
383
383
Figure 1. Test Circuit MRF1500 2 MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
600 POUT , OUTPUT POWER (WATTS) 500 400 300 200 100 0 20 VCC = 50 V PULSE = 10s, 1% DF FREQ = 1090 MHz 40 60 80 100 120 140 160 180 200
PIN, INPUT POWER (WATTS)
Figure 2. Output Power versus Input Power
f = 1025 MHz 1050 ZOL* = ZOUT 1150 1125 1090 f = 1025 MHz 1050 Zo = 10 Zin 1090 1125 1150
f MHz 1025 1050 1090 1125 1150
Zin OHMS 1.6 + j3.9 2.0 + j4.0 2.8 + j4.0 3.9 + j3.8 4.6 + j3.0
ZOL* 1.6 + j1.7 1.6 + j1.6 1.5 + j1.1 1.5 + j1.4 1.4 + j1.6 ZOL* = Conjugate of the optimum load impedance into which the device operates at a given output power, voltage and frequency.
Figure 3. Series Equivalent Input/Output Impedances
MOTOROLA RF DEVICE DATA
MRF1500 3
PACKAGE DIMENSIONS
-A- M U
1
Q 2 PL 0.76 (0.030)
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. M
TA
M
B
M DIM A B C D E H J K M N Q R U INCHES MIN MAX 0.890 0.910 0.375 0.395 0.190 0.210 0.145 0.155 0.055 0.065 0.120 0.130 0.003 0.006 0.770 0.830 45_REF 0.490 0.510 0.115 0.125 0.395 0.405 0.700 BSC MILLIMETERS MIN MAX 22.61 23.11 9.53 10.03 4.83 5.33 3.69 3.93 1.40 1.65 3.05 3.30 0.08 0.15 19.56 21.08 45_REF 12.45 12.95 2.93 3.17 10.04 10.28 17.78 BSC
K
R
3 2
-B-
D J H -T-
SEATING PLANE
N
E C
STYLE 1: PIN 1. COLLECTOR 2. EMITTER 3. BASE
CASE 355E-01 ISSUE A
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers: USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England. JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
MRF1500 4
*MRF1500/D*
MRF1500/D MOTOROLA RF DEVICE DATA


▲Up To Search▲   

 
Price & Availability of MRF1500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X