Part Number Hot Search : 
16C55 6F100M XN02212 UBA2050 DTC023E 2SC3006 DG417B EGA16
Product Description
Full Text Search
 

To Download MRF141 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MRF141/D
The RF MOSFET Line
RF Power Field-Effect Transistor
N-Channel Enhancement-Mode MOSFET
Designed for broadband commercial and military applications at frequencies to 175 MHz. The high power, high gain and broadband performance of this device makes possible solid state transmitters for FM broadcast or TV channel frequency bands. * Guaranteed Performance at 30 MHz, 28 V: Output Power -- 150 W Gain -- 18 dB (22 dB Typ) Efficiency -- 40% * Typical Performance at 175 MHz, 50 V: Output Power -- 150 W Gain -- 13 dB * Low Thermal Resistance * Ruggedness Tested at Rated Output Power * Nitride Passivated Die for Enhanced Reliability
D
MRF141
150 W, 28 V, 175 MHz N-CHANNEL BROADBAND RF POWER MOSFET
G S CASE 211-11, STYLE 2
MAXIMUM RATINGS
Rating Drain-Source Voltage Drain-Gate Voltage Gate-Source Voltage Drain Current -- Continuous Total Device Dissipation @ TC = 25C Derate above 25C Storage Temperature Range Operating Junction Temperature Symbol VDSS VDGO VGS ID PD Tstg TJ Value 65 65 40 16 300 1.71 - 65 to +150 200 Unit Vdc Vdc Vdc Adc Watts W/C C C
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction to Case Symbol RJC Max 0.6 Unit C/W
NOTE -- CAUTION -- MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and packaging MOS devices should be observed.
REV 8
(c)MOTOROLA RF DEVICE DATA Motorola, Inc. 1997
MRF141 1
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS (1)
Drain-Source Breakdown Voltage (VGS = 0, ID = 100 mA) Zero Gate Voltage Drain Current (VDS = 28 V, VGS = 0) Gate-Body Leakage Current (VGS = 20 V, VDS = 0) V(BR)DSS IDSS IGSS 65 -- -- -- -- -- -- 5.0 1.0 Vdc mAdc Adc
ON CHARACTERISTICS (1)
Gate Threshold Voltage (VDS = 10 V, ID = 100 mA) Drain-Source On-Voltage (VGS = 10 V, ID = 10 A) Forward Transconductance (VDS = 10 V, ID = 5.0 A) VGS(th) VDS(on) gfs 1.0 0.1 5.0 3.0 0.9 7.0 5.0 1.5 -- Vdc Vdc mhos
DYNAMIC CHARACTERISTICS (1)
Input Capacitance (VDS = 28 V, VGS = 0, f = 1.0 MHz) Output Capacitance (VDS = 28 V, VGS = 0, f = 1.0 MHz) Reverse Transfer Capacitance (VDS = 28 V, VGS = 0, f = 1.0 MHz) Ciss Coss Crss -- -- -- 350 420 35 -- -- -- pF pF pF
FUNCTIONAL TESTS
Common Source Amplifier Power Gain, f = 30; 30.001 MHz (VDD = 28 V, Pout = 150 W (PEP), IDQ = 250 mA) f = 175 MHz Drain Efficiency (VDD = 28 V, Pout = 150 W (PEP), f = 30; 30.001 MHz, IDQ = 250 mA, ID (Max) = 5.95 A) Intermodulation Distortion (1) (VDD = 28 V, Pout = 150 W (PEP), f = 30 MHz, f2 = 30.001 MHz, IDQ = 250 mA) Load Mismatch (VDD = 28 V, Pout = 150 W (PEP), f1 = 30; 30.001 MHz, IDQ = 250 mA, VSWR 30:1 at all Phase Angles) Gps 16 -- 40 20 10 45 -- -- -- dB %
dB IMD(d3) IMD(d11) -- -- - 30 - 60 - 28 --
No Degradation in Output Power
CLASS A PERFORMANCE
Intermodulation Distortion (1) and Power Gain GPS -- (VDD = 28 V, Pout = 50 W (PEP), f1 = 30 MHz, IMD(d3) -- f2 = 30.001 MHz, IDQ = 4.0 A) IMD(d9 - 13) -- NOTE: 1. To MIL-STD-1311 Version A, Test Method 2204B, Two Tone, Reference Each Tone. 23 - 50 - 75 -- -- -- dB
BIAS + 0 - 12 V -
L1 C11 R4 C5 R1 C2 C3 R2 C12 C6 C4 C7 T2 C8 L2 C9
+ - C10
+ 28 V - RF OUTPUT
D.U.T.
RF INPUT
R3 T1
C2, C5, C6, C7, C8, C9 -- 0.1 F Ceramic Chip or Monolythic with Short Leads C3 -- Arco 469 C4 -- 820 pF Unencapsulated Mica or Dipped Mica with Short Leads C10 -- 10 F/100 V Electrolytic C11 -- 1 F, 50 V, Tantalum C12 -- 330 pF, Dipped Mica (Short leads)
L1 -- VK200/4B Ferrite Choke or Equivalent, 3.0 H L2 -- Ferrite Bead(s), 2.0 H R1, R2 -- 51 /1.0 W Carbon R3 -- 1.0 /1.0 W Carbon or Parallel Two 2 , 1/2 W Resistors R4 -- 1 k/1/2 W Carbon T1 -- 16:1 Broadband Transformer T2 -- 1:25 Broadband Transformer Board Material -- 0.062 Fiberglass (G10), 1 oz. Copper Clad, 2 Sides, er = 5
Figure 1. 30 MHz Test Circuit (Class AB) MRF141 2 MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
VGS, GATE-SOURCE VOLTAGE (NORMALIZED) 100 I D, DRAIN CURRENT (AMPS) 1.04 1.03 1.02 1.01 1 0.99 0.98 0.97 0.96 0.95 0.94 0.93 0.92 0.91 0.9 - 25
ID = 5 A
4A 2A 1A 0.5 A 0.25 A 0 25 50 TC, CASE TEMPERATURE (C) 75 100
10
TC = 25C 1
1
10 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
100
Figure 2. DC Safe Operating Area
Figure 3. Gate-Source Voltage versus Case Temperature
2000 f T, UNITY GAIN FREQUENCY (MHz) VDS = 20 V C, CAPACITANCE (pF) 10 V
200 0 Coss Ciss 200
1000
Crss
0
0
2
4
6 8 10 12 14 ID, DRAIN CURRENT (AMPS)
16
18
20
20 0
5
10
15
20
25
VDS, DRAIN-SOURCE VOLTAGE (VOLTS)
Figure 4. Common Source Unity Gain Frequency versus Drain Current
Figure 5. Capacitance versus Drain-Source Voltage
30 Pout , OUTPUT POWER (WATTS)
300 200 100 00 300 200 100 f = 30 MHz VDD = 28 V IDQ = 250 mA 0 1 2 3 4 5 Pin, INPUT POWER (WATTS) 5 10 15 f = 175 MHz VDD = 28 V IDQ = 250 mA 20 25
25 GPS , POWER GAIN (dB)
20 VDD = 28 V IDQ = 250 mA Pout = 150 W
15
10
5
2
10 f, FREQUENCY (MHz)
100
200
0
Figure 6. Power Gain versus Frequency
Figure 7. Output Power versus Input Power
MOTOROLA RF DEVICE DATA
MRF141 3
TYPICAL CHARACTERISTICS
320 Pout , OUTPUT POWER (WATTS) Pout , OUTPUT POWER (WATTS) 280
f = 30 MHz IDQ = 250 mA
320 280 240 200 160 120 80 40 14 16 18 20 22 24 26 28 0 12 14 16 18 20 22 24 26 28 Pin = 20 W 14 W 8W
f = 175 MHz IDQ = 250 mA
240 200 Pin = 4 W 2W 1W
160
120 80 40 0 12
SUPPLY VOLTAGE (VOLTS)
SUPPLY VOLTAGE (VOLTS)
Figure 8. Output Power versus Supply Voltage
Figure 9. Output Power versus Supply Voltage
IMD, INTERMODULATION DISTORTION (dB)
25 d3 35 45 IDQ = 250 mA 55 VDD = 28, f = 30 MHz, TONE SEPARATION = 1 kHz 25 35 45 55 0 20 40 60 d3 d5
d5 80 100 120 140
IDQ = 500 mA 160 180 200
Pout, OUTPUT POWER (WATTS)
Figure 10. IMD versus Pout (PEP)
MRF141 4
MOTOROLA RF DEVICE DATA
Zo = 10 VDD = 28 V IDQ = 250 mA Pout = 150 W PEP ZOL* = Conjugate of the optimum load impedance ZOL* = into which the device output operates at a ZOL* = given output power, voltage and frequency. 15 7.5 4 2 2 Zin 30 100 150 30 100
f = 175 MHz ZOL* f = 175 MHz
Figure 11. Input and Output Impedances
RFC1 + 28 V + BIAS 0 - 12 V R1 + C4 C5 R3 C1 RF INPUT R2 C6 C7 C8 L1 DUT L3 L2 C9 RF OUTPUT L4 C10 - C11
C2
C3
C1, C2, C8 -- Arco 463 or equivalent C3 -- 25 pF, Unelco C4 -- 0.1 F, Ceramic C5 -- 1.0 F, 15 WV Tantalum C6 -- 25 pF, Unelco J101 C7 -- 25 pF, Unelco J101 C9 -- Arco 262 or equivalent C10 -- 0.05 F, Ceramic C11 -- 15 F, 35 WV Electrolytic
L1 -- 3/4, #18 AWG into Hairpin L2 -- Printed Line, 0.200 x 0.500 L3 -- 7/8, #16 AWG into Hairpin L4 -- 2 Turns, #16 AWG, 5/16 ID RFC1 -- 5.6 H, Molded Choke RFC2 -- VK200-4B R1 -- 150 , 1.0 W Carbon R2 -- 10 k, 1/2 W Carbon R3 -- 120 , 1/2 W Carbon
Figure 12. 175 MHz Test Circuit (Class AB)
MOTOROLA RF DEVICE DATA
MRF141 5
RF POWER MOSFET CONSIDERATIONS
MOSFET CAPACITANCES The physical structure of a MOSFET results in capacitors between the terminals. The metal anode gate structure determines the capacitors from gate-to-drain (Cgd), and gate- to-source (C gs ). The PN junction formed during the fabrication of the MOSFET results in a junction capacitance from drain-to-source (Cds). These capacitances are characterized as input (Ciss), output (Coss) and reverse transfer (Crss) capacitances on data sheets. The relationships between the inter-terminal capacitances and those given on data sheets are shown below. The Ciss can be specified in two ways: 1. Drain shorted to source and positive voltage at the gate. 2. Positive voltage of the drain in respect to source and zero volts at the gate. In the latter case the numbers are lower. However, neither method represents the actual operating conditions in RF applications.
DRAIN Cgd GATE Cds Cgs Ciss = Cgd = Cgs Coss = Cgd = Cds Crss = Cgd
ing should be avoided. These conditions can result in turn- on of the device due to voltage build-up on the input capacitor due to leakage currents or pickup. Gate Protection -- This device does not have an internal monolithic zener diode from gate-to-source. If gate protection is required, an external zener diode is recommended. Using a resistor to keep the gate-to-source impedance low also helps damp transients and serves another important function. Voltage transients on the drain can be coupled to the gate through the parasitic gate-drain capacitance. If the gate-to-source impedance and the rate of voltage change on the drain are both high, then the signal coupled to the gate may be large enough to exceed the gate-threshold voltage and turn the device on. HANDLING CONSIDERATIONS When shipping, the devices should be transported only in antistatic bags or conductive foam. Upon removal from the packaging, careful handling procedures should be adhered to. Those handling the devices should wear grounding straps and devices not in the antistatic packaging should be kept in metal tote bins. MOSFETs should be handled by the case and not by the leads, and when testing the device, all leads should make good electrical contact before voltage is applied. As a final note, when placing the FET into the system it is designed for, soldering should be done with a grounded iron. DESIGN CONSIDERATIONS The MRF141 is an RF Power, MOS, N-channel enhancement mode field-effect transistor (FET) designed for HF and VHF power amplifier applications. Motorola Application Note AN211A, FETs in Theory and Practice, is suggested reading for those not familiar with the construction and characteristics of FETs. The major advantages of RF power MOSFETs include high gain, low noise, simple bias systems, relative immunity from thermal runaway, and the ability to withstand severely mismatched loads without suffering damage. Power output can be varied over a wide range with a low power dc control signal. DC BIAS The MRF141 is an enhancement mode FET and, therefore, does not conduct when drain voltage is applied. Drain current flows when a positive voltage is applied to the gate. RF power FETs require forward bias for optimum performance. The value of quiescent drain current (IDQ) is not critical for many applications. The MRF141 was characterized at IDQ = 250 mA, each side, which is the suggested minimum value of IDQ. For special applications such as linear amplification, IDQ may have to be selected to optimize the critical parameters. The gate is a dc open circuit and draws no current. Therefore, the gate bias circuit may be just a simple resistive divider network. Some applications may require a more elaborate bias sytem. GAIN CONTROL Power output of the MRF141 may be controlled from its rated value down to zero (negative gain) by varying the dc gate voltage. This feature facilitates the design of manual gain control, AGC/ALC and modulation systems. MOTOROLA RF DEVICE DATA
SOURCE
LINEARITY AND GAIN CHARACTERISTICS In addition to the typical IMD and power gain data presented, Figure 4 may give the designer additional information on the capabilities of this device. The graph represents the small signal unity current gain frequency at a given drain current level. This is equivalent to fT for bipolar transistors. Since this test is performed at a fast sweep speed, heating of the device does not occur. Thus, in normal use, the higher temperatures may degrade these characteristics to some extent. DRAIN CHARACTERISTICS One figure of merit for a FET is its static resistance in the full-on condition. This on-resistance, VDS(on), occurs in the linear region of the output characteristic and is specified under specific test conditions for gate-source voltage and drain current. For MOSFETs, VDS(on) has a positive temperature coefficient and constitutes an important design consideration at high temperatures, because it contributes to the power dissipation within the device. GATE CHARACTERISTICS The gate of the MOSFET is a polysilicon material, and is electrically isolated from the source by a layer of oxide. The input resistance is very high -- on the order of 109 ohms -- resulting in a leakage current of a few nanoamperes. Gate control is achieved by applying a positive voltage slightly in excess of the gate-to-source threshold voltage, VGS(th). Gate Voltage Rating -- Never exceed the gate voltage rating. Exceeding the rated VGS can result in permanent damage to the oxide layer in the gate region. Gate Termination -- The gate of this device is essentially capacitor. Circuits that leave the gate open-circuited or floatMRF141 6
PACKAGE DIMENSIONS
A U M
1
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
Q
M
4
R
B
2
3
D K J H C E
SEATING PLANE
DIM A B C D E H J K M Q R U
INCHES MIN MAX 0.960 0.990 0.465 0.510 0.229 0.275 0.216 0.235 0.084 0.110 0.144 0.178 0.003 0.007 0.435 --- 45 _NOM 0.115 0.130 0.246 0.255 0.720 0.730
MILLIMETERS MIN MAX 24.39 25.14 11.82 12.95 5.82 6.98 5.49 5.96 2.14 2.79 3.66 4.52 0.08 0.17 11.05 --- 45 _NOM 2.93 3.30 6.25 6.47 18.29 18.54
STYLE 2: PIN 1. 2. 3. 4.
SOURCE GATE SOURCE DRAIN
CASE 211-11 ISSUE N
MOTOROLA RF DEVICE DATA
MRF141 7
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488
MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://motorola.com/sps
MRF141 8
MRF141/D MOTOROLA RF DEVICE DATA


▲Up To Search▲   

 
Price & Availability of MRF141

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X