Part Number Hot Search : 
BA6409F HD14071 RFZ34 C1803 40007 2SA1971 4400A 7152M12L
Product Description
Full Text Search
 

To Download MRF10502 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR TECHNICAL DATA
Order this document by MRF10502/D
The RF Line
Microwave Pulse Power Transistor
Designed for 1025- 1150 MHz pulse common base amplifier applications such as TCAS, T ACAN and Mode-S transmitters. * Guaranteed Performance @ 1090 MHz Output Power = 500 Watts Peak Gain = 8.5 dB Min, 9.0 dB (Typ) * 100% Tested for Load Mismatch at All Phase Angles with 10:1 VSWR * Hermetically Sealed Industry Package * Silicon Nitride Passivated * Gold Metallized, Emitter Ballasted for Long Life and Resistance to Metal Migration * Internal Input and Output Matching * Characterized with 10 s, 1% Duty Cycle Pulses
MRF10502
500 W (PEAK) 1025 - 1150 MHz MICROWAVE POWER TRANSISTOR NPN SILICON
CASE 355J-02, STYLE 1
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current -- Peak (1) Symbol VCES VCBO VEBO IC PD Tstg TJ Value 65 65 3.5 29 1460 8.3 - 65 to +200 200 Unit Vdc Vdc Vdc Adc Watts W/C C C
Total Device Dissipation @ TC = 25C (1), (2) Derate above 25C Storage Temperature Range Junction Temperature
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction to Case (3) Symbol RJC Max 0.12 Unit C/W
NOTES: 1. Under pulse RF operating conditions. 2. These devices are designed for RF operation. The total device dissipation rating applies only when the devices are operated as pulsed RF amplifiers. 3. Thermal Resistance is determined under specified RF operating conditions by infrared measurement techniques. (Worst case JC value measured @ 32 s, 2%.)
Replaces MRF10500/D
1
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted.)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC = 60 mAdc, VBE = 0) Collector-Base Breakdown Voltage (IC = 60 mAdc, IE = 0) Emitter-Base Breakdown Voltage (IE = 10 mAdc, IC = 0) Collector Cutoff Current (VCB = 36 Vdc, IE = 0) V(BR)CES V(BR)CBO V(BR)EBO ICBO 65 65 3.5 -- -- -- -- -- -- -- -- 25 Vdc Vdc Vdc mAdc
ON CHARACTERISTICS
DC Current Gain (IC = 5.0 Adc, VCE = 5.0 Vdc) hFE 20 -- -- --
FUNCTIONAL TESTS
Common-Base Amplifier Power Gain (VCC = 50 Vdc, Pout = 500 W Peak, f = 1090 MHz) Collector Efficiency (VCC = 50 Vdc, Pout = 500 W Peak, f = 1090 MHz) Load Mismatch (VCC = 50 Vdc, Pout = 500 W Peak, f = 1090 MHz, VSWR = 10:1 All Phase Angles) GPB 8.5 40 9.0 45 -- -- dB %
No Degradation in Output Power
Z5 D.U.T.
L1
C2
C3
C4
+
+ -
C1 RF INPUT Z1 Z2 Z3 Z4 Z6 Z7 Z8 Z9 RF OUTPUT
C1 -- 82 pF 100 Mil Chip Capacitor C2 -- 39 pF 100 Mil Chip Capacitor C3 -- 0.1 F C4 -- 100 F, 100 Vdc, Electrolytic L1 -- 3 Turns #18 AWG, 1/8 ID, 0.18 Long
Z1-Z9 -- Microstrip, See Details Board Material -- Teflon, Glass Laminate Dielectric Thickness = 0.030 r = 2.55, 2 Oz. Copper
.700 .150
.625
.160
.081 1.725
.105 .650 1.123 .216 1.309 1.108 .081 .644 .365 .500 0.140 2.000
.355 .081 .100
Figure 1. Test Circuit
Replaces MRF10500/D
2
POUT, OUTPUT POWER (WATTS)
600
450
300 f = 1090 MHz VCC = 50 Volts 150
0
15
30
45
60
75
100
115
PIN, INPUT POWER (WATTS)
Figure 2. Output Power versus Input Power
1120 1150 ZOUT (ZOL*)
1090 1060 f = 1030 MHz
f = 1030 MHz Zo = 10 1060 1090
Zin 1150 1120
POUT = 500 W Pk VCC = 50 V f MHz 1030 1060 1090 1120 1150 Zin OHMS 55.3 + j2.25 56.2 + j0.25 55.2 - j1.45 53.7 - j1.35 3.15 - j1.35 ZOL* (ZOUT) OHMS 62.6 + j1.89 2.56 + j2.09 2.12 + j2.29 21.9 + j2.15 91.6 + j1.62 ZOL* is the conjugate of the optimum load impedance into which the device operates at a given output power voltage and frequency.
Figure 3. Series Equivalent Input/Output Impedances
Replaces MRF10500/D
3
PACKAGE DIMENSIONS
-A- M U
RADIUS
Q
2 PL M
0.51 (0.020)
1
TA
M
B
M
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A B C D E H J K M N Q R U INCHES MILLIMETERS MIN MAX MIN MAX 0.990 1.010 25.15 25.65 0.375 0.395 9.53 10.03 0.145 0.175 3.68 4.45 0.195 0.205 4.95 5.21 0.055 0.065 1.40 1.65 0.117 0.133 2.97 3.38 0.003 0.006 0.08 0.15 0.580 0.620 14.73 15.75 45 _REF 45 _REF 0.590 0.610 14.99 15.49 0.055 0.065 1.40 1.65 0.395 0.405 10.03 10.29 0.800 BSC 20.32 BSC
KR
3 2
-B-
D J H -T-
SEA TING PLANE
N
E C
STYLE 1: PIN 1. COLLECTOR 2. EMITTER 3. BASE
CASE 355J-02 ISSUE A
Specifications subject to change without notice. n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
Replaces MRF10500/D
4


▲Up To Search▲   

 
Price & Availability of MRF10502

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X