Part Number Hot Search : 
SE139 M347S EPB5011G MS320 TORX1 MC330 1028548 KA2101
Product Description
Full Text Search
 

To Download MRF1035MB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
The RF Line
SEMICONDUCTOR TECHNICAL DATA
Order this document by MRF1035MB/D
Microwave Pulse Power Transistors
Designed for Class B and C common base amplifier applications in short and long pulse TACAN, IFF, DME, and radar transmitters. * Guaranteed Performance @ 1090 MHz, 50 Vdc Output Power = 35 Watts Peak Minimum Gain = 10 dB * 100% Tested for Load Mismatch at All Phase Angles with 10:1 VSWR * Industry Standard Package * Nitride Passivated * Gold Metallized, Emitter Ballasted for Long Life and Resistance to Metal Migration * Internal Input Matching for Broadband Operation MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector-Current -- Continuous Total Device Dissipation @ TC = 25C (1) Derate above 25C Storage Temperature Range Symbol VCES VCBO VEBO IC PD Tstg Value 60 60 4.0 2.0 35 200 - 65 to +150 Unit Vdc Vdc Vdc Adc Watts mW/C C
MRF1035MB
35 W (PEAK), 960 - 1215 MHz MICROWAVE POWER TRANSISTORS NPN SILICON
CASE 332A-03, STYLE 1
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction to Case (2) Symbol RJC Max 5.0 Unit C/W
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted.)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC = 20 mAdc, VBE = 0) Collector-Base Breakdown Voltage (IC = 20 mAdc, IE = 0) Emitter-Base Breakdown Voltage (IE = 2.0 mAdc, IC = 0) Collector Cutoff Current (VCB = 50 Vdc, IE = 0) V(BR)CES V(BR)CBO V(BR)EBO ICBO 60 60 4.0 -- -- -- -- -- -- -- -- 2.0 Vdc Vdc Vdc mAdc
ON CHARACTERISTICS
DC Current Gain (IC = 500 mAdc, VCE = 5.0 Vdc) hFE 10 40 100 --
1. These devices are designed for RF operation. The total device dissipation rating applies only when the device is operated as RF amplifiers. 2. Thermal Resistance is determined under specified RF operating conditions by infrared measurement techniques.
(Replaces MRF1035MA/D)
(c)MOTOROLA RF DEVICE DATA Motorola, Inc. 1997
MRF1035MB 1
ELECTRICAL CHARACTERISTICS -- continued (TC = 25C unless otherwise noted.)
Characteristic Symbol Min Typ Max Unit
DYNAMIC CHARACTERISTICS
Output Capacitance (VCB = 50 Vdc, IE = 0, f = 1.0 MHz) Cob -- 10 15 pF
FUNCTIONAL TESTS (Pulse Width = 10 s, Duty Cycle = 1%)
Common-Base Amplifier Power Gain (VCC = 50 Vdc, Pout = 35 W Peak, f = 1090 MHz) Collector Efficiency (VCC = 50 Vdc, Pout = 35 W Peak, f = 1090 MHz) Load Mismatch (VCC = 50 Vdc, Pout = 35 W Peak, f = 1090 MHz, VSWR = 10:1 All Phase Angles) GPB No Degradation in Power Output 10 30 12.4 34 -- -- dB %
+ - + C2 L1 L2 C3 C4
50 Vdc
DUT RF INPUT C1 Z1 Z2 Z3 Z4 Z5 Z6 Z7 Z8 Z9 Z10 RF OUTPUT
C1, C2 -- 220 pF 100 mil Chip Capacitor C3 -- 0.1 F C4 -- 10 F/75 V Electrolytic L1, L2 -- 3 Turns #18 AWG, 1/8 ID Z1 - Z10 -- Microstrip, See Photomaster Board Material -- 0.031 Glass Teflon Board Material -- r = 2.5
Figure 1. 1090 MHz Test Circuit
MRF1035MB 2
MOTOROLA RF DEVICE DATA
50 f = 960 MHz Pout , OUTPUT POWER (WATTS pk) 40
1090 MHz 1215 MHz Pout , OUTPUT POWER (WATTS pk)
50 Pin = 3.5 W pk 40 2.5 W pk 30 2 W pk 20 VCC = 50 V tP = 10 s D = 1% 960 1090 f, FREQUENCY (MHz) 1.5 W pk
30 VCC = 50 V tP = 10 s D = 1%
20
10
10
1 W pk
0
0
1
2 3 Pin, INPUT POWER (WATTS pk)
4
5
0 1215
Figure 2. Output Power versus Input Power
Figure 3. Output Power versus Frequency
50 Pout , OUTPUT POWER (WATTS pk) tP = 10 s D = 1% f = 1090 MHz
Pin = 3.5 W pk 2.5 W pk G PB , POWER GAIN (dB) 2 W pk 1.5 W pk
15 Pout = 35 W pk VCC = 50 V tP = 10 s D = 1%
40
14
30
13
20
1 W pk
12
10
11 10 0 10 20 30 VCC, SUPPLY VOLTAGE (VOLTS) 40 50 960 1090 f, FREQUENCY (MHz) 1215
0
Figure 4. Output Power versus Supply Voltage
Figure 5. Power Gain versus Frequency
1215
f = 960 MHz 1090
Pout = 35 W pk VCC = 50 V tp = 10 s D = 1% f MHz 960 1090 1215 Zin Ohms 3.8 + j8.2 6.0 + j8.2 4.2 + j5.7 ZOL* Ohms 7.5 - j3.3 9.0 + j0 9.1 + j1.7
Zin
f = 960 MHz ZOL*
1090 1215
ZOL* = Conjugate of the optimum load ZOL* = impedance into which the device ZOL* = output operates at a given output ZOL* = power, voltage, and frequency.
Figure 6. Series Equivalent Input/Output Impedances
MOTOROLA RF DEVICE DATA
MRF1035MB 3
PACKAGE DIMENSIONS
F
4
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A C D F H J K INCHES MIN MAX 0.270 0.290 0.115 0.135 0.195 0.205 0.095 0.105 0.050 0.070 0.003 0.007 0.600 --- BASE EMITTER BASE COLLECTOR MILLIMETERS MIN MAX 6.86 7.36 2.93 3.42 4.96 5.20 2.42 2.66 1.27 1.77 0.08 0.17 15.24 ---
K
1
3
D
2
H
SEATING PLANE
A
J C
STYLE 1: PIN 1. 2. 3. 4.
CASE 332A-03 ISSUE D
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488
MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://motorola.com/sps
MRF1035MB 4
MRF1035MB/D MOTOROLA RF DEVICE DATA


▲Up To Search▲   

 
Price & Availability of MRF1035MB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X