Part Number Hot Search : 
00250 X4704EG SI4435DY EC100 IP3526J C103M 94U107K W005M
Product Description
Full Text Search
 

To Download MRF1001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 140 COMMERCE DRIVE MONTGOMERYVILLE, PA 18936-1013 PHONE: (215) 631-9840 FAX: (215) 631-9855
MRF1001A
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
Features
* * * * Silicon NPN, To-39 packaged VHF/UHF Transistor Ftau = 3.0 Ghz (typ) @ 300MHz, 14v, 90mA,
G
U max
2
= 11.5 dB (typ) @ 300 MHz, 14v, 90mA
1. Emitter 2. Base 3. Collector
|S21|
= 11 dB (typ) @ 300 MHz, 14v, 90mA
TO-39
DESCRIPTION:
Silicon NPN transistor, designed for VHF and UHF equipment. Applications include amplifier; pre-driver, driver, and output stages. Also suitable for oscillator and frequency-multiplier functions.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C)
Symbol VCEO VCBO VEBO IC Parameter Collector-Emitter Collector-Base Voltage Emitter-Base Voltage Collector Current Value 20 30 3.5 200 Unit Vdc Vdc Vdc mA
Thermal Data
P
D Total Device Dissipation @ TA = 25C Derate above 25C 1.0 5.71 Watts mW/ C
MSC1311.PDF 10-25-99
MRF1001A
ELECTRICAL SPECIFICATIONS (Tcase = 25C)
STATIC (off)
Symbol BVCEO BVEBO BVCBO ICBO VCE(sat) Test Conditions Min. Collector-Emitter Breakdown Voltage (IC = 5.0 mAdc) Emitter-Base Breakdown Voltage (IC= 0.1 mAdc) Collector-Base Breakdown Voltage (IC=1.0 mAdc) Collector-Base (VCB = 10 Vdc) Collector-Emitter Saturation Voltage (IC = 50mA, IC/IB = 10) 20 3.5 30 Value Typ. 50 100 Max. Unit Vdc Vdc Vdc A mV
(on)
HFE DC Current Gain (IC = 50 mAdc, VCE = 5.0 Vdc) 50 300 -
DYNAMIC
Symbol fT Test Conditions Min. Current-Gain - Bandwidth Product (IC = 90 mAdc, VCE = 14 Vdc, f = 300 MHz) Value Typ. 3.0 Max. Unit GHz
MSC1311.PDF 10-25-99
MRF1001A
FUNCTIONAL
Symbol Test Conditions Min. Maximum Unilateral Gain (1) Maximum Available Gain Insertion Gain IC = 90 mAdc, VCE = 14Vdc, f = 300 MHz IC = 90 mAdc, VCE = 14Vdc, f = 300 MHz IC = 90 mAdc, VCE = 14Vdc, f = 300 MHz Value Typ. 11.5 11.7 11.13 Max. Unit dB dB dB
G
U max
10
MAG
2
|S21|
Table 1. Common Emitter S-Parameters, @ VCE = 14 V, IC = 90 mA
f
S11
(MHz)
100 200 300 400 500 600 700 800 900 1000
|S11|
.165 .113 .061 .003 .063 .069 .135 .179 .282 .362
-17 -77 63 -49 117 140 150 144 146 132
S21
|S21|
9.7 5.2 3.6 2.7 2.3 1.9 1.9 1.7 1.6 1.5
98 80 76 66 57 54 48 39 33 36
S12
|S12|
.058 .115 .169 .225 .281 .320 .397 .447 .476 .510
79 73 76 68 61 60 58 49 44 47
S22
|S22|
.411 .302 .298 .287 .235 .245 .232 .237 .215 .220
-32 -36 -42 -67 -80 -90 -104 -124 -157 -177
MSC1311.PDF 10-25-99
MRF1001A
MSC1311.PDF 10-25-99


▲Up To Search▲   

 
Price & Availability of MRF1001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X