Part Number Hot Search : 
104KE 4HC40 CONTROLS DP65N06 01N60 XXXCB 2SC2230 UPC251G
Product Description
Full Text Search
 

To Download MRF1000MB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR TECHNICAL DATA
Order this document by MRF1000MB/D
The RF Line
Microwave Pulse Power Transistors
Designed for Class A and AB common emitter amplifier applications in the low-power stages of IFF, DME, TACAN, radar transmitters, and CW systems. * Guaranteed Performance @ 1090 MHz, 18 Vdc -- Class A Output Power = 0.2 Watt Minimum Gain = 10 dB * 100% Tested for Load Mismatch at All Phase Angles with 10:1 VSWR * Industry Standard Package * Nitride Passivated * Gold Metallized, Emitter Ballasted for Long Life and Resistance to Metal Migration * Internal Input Matching for Broadband Operation
MRF1000MB
0.7 W, 960-1215 MHz CLASS A/AB MICROWAVE POWER TRANSISTORS NPN SILICON
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current -- Continuous Total Device Dissipation @ TC = 25C (1) Derate above 25C Storage Temperature Range Symbol VCEO VCBO VEBO IC PD Tstg Value 20 50 3.5 200 7.0 40 -65 to +150 Unit Vdc Vdc Vdc mAdc Watts mW/C C CASE 332A-03, STYLE 2
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction to Case (2) Symbol RJC Max 25 Unit C/W
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted.)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC = 5.0 mAdc, IB = 0) Collector-Emitter Breakdown Voltage (IC = 5.0 mAdc, VBE = 0) Collector-Base Breakdown Voltage (IC = 5.0 mAdc, IE = 0) Emitter-Base Breakdown Voltage (IE = 1.0 mAdc, IC = 0) Collector Cutoff Current (VCB = 20 Vdc, IE = 0) V(BR)CEO V(BR)CES V(BR)CBO V(BR)EBO ICBO 20 50 50 3.5 -- -- -- -- -- -- -- -- -- -- 0.5 Vdc Vdc Vdc Vdc mAdc
ON CHARACTERISTICS
DC Current Gain (IC = 100 mAdc, VCE = 5.0 Vdc) hFE 10 -- 100 --
1. These devices are designed for RF operation. The total device dissipation rating applies only when the device is operated as RF amplifiers. 2. Thermal Resistance is determined under specified RF operating conditions by infrared measurement techniques.
Replaces MRF1000MA/D
1
ELECTRICAL CHARACTERISTICS -- continued (TC = 25C unless otherwise noted.)
Characteristic Symbol Min Typ Max Unit
DYNAMIC CHARACTERISTICS
Output Capacitance (VCB = 28 Vdc, IE = 0, f = 1.0 MHz) Cob -- 2.0 5.0 pF
FUNCTIONAL TESTS
Common-Emitter Power Gain -- Class A (VCE = 18 Vdc, IC = 100 mAdc, f = 1090 MHz, Pout = 200 mW) Common-Emitter Power Gain -- Class AB (VCE = 18 Vdc, ICQ = 10 mAdc, f = 1090 MHz, Pout = 0.7 W) Load Mismatch -- Class A (VCE = 18 Vdc, IC = 100 mAdc, f = 1090 MHz, Pout = 200 mW, VSWR = 10:1 All Phase Angles) GPE GPE No Degradation in Power Output 10 -- 12 10.7 -- -- dB dB
C1, C2, C3, C7, C8, C10 -- 220 pF ATC 100 mil C4, C9 -- 4.7 F 50 V Tantalum C5, C6 -- 0.8-8.0 pF Johanson #7290 Z1-Z10 -- Distributed Microstrip Elements Z1-Z10 -- See Figure 8 Board Material -- 0.031 Thick Teflon-Fiberglass Board Material -- r = 2.56 C2
BASE BIAS INPUT
B C7 C8 C9
C
COLLECTOR BIAS INPUT
C3
C4 Z6 Z7
Z2
Z3 Z5
Z9 RF OUTPUT
RF INPUT
C1
Z1 Z4 C5
DUT Z8 C6
Z10
C10
Class AB Bias Control Circuit 18 V Output ICQ 10 mA Nominal
10 F 50 V 0.1 F 50 V 0.1 F 50 V +18 V INPUT R2 11 k 1/2 W
Class A Constant Current Bias Control Circuit IC = 100 mA, VCE = 18 V
100 2W 2N3906 R3 R5 18 k 1/2 W C4 0.1 F 50 V R4 C1 C2 1k 1/2 W 2.2 k C3 1/2 W 0.1 F 50 V 10 F 50 V 0.1 F 50 V +28 V INPUT +18 V COLLECTOR BIAS OUTPUT TO POINT C
R1 Q1
330 1/2 W 10 1/2 W
+18 V COLLECTOR BIAS OUTPUT TO POINT C BASE BIAS OUTPUT TO POINT B
BASE BIAS OUTPUT TO POINT B
Figure 1. 1090 MHz Test Circuit
Replaces MRF1000MA/D
2
1 Pout , OUTPUT POWER (WATTS) 0.8 0.6 0.4 0.2 0 CLASS A IC = 100 mA VCE = 18 V f = 1090 MHz 0 20 40 60 Pin, INPUT POWER (mW) 80 100 CLASS AB ICQ = 10 mA VCE = 18 V Pout , OUTPUT POWER (WATTS)
1 0.8 0.6 0.4 0.2 0 CLASS A Pin = 20 mW IC = 100 mA VCE = 18 V 960 1090 f, FREQUENCY (MHz) 1215 CLASS A Pin = 60 mW ICQ = 10 mA VCE = 18 V
Figure 2. Output Power versus Input Power
Figure 3. Output Power versus Frequency
1 IC, COLLECTOR CURRENT (AMP) 0.5 0.2 0.1 CLASS A BIAS POINT G PE , POWER GAIN (dB)
14
13
12
CLASS A Pout = 200 mW IC = 100 mA VCE = 18 V
0.05 0.02 0.01 1 2 5 10 20 50 VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS) 100
11
CLASS AB Pout = 500 mW ICQ = 10 mA VCE = 18 V 960 1090 f, FREQUENCY (MHz) 1215
10
Figure 4. DC Safe Operating Area
Figure 5. Power Gain versus Frequency
+j50 +j25 Zin 1215 1090 960 1250 S11 1100 950
10
+j100 +j150 +j250 +j500
25 50 100 150 250 500
SERIES EQUIVALENT IMPEDANCES Pout = 0.5 W, VCE = 18 Vdc, ICQ = 10 mAdc, Class AB f MHz 960 1090 1215 Zin Ohms 3.0 + j9.0 3.2 + j10 2.8 + j12 ZOL* Ohms 16 - j40 8.5 - j31 7.0 - j26
+j10
0
ZOL* = Conjugate of the optimum load impedance ZOL* = into which the device output operates at a ZOL* = given output power, voltage, and frequency.
-j500 -j10 1215 -j25 ZOL* 1090 S22 950 1100 1250 960 -j50 COORDINATES IN OHMS -j250 -j150 -j100
S-PARAMETERS -- VCE = 18 Vdc, IC = 100 mAdc, Class A f (MHz) 950 1000 1050 1100 1150 1200 1250 S11 |S11| 0.77 0.78 0.77 0.77 0.78 0.78 0.78 166 165 163 162 161 159 158 S21 |S21| 2.42 2.36 2.31 2.31 2.20 2.20 2.12 40 38 33 28 23 19 12 S12 |S12| 0.016 0.016 0.016 0.016 0.015 0.016 0.016 42 48 46 46 46 47 42 S22 |S22| 0.48 0.50 0.51 0.54 0.57 0.59 0.61 -87 -90 -94 -97 -100 -103 -106
Figure 6. Common-Emitter S-Parameters and Series Equivalent Input/Output Impedances
Replaces MRF1000MA/D
3
PACKAGE DIMENSIONS
F
4 1 2 STYLE 2: PIN 1. 2. 3. 4. EMITTER BASE EMITTER COLLECTOR 3 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A C D F H J K INCHES MIN MAX 0.270 0.290 0.115 0.135 0.195 0.205 0.095 0.105 0.050 0.070 0.003 0.007 0.600 --MILLIMETERS MIN MAX 6.86 7.36 2.93 3.42 4.96 5.20 2.42 2.66 1.27 1.77 0.08 0.17 15.24 ---
K
D
H
SEATING PLANE
A
J C
CASE 332A-03 ISSUE D
Specifications subject to change without notice. n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
Replaces MRF1000MA/D
4


▲Up To Search▲   

 
Price & Availability of MRF1000MB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X