Part Number Hot Search : 
EC31QS04 MMSZ523 CASDXXX IRFP153R 24F128S KRA102M 0M25X45 TM9137
Product Description
Full Text Search
 

To Download ML4411 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 May 1997
ML4411*/ML4411A** Sensorless Spindle Motor Controller
GENERAL DESCRIPTION
The ML4411 provides complete commutation for delta or wye wound Brushless DC (BLDC) motors without the need for signals from Hall Effect Sensors. This IC senses the back EMF of the three motor windings (no neutral required) to determine the proper commutation phase angle using Phase Lock Loop techniques. This technique will commutate virtually any 3-phase BLDC motor and is insensitive to PWM noise and motor snubbing. The ML4411 is architecturally similar to the ML4410 but with improved braking and brown-out recovery circuitry. Included in the ML4411 is the circuitry necessary for a Hard Disk Drive microcontroller driven control loop. The ML4411 controls motor current with either a constant off-time PWM or linear current control driven by the microcontroller. Braking and Power Fail are also included in the ML4411. The timing of the start-up sequencing is determined by the micro, allowing the system to be optimized for a wide range of motors and inertial loads. The ML4411 modulates the gates of external N-Channel power MOSFETs to regulate the motor current. The IC drives P-Channel MOSFETs directly. The ML4411A includes a comparator on the P3 output to prevent cross-conduction.
FEATURES
s s s s s s s Back-EMF commutation provides maximum torque for minimum "spin-up" time for spindle motors Accurate, jitter-free phase locked motor speed feedback output Linear or PWM motor current control Easy microcontroller interface for optimized start-up sequencing and speed control Power fail detect circuit with delayed braking Drives external N-channel FETs and P-channel FETs Back-EMF comparator detects motor rotation after power fail for fast re-lock after brownout
* This Product Is Obsolete ** This Product Is End Of Life As Of August 1, 2000
BLOCK DIAGRAM
20
RC CVCO BACK-EMF SAMPLER VCO
PH1 PH2 PH3
22 23 24
14
15 16 21 18 26
VCO/TACH OUT RESET IRAMP ENABLE E/A BRAKE DIS PWR LOGIC AND CONTROL
VCC2
POWER DRIVERS
4
P1-3 3 GATE DRIVE 6 3 N1-3 BLDC MOTOR
8
CBRK
28 27
7
ICMD ILIMIT PWR FAIL +5
LINEAR OR PWM CURRENT CONTROL
ISENSE COS
12
PATENTED
13 6
17 19
VCC 25
POWER FAIL DETECT
COTA
GND 1
1
ML4411/ML4411A
PIN CONFIGURATION
ML4411 28-Pin SOIC (S28W)
GND P1 P2 VCC2 P3 COTA CBRK DIS PWR N1 N2 N3 ISENSE COS CVCO
1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15
ICMD ILIMIT BRAKE VCC PH3 PH2 PH1 IRAMP RC +5V ENABLE E/A PWR FAIL RESET VCO/TACH OUT
TOP VIEW
PIN DESCRIPTION
PIN NAME FUNCTION PIN NAME FUNCTION
1 2 3 4 5 6 7
GND P1 P2 VCC2 P3 COTA CBRK
Signal and Power Ground Drives the external P-channel transistor driving motor PH1 Drives the external P-channel transistor driving motor PH2 12V power and power for the braking function Drives the external P-channel transistor driving motor PH3 Compensation capacitor for linear motor current amplifier loop Capacitor which stores energy to charge N-channel MOSFETs for braking with power off. A logic 0 on this pin turns off the N and P outputs and causes the TACH comparator output to appear on TACH OUT
16 RESET 17 PWR FAIL
Input which holds VCO off and sets the IC to the RESET condition A "0" output indicates 5V or 12V is under-voltage. This is an open collector output with a 4.5ky pull-up to +5V
18 ENABLE E/A A "1" logic input enables the error amplifier and closes the back-EMF feedback loop 19 +5V 20 RC 21 IRAMP 5V power supply input VCO loop filter components Current into this pin sets the initial acceleration rate of the VCO during start-up Motor Terminal 1 Motor Terminal 2 Motor Terminal 3 12V power supply. Terminal which is sensed for power fail A "0" activates the braking circuit Sets the threshold for the PWM comparator Current Command for Linear Current amplifier
8
DIS PWR
22 PH1 23 PH2 24 PH3 25 VCC 26 BRAKE 27 ILIMIT 28 ICMD
9-11 N1, N2 N3 Drives the external N-channel MOSFETs for PH1, PH2, PH3 12 ISENSE 13 COS 14 CVCO Motor current sense input Timing capacitor for fixed off-time PWM current control Timing capacitor for VCO
15 VCO/TACH Logic Output from VCO or TACH OUT comparator
2
ML4411/ML4411A
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. Supply Voltage (pins 4, 25) ........................................ 14V Output Current (pins 2, 3, 5, 9,10,11) ................. 150mA Logic Inputs (pins 16, 17, 18, 25) .................... -0.3 to 7V Junction Temperature ............................................ 150C Storage Temperature Range ..................... -65C to 150C Lead Temperature (Soldering 10 sec.) .................... 150C Thermal Resistance (qJA) ...................................... 60C/W
OPERATING CONDITIONS
Temperature Range ........................................ 0C to 70C VCC Voltage +12V (pin 25) ........................... 12V 10% +5V (pin 19) ................................................ 5V 10% I(RAMP) current (Pin 21) ................................. 0 to 100A I Control Voltage Range (pins 27, 28) ................ 0V to 7V
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TA = Operating Temperature Range, VCC = VCC2 = 12V, RSENSE = 1y, COTA = CVCO = 0.01F, COS = 0.02F
PARAMETER Oscillator (VCO) Section (VPIN16 = 5V) Frequency vs. VPIN 20 Frequency 1V - VPIN20 - 10V VVCO = 6V VVCO = 0.5V Reset Voltage at CVCO Sampling Amplifier (Note 1) VRC IRC State R VPIN18 = 0V, RRAMP = 39ky VPIN18 = 5V, State A, VPH2 = 4V VPIN18 = 5V, State A, VPH2 = 6V VPIN18 = 5V, State A, VPH2 = 8V VPIN21 Motor Current Control Section ISENSE Gain One Shot Off Time ICMD Transconductance Gain ICMD, ILIM Bias Current Power Fail Detection Circuit 12V Threshold Hysteresis 5V Threshold Hysteresis Logic Inputs Voltage High (VIH) Voltage Low (VIL) Current High (IIH) Current Low (IIL) VIN = 2.7V VIN = 0.4V -10 -500 1 -350 2 0.8 10 -200 V V A A 3.8 9.1 9.8 150 4.25 70 4.5 10.5 V mV V mV VIN = 0 0 VPIN27 = 5V, 0V - VPIN28 - 2.5V 4.5 12 5 25 0.19 -100 -400 5.5 33 V/V s mmho nA RPIN21 = 39ky to +5V 70 30 -13 -30 1.0 125 100 50 2 -50 1.1 250 130 90 13 -90 1.20 mV A A A A V Mode = 0 1450 70 300 1800 140 125 2150 210 250 Hz/V Hz Hz mV CONDITIONS MIN TYP MAX UNITS
3
ML4411/ML4411A
ELECTRICAL CHARACTERISTICS
PARAMETER Braking Circuit (VPIN17 = 0V) Brake Active Threshold PIN 26 Bias Current N-Channel Leakage CBRK Current Outputs (ICMD = ILIMIT = 2.5V) IP Low VP = 0.8V VP = 0.4V VP High P3 Comparator Threshold VN High VN Low LOGIC Low (VOL) VCO/TACH VOH POWER FAIL VOH Supply Currents (N and P Outputs Open) 5V Current VCC Current VCC2 Current VCC2 Current
Note 1. For explanation of states, see Figure 5 and Table 1.
(Continued)
CONDITIONS MIN TYP MAX UNITS
0.8 VPIN26 = 0V VCC, VCC2 = 0V VPIN17 = 0V, VN = 4V VCC, VCC2 = 0V, VPIN26 = 3V VPIN7 = 6V 5 2 VCC - 0.4 VCC2 - 1.6 VPIN12 = 0V IN = 1mA IOUT = 0.4mA IOUT = -100A IOUT = -10A 2.4 VCC2 - 3.2 0
1.2 0.3 0.06 20
1.6 1 10 85
V A nA A
7 4
19.5
mA mA V
IP = -10A
VCC2 - 0.8 10 0.2 VCC - 1.2 0.7 0.5
V V V V V
VPIN19 - 0.2 VPIN19 - 0.1 3 38
VPIN19 4 50 3 3.75
V
mA mA mA mA
ML4411 ML4411A
2 2.6
4
ML4411/ML4411A
FUNCTIONAL DESCRIPTION
The ML4411 provides closed-loop commutation for 3-phase brushless motors. To accomplish this task, a VCO, integrating Back-EMF Sampling error amplifier and sequencer form a phase-locked loop, locking the VCO to the back-EMF of the motor. The IC also contains circuitry to control motor current with either linear or constant offtime PWM modes. Braking and power fail detection functions are also provided on chip. The ML4411 is designed to drive external power transistors (N-channel sinking transistors and PNP sourcing transistors) directly. Start-up sequencing and motor speed control are accomplished by a microcontroller. Speed sensing is accomplished by monitoring the output of the VCO, which will be a signal which is phased-locked to the commutation frequency of the motor. BACK-EMF SENSING AND COMMUTATOR The ML4411 contains a patented back-EMF sensing circuit which samples the phase which is not energized (Shaded area in figure 2) to determine whether to increase or decrease the commutator (VCO) frequency. A late commutation causes the error amplifier to charge the filter (RC) on pin 20, increasing the VCO input while early commutation causes pin 20 discharge. Analog speed control loops can use pin 20 as a speed feedback voltage. The input impedance of the three PH inputs is about 8Ky to GND. When operating with a higher voltage motor, the PH inputs should be divided down in voltage so that the maximum voltage at any PH input does not exceed VCC.
NEUTRAL
0
60
120
180
240
300
0
Figure 2. Typical motor phase waveform with Back-EMF superimposed (Ideal Commutation) VCO AND PHASE DETECTOR CALCULATIONS The VCO should be set so that at the maximum frequency of operation (the running speed of the motor) the VCO control voltage will be no higher than VCCMIN - 1V. The VCO maximum frequency will be:
FMAX = 0.05 x POLES x RPM
where POLES is the number of poles on the motor and RPM is the maximum motor speed in Revolutions Per
+ - A B C 8K
ROTATION SENSE
NEUTRAL SIMULATOR A + B + C 6
+ IRC = Va - Vb 8K I(PIN 21) a SIGN CHANGER b + RC - R C1 C2 COMMUTATION LOGIC VCO LOOP FILTER
MULTIPLEXER
8K
VCO /TACH OUT
DIS PWR
FIGURE 1. BACK EMKF sensing block diagram
5
Minute.
ML4411/ML4411A the specification The minimum VCO gain derived from
table (using the minimum Fvco at VVCO = 6V) is:
K VCO(MIN)
-6 = 2.42 x 10 C VCO
START-UP SEQUENCING When the motor is initially at rest, it is generating no back-EMF. Because a back-EMF signal is required for closed loop commutation, the motor must be started "open-loop" until a velocity sufficient to generate some back-EMF is attained (around 100 RPM). The following steps are a typical procedure for starting a motor which is at rest. Step 1: The IC is held in reset (state R) with full power applied to the windings (see figure 6). This aligns the rotor to a position which is 30 (electrical) before the center of the first commutation state. Step 2: Reset is released, and a fixed current is input to pin 21 and appears as a current on pin 20, and will ramp the VCO input voltage, accelerating the motor at a fixed rate.
Assuming that the VVCO(MAX) = 9.5V, then
-6 C VCO = 9.5 x 2.42 x 10 FMAX
or C VCO 460 = F POLES x RPM
3000 2500
FREQUENCY (Hz)
2000 0.01F 1500 1000 500 0 0.02F
Step 3: When the motor speed reaches about 100 RPM, the back EMF loop can be closed by pulling pin 18 high.
RESET/ ALIGN P1, P3, N2 ON OPEN-LOOP (STEPPING) CLOSED LOOP
0
2
4
6 VVCO (VOLTS)
8
10
12
Figure 3. VCO Output Frequency vs. VVCO (Pin 20) Figure 4 shows the transfer function of the Phase Lock Loop with the phase detector formed from the sampled phase through the Gm amplifier with the loop filtered formed by R, C1, and C2. The impedance of the loop filter is
(s + LEAD ) ZRC (s) = 1 C1s (s + LAG )
Gm = 1.25 x 10-4 + SAMPLED PHASE RC - ZRC R C1 C2 FOUT VCO KVCO(HZ/V)
VCO FREQUENCY
0
RESET ENABLE E/A
Figure 6. Typical Start-up Sequence. Using this technique, some reverse rotation is possible. The maximum amount of reverse rotation is 360/N, where N is the number of poles. For an 8 pole motor, 45 reverse rotation is possible. For quick recovery following a momentary power failure, the following steps can be taken:
PIN 16 0 1 1 PIN 18 0 0 1 PIN 21 FIXED FIXED 0 I LIMIT ICMD IMAX IMAX IMAX
STEP 1 2
Figure 4. Back EMF Phase Lock Loop Components Where the lead and lag frequencies are set by:
LEAD =
LAG =
3
Table 2. Start-up Sequence.
1 R C2
C1 + C 2 R C1 C 2
6
ML4411/ML4411A
OUTPUTS P1 ON ON OFF OFF OFF OFF ON INPUT SAMPLING N/A PH2 PH1 PH3 PH2 PH1 PH3
STATE R OR 0 A B C D E F
N1 OFF OFF OFF ON ON OFF OFF
N2 ON OFF OFF OFF OFF ON ON
N3 OFF ON ON OFF OFF OFF OFF
P2 OFF OFF ON ON OFF OFF OFF
P3 ON OFF OFF OFF ON ON OFF
Table 1. Commutation States.
RESET
4.3 V CVCO 2.3 V
VCO OUT
STATE
R
0
A
B
C
D
E
F
A
Figure 5. Commutation Timing and Sequencing. Step 1a: The IC is held in reset (state R) with ICMD low and DIS PWR low. The Micro Processor monitors the VCO/ TACH OUT pin to determine if a signal is present. If a signal is present, the frequency is determined (by measuring the period). If a signal is not present, proceed to the routine described above for starting a motor which is a rest. Step 2a: Release RESET and DIS PWR. Apply a current to pin 21 and monitor the VCO/TACH OUT pin for VCO frequency. Step 3a: When the VCO frequency approaches 6 X the motor frequency (or where the motor frequency has decelerated to by coasting during the time the VCO frequency was ramping up) the back EMF loop can be closed by pulling pin 18 high and motor current brought up with ICMD or ILIMIT. ADJUSTING OPEN LOOP STEP RATE IRAMP should be set so that the VCO's frequency ramp during "open loop stepping" phase of motor starting is less than the motor's acceleration rate. In other words, the motor must be able to keep up with the VCO's ramp rate in open loop stepping mode. The VCO's input voltage (VPIN 20) ramp rate is given by:
dVVCO I RAMP dt C1 + C2
since
FVCO = K VCO x VVCO
-6 K VCO(MAX) = 4 x 10 C VCO
then combining the 3 equations IRAMP can be calculated from the desired maximum open loop stepping rate the motor can follow.
IRAMP< dFVCO CVCO x (C1 + C2) 6 dt 4 x 10-
7
ML4411/ML4411A
The motor will start more consistently and tolerate a wider variation in open loop step rate if there is some damping on the motor (such as head drag) during the open loop modes. The tolerance of the open loop step VCO acceleration PWM AND LINEAR CURRENT CONTROL To facilitate speed control, the ML4411 includes two current control loops -- linear and PWM (figure 9). The linear control loop senses the motor current on the ISENSE terminal through RSENSE. An internal current sense amplifier's (A2) output modulates the gates of the 3 Nchannel MOSFET's when OTA OUT is tied to OTA IN, or can modulate a single MOSFET gate tied to OTA OUT. When operated in this mode, OTA IN is tied to 12V, and N1-N3 are saturated switches. This method produces the lowest current ripple at the expense of an extra MOSFET. The linear current control modulates the gates of the external MOSFET drivers. Amplifier A2 is a transconductance amplifier which amplifies the difference between ICMD and ISENSE. The transconductance gain of A2 is: y
dFVCO dt depends on the tolerances of KVCO, IRAMP, C1, C2, and CVCO. For more optimum spin up times, these variables can be digitally "calibrated" out by the microprocessor using the following procedure:
1. Reset the IC by holding pin 16 low for at least 5s. 2. Go into open loop step mode with no current on the motor and measure the difference between the first two complete VCO periods with the PWM signal at 50% duty cycle: ENABLE E/A = (see below) ICMD = 0V PWM OUT = 50%
g m = 1.875 x 10 -4
The current loop is compensated by COTA which forms a pole given by
MicroP
PWM OUT
ML4411
I(RAMP)
-4 P = 9.375 x 10 C OTA
IN
VCO/TACH OUT
This time constant should be fast enough so that the current loop settles in less than 10% of TVCO at the highest motor speed to avoid torque ripple to VTH mismatch of the N-Channel MOSFETs. The ISENSE input pin should be kept below 1V. If ISENSE goes above 1V, a bias current of about -300A will flow out of pin 12 and the N outputs will be inhibited. Bringing ISENSE below 0.7V removes the bias current to its normal level. For this reason, the noise filter resistor on the ISENSE pin (1Ky on Figure 10) should be less than 1.5Ky. The noise filter time constant should be great enough to filter the leading edge current spike when the N-FETs turn on but small enough to avoid excessive phase shift in the ISENSE signal. OUTPUT DRIVERS The motor's source drivers (P1 thru P3) are open-collector NPN's with internal 16Ky pull-up resistors. N3is inhibited until P3 is within 1.4V (typ) of VCC2 on the ML4411A. Drivers N1 through N3 are totem-pole outputs capable of sourcing and sinking 10mA. Switching noise in the external MOSFETs can be reduced by adding resistance in series with the gates.
Figure 7. Auto-Calibration of Open-Loop Step Rate. 3. Compute a correction factor to adjust IRAMP current by changing the PWM duty cycle from the Micro (D.C.) DC.(NEW) = 50% x . FVCO (DESIRED) FVCO (MEASURED)
4. Use new computed duty cycle for open loop stepping mode and proceed with a normal start-up sequence. If this auto calibration is used ENABLE E/A can be tied permanently high, eliminating a line from the Micro. Since there is offset associated with the Phase Detector Error Amp (E/A), more current than is being injected by IRAMP may be taken out of pin 20 if the offset is positive (into pin 20) if the error amp were enabled during the open loop stepping mode. In that case, VVCO would not rise and the motor would not step properly. The effect of E/A offset can also be canceled out by the auto calibration algorithm described above allowing the E/A to be permanently enabled.
A V = 1.875 x 10 sCOTA
-4
8
ML4411/ML4411A
BRAKING As shown in figure 9, the braking circuit pulls the NChannel MOSFET gates high when BRAKE falls below a 1.4V threshold. After a power failure, CDLY is discharged slowly through RDLY providing a delay for retract to occur before the braking circuit is activated. The N-Channel buffer (B1) tri-states when the BRAKE pin reaches 2.1V to ensure that no charge from CBRK is lost through the pulldown transistor in B1. To brake the motor with external signals, first disable power by pulling pin 8 low, then pull pin 26 below 1.4V using an open drain (or diode isolated) output. The bias current for the Braking circuits comes from VCC2. When the N-Channel MOSFETs turn on, no additional power is generated for VCC2 (motor back-EMF rectified through out the MOSFET body diodes). After VCC2 drops below 4V, Q2 turns off. Continued braking relies on the CGS of the N-Channel MOSFETs to sustain the MOSFET gate enhancement voltage.
60 50 40
TOFF (s)
30 20 10 0
0
0.01
0.02 COS
0.03
0.04
0.05
Figure 8. ILIMIT Output Off-Time vs. COS.
VCC2 P1 . . . P3 16K POWER FAIL 17 4.5K +5 VCC2 - 3V UVLO COMM. LOGIC DIS PWR RDLY + VCC2 26 CDLY BRAKE + A4 1.4V - COMMUTATION LOGIC B1 UVLO VIN TRIST. N1 . . . N3 RSENSE ILIMIT Q + A3 28 ICMD - ONE SHOT COS 13 VCC + 12 ISENSE AV = 5 A1 1K - A2 COTA 2.1V - A5 CBRK Q1 7 VCC2 Q2 - VCC VCC2 + A6 P3 ONLY
8
DIS PWR
27
6
Figure 9. Current Control, Output Drive and Braking Circuits.
9
ML4411/ML4411A
APPLICATIONS Figure 10 shows a typical application of the ML4411 in a hard disk drive spindle control. Although the timing necessary to start the motor in most applications would be generated by a microcontroller, Fig. 11 shows a simple "one shot" start-up timing approach. Speed control can be accomplished either by: 1. Sensing the VCO OUT frequency with a Microcontroller and adjusting ICMD via an analog output form the Micro (PWM DAC). 2. Using analog circuitry for speed control. (Fig. 12). OUTPUT STAGE HINTS In the circuit in Figure 10, Q1, Q2, and Q3 are IRFR9024 or equivalent. Q4, Q5, and Q6 are IRFR024 or equivalent. New MOSFET packaging technology such as the Little Foot series may decrease the PC board space. These packages, however have much lower thermal inertia and dissipation capabilities than the larger packages, and care should be taken not to exceed their rated current and junction temperature. Since the output section in a full bridge application consists of three half-H switches, cross-conduction can occur. Cross-conduction is the condition where an N-FET and P-FET in the same phase of the bridge conduct simultaneously. This could happen under two conditions (see figure 13):
1N5819 +12V 10 0.1 1K Q1 TO VCC 1K Q2
VCC2 10 0.1 1K Q3
510
Q4
Q5
510
Q6
510 0.5 5K
5K +5
1 2 3 4
GND P1 P2 VCC2 P3 COTA CBRK DIS PWR N1 N2 N3 ISENSE COS CVCO
ICMD ILIMIT BRAKE VCC PH3 PH2 PH1 IRAMP RC +5V ENABLE E/A PWR FAIL RESET VCO/TACH OUT
28 27 26 25 24 23 22 21 20 19 18 17 16 15
ICOMMAND 0.22 +12
100pF 0.01 0.22
5 6 7 8 9 10 11 12
1M
+5
+5 510K
0.02 +12 0.01
13 14
ENABLE ERROR AMP RESET (FROM MICRO) POWER FAIL TO MICRO VCO OUT DISABLE POWER
Figure 10. ML4411 Typical Application
10
ML4411/ML4411A
+5V R1 ML4411 PIN 17 1/6 IC1 R2 D2 1/6 IC1 C2 TO ML4411 PIN 18 1/6 IC1 TO ML4411 PIN 16
INHIBIT N3 - A6 + ML4411A ONLY Q2 16K P3 5 1K P 4 VCC2
D1
C1
Figure 13. Alternate cross-conduction prevention for ML4411A Figure 11. Analog Start-up Circuit In Condition 2 above, the P-Channel MOSFET is pulled up inside the ML4411 with a 16Ky resistor. If the current through C(CGp) is greater than VTH 16K when the N-FET turns on, the P-FET could turn on simultaneously, causing cross-conduction. Adding R1 as shown in Figure 14 eliminates this. The size of R1 will depend on the fall time of the phase voltage, and the size of the C(DGp). D1 may be needed for high power applications to limit the negative current pulled (through C(DGn)) out of the substrate diode in the ML4411 when P-FET turns off.
VCC2
- A1 TO ML4411 PIN 20 + R3 C3 R4 +12V R5 R6 - A1 + TO ML4411 PIN 28
R1 RG(P) P C(DGp)
SYMBOL A1 IC1 D1, D2 R1 R2 R3
VALUE LM358 74HC14 IN4148 1My 1My 100Ky
SYMBOL R4 R5 R6 C1 C2 C3
VALUE 100Ky 50Ky 50Ky 3.3F 3.3F 0.47F
C(DGn) N RG(N) D1
Figure 14. Causes of Cross-conduction Adding a series damping resistor to the N-FET gate (RGn) will slow the fall time. The damping resistor should be low enough to: Avoid turning on the N-Channel gate when the PNP turns on via the same mechanism outlined in condition 2 above Not severely increase the switching losses in the N-FET UNIPOLAR OPERATION Unipolar mode offers the potential advantage of lower motor drive cost by only requiring the use of 3 transistors to drive the motor. The ML4411 will operate in unipolar mode (Figure 15) provided the following precautions are taken: 1. The IC supplies should not exceed 12V + 10%. 2. The phase pins on the IC should not exceed the supply voltage.
Figure 12. Analog Speed Control 1. When transitioning from mode 0 to mode A (see table 1) P3 goes from on to off at the same time N3 goes from off to on. If the P3 turns off slowly and N3 turns on quickly, cross-conduction may occur. This condition has been prevented inside the IC on the ML4411A through the addition of comparator A6 on the P3 output (Figure 9). This comparator may cause an oscillation when the N3 switches on due to the capacitive coupling effect described below pulling the P3 pin below VCC2-1.4V. To avoid this, use the circuit in Figure 13. 2. When the MOSFET in the same phase switches on gate current flows due to capacitive coupling of current through the MOSFET's drain to gate capacitance. This could cause the device that was off to be turned on.
11
ML4411/ML4411A
10K
10K +V
10K 3.3K +12
1 2 3
GND P1 P2 VCC2 P3 COTA CBRK DIS PWR N1 N2 N3 ISENSE COS CVCO
ICMD 28 ILIMIT 27 BRAKE 26 VCC 25 PH3 24 PH2 23 PH1 22 IRAMP 21 RC 20 +5V 19 ENABLE E/A 18 PWR FAIL 17 RESET 16 VCO/TACH OUT 15 2.2
+5 + - +5 +12 1M 10K
+12
4 5 6 7
+V
+5
8 9 10 11
+5
1.2K 0.5
0.02 0.01 +12 0.01
12 13 14
+5 1M CDLY
Figure 15. ML4411 Unipolar Drive Application
In unipolar operation, the motor`s windings must be allowed to drive freely to: VF(MAX) = VSUPPLY (MAX) + VEMF (MAX) Therefore, there can be no diodes to clamp the inductive energy to VSUPPLY. This energy must be clamped, however, to avoid an over-voltage condition on the MOSFETs and other components. Typically, a VCLAMP voltage is created to provide the clamping voltage. The inductive energy may either be dissipated (Figure 16) or alternately efficiently regenerated back to the system supply (Figure 17). The circuit in Figure 15 is designed to minimize the external components necessary, at some compromise to performance. The 3 resistors from the motor phase windings to the PH inputs work with the ML4411`s 8Ky internal resistance to ground to divide the motor`s phase voltage down, providing input signals that do not exceed 12V.
VCLAMP = +24V +12V 12V BATTERY C1 0.1 12V LDO +12V TO VCC AND VCC2 1000 0.1 5V REG 10 0.1
This circuit uses analog speed regulation. The 1My resistor from Pin 20 to the speed regulation op amp provides the function of injecting current into the VCO loop filter for the open loop stepping phase of start-up operation. The "one shot" circuitry to time the reset is replaced by a diode and RC delay from the rising edge or the POWERFAIL signal. The error amplifier is left enabled continuously since at low speeds its current contribution is negligible. The current injected into the loop filter must be greater than the leakage current from the phase detector amplifier for the motor to start reliably.
VCLAMP = +24V D1 50% DUTY CYCLE 12V BATTERY
L1
5V REG
+5V
12V LDO 0.1
Figure 17. Non-Dissipative Clamping Technique
Figure 16. Dissipative Clamping Technique
12
ML4411/ML4411A
HIGHER VOLTAGE MOTOR DRIVE To drive a higher voltage motor, the same precautions regarding ML4411 voltage limitations as were outlined for Unipolar drive above should be followed. Figures 14-16 provide several methods of translating the ML4411`s P outputs to drive a higher voltage.
+V Q3 ML4411 P +12V Q1 +V
Q2 Q1
Q3 ML4411 P +12V
Figure 19. High Voltage Translation using "Composite" PNP Power Transistor
+V
Figure 18. High Voltage Translation using PNP Power Transistor
Q2 Q1
ML4411
P
Q3
Figure 20. High Voltage Translation with NPN Darlington
13
ML4411/ML4411A
PHYSICAL DIMENSIONS
inches (millimeters)
Package: S28 28-Pin SOIC
0.699 - 0.713 (17.75 - 18.11) 28
0.291 - 0.301 0.398 - 0.412 (7.39 - 7.65) (10.11 - 10.47) PIN 1 ID
1 0.024 - 0.034 (0.61 - 0.86) (4 PLACES) 0.050 BSC (1.27 BSC) 0.095 - 0.107 (2.41 - 2.72) 0 - 8
0.090 - 0.094 (2.28 - 2.39)
0.012 - 0.020 (0.30 - 0.51)
SEATING PLANE
0.005 - 0.013 (0.13 - 0.33)
0.022 - 0.042 (0.56 - 1.07)
0.009 - 0.013 (0.22 - 0.33)
ORDERING INFORMATION
PART NUMBER ML4411CS (Obsolete) ML4411ACS (End Of Life) TEMPERATURE RANGE 0C to 70C 0C to 70C PACKAGE 28-Pin Wide SOIC (S28W) 28-Pin Wide SOIC (S28W)
(c) Micro Linear 1997 is a registered trademark of Micro Linear Corporation Products described in this document may be covered by one or more of the following patents, U.S.: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940; 5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376; Japan: 2598946; 2619299. Other patents are pending.
Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design. Micro Linear does not assume any liability arising out of the application or use of any product described herein, neither does it convey any license under its patent right nor the rights of others. The circuits contained in this data sheet are offered as possible applications only. Micro Linear makes no warranties or representations as to whether the illustrated circuits infringe any intellectual property rights of others, and will accept no responsibility or liability for use of any application herein. The customer is urged to consult with appropriate legal counsel before deciding on a particular application.
2092 Concourse Drive San Jose, CA 95131 Tel: 408/433-5200 Fax: 408/432-0295
DS4411-01
14


▲Up To Search▲   

 
Price & Availability of ML4411

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X