Part Number Hot Search : 
DT3316 1601B 103LF 2SC2767 TEA1024 LH101504 SED13 SMBJ5
Product Description
Full Text Search
 

To Download MAC228A10FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MAC228FP/D
Triacs
Silicon Bidirectional Triode Thyristors
. . . designed primarily for industrial and consumer applications for full wave control of ac loads such as appliance controls, heater controls, motor controls, and other power switching applications. * Four Mode Triggering for Drive Circuits that Source Current * All Diffused and Glass-Passivated Junctions for Parameter Uniformity and Stability * Small, Rugged, Thermowatt Construction for Low Thermal resistance and High Heat Dissipation * Center Gate Geometry for Uniform Current Spreading
MAC228FP Series MAC228AFP Series
TRIACs 8 AMPERES RMS 200 thru 800 VOLTS
MT2
G
MT1
CASE 221C-02 STYLE 3
MAXIMUM RATINGS (TJ = 25C unless otherwise noted.)
Rating Peak Repetitive Off-State Voltage(1) (TJ = -40 to 110C 1/2 Sine Wave 50 to 60 Hz, Gate Open) MAC228-4FP, MAC228A4FP MAC228-6FP, MAC228A6FP MAC228-8FP, MAC228A8FP MAC228-10FP, MAC228A10FP On-State RMS Current (TC = 80C) Full Cycle Sine Wave 50 to 60 Hz Peak Non-repetitive Surge Current (One Full Cycle 60 Hz, TJ = 110C) Circuit Fusing (t = 8.3 ms) Symbol VDRM Value Unit Volts
200 400 600 800 IT(RMS) ITSM I2t IGM VGM 8 80 26 2 10 20 0.5 -40 to 110 -40 to 150 8 Amps Amps A2s Amps Volts Watts Watts C C in. lb.
p 2 s) Peak Gate Voltage (t p 2 s) Peak Gate Power (t p 2 s)
Peak Gate Current (t Average Gate Power (TC = 80C, t Storage Temperature Range Mounting Torque
p 8.3 ms)
PGM PG(AV) TJ Tstg
Operating Junction Temperature Range
1. VDRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded. 2. The case temperature reference point for all TC measurements is a point on the center lead of the package as close as possible to the plastic body.
Motorola Thyristor Device Data (c) Motorola, Inc. 1995
1
MAC228FP Series MAC228AFP Series
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction to Case Thermal Resistance, Case to Sink Thermal Resistance, Junction to Ambient Symbol RJC RCS RJA Max 2.2 2.2 (typ) 60 Unit C/W C/W C/W
ELECTRICAL CHARACTERISTICS (TC = 25C and either polarity of MT2 to MT1 voltage unless otherwise noted.)
Characteristic Peak Blocking Current (VD = Rated VDRM, Gate Open) TJ = 25C TJ = 110C Peak On-State Voltage (ITM = 11 A Peak, Pulse Width Symbol IDRM -- -- VTM IGT -- -- VGT -- -- 0.2 0.2 IH tgt dv/dt dv/dt(c) -- -- -- -- -- -- -- -- -- 1.5 25 5 2 2.5 -- -- 15 -- -- -- mA s V/s V/s -- -- 5 10 Volts -- -- -- -- 10 2 1.8 Min Typ Max Unit A mA Volts mA
p 2 ms, Duty Cycle p 2%)
Gate Trigger Current (Continuous dc) (VD = 12 V, RL = 100 ) MT2(+), G(+); MT2(+), G(-); MT2(-), G(-) MT2(-), G(+) "A" Suffix Only Gate Trigger Voltage (Continuous dc) (VD = 12 V, RL = 100 ) MT2(+), G(+); MT2(+), G(-); MT2(-), G(-) MT2(-), G(+) "A" Suffix Only (VD = Rated VDRM, TC = 110C, RL = 10 k) MT2(+), G(+); MT2(+), G(-); MT2(-), G(-) MT2(-), G(+) "A" Suffix Only Holding Current (VD = 12 Vdc, ITM = 200 mA, Gate Open) Gate-Controlled Turn-On Time (VD = Rated VDRM, ITM = 16 A Peak, IG = 30 mA) Critical Rate of Rise of Off-State Voltage (VD = Rated VDRM, Exponential Waveform, TC = 110C) Critical Rate of Rise of Commutation Voltage (VD = Rated VDRM, ITM = 11.3 A, Commutating di/dt = 4.1 A/ms, Gate Unenergized, TC = 80C)
FIGURE 1 - RMS CURRENT DERATING
110 P(AV) , AVERAGE POWER (WATTS) = 30 60 90 98 86 80 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 IT(RMS), RMS ON-STATE CURRENT (AMP) = CONDUCTION ANGLE dc 120 120 180 10 8.0
FIGURE 2 - ON-STATE POWER DISSIPATION
dc 6.0 = CONDUCTION ANGLE 60 TJ 110C 30 90 = 180 120
TC, CASE TEMPERATURE ( C)
104
92
4.0
2.0 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 IT(RMS), RMS ON-STATE CURRENT (AMP)
2
Motorola Thyristor Device Data
MAC228FP Series MAC228AFP Series
PACKAGE DIMENSIONS
-B- P
-T- F N E C S
SEATING PLANE
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. LEAD DIMENSIONS UNCONTROLLED WITHIN DIMENSION Z. DIM A B C D E F G H J K L N P Q R S Z INCHES MIN MAX 0.680 0.700 0.388 0.408 0.175 0.195 0.025 0.040 0.340 0.355 0.140 0.150 0.100 BSC 0.110 0.155 0.018 0.028 0.500 0.550 0.045 0.070 0.049 --- 0.270 0.290 0.480 0.500 0.090 0.120 0.105 0.115 0.070 0.090 MILLIMETERS MIN MAX 17.28 17.78 9.86 10.36 4.45 4.95 0.64 1.01 8.64 9.01 3.56 3.81 2.54 BSC 2.80 3.93 0.46 0.71 12.70 13.97 1.15 1.77 1.25 --- 6.86 7.36 12.20 12.70 2.29 3.04 2.67 2.92 1.78 2.28
H -Y-
Q
123
A
STYLE 3: PIN 1. MT 1 2. MT 2 3. GATE
K Z L G D
3 PL
J R
0.25 (0.010)
M
B
M
Y
CASE 221C-02
Motorola Thyristor Device Data
3
MAC228FP Series MAC228AFP Series
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers: USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England. JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
4
*MAC228FP/D*
Motorola Thyristor Device Data
MAC228FP/D


▲Up To Search▲   

 
Price & Availability of MAC228A10FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X