Part Number Hot Search : 
1N3957GP SI9183 D4KB40 0OEU54D 5KE10 25FR10M TLP390 223BCY
Product Description
Full Text Search
 

To Download LH1520AAC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VISHAY
LH1520AB/ AAC/ AACTR
Vishay Semiconductors
Dual 1 Form A Solid State Relay
Features
* * * * * * * * * * Dual Channel (LH1500) Current Limit Protection Isolation Test Voltage 5300 VRMS Typical RON 20 Load Voltage 350 V Load Current 150 mA High Surge Capability Linear, AC/DC Operation Clean Bounce Free Switching Low Power Consumption
DIP SMD
S1 8 S1 S1'
S1' S2 76
S2' 5
S2
i179034
S2'
1
2
3
4
Agency Approvals
* * * * UL - File No. E52744 System Code H or J CSA - Certification 093751 BSI/BABT Cert. No. 7980 DIN EN 60747-5-5 (VDE 0884):2003-01 Available with Option 1 * FIMKO Approval
Description
The LH1520 dual 1 Form A relays are SPST normally open switches that can replace electromechanical relays in many applications. They are constructed using a GaAIAs LED for actuation control and an integrated monolithic die for the switch output. The die, fabricated in a high-voltage dielectrically isolated technology is comprised of a photodiode array, switch control circuitry, and MOSFET switches. In addition, the LH1520 SSRs employ current-limiting circuitry, enabling them to pass FCC 68.302 and other regulatory surge requirements when overvoltage protection is provided.
Applications
General Telecom Switching - On/off Hook Control - Ring Delay - Dial Pulse - Ground Start - Ground Fault Protection Instrumentation Industrial Controls
Order Information
Part LH1520AAC LH1520AACTR LH1520AB Remarks SMD-8, Tubes SMD-8, Tape and Reel DIP-8, Tubes
Document Number 83818 Rev. 1.2, 05-Nov-03
www.vishay.com 1
LH1520AB/ AAC/ AACTR
Vishay Semiconductors Absolute Maximum Ratings, Tamb = 25 C
VISHAY
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute Maximum Ratings for extended periods of time can adversely affect reliability.
SSR
Parameter LED continuous forward current LED reverse voltage DC or peak AC load voltage Continuous DC load current , one pole operating Continuous DC load current , two poles operating Peak load current (single shot), Form B Ambient temperature range Storage temperature range Pin soldering temperature Input/output isolation test voltage Pole-to-pole isolation voltage (S1 to S2) 1), (dry air, dust free, at sea level) Output power dissipation (continuous)
1) 2)
Test condition IR 10 A IL 50 A
Symbol IF VR VL IL IL
Value 50 8.0 350 150 110
2)
Unit mA V V mA mA
t = 100 ms
IP Tamb Tstg
- 40 to + 85 - 40 to + 150 260 5300 1600
C C C VRMS V
t = 10 s max t = 1.0 s, IISO = 10 A max
Tsld VISO
Pdiss
600
mW
Breakdown occurs between the output pins external to the package.
Refer to Current Limit Performance Application Note for a discussion on relay operation during transient currents.
Electrical Characteristics, Tamb = 25 C
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluations. Typical values are for information only and are not part of the testing requirements.
Input
Parameter LED forward current, switch turn-on LED forward current, switch turn-off LED forward voltage Test condition IL = 100 mA, t = 10 ms VL = 300 V IF = 10 mA Symbol IFon IFoff VF 0.2 1.15 Min Typ. 1.0 1.1 1.26 1.45 Max 2.0 Unit mA mA V
Output
Parameter ON-resistance OFF-resistance Current limit Off-state leakage current Test condition IF = 5.0 mA, IL = 50 mA IF = 0 mA, VL = 100 V IF = 5.0 mA, t = 5.0 ms, VL = 6.0 V IF = 0 mA, VL = 100 V IF = 0 mA, VL = 350 V Symbol RON ROFF ILMT Min 12 0.5 230 Typ. 20 5000 270 0.02 370 200 1.0 Max 25 Unit G mA nA A
www.vishay.com 2
Document Number 83818 Rev. 1.2, 05-Nov-03
VISHAY
Parameter Output capacitance Pole-to-pole capacitance (S1 to S2) Switch offset Test condition IF = 0 mA, VL = 1.0 V IF = 0 mA, VL = 50 V IF = 5.0 mA IF = 5.0 mA
LH1520AB/ AAC/ AACTR
Vishay Semiconductors
Symbol Min Typ. 55 10 0.5 0.15 Max Unit pF pF pF V
Transfer
Parameter Input/output capacitance Turn-on time Turn-off time Test condition VISO = 1.0 V IF = 5.0 mA, IL = 50 mA IF = 5.0 mA, IL = 50 mA Symbol CISO ton toff Min Typ. 1.1 1.4 0.7 2.0 2.0 Max Unit pF ms ms
Typical Characteristics (Tamb = 25 C unless otherwise specified)
110
LED Forward Current (mA)
120 100 80 60 40 20 0 -20 0 20 40 Ambient Temperature (C) 60 80
ilh1520ab_02
100
Load Current (mA)
80 60 40 20 0 -40 IFon = 2.0 mA IFon = 3.0 mA IFon = 4.0 mA
IFon = 5.0 to 20 mA
T = 85 C T = 25 C T = -40 C
0
0.5
1
1.5
2
ilh1520ab_00
LED Forward Voltage (V)
Figure 1. Recommended Operating Conditions
Figure 3. LED Forward Current vs. LED Forward Voltage
1.6 1.5 1.4 1.3 1.2 IF = 1.0 mA I = 2.0 mA 1.1 F 1.0 -40
ilh1520ab_01
10
LED Reverse Current (A)
LED Forward Voltage (V)
IF = 50 mA IF = 20 mA
8 6 T = -40 C T = 25 C T = 85 C
4 2
IF = 5.0 mA IF = 10 mA -20 0 20 40 60 80 Ambient Temperature (C)
0
ilh1520ab_03
0
8
16
24
32
40
48
LED Reverse Voltage (V)
Figure 2. LED Voltage vs. Temperature
Figure 4. LED Reverse Current vs. LED Reverse Voltage
Document Number 83818 Rev. 1.2, 05-Nov-03
www.vishay.com 3
LH1520AB/ AAC/ AACTR
Vishay Semiconductors
VISHAY
LED Current for Switch Turn-on (%) Norm. @25 C
80 60 40 20 0 IL =100 mA
Load Current (mA)
400
300
200
T = -40 C T = 25 C T = 85 C
-20 -40 -60 -40
100 IF = 5 mA 0 -20 0 20 40 60 80
ilh1520ab_07
0
1
2
3
4
5
ilh1520ab_04
Temperature (C)
Load Voltage (V)
Figure 5. LED Current for Switch Turn-on vs. Temperature
Figure 8. Load Current vs. Load Voltage
Change in Ron (%) norm. to 25 C
1.25
LED Forward Voltage (V)
40 30 20 10 0 -1 -20 -30 -40 -40 -20 0 20 40 60 80 IF = 5 mA IL = 50 mA
1.2 IL = 100 mA 1.15 1.1 1.05 1 -40
-20
0
20
40
60
80
ilh1520ab_05
Temperature (C)
ilh1520ab_08
Temperature (C)
Figure 6. LED Dropout Voltage vs. Temperature
Figure 9. ON-Resistance vs. Temperature
40 30 20 10 0 -10 -20 -30 -40 -40
ilh1520ab_06
4
ON-Resistance Variation (%), norm. @IF = 5 mA
Change in Current Limit (%) Normalized to 25 C
IF = 5.0 mA t = 5.0 ms VL = SEE ELEC. CHAR.
IL = 50 mA 3 2
1
0 -1
-20
0
20
40
60
80
ilh1520ab_09
0
4
Ambient Temperature (C)
8 12 16 LED Forward Current (mA)
20
Figure 7. Current Limit vs. Temperature
Figure 10. Variation in ON-Resistance vs. LED Current
www.vishay.com 4
Document Number 83818 Rev. 1.2, 05-Nov-03
VISHAY
LH1520AB/ AAC/ AACTR
Vishay Semiconductors
50 40
Capacitance (pF)
120 100
Isolation (dB)
IF = 0 mA
80 60 40 20 0
30 20 10 0 0 10 20 30 40 50 60 70 80 90 100 Applied Voltage (V)
VP = 10 V i RL = 50
10 2
ilh1520ab_13
10 3
10 4 Frequency (Hz)
10 5
10 6
ilh1520ab_10
Figure 11. Switch Capacitance vs. Applied Voltage
Figure 14. Output Isolation
0.14 0.12
Insertion Loss (dB)
50 40
Load Current (A)
0.1 0.08 0.06 0.04 0.02 RL = 600
T = -40 C T = 25 C T = 85 C
30
20 10 0 IF = 0 mA IL <50 uA
0 10 2
ilh1520ab_11
10 3
10 4
10 5
ilh1520ab_14
0
90
180
270
360
450
Frequence (Hz)
Load Voltage (V)
Figure 12. Insertion Loss vs. Frequency
Figure 15. Switch Breakdown Voltage vs. Load Current
1000
Off-State Leakage Current (nA) Change in Breakdown Voltage (%) Normalized to 25 C
8 6 4 2 0 -2 -4 -6 -8 -40 -20 0 20 40 60 80
100 10 T = 85 C T = 70 C T = 50 C T = 25 C
1 0.1 0.01 0
IF = 0 mA
100
200
300
400
500
ilh1520ab_12
Load Voltage (V)
ilh1520ab_15
Ambient Temperature (C)
Figure 13. Leakage Current vs. Applied Voltage
Figure 16. Switch Breakdown Voltage vs. Temperature
Document Number 83818 Rev. 1.2, 05-Nov-03
www.vishay.com 5
LH1520AB/ AAC/ AACTR
Vishay Semiconductors
VISHAY
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 20
ilh1520ab_16
30
Change in Turn-off Time (%), Norm. to 25 C
Switch Offset Voltage (V)
IF = 5.0 mA
20 10 0 -10 -20 -30 -40 IF = 5 mA IL = 50 mA -20 0 20 40 60 80
30
40
50
60
70
80
90
Ambient Temperature (C)
ilh1520ab_19
Temperature (C)
Figure 17. Switch Offset Voltage vs. Temperature
Figure 20. Turn-off Time vs. Temperature
0.6
Switch Offset Voltage (V)
3 2.5
Turn-on Time (ms)
0.5 0.4 0.3 0.2 0.1 0 0 5 10 15 20 25 LED Forward Current (mA)
IL = 50 mA 2 1.5 1 0.5 0 0 10 20 30 40 50 LED Current (mA) T = 85 C T = 25 C T = -40 C
ilh1520ab_17
ilh1520ab_20
Figure 18. Switch Offset Voltage vs. LED Current
Figure 21. Turn-on Time vs. LED Current
30
Change in Turn-On Time (%), norm. to 25 C
0.90
20 10 0 -10 -20 -30 -40 IF = 5 mA IL = 50 mA
Turn-off Time (ms)
0.80 0.70
T = -40 C T = 25 C
0.60 T = 85 C 0.50 IL = 50 mA 0.40
-20
0
20
40
60
80
ilh1520ab_21
0
10
20
30
40
50
ilh1520ab_18
Temperature (C)
LED Forward Current (mA)
Figure 19. Turn-on Time vs. Temperature
Figure 22. Turn-off Time vs. LED Current
www.vishay.com 6
Document Number 83818 Rev. 1.2, 05-Nov-03
VISHAY
Package Dimensions in Inches (mm)
DIP
4 .268 (6.81) .255 (6.48) 5 6 7 8 3 2 1
LH1520AB/ AAC/ AACTR
Vishay Semiconductors
pin one ID
ISO Method A
.390 (9.91) .379 (9.63) .045 (1.14) .030 (0.76) 4 typ. .031 (0.79) .150 (3.81) .130 (3.30) .050 (1.27) .022 (.56) .018 (.46)
i178008
.300 (7.62) typ.
10 .035 (.89) .020 (.51) .100 (2.54) typ. 3-9 .012 (.30) .008 (.20)
.250 (6.35) .230 (5.84) .130 (3.30) .110 (2.79)
SMD
Pin one I.D .
.268 (6.81) .255 (6.48)
.100 (2.54)
.030 (.76) R .010 (.25) .070 (1.78)
.390 (9.91) .379 (9.63) .031 (.79) typ. .150 (3.81) .130 (3.30)
.315 (8.00) min .435 (11.05)
.060 (1.52)
ISO Method A
.045 (1.14) .030 (0.78)
Radius
.395 (10.03) .375 (9.52) .312 (7.80) .298 (7.52) 3 to 7 10 .315 (8.00) typ. .010 (2.54) typ.
4 typ. .050 (1.27) typ.
.008 (.25) .004 (.10) .100 (2.54) typ.
.040 (1.02) .020 (.51)
i178009
Document Number 83818 Rev. 1.2, 05-Nov-03
www.vishay.com 7
LH1520AB/ AAC/ AACTR
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements.
VISHAY
2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
www.vishay.com 8
Document Number 83818 Rev. 1.2, 05-Nov-03


▲Up To Search▲   

 
Price & Availability of LH1520AAC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X