Part Number Hot Search : 
244R7 PD5616S MUPTB10 2N684 AN311 GT15J101 BH6513F HAL220
Product Description
Full Text Search
 

To Download LB11996 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN*6181A
LB11996,11996H
Monolithic Digital IC
LB11996,11996H
Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
Preliminary Features
* Current linear drive * Control V type amplifier * Separate power supply for output upper side bias circuit allows low output saturation by boosting this power supply only (useful for 5V power supply types). * Upper side current detection technique loses loss voltage of current detection resistor. Voltage drop caused by this resistor reduces internal power dissipation of IC. * Built-in short braking circuit * Built-in reverse blocking circuit * Hall FG output * Built-in S/S function * Built-in current limiter circuit * Built-in Hall power supply * Built-in thermal shutdown circuit * 1 Hall FG/3 Hall FG switchable * Supports 3.3V DSP
Package Dimensions
unit: mm 3227-HSOP24
[LB11996]
15.3 4.3 24 0.3
0.65 7.9 2.25 2.5max
0.25
13
1 0.3 0.8
12 0.85
0.1
SANYO : HSOP24
unit: mm 3234-HSOP28HC
[LB11996H]
15.3
0.65
6.2 2.7 28 15
1.3
1
0.25 0.8 0.3
1.3
0.85
2.5max
2.25
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
N0199RM(KI) No. 6181-1/10
0.1
SANYO : HSOP28HC
10.5
7.9
4.9
10.5
LB11996,11996H Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Maximum power supply voltage 1 Maximum power supply voltage 2 Maximum power supply voltage 3 Maximum applied output voltage Maximum applied intput voltage Maximum output current Allowable power dissipation Symbol
VCC1 max VCC2 max VCC3 max
Conditions
Ratings 7.0 14.4 14.4 14.4
VCC1
Unit V V V V V A W
Vo max Vi max Io max Pd max [LB11996] IC only *With specified substrate [LB11996H] IC only *With specified substrate
1.3 0.79 *1.8 0.8 *1.9 -20 to +75 -55 to +150
Operating temperature Storage temperature
Topr Tstg
C C
* Specified substrate: 114.3 x 76.1 x 1.6 mm3 glass epoxy
Allowable Operating Ranges at Ta = 25C
Parameter Power supply voltage 1 Power supply voltage 2 Power supply voltage 3 Symbol
VCC1 VCC2 VCC3 VCC1
Conditions
Ratings 4 to 6 4 to 13.6 4 to 13.6
Unit V V V
Sample Application at Ta = 25C (1) 12V type
Power supply pin
VCC1 VCC2 = VCC3
Conditions Regulated voltage Unregulated voltage
Ratings 4 to 6 4 to 13.6
Unit V V
(2) 5V type
Power supply pin
VCC1 = VCC3 VCC2
Conditions Regulated voltage Boost-up voltage or regulated voltage (Note)
Ratings 4 to 6 4 to 13.6
Unit V V
Note: When boost-up voltage is used at VCC2, output can be set to low-saturation.
No. 6181-2/10
LB11996,11996H
Electrical Characteristics at Ta = 25C, VCC1 = 5V, VCC2 = VCC3 = 12V (unless otherwise specified)
Parameter [Power supply current] Power supply current 1 Power supply current 2 Power supply current 3 Output idle current 1 Output idle current 2 Output idle current 3 [Output] Saturation voltage, upper side 1 Saturation voltage, lower side 1 Saturation voltage, upper side 2 Saturation voltage, lower side 2 Current limiter setting voltage [Hall amplifier] Common mode input voltage range Input bias current Minimum Hall input level [S/S pin] High level voltage Low level voltage Input current Leakage current [Control] VC pin input current VCREF pin input current Voltage gain Startup voltage Startup voltage width [Hall power supply] Hall power supply voltage Allowable current [Thermal shutdown] Operating temperature Hysteresis [Short braking] Brake pin at High level Brake pin at Low level [1 Hall FG/3 Hall FG select] FGSEL pin at High level FGSEL pin at Low level
VFSH VFSL VBRH VBRL TTSD TTSD VH IH IH = 5 mA IVC IVCREF GVCC VCTH VCTH VC = VCREF = 1.65V VC = VCREF = 1.65V VRF/VC VCREF = 1.65V VCREF = 1.65V VS/SH VS/SL IS/SI IS/SL VS/S = 5V VS/S = 0V VHCOM VHIB VHIN VOU1 VOD1 VOU2 VOD2 VCL IO = -0.5A, VCC1 = 5V, VCC2 = VCC3 = 12V IO = 0.5A, VCC1 = 5V, VCC2 = VCC3 = 12V IO = -0.5A, VCC1 = VCC3 = 5V, VCC2 = 12V IO = 0.5A, VCC1 = VCC3 = 5V, VCC2 = 12V RRF = 0.33 VCC1 VCC2 VCC3 ICC1OQ ICC2OQ ICC3OQ VC = VCREF VC = VCREF VC = VCREF VS/S = 0V VS/S = 0V VS/S = 0V
Symbol
Conditions min
Ratings typ max
Unit
8 0 150 250 200 30 30
mA mA A A A A
1.0 0.3 0.3 0.3 0.37
V V V V V
1.2 1 60
VCC1-1.0
V A mVp-p
2.0
VCC1
V V A A A A times
0.7 200 -30
1 1 0.35 1.5 50 1.8 150
V mV
0.8 20
V mA
(Target) (Target)
150
180 15
210
C C
4 0
5 1
V V
4 0
5 1
V V
Note: * During S/S OFF (standby), the Hall comparator is at High. * Items shown to be "Target" are not measured.
No. 6181-3/10
LB11996,11996H Truth Table
Source Sink U
Input
V
Control W L
VC
1 2
Phase W -> Phase V Phase V -> Phase W Phase W -> Phase U Phase U -> Phase W
H H L
H L L H
H L H L H L H L H L H L
L H
3 4 5
Phase V -> Phase W Phase W -> Phase V Phase U -> Phase V Phase V -> Phase U Phase V -> Phase U Phase U -> Phase V
L H L
L H H
L H
6
Input:
Phase U -> Phase W Phase W -> Phase U
H: Input 1 is higher in potential than input 2 by at least 0.2V. L: Input 1 is lower in potential than input 2 by at least 0.2V.
Brake Operation
Brake pin H L Operation Brake operation Normal rotation
FGSEL (1 Hall /3 Hall select)
FGSEL H L FG output principle 3 Hall FG output 1 Hall FG output
No. 6181-4/10
VCC1 RF
VCC2
Block Diagram
UIN1
+
UIN2
VIN1
Matrix
+
Waveform distributor
VIN2
WIN1
+
WIN2
Current limiter
LB11996,11996H
VH
+
-
+
+
-
-
UOUT VOUT WOUT
-
PWR GND VCC3
Short brake
-
Hall power supply
BRAKE
Forward/ reverse
-
-
+ +
1 Hall FG/3 Hall FG select
VCREF VC FGSEL
Thermal shutdown
Reference voltage
SIG GND
Rotation direction detector
-
No. 6181-5/10
FG
RS
FC
S/S
PWR- GND
27
1
28
VOUT UOUT VCC2 VCC3 NC RF
RF 5 VCC3 4 VCC2 3
22 VC 21 VCREF 20 FC 19 FGSEL
WOUT
26 25 24 23 22
2
Pin Assignments
NC
UOUT 2
23 WOUT
3
VOUT 1
24 PWR GND
VC
4
VCREF
5
FC VCC1
VCC1 6
6
FGSEL
7
FRAME GND
FRAM E GND
21
FRAME GND
LB11996H
FRAME GND
SIG GND 8 U I N2 U I N1
V I N2
U I N1 8 V I N2 9 V I N1 10 W I N2 11 W I N1 12 U I N2 7
20 19 18
LB11996
18 SIG GND 17 S/S 16 BRAKE 15 FG 14 RS 13 VH
LB11996,11996H
NC
9
NC 1 0 V I N1 W I N2
W I N1 VH
S/S 1 1
17 16 15
BRAKE 1 2
FG 1 3
RS 1 4
Top view
HSOP-24
Top view
HSOP-28H-C
No. 6181-6/10
LB11996,11996H Sample Application Circuit
0.1 0.1
1 2 3 4
VOUT UOUT VCC2 VCC3 RF VCC1
PWR GND 24 WOUT 23 VC 22 VCREF
21
0.1 FGSEL 0.1 CTRL signal CTRL reference voltage
0.2 to0.5
5
0.1
FC 20 FGSEL 19
6
LB11996
FRAME GND FRAME GND
0. 047
7 8
0. 047
U I N2 U I N1 V I N2
SI G GND 18 S/S 17 BRAKE 16 FG 15 RS 14 VH 13
S/S BRAKE
9
10 V I N1
0. 047
11 WI N2 12 WI N1
Unit (capacitance: F)
Power supply - GND Output - GND Between Hall inputs
Capacitor requirements may change depending on motor. For some motors, capacitor between Hall inputs may not be needed.
No. 6181-7/10
LB11996,11996H Pin Description
Pin number 3 (26) 4 (25) 6 (22) Pin name VCC2 VCC3 VCC1 ( ): LB11996H, other pins: identical Equivalent circuit Unit (resistance: ) Pin function Source side predrive voltage supply pin. Constant current control amplifier voltage supply pin. Power supply pin for all voltage except output transistors, source predrive, and constant current control amplifier.
VCC1 100 A 10k
Pin voltage 4V to 13.6V 4V to 13.6V 4V to 6V
14
RS
14 15
Reverse detector pin Forward rotation: High Reverse rotation: Low 1 Hall element waveform Schmitt comparator composite output U phase Hall element input and reverse detector U phase Schmitt comparator input pin. Logic High indicates UIN1 > UIN2. V phase Hall element input and reverse detector V phase Schmitt comparator input pin. Logic High indicates VIN1 > VIN2. W phase Hall element input and reverse detector W phase Schmitt comparator input pin. Logic High indicates WIN1 > WIN2. Hall element lower side bias voltage supply pin.
15 (13)
FG
( 13 )
8 (20) 7 (21) 10 (18) 9 (19) 12 (16) 11 (17) 13 (15)
UIN1 UIN2
8
25A
VCC1
7 9
200 200
VIN1 VIN2 WIN1 WIN2 VH
1.2V to VCC1-1V
10 12
11
(
20
*
18
*
16
(
25A 25A
21
*
19
*
17
)
VCC1 75 A
)
13
( 15 )
30k 2k
17 (11)
S/S
0V to VCC1
75k
VCC1
17
( 11 )
50k
When this pin is at 0.7V or lower, or when it is open, all circuits are inactive. When driving motor, set this pin to 2V or higher.
Continued on next page
No. 6181-8/10
LB11996,11996H
Continued from preceding page
Pin number 18 (8) 20 (6) Pin name SIG GND FC
VCC1
Unit (resistance: ) Equivalent circuit Pin function GND pin for all circuits except output. Control loop frequency compensator pin. Connecting a capacitor between this pin and GND prevents closed loop oscillation in current limiting circuitry.
Pin voltage
2k
20
(6)
20k
5k
21 (5)
VCREF
0V to 3.5V
VCC1 15A 25A 51k 25A 15A
Control reference voltage applied pin. Determines control start voltage.
22 (4)
VC
0V to VCC1
200
200
22
21
(4)
(5)
Speed control voltage applied pin. V type control technique VC > VCREF : Forward VC < VCREF : Slowdown (Reverse-blocking circuit prevents reverse rotation.) W-phase output. Output transistor GND. V-phase output.
23 (2) 24 (1) 1 (28) 2 (27) 5 (23)
WOUT PWR GND
3.9
VCC2
5
VOUT UOUT RF
3.9
( 23 )
23 1 2
U-phase output. Upper side output NPN transistor collector pin (common for all 3 phases). For current detection, connect resistor between VCC3 pin and RF pin. Constant current control and current limiter works by detecting this voltage. 3 Hall FG/1 Hall FG select pin. FGSEL: High -> 3 Hall FG Low/Open -> 1 Hall FG
(2* 28 * 27)
24
(1)
19 (7)
FGSEL
75k
VCC1
19
50k
(7)
16 (12)
BRAKE
100A 75k
VCC1
Short brake pin. BRAKE: High -> Brake Low/Open -> Drive
16
50k
( 12 )
No. 6181-9/10
LB11996,11996H
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of November, 1999. Specifications and information herein are subject to change without notice. PS No. 6181-10/10


▲Up To Search▲   

 
Price & Availability of LB11996

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X