Part Number Hot Search : 
MRF449 MCP1810 1N4154 ADG12 TK3612M 182B7 001460 EPF8115G
Product Description
Full Text Search
 

To Download IS3020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IS3020 IS3021,IS3022
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
2.54
Dimensions in mm 1 6 5 4
DESCRIPTION The IS3020, IS3021and IS3022 are optically coupled isolators consisting of a Gallium Arsenide infrared emitting diode coupled with a light activated silicon bilateral switch performing the functions of a triac mounted in a standard 6 pin dual-in-line package. FEATURE l Options :10mm lead spread - add G after part no. Surface mount - add SM after part no. Tape&reel - add SMT&R after part no. l High Isolation Voltage (5.3kVRMS ,7.5kVPK ) l 400V Peak Blocking Voltage l All electrical parameters 100% tested l Custom electrical selections available APPLICATIONS l CRTs l Power Triac Driver l Motors l Consumer appliances l Printers
7.0 6.0 1.2 7.62 6.62
2 3
7.62 4.0 3.0 0.5 13 Max 0.26
3.0 0.5 3.35
ABSOLUTE MAXIMUM RATINGS (25 C unless otherwise noted) Storage Temperature -400C - +1500C Operating Temperature -400C - +1000C Lead Soldering Temperature 2600C (1.6mm from case for 10 seconds) Input-to-output Isolation Voltage (Pk) 7500 Vac (60 Hz , 1sec. duration) INPUT DIODE Forward Current 50mA Reverse Voltage 6V Power Dissipation 70mW (derate linearly 1.33mW/0C above 250C) OUTPUT PHOTO TRIAC Off-State Output Terminal Voltage 400V Forward Current (Peak) 1A Power Dissipation 300mW (derate linearly 4.0mW/0C above 250C) POWER DISSIPATION
OPTION SM SURFACE MOUNT
OPTION G
7.62
0.6 0.1 10.46 9.86
1.25 0.75
0.26 10.16
Total Power Dissipation 330mW (derate linearly 4.4mW/0C above 250C)
ISOCOM COMPONENTS LTD Unit 25B, Park View Road West, Park View Industrial Estate, Brenda Road Hartlepool, Cleveland, TS25 1YD Tel: (01429) 863609 Fax :(01429) 863581
7/12/00
ISOCOM INC 1024 S. Greenville Ave, Suite 240, Allen, TX 75002 USA Tel: (214) 495-0755 Fax: (214) 495-0901 e-mail info@isocom.com http://www.isocom.com
DB92284m-AAS/A1
ELECTRICAL CHARACTERISTICS ( TA = 25C Unless otherwise noted ) PARAMETER Input Forward Voltage (VF) Reverse Current (IR) Peak Off-state Current ( IDRM ) Peak Blocking Voltage ( VDRM ) On-state Voltage ( VTM ) Critical rate of rise of off-state Voltage ( dv/dt ) ( note 1 ) Critical rate of rise of commutating Voltage ( dv/dt ) ( note 1 ) 400 1.5 10 0.1 0.2 3.0 MIN TYP MAX UNITS 1.2 1.5 100 100 V A nA V V V/s V/s I load = 15mA, VIN = 30V ( fig 1. ) TEST CONDITION IF = 10mA VR = 6V VDRM = 400V (note 1 ) IDRM = 100nA ITM = 100mA ( peak )
Output
Coupled
Input Current to Trigger ( IFT )(note 2 ) IS3020 IS3021 IS3022 Holding Current , either direction ( IH ) Input to Output Isolation Voltage VISO 5300 7500 100
30 15 10
mA mA mA
A
VD = 3V ( note 2 )
VRMS VPK
See note 3 See note 3
Note 1. Test voltage must be applied within dv/dt rating. Note 2. Guaranteed to trigger at an IF value less than or equal to max. IFT , recommended IF lies between Rated IFT and absolute max. IFT . Note 3. Measured with input leads shorted together and output leads shorted together.
FIGURE 1 +5v VCC VCC + 120 0v COMMUTATING dv/dt STATIC dv/dt 2 3 5 4 RL 2k RIN 1 6 VIN
~
7/12/00
DB92284m-AAS/A1
DB92284m-AAS/A1


▲Up To Search▲   

 
Price & Availability of IS3020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X