Part Number Hot Search : 
C3423 60B10 1N2133AR M5R13ZLJ 010D12N2 B60100 185G230 EPF8115G
Product Description
Full Text Search
 

To Download HS-7002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PICMG Bus
800MHz FSB DDR GPIO CRT/LVDS Panel TV-Out Dual Giga LAN
Audio Serial ATA ATA/33/66/100 RS-232/422/485 4 COM PC/104
IrDA USB2.0 WDT H/W Monitor
HS-7002
DDR Socket 82865GV
Single Board Computer
800MHz FSB Pentium 4 PICMG Bus SBC with Serial ATA, CRT/LVDS Panel, Audio, Dual Giga LAN & TV-Out
82801EB SATA IDE Battery Parallel FDD MIC In/Audio Out Internal USB COM 2 COM 1 Dual RJ-45 82562EZ or 82547EI 82540 External USB Internal USB RS-422/485
PGA 478 CH7017A 4-pin ATX Power In 5-pin ATX Power In Fan LVDS Panel Fan TV-Out 20-pin ATX Power In PC/104 IT8888 Award BIOS COM 3 Fan
CRT PS/2 KB/MS COM 4
Features
PGA 478 for Intel Pentium 4 CPU with Hyper-Threading Technology up to 3.2GHz Supports 400/533/800MHz FSB Two DDR sockets with a max. capacity of 2GB Intel 82865GV/82801EB system chipset Winbond W83627 super I/O chipset Intel 82865GV CRT display controller Intel 82562EZ 10/100 Based (or 82547EI 100/1000 Based) and Intel 82540 100/1000 Based LAN AC97 3D audio controller Supports Serial ATA controller Fast PCI ATA/33/66/100 IDE controller Four COM, seven USB2.0 connectors PC/104 Bus connector Supports Hardware Monitor Supports 8-bit General Purpose Input/Output Supports LVDS Panel interface (optional) Supports TV-Out function (optional)
*FDD: Supports up to two floppy disk drives *Parallel: One enhanced bi-directional parallel port supporting SPP/ECP/EPP *Serial Port: 16C550 UART-compatible RS-232/422/485 x 1 and RS-232 x 3 serial ports with 16-byte FIFO *PC/104: PC/104 Bus connector for 16-bit ISA Bus *IrDA: One IrDA TX/RX connector *USB: Seven USB2.0 connectors, six internal and one external *Keyboard/Mouse: PS/2 6-pin Mini DIN *BIOS: Award PnP Flash BIOS *Watchdog Timer: Software programmable time-out intervals from 1~256 sec. *CMOS: Battery backup *Power Connector: One 20-pin and one 4-pin ATX power connector *Temperature: 0~+60oC (operating) *Hardware Monitor: Winbond W83627 *Dimensions: 33.8(L) x 12.1(W) cm
Specifications
*CPU: PGA 478 for Intel Pentium 4 CPU with Hyper-Threading Technology up to 3.2GHz *Bus Interface: PICMG Bus *Front Side Bus: Supports 400/533/800MHz FSB *Memory: Two DDR sockets supporting DDR-266/333/400 up to 2GB *Chipset: Intel 82865GV/82801EB *I/O Chipset: Winbond W83627 *ISA Bridge: ITE IT8888 (16-bit) *VGA: Intel 82865GV with 1MB/8MB/16MB shared main memory supporting CRT display up to 1600 x 1200 at 32-bit colors at 60Hz *LVDS Panel: Supports LVDS interface (optional) *TV-Out: Supports PAL or NTSC TV systems (optional) *LAN: Intel 82562EZ 10/100 Based (or 82547EI 100/1000 Based) and Intel 82540 100/1000 Based LAN *Audio: AC97 3D audio controller *Serial ATA: Intel ICH5 controller and with two ports supporting transfer rate up to 150MB/sec. *IDE: Four IDE disk drives supporting ATA/33/66/100 and with transfer rates of 33/66/100MB/sec.
Ordering Guide
HS-7002 800MHz FSB P4 SBC w/Serial ATA, CRT/LVDS, Audio, Dual G LAN, TV-Out, 4C/485, USB2.0, & Fan(251-0000020) HS-7002LLV 800MHz FSB P4 SBC w/Serial ATA, CRT/LVDS, Audio, 1GL1L, 2C, USB2.0, & Fan(251-0000020) HS-7002LV 800MHz FSB P4 SBC w/Serial ATA, CRT, Audio, LAN, 2C, USB2.0, & Fan(251-0000020) Accessory Options: 251-0000020 Height=3cm, CPU cooler for PGA 478 1.7~2.8GHz CPU 251-0000037 1U high, CPU cooler for PGA 478 1.7~2.4GHz CPU 251-0000035 2U high, CPU cooler for PGA 478 2.8~3.06GHz CPU or other high level CPU
ISO 9001
Certification
R
15F-6, No. 77, Hsin Tai Wu Road, Sec. 1, Hsichih, Taipei Hsien 221 Taiwan TEL: 886-2-26983333 FAX: 886-2-26983300 http://www.boser.com.tw / http://www.ipc.com.tw E-mail: webmaster@boser.com.tw / sales@boser.com.tw
U.S.A TEL: +1 650 9673898 FAX: +1 650 4281172 U.K. TEL: +44 1543 466552 FAX: +44 1543 466553 Korea TEL: +82 2 32823999 FAX: +82 2 32823992 France TEL: +33 1 69061790 FAX: +33 1 69433732 India Germany TEL: +91 657 3107955 TEL: +49 221 954790 FAX: +91 657 2433941 FAX: +49 221 9547988 Italy TEL: +39 051 452042 FAX: +39 051 455046 Israel TEL: +972 3 9203456 FAX: +972 3 9203535 Finland TEL: +358 2 6203753 FAX: +358 2 6203770 ShangHai/BeiJing TEL: 021 51098750 FAX: 021 63456286


▲Up To Search▲   

 
Price & Availability of HS-7002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X